Part Number Hot Search : 
P60AP TFS210D T05LF DS128406 62000 3XS46D6 ISL3180E GPP20G
Product Description
Full Text Search
 

To Download JANTX1N6772 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8 02 r6 supersedes 4 11 r5 jan, jantx, jantxv center tap rectifier in a to-257aa, qualified to mil-prf-19500/644 & 19500/645 features ? v ery low forward v oltage ? v ery fast recovery time ? hermetic metal package, jedec to-257aa outline ? low thermal resistance ? isolated package ? high surge description this series of products in a hermetic isolated package is specifically designed for use at power switching frequencies in excess of 100 khz. the series combines two high e f ficiency devices into one package, simplifying installation, reducing heat sink hardware, and the need to obtain matched components. these devices are ideally suited for hi-rel applications where small size and high performance is required. the common cathode and common anode configuration are both available. absolute maximum ra tings (per leg) @ 25c peak inverse vo l t a g e . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 0 t o 6 0 0 v maximum a verage d.c. output current @ t c = 1 0 0 c . . . . . . . . . . . . . . . . . . . . 8 a surge current (non-repetitive 8.3 msec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60a operating and storage t emperature range . . . . . . . . . . . . . . . . . - 65 c to + 150 c x . 16 amp, 50 to 600 v olts, 35 t o 60 ns trr .430 .410 .200 .190 .038 max. .005 .120 typ. .537 .527 .665 .645 .420 .410 .150 .140 .750 .500 .100 typ. .035 .025 .045 .035 mechanical outline 1n6768, 1n6768r jan1n6768, jan1n6768r, jantx1n6768, jantx1n6768r, jantxv1n6768, jantxv1n6768r 1n6769, 1n6769r jan1n6769, jan1n6769r, jantx1n6769, jantx1n6769r, jantxv1n6769, jantxv1n6769r 1n6770, 1n6770r jan1n6770, jan1n6770r, jantx1n6770, jantx1n6770r, jantxv1n6770, jantxv1n6770r 1n6771, 1n6771r jan1n6771, jan1n6771r, jantx1n6771, jantx1n6771r, jantxv1n6771, jantxv1n6771r 1n6772, 1n6772r jan1n6772, jan1n6772r, JANTX1N6772, JANTX1N6772r, jantxv1n6772, jantxv1n6772r 1n6773, 1n6773r jan1n6773, jan1n6773r, jantx1n6773, jantx1n6773r, jantxv1n6773, jantxv1n6773r 123 common anode common cathode doubler 1 3 2 1 3 2 1 2 3 schematic 1n67xxr 1n67xx note: 1n67xx = common cathode 1n67xxr = common anode
205 craw ford street, leominster, ma 01453 usa (978) 534-5776 fax (978) 537-4246 visit our web site at www.omnirel.com t c = 150 c 100 10 50 20 1.0 5.0 2.0 0.1 0.5 0.2 0.01 0.05 0.02 100 150 200 250 300 350 400 450 500 550 600 100 c 25 c typical reverse current 1n6772, 1n6773 100 10 50 20 1.0 5.0 2.0 0.1 0.5 0.2 0.01 0.05 0.02 0 20 40 60 80 100 120 140 160 180 200 t c = 150 c 100 c 25 c 100 50 30 20 10 5.0 3.0 2.0 1.0 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 t c = 125 c 25 c -55 c v f = instantaneous voltage (volts) i f = instantaneous forward current (amps) 100 50 30 20 10 5.0 3.0 2.0 1.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 t c = 125 c 25 c -55 c v f = instantaneous voltage (volts) i f = instantaneous forward current (amps) typical reverse current 1n6768, 1n6769, 1n6770, 1n6771 v r = reverse volt age (volts) v r = reverse volt age (volts) i r = reverse current (?) i r = reverse current (?) 1n6768, 1n6768r jan1n6768, jan1n6768r, jantx1n6768, jantx1n6768r, jantxv1n6768, jantxv1n6768r 1n6769, 1n6769r jan1n6769, jan1n6769r, jantx1n6769, jantx1n6769r, jantxv1n6769, jantxv1n6769r 1n6770, 1n6770r jan1n6770, jan1n6770r, jantx1n6770, jantx1n6770r, jantxv1n6770, jantxv1n6770r 1n6771, 1n6771r jan1n6771, jan1n6771r, jantx1n6771, jantx1n6771r, jantxv1n6771, jantxv1n6771r 1n6772, 1n6772r jan1n6772, jan1n6772r, JANTX1N6772, JANTX1N6772r, jantxv1n6772, jantxv1n6772r 1n6773, 1n6773r jan1n6773, jan1n6773r, jantx1n6773, jantx1n6773r, jantxv1n6773, jantxv1n6773r electrical characteristics (per diode) mil maximum maximum maximum maximum prf type piv forward v oltage reverse current reverse thermal 19500 (v olts) (1) @ . 8 p i v recovery resist. t j = 25?c t j = -55?c t j = 25?c t j = 100?c t ime (2) r q q jc 1n6768, 1n6768r 50 644 1n6769, 1n6769r 100 .97v @ 4a 1.17v@8a 10 a 250 a 35 nsec 3.8 1n6770, 1n6770r 150 1.06v@8a 1n6771, 1n6771r 200 645 1n6772, 1n6772r 400 1.45v @ 4a 1.80v @ 8a 10 a 500 a 60 nsec 2.5 1n6773, 1n6773r 600 1.60v @ 8a (1) pulse test : pulse w idth = 300 s, duty cycle 2.0%. (2) measured in circuit: i f = 1.0 a, d i / d t = 50 a/ s typical forw ard volta g e 1n6768, 1n6769, 1n6770, 1n6771 typical forw ard volta g e 1n6772, 1n6773


▲Up To Search▲   

 
Price & Availability of JANTX1N6772

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X