Part Number Hot Search : 
XT5001 L5235 2SC3918 LTC1264 X4323 MBR16100 NC303SOT P2600
Product Description
Full Text Search
 

To Download IRFZ48VPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRFZ48VPBF  parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 72 i d @ t c = 100c continuous drain current, v gs @ 10v 51 a i dm pulsed drain current  290 p d @t c = 25c power dissipation 150 w linear derating factor 1.0 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy  166 mj i ar avalanche current  72 a e ar repetitive avalanche energy  15 mj dv/dt peak diode recovery dv/dt  5.3 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 srew 10 lbf?in (1.1n?m) absolute maximum ratings parameter typ. max. units r jc junction-to-case ??? 1.0 r cs case-to-sink, flat, greased surface 0.50 ??? c/w r ja junction-to-ambient ??? 62 thermal resistance 1 v dss = 60v r ds(on) = 12m ? i d = 72a s d g to-220ab advanced hexfet ? power mosfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry.  advanced process technology  ultra low on-resistance  dynamic dv/dt rating  175c operating temperature  fast switching  fully avalanche rated  optimized for smps applications description  lead-free www.kersemi.com
IRFZ48VPBF 2 s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source c urrent integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 2.0 v t j = 25c, i s = 72a, v gs = 0v  t rr reverse recovery time ??? 70 100 ns t j = 25c, i f = 72a q rr reverse recovery charge ??? 155 233 nc di/dt = 100a/s  t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics 72 290   starting t j = 25c, l = 64h r g = 25 ? , i as = 72a. (see figure 12)   repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 )   i sd  72a  di/d   151a/s, v dd   v (br)dss , t j 175c  pulse width 300s; duty cycle 2%. parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 60 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.064 ??? v/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? ??? 12.0 m ? v gs = 10v, i d = 43a  v gs(th) gate threshold voltage 2.0 ??? 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 35 ??? ??? s v ds = 25v, i d = 43a  ??? ??? 25 a v ds = 60v, v gs = 0v ??? ??? 250 v ds = 48v, v gs = 0v, t j = 150c gate-to-source forward leakage ??? ??? 100 v gs = 20v gate-to-source reverse leakage ??? ??? -100 na v gs = -20v q g total gate charge ??? ??? 110 i d = 72a q gs gate-to-source charge ??? ??? 29 nc v ds = 48v q gd gate-to-drain ("miller") charge ??? ??? 36 v gs = 10v, see fig. 6 and 13  t d(on) turn-on delay time ??? 7.6 ??? v dd = 30v t r rise time ??? 200 ??? i d = 72a t d(off) turn-off delay time ??? 157 ??? r g = 9.1 ? t f fall time ??? 166 ??? r d = 0.34 ? , see fig. 10  between lead, ??? ??? 6mm (0.25in.) from package and center of die contact c iss input capacitance ??? 1985 ??? v gs = 0v c oss output capacitance ??? 496 ??? v ds = 25v c rss reverse transfer capacitance ??? 91 ??? pf ? = 1.0mhz, see fig. 5 nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance ??? ??? s d g i gss ns 4.5 7.5 i dss drain-to-source leakage current www.kersemi.com
IRFZ48VPBF 3  

     

              
 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 1 10 100 1000 0.1 1 10 100 20s pulse width t = 175 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 72a 1 10 100 1000 4 6 8 10 12 14 v = 25v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j www.kersemi.com
IRFZ48VPBF 4 
 
          
     !    !  
   
 
      "#
   $ 1 10 100 v ds , drain-to-source voltage (v) 0 1000 2000 3000 4000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c is = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 20 40 60 80 100 120 0 5 10 15 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 72a v = 12v ds v = 30v ds v = 48v ds 1 10 100 1000 1 10 100 1000 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 0.1 1 10 100 1000 0.2 0.6 1.0 1.4 1.8 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j www.kersemi.com
IRFZ48VPBF 5
  "#

  
       
 v ds 90% 10% v gs t d(on) t r t d(off) t f     %&  "#
' &  ()*
     
 1     0.1 % 
    + - 25 50 75 100 125 150 175 0 20 40 60 80 t , case temperature ( c) i , drain current (a) c d  "#

  
       
 v ds 90% 10% v gs t d(on) t r t d(off) t f     %&  "#
' &  ()*
     
 1     0.1 % 
     0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) www.kersemi.com
IRFZ48VPBF 6 q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - +,  !     
  -!   %&  .(
 &%&  .(
 &  
 t p v (br)dss i as  "#
$& '  
 r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 100 200 300 400 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 29a 51a 72a www.kersemi.com
IRFZ48VPBF 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -    /'0' 1       
         
  ?    
 ? !" #!   ? $     % &! ' ' ?   (   
)% ! % )!  ? *+ ! $% !  ? ,%-!  ? *!.!$% ! )%  !"  1 www.kersemi.com
IRFZ48VPBF 8 

 
 

  
   
  lot code 1789 example: this is an irf1010 note: "p" in as s embly line pos ition indicates "lead - free" in the assembly line "c" as s e mb le d on ww 19, 2000 int e rnat ional part number rectifier lot code assembly logo ye ar 0 = 2000 dat e code we e k 19 line c www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRFZ48VPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X