product standards schottky barrier diode DB2X41500L ? absolute maximum ratings ta = 25 ? c note: *1 tl = 60 c / dc *2 rectangle wave 1 cycle (pulse width = 50 s, non-repetitive peak current) *3 50 hz sine wave 1 cycle (non-repetitive peak current) page c -55 to +125 storage temperature tstg -40 to topr internal connection a unit parameter symbol rating forward current (average) *1 if(av) 3.0 a 1of4 unit: mm 2. anode ? ? ? forward current (average) if(av) = 3 a rectification is possible low forward voltage vf halogen-free / rohs compliant (eu rohs / ul-94 v-0 / msl:level 1 compliant) ? marking symbol: DB2X41500L silicon epitaxial planar type for frequency rectification ? features code 1. cathode sod-123 panasonic mini2-f4-b jeita sc-109d non-repetitive peak forward surge current ifsm ad ? packaging embossed type (thermo-compression sealing) : 3 000 pcs / reel (standard) +85 c operating ambient temperature v 50 *2 a 15 *3 reverse voltage vr 40 junction temperature tj 125 c 1 2 3.5 1.6 0.8 2.6 0.55 0.13 1 2 d o c n o . t t4 - ea - 13620 r e v i sio n . 3 e s t a b li s h e d : 2010 - 02 - 26 r e v i s e d : 2013 - 04 - 24
product standards schottky barrier diode DB2X41500L ? electrical characteristics ta = 25 ? c ? 3 ? c note ) 1. measuring methods are based on japanese industrial standard jis c 7031 measuring methods for diodes. 2. this product is sensitive to electric shock (static electricity, etc.). due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 3. *1 trr test circuit page ns terminal capacitance ct reverse recovery time *1 trr 25 2 70 reverse current ir vr = 40v a 200 vr = 10 v, f = 1 mhz of 4 parameter symbol conditions 0.47 40 unit max forward voltage vf1 if = 1.0 a vf2 if = 3.0 a 0.44 irr = 10 ma, rl = 100 ? v min typ 0.35 0.55 if = ir = 100 ma pf bias application unit (n-50bu) 90% pulse generator (pg-10n) r s = 50 wave form analyzer (sas-8130) r i = 50 t p = 2 s t r = 0.35 ns = 0.05 i f = 100 ma i r = 100 ma r l = 100 10% i rr = 10 ma t r t p t rr v r i f t t a input pulse output pulse d o c n o . t t4 - ea - 13620 r e v i sio n . 3 e s t a b li s h e d : 2010 - 02 - 26 r e v i s e d : 2013 - 04 - 24
product standards schottky barrier diode DB2X41500L technical data ( reference ) page 3 of 4 if - vf 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 0.0 0.1 0.2 0.3 0.4 0.5 0.6 forward voltage vf (v) forward current if (a) ta = 125 c 85 c -40 c 25 c ir - vr 1.e-08 1.e-07 1.e-06 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 0 10203040 reverse voltage vr (v) reverse current ir (a) ta = 125 c 85 c 25 c -40 c ct - vr 0 50 100 150 200 250 300 350 400 0 5 10 15 20 25 30 35 40 reverse voltage vr (v) terminal capacitance ct (pf) ta = 25 c f = 1 mhz rth - t 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 time t (s) thermal resistance rth (c/w) (1) rth(j-l) = 30 c/w (1) non-heat sink (2) mounted on glass epoxy print board. (3) mounted on alumina print board. board size : 50 mm 50 mm x 0.8 mm solder in : 2 mm x 2 mm (2) (3) if(av) - tl 0 0.5 1 1.5 2 2.5 3 3.5 0 25 50 75 100 125 150 175 lead temperature tl (c) forward current (average) if(av) (a) dc 1/4 tp/t 1/2 sine wave vr = 20 v tj = 125 c tp t if pf(av) - if(av) 0 0.5 1 1.5 2 0 0.5 1 1.5 2 2.5 3 3.5 forward current (average) if(av) (a) forward power dissipation (average) pf(av) (w) dc 1/4 1/2 sine wave tp t if d o c n o . t t4 - ea - 13620 r e v i sio n . 3 e s t a b li s h e d : 2010 - 02 - 26 r e v i s e d : 2013 - 04 - 24
product standards schottky barrier diode DB2X41500L unit: mm page mini2-f4-b 4 ? 4of land pattern (reference) (unit: mm) 3.5 0.1 1.6 0.1 2.6 0.1 0.55 0.10 0.13 +0.05 -0.02 0.45 0.10 0 to 0.1 0.80 0.05 0 to 0.3 (7) (7) 1 2 0.8 0.8 1.1 3.1 d o c n o . t t4 - ea - 13620 r e v i sio n . 3 e s t a b li s h e d : 2010 - 02 - 26 r e v i s e d : 2013 - 04 - 24
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products. no license is granted in and to any intellectual property right or other right owned by panasonic corporation or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for general applications (such as office equipment, communications equipment, measuring instruments and household appliances), or for specific applications as expressly stated in this book. consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automotive equipment, traffic signaling equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. it is to be understood that our company shall not be held responsible for any damage incurred as a result of or in connection with your using the products described in this book for any special application, unless our company agrees to your using the products in this book for any special application. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company. 20100202
|