Part Number Hot Search : 
MMBT5 ELH0101 HCF40110 EM700 TW0230A TW0230A ZPY39 ATMF102
Product Description
Full Text Search
 

To Download AQV210HLA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aqv210hl 107 1 2 3 6 5 4 photomos relays gu (general use) type 1-channel (form a) current limit function 6-pin type mm inch 8.8 0.05 .346 .002 6.4 0.05 .252 .002 3.6 0.2 .142 .008 8.8 0.05 .346 .002 6.4 0.05 .252 .002 3.9 0.2 .154 .008 features 1. current limit function to control an over current from ?owing, the current limit function has been real- ized. it keeps an output current at a con- stant value when the current reaches a speci?ed current limit value. 2. enhancing the capability of surge re- sistance between output terminals the current limit function controls the on time surge current to enhance the capa- bility of surge resistance between output terminals. 3. reinforced insulation 5,000 v type more than 0.4 mm internal insulation dis- tance between inputs and outputs. con- forms to en41003, en60950 (reinforced insulation). 4. compact 6-pin dip size the device comes in a compact (w)6.4 (l)8.8 (h) 3.9mm (w).252 (l).346 (h).154inch , 6-pin dip size 5. controls low-level analog signals photomos relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 6. high sensitivity, low on resistance 7. low-level off state leakage current typical applications ? telephone equipment ? modem types *indicate the peak ac and dc values. note: for space reasons, the package type indicator x and z are omitted from the seal. type i/o isolation voltage output rating* part no. packing quantity through hole terminal surface-mount terminal load voltage load current tube packing style tape and reel packing style tube tape and reel picked from the 1/2/3-pin side picked from the 4/5/6-pin side ac/dc type reinforced 5,000 v 350 v 130 ma aqv210hl AQV210HLA AQV210HLAx AQV210HLAz 1 tube contains 50 pcs. 1 batch contains 500 pcs. 1,000 pcs. rating 1. absolute maximum ratings (ambient temperature: 25 c 77 f ) item symbol aqv210hl(a) remarks input led forward current i f 50 ma led reverse voltage v r 3 v peak forward current i fp 1 a f = 100 hz, duty factor = 0.1% power dissipation p in 75 mw output load voltage (peak ac) v l 350 v continuous load current i l 0.13 a power dissipation p out 500 mw total power dissipation p t 550 mw i/o isolatiom voltage v iso 5,000 v ac temperature limits operating t opr C40 c to +85 c C40 f to +185 f non-condensing at low temperatures storage t stg C40 c to +100 c C40 f to +212 f testing
aqv210hl 108 2. electrical characteristics (ambient temperature: 25 c 77 f ) note: recommendable led forward current i f = 5 to 10 ma. for type of connection, see page 31. *turn on/turn off time item symbol aqv210hl(a) condition input led operate current typical i fon 1.6 ma i l = max. maximum 3.0 ma led turn off current minimum i foff 0.4 ma i l = max. typical 1.5 ma led dropout voltage minimum v f 1.14 (1.25 v at i f = 50ma) i f = 5 ma typical 1.5 v output on resistance typical r on 20 w i f = 5 ma i l = max. within 1 s on time maximum 25 w off state leakage current maximum i leak 1 m a i f = 0 v l = max. current limit typical 180 ma i f = 5 ma transfer characteristics turn on time* typical t on 0.8 ms i f = 5 ma i l = max. maximum 2.0 ms turn off time* typical t off 0.05 ms i f = 5 ma i l = max. maximum 1.0 ms i/o capacitance typical c iso 0.8 pf f = 1 mhz v b = 0 maximum 1.5 pf initial i/o isolation resistance minimum r iso 1,000 m w 500 v dc ton input output 10% 90% toff reference data 1. load current vs. ambient temperature char- acteristics allowable ambient temperature: C40 c to +85 c C40 f to +185 f 2. on resistance vs. ambient temperature char- acteristics measured portion: between terminals 4 and 6; led current: 5 ma; load voltage: max. (dc) continuous load current: max.(dc) 3. turn on time vs. ambient temperature char- acteristics led current: 5 ma; load voltage: max.(dc); continuous load current: max.(dc) ambient temperature, c load current, ma 0 200 150 100 50 0204060 80 85 100 ?0 ?0 on resistance, w ambient temperature, c 0 10 20 30 40 ?0 ?0 50 0204060 80 85 ambient temperature, c turn on time, ms 0 0.5 1 1.5 2 ?0 ?0 2.5 0204060 80 85 n for dimensions, see page 27. n for schematic and wiring diagrams, see page 31. n for cautions for use, see page 36.
aqv210hl 109 4. turn off time vs. ambient temperature char- acteristics led current: 5 ma; load voltage: max.(dc); continuous load current: max.(dc) 5. led operate current vs. ambient tempera- ture characteristics load voltage: max.(dc); continuous load current: max.(dc) 6. led turn off current vs. ambient temperature characteristics load voltage: max.(dc); continuous load current: max.(dc) ambient temperature, c turn off time, ms 0 0.05 0.1 0.15 0.2 ?0 ?0 0.25 0204060 80 85 ambient temperature, c led operate current, ma 0 1 2 3 4 ?0 ?0 5 0204060 80 85 ambient temperature, c led turn off current, ma 0 1 2 3 4 ?0 ?0 5 0204060 80 85 7. led dropout voltage vs. ambient tempera- ture characteristics led current: 5 to 50 ma 8. voltage vs. current characteristics of output at mos portion measured portion: between terminals 4 and 6; ambient temperature: 25 c 77 f 9. off state leakage current measured portion: between terminals 4 and 6; ambient temperature: 25 c 77 f 0 ?0 ?0 20 40 60 80 85 ambient temperature, c led dropout voltage, v 1.5 1.4 1.3 1.2 1.1 1.0 0 50ma 30ma 20ma 10ma 5ma 5 3 1 ? ? 140 120 60 40 20 ?0 ?0 ?0 ?0 ?00 ?20 ?40 100 80 ? ? 24 ? voltage, v current, ma load voltage, v off state leakage current, a 0 60 100 10 ? 10 ? 10 ? 10 ?2 20 40 80 10. led forward current vs. turn on time char- acteristics measured portion: between terminals 4 and 6; load voltage: max.(dc); continuous load current: max.(dc); ambient temperature: 25 c 77 f 11. led forward current vs. turn off time char- acteristics measured portion: between terminals 4 and 6; load voltage: max.(dc); continuous load current: max.(dc); ambient temperature: 25 c 77 f 12. applied voltage vs. output capacitance characteristics measured portion: between terminals 4 and 6; frequency: 1 mhz; ambient temperature: 25 c 77 f led forward current, ma turn on time, ms 0 0.5 1 1.5 2 3 2.5 10 0203040 50 60 led forward current, ma turn off time, ms 0 0.05 0.1 10 0203040 0.2 50 60 0.15 applied voltage, v output capacitance, pf 0 50 40 30 20 10 10 20 30 40 50 0 what is current limit when a load current reaches the speci- ?ed output control current, a current limit function works against the load current to keep the current a constant value. the current limit circuit built into the pho- tomos relay thus controls the instanta- neous load current to effectively ensure circuit safety. this safety feature protects circuits down- stream of the photomos relay against over-current. but, if the current-limiting feature is used longer than the speci?ed time, the photo- mos relay can be destroyed. therefore, set the output loss to the max. rate or less. ? comparison of output voltage and output current characteristics v-i characteristics output current output voltage 5/7/2001 all rights reserved, ? copyright matsushita electric works, ltd. go to online catalog


▲Up To Search▲   

 
Price & Availability of AQV210HLA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X