Part Number Hot Search : 
WSSU3 MIP531 116CR 3BGXC 015020 2N6033 F25L32 015020
Product Description
Full Text Search
 

To Download APT30S20BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  12 1 - cathode 2 - anode back of case - cathode apt30s20b(g) 200v 45a apt30s20s(g) 200v 45a 053-6031 rev d 10-2003 to-247 1 2 apt website - http://www.advancedpower.com d 3 pak 1 2 static electrical characteristics maximum ratings all ratings: t c = 25c unless otherwise specified. product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density product features ? ultrafast recovery times ? soft recovery characteristics ? popular to-247 package or surface mount d 3 pak package ? low forward voltage ? high blocking voltage ? low leakage current high voltage schottky diode product applications ? parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters ? snubber diode ? uninterruptible power supply (ups) ? 48 volt output rectifiers ? high speed rectifiers symbol v f i rm c t unit volts ma pf min typ max .80 .85 .91 .67 0.5 15 150 forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 30a i f = 60a i f = 30a, t j = 125c v r = v r rated v r = v r rated, t j = 125c characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 125c, duty cycle = 0.5) rms forward current (square wave, 50% duty) non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature range lead temperature case for 10 sec. avalanche energy (2a, 15mh) symbol v r v rrm v rwm i f (av) i f (rms) i fsm t j ,t stg t l e val unit volts amps c mj apt30s20b_s(g) 200 45 121 320 -55 to 150 300 30
dynamic characteristics apt30s20b_s(g) 053-6031 rev d 10-2003 thermal and mechanical characteristics apt reserves the right to change, without notice, the specifications and information contained herein. characteristic / test conditions junction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum mounting torque symbol r jc r ja w t torque min typ max .58 40 0.22 5.9 10 1.1 unit c/w oz g lb?in n?m min typ max - 55 - 190 -6- - 100 - 450 -9- -70 - 960 -24 unit ns nc amps ns nc amps ns nc amps characteristic reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 30a, di f /dt = -200a/s v r = 133v, t c = 25c i f = 30a, di f /dt = -200a/s v r = 133v, t c = 125c i f = 30a, di f /dt = -700a/s v r = 133v, t c = 125c z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 0.6 0.5 0.4 0.3 0.2 0.1 0 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 figure 1b, transient thermal impedance model 0.250 c/w 0.330 c/w 0.00518 j/c 0.139 j/c power (watts) rc model junction temp (c) case temperature (c)
053-6031 rev d 10-2003 typical performance curves apt30s20b_s(g) t j = 125c v r = 133v 15a 30a 60a t rr q rr q rr t rr i rrm q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = -55c t j = 25c t j = 125c t j = 150c duty cycle = 0.5 t j = 150c t j = 125c v r = 133v 60a 15a 30a 0 0.2 0.4 0.6 0.8 1 1.2 0 200 400 600 800 0 200 400 600 800 0 200 400 600 800 100 90 80 70 60 50 40 30 20 10 0 1800 1600 1400 1200 1000 800 600 400 200 0 t j = 125c v r = 133v 30a 15a 60a 120 100 80 60 40 20 0 35 30 25 20 15 10 5 0 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 2500 2000 1500 1000 500 0 140 120 100 80 60 40 20 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 700a/s) i f(av) (a) 0 25 50 75 100 125 150 25 50 75 100 125 150 .3 1 10 100 200 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/s) -di f /dt, current rate of change (a/s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change t j , junction temperature (c) case temperature (c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage
apt30s20b_s(g) 053-6031 rev d 10-2003 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30h d.u.t. +18v 0v v r t rr / q rr waveform apt20m36bll to - 247 package outline d 3 pak package outline 15.85 (.624) 16.05(.632) 18.70 (.736) 19.10 (.752) 1.15 (.045) 1.45 (.057) 5.45 (.215) bsc (2 plcs.) 4.90 (.193) 5.10 (.201) 1.45 (.057) 1.60 (.063) 2.70 (.106) 2.90 (.114) 0.40 (.016) 0.65 (.026) dimensions in millimeters (inches) heat sink (cathode) and leads are plated 2.40 (.094) 2.70 (.106) (base of lead) cathode (heat sink) 1.90 (.075) 2.10 (.083) cathode anode 0.020 (.001) 0.250 (.010) 1.20 (.047) 1.40 (.055) 12.40 (.488) 12.70 (.500) 13.30 (.524) 13.60(.535) 1.00 (.039) 1.15(.045) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 10.90 (.430) bsc 3.50 (.138) 3.81 (.150) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) dimensions in millimeters and (inches) cathode anode cathode


▲Up To Search▲   

 
Price & Availability of APT30S20BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X