Part Number Hot Search : 
SMB36 TIP41C07 TIP41C07 2N4400 C1775 LHG35162 SI535 SE094
Product Description
Full Text Search
 

To Download AP05N50P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet 100% avalanche test bv dss 500v fast switching characteristic r ds(on) 1.4 simple drive requirement i d 5.0a description absolute maximum ratings symbol units v ds drain-source voltage v v gs gate-source voltage v i d @t c =25 continuous drain current, v gs @ 10v a i d @t c =100 continuous drain current, v gs @ 10v a i dm pulsed drain current 1 a p d @t c =25 total power dissipation w w/ e as single pulse avalanche energy 2 mj i ar avalanche current a t stg t j operating junction temperature range thermal data symbol value unit rthj-c maximum thermal resistance, junction-case 1.7 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data & specifications subject to change without notice parameter storage temperature range -55 to 150 parameter linear derating factor AP05N50P 20 rating 500 rohs-compliant product 5.0 18 73.5 3 2.8 45 0.59 -55 to 150 201022072-1/4 g d s to-220(p) the to-220 and package is widely preferred for commercial-industrial applications. the good thermal performance and low package cost of the to-220 contribute to its wide industry application. g d s the ap05n50 provide high blocking voltage to overcome voltage surge and sag in the toughest power system with the best combination of fast switching,ruggedized design and cost-effectiveness.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =1ma 500 - - v r ds(on) static drain-source on-resistance v gs =10v, i d =2.7a - - 1.4  v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =2.7a - 2.4 - s i dss drain-source leakage current (t j =25 o c) v ds =500v, v gs =0v - - 25 ua drain-source leakage current (t j =125 o c) v ds =400v , v gs =0v - - 250 ua i gss gate-source leakage v gs =20v - - 100 na q g total gate charge 3 i d =3.1a - 19 30 nc q gs gate-source charge v ds =400v - 4.6 - nc q gd gate-drain ("miller") charge v gs =10v - 6.3 - nc t d(on) turn-on delay time 3 v dd =250v - 11 - ns t r rise time i d =3.1a - 8 - ns t d(off) turn-off delay time r g =12 ? v gs =10v - 32 - ns t f fall time r d =80.6  -10- ns c iss input capacitance v gs =0v - 985 1580 pf c oss output capacitance v ds =25v - 85 - pf c rss reverse transfer capacitance f=1.0mhz - 3.3 - pf r g gate resistance f=1.0mhz - 2.5 3.8 ?
fig 1. typical output characteristics fig 2. typical output characteristics fig 3. normalized bv dss v.s. junction fig 4. normalized on-resistance temperature v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3/4 AP05N50P 0.8 0.9 1 1.1 1.2 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss (v) 0 1 2 3 4 5 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 7.0v 6.0v 5.0v v g =4.0v 0 1 2 3 -50 0 50 100 150 t j , junction temperature ( o c ) normalized r ds(on) i d =2.7a v g =10v 0 1 2 3 4 5 0 4 8 12 16 20 24 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 7 .0v 6 .0v 5.0v v g = 4.0v 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j = 150 o ct j = 25 o c 0 0.5 1 1.5 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v)
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4/4 AP05N50P 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 1s 100us 1ms 10ms 100m 0 4 8 12 16 0102030 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =3.1a v ds =260v v ds =320v v ds =400v 1 100 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 10v q gs q gd q g charge dc
package outline : to-220 millimeters min nom max a 4.25 4.48 4.70 b 0.65 0.80 0.90 b1 1.15 1.38 1.60 c 0.40 0.50 0.60 c1 1.00 1.20 1.40 e 9.70 10.00 10.40 e1 --- --- 11.50 e ---- 2.54 ---- l 12.70 13.60 14.50 l1 2.60 2.80 3.00 l2 1.00 1.40 1.80 l3 2.6 3.10 3.6 l4 14.70 15.50 16 l5 6.30 6.50 6.70 3.50 3.60 3.70 d 8.40 8.90 9.40 1.all dimensions are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : to-220 symbols advanced power electronics corp. e b b1 e d l3 l4 l1 l2 a c1 c l package code part number date code (ywwsss) y last digit of the year ww week sss se q uence 05n50p ywwsss logo l5 e1


▲Up To Search▲   

 
Price & Availability of AP05N50P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X