abracon is abracon is iso 9001 / qs 9000 iso 9001 / qs 9000 certified certified abracon is iso 9001 / qs 9000 certified aisc-0603-xxx ||||||||||||||| 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 11.13.07 visit www.abracon.com for terms & conditions of sale smd ceramic wire-wound chip inductors 1.6 x 0.76 x 0.97mm features: applications: ? ceramic construction assures the utmost thermal stablity & high srf ? epoxy changes from top partial covera ge to full coverage for better wire prodection; does not effect product function or properties ? exceptionally high q compared to non-wirewound inductors, especially at high frequencies ? inductance options from 1.8nh to 390nh electrical specifications: ? widely applied in vco, saw circuit for gsm, & cdma communications ? used in hard disk, notebook computers & other electronic equipment parameters abracon p/n: aisc-0603-xxx series operating temperature: -40c to + 125c storage temperature: -25c to + 85c, 70% rh max. options & part identification: (left blank if standard) t tape & reel j 5% k 10% m20% tolerance code aisc - 0603 - - - please refer to the table above. g n i g a k c a p e d o c e c n a t c u d n i g2% part % l test q q test srf r dc i dc number l (nh) tol freq min freq min max max aisc-0603- avail (mhz) (mhz) (mhz) ( ) (ma) r0018 1.8 k,m 250 16 250 >6000 0.045 700 r0039 3.9 k,m 250 20 250 >6000 0.063 700 r0043 4.3 k,m 250 22 250 5900 0.080 700 r0047 4.7 k,m 250 22 250 5800 0.130 700 r0068 6.8 k,m 250 25 250 5800 0.110 700 r0082 8.2 k,m 250 28 250 4800 0.110 700 r010 10 g,j,k,m 250 30 250 4800 0.130 700 r012 12 g,j,k,m 250 30 250 4000 0.130 700 r015 15 g,j,k,m 250 30 250 4000 0.170 700 r018 18 g,j,k,m 250 30 250 3100 0.170 700 r022 22 g,j,k,m 250 35 250 3000 0.190 700 r024 24 g,j,k,m 250 35 250 2650 0.190 700 r027 27 g,j,k,m 250 35 250 2800 0.220 600 r033 33 g,j,k,m 250 35 250 2300 0.220 600 r039 39 g,j,k,m 250 35 250 2200 0.250 600 r047 47 g,j,k,m 200 35 250 2000 0.280 600 r056 56 g,j,k,m 200 35 250 1900 0.310 600 r068 68 g,j,k,m 200 35 250 1700 0.340 600 r072 72 g,j,k,m 150 35 250 1700 0.490 400 r082 82 g,j,k,m 150 35 250 1700 0.540 400 r10 100 g,j,k,m 150 35 250 1500 0.710 400 r11 110 g,j,k,m 150 35 250 1400 0.750 300 r12 120 g,j,k,m 150 35 250 1350 0.790 300 r15 150 g,j,k,m 150 28 150 1200 0.920 280 r18 180 g,j,k,m 100 25 100 990 1.25 240 r22 220 j,k,m 100 25 100 900 1.50 200 r27 270 j,k,m 100 25 100 860 1.80 170 r33 330 j,k,m 100 24 100 500 2.00 150 r39 390 j,k,m 100 23 100 350 2.10 120 idc based on a 20oc maximum temperature rise
abracon is abracon is iso 9001 / qs 9000 iso 9001 / qs 9000 certified certified abracon is iso 9001 / qs 9000 certified aisc-0603-xxx ||||||||||||||| 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 11.13.07 visit www.abracon.com for terms & conditions of sale smd ceramic wire-wound chip inductors 1.6 x 0.76 x 0.97mm outline drawing: tape & reel: tape and reel 3,000pcs/reel dimensions: mm acz 1782.0 8.4+1.5 601.0 series aisc-0603-xxx z a c
|