this document was generated on 04/16/2010 please check www.molex.com for latest part information part number: 0510520400 status: active description: 2.50mm (.098") pitch cable holder, vertical, for ribbon cable, 4 circuits documents: 3d model product specification ps-51052-002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-51052-001 (pdf) general product family ribbon cable / wire trap connectors series 51052 component type one piece glow-wire compliant no product name board-in, cable holder physical circuits (loaded) 4 color - resin natural entry angle vertical lock to mating part none material - resin nylon number of rows 1 pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm polarized to mating part n/a polarized to pcb no stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c wire insulation diameter 1.70mm (.067") max. wire size awg 24, 26 wire/cable type ribbon cable electrical current - maximum per contact n/a voltage - maximum n/a material info reference - drawing numbers product specification ps-51052-001, ps-51052-002, rps-51052-003 sales drawing sd-51052-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 51052 series mates with n/a use with topcoated ribbon cable this document was generated on 04/16/2010 please check www.molex.com for latest part information
|