Part Number Hot Search : 
40430 ML9XX25 LT3957A AD9617 DDTA114 M1628 ITT002AB 170B50
Product Description
Full Text Search
 

To Download 5021D-A15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  applications ? radar testing ? signal processing ? phased array antennas ? phase noise processing features ? bandwidth to 3 ghz ? high-dynamic-range ? -40 to +65c ? delays to 65 microseconds ? flat frequency response ? low phase noise 5021D-A15 3 ghz, 65 s max external fiber delay line system the 5021D-A15, 3 ghz fber optic delay line delivers unmatched performance for radar testing, signal processing, phased array antennas and phase noise testing. this rugged device eliminates many of the problems that are inherent in alternative transceiver technologies. emcores fber optic delay lines provide bandwidth that is essen - tially independent of fber length, loss or delay, and triple transit signals that are immeasurable. in addition to enhanced electrical performance, the delay lines provide several mechanical advantages. emcores technology takes advantage of the rigid yet fexible properties of fber optic cable to provide repeatable en - hanced phase and group delay characteristics. the small size of these components allows for a long delay in a compact package with the superior temperature stability of fber. dc drive r laser photodiode rf in pl rf out pr dela y line fi ber delay spool typical s21 graph block diagram microwave datasheet | november 2013 ? 2013 emcore corporation | rev 2013.11 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice. +1 626-293-3400 http://
absolute maximum ratings stresses in excess of the absolute maximum ratings can cause permanent damage to the device. these are absolute stress ratings only. functional operation of the device is not implied at these or any other conditions in excess of those given in the operation - al sections of the data sheet. exposure to absolute maximum ratings for extended periods can adversely affect device reliability. parameter min max unit operating temperature range of baseplate -40 +65 c storage temperature -55 +85 c rf input power - 20 dbm electrical characteristics parameter 5021D-A15 unit upper band edge frequency 3 ghz lower band edge frequency 0.05 ghz amplitude flatness 4 db p-p delay time 65 -sec, max insertion loss @ 1 ghz 1 65 -sec -46 db, max input rf return loss, max 0.05 ghz - 3 ghz -7.0 db output rf return loss, max 0.05 ghz - 3 ghz -9.0 db impedance 50 ohm input 1 db compression, min +20 dbm input third order intercept, min 0.05 ghz - 3 ghz +30 dbm noise figure 0.05 ghz - 3 ghz 44 db 1. shorter delay times will have lower loss. dc interface characteristics pin number min typ max max ripple current 1 14 v 15 v 16 v 100 mv p-p 0.3 a max 2 4.5 v 5 v 5.5 v 200 mv p-p 1.6 a max pin/package information nine-pin, male d-sub connector pin number function 1 +15 vdc 2 +5 vdc 3 not used 4 ground 5 ground 6 photodiode current monitor 7 alarm common 8 laser current monitor 9 alarm 5021D-A15 3 ghz, 65 s max external fiber delay line system microwave datasheet | november 2013 ? 2013 emcore corporation | rev 2013.11 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice. +1 626-293-3400
outline drawing dc monitor voltages ? photodiode current, pin 6: 1 v/1 ma (into 1 mohm load). proportional to photodiode optical input power. ? laser dc current, pin 8: 1 v/100 ma (into 1 mohm load) alarm circuits ? summary alarm, pins 7 & 9: ? closed when unit is ok. open if fault or no dc power. the alarm is a dry, form a contact. the alarm is a summary of : 1. +5 vdc regulator 2. laser temperature 3. laser optical output power 4. photodiode optical power input front panel leds ? power on ? laser temperature stable ? laser optical power stable ? photodiode optical input power 5021D-A15 3 ghz, 65 s max external fiber delay line system microwave datasheet | november 2013 ? 2013 emcore corporation | rev 2013.11 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice. +1 626-293-3400
model number description 5021D-A15-xxxxxx delay line, 3 ghz, sma, delay time to 65 s laser safety order information note1: xxxxxx designates required delay time. example: 5021D-A15-062550 is a 3 ghz system with 62.55 s delay this product meets the appropriate standard in title 21 of the code of federal regulations (cfr). fda/cdrh class 1m laser product. this device has been classifed with the fda/cdrh under accession number 0220191. all versions of this laser are class 1m laser product, tested according to iec 60825-1:2007 / en 60825-1:2007. an additional warning for class 1m laser products. for diverging beams, this warning shall state that viewing the laser output with certain optical instruments (for example: eye loupes, magnifers, and microscopes) within a distance of 100 mm may pose an eye hazard. for collimated beams, this warning shall state that viewing the laser output with certain instruments designed for use at a distance (for example: telescopes and binoculars) may pose an eye hazard. wavelength = 1.3/1.5 m. maximum power = 30 mw. *caution - use of controls or adjustments or performance of procedures other than those specifed herein may result in hazardous radiation exposure. *iec is a registered trademark of the international electrotechnical commision. 5021D-A15 3 ghz, 65 s max external fiber delay line system microwave datasheet | november 2013 ? 2013 emcore corporation | rev 2013.11 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice. +1 626-293-3400


▲Up To Search▲   

 
Price & Availability of 5021D-A15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X