1 power transistors 2sd2255 silicon npn triple diffusion planar type darlington for power amplification complementary to 2sb1493 n features l optimum for 60w hifi output l high foward current transfer ratio h fe : 5000 to 30000 l low collector to emitter saturation voltage v ce(sat) : <2.5v n absolute maximum ratings (t c =25?c) parameter collector to base voltage collector to emitter voltage emitter to base voltage peak collector current collector current collector power dissipation junction temperature storage temperature symbol v cbo v ceo v ebo i cp i c p c t j t stg ratings 160 140 5 12 7 70 2.5 150 C55 to +150 unit v v v a a w ?c ?c n electrical characteristics (t c =25?c) parameter collector cutoff current emitter cutoff current collector to emitter voltage forward current transfer ratio collector to emitter saturation voltage base to emitter saturation voltage transition frequency turn-on time storage time fall time symbol i cbo i ceo i ebo v ceo h fe1 h fe2 * v ce(sat) v be(sat) f t t on t stg t f conditions v cb = 160v, i e = 0 v ce = 140v, i b = 0 v eb = 5v, i c = 0 i c = 30ma, i b = 0 v ce = 5v, i c = 1a v ce = 5v, i c = 6a i c = 6a, i b = 6ma i c = 6a, i b = 6ma v ce = 10v, i c = 0.5a, f = 1mhz i c = 6a, i b1 = 6ma, i b2 = C6ma, v cc = 50v min 140 2000 5000 typ 20 2.5 5.0 2.5 max 100 100 100 30000 2.5 3.0 unit m a m a m a v v v mhz m s m s m s * h fe2 rank classification rank q p h fe2 5000 to 15000 8000 to 30000 t c =25 c ta=25 c unit: mm internal connection 4.5 0.2 15.0 0.5 13.0 0.5 20.0 0.3 19.0 0.3 15.0 0.2 solder dip 4.0 0.1 4.0 0.1 12.5 3.5 16.2 0.5 10.5 0.5 10.9 0.5 5.45 0.3 1.1 0.1 f 3.2 0.1 2.0 0.2 2.0 0.1 1.4 0.3 0.6 0.2 123 1:base 2:collector 3:emitter eiaj:scC65(a) topC3 package(a) b e c maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://panasonic.net/sc/en
2 power transistors 2sd2255 p c ?ta i c ?v ce v be(sat) ?i c v ce(sat) ?i c h fe ?i c c ob ?v cb t on , t stg , t f ? i c area of safe operation (aso) 0 160 40 12 80 140 20 100 60 0 80 60 20 50 70 40 10 30 (1) t c =ta (2) with a 100 100 2mm al heat sink (3) without heat sink (p c =2.5w) (1) (2) (3) ambient temperature ta ( ?c ) collector power dissipation p c ( w ) 012 10 8 26 4 0 12 10 8 6 4 2 t c =25?c i b =5ma 1ma 0.9ma 0.8ma 0.7ma 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma 0.1ma collector to emitter voltage v ce ( v ) collector current i c ( a ) 0.1 1 10 100 0.3 3 30 0.1 100 10 1 0.3 3 30 i c /i b =1000 t c =e25?c 100?c 25?c collector current i c ( a ) base to emitter saturation voltage v be(sat) ( v ) 0.1 1 10 100 0.3 3 30 0.1 100 10 1 0.3 3 30 i c /i b =1000 t c =100?c 25?c e25?c collector current i c ( a ) collector to emitter saturation voltage v ce(sat) ( v ) 0.01 0.1 1 10 0.03 0.3 3 10 30 100 300 1000 3000 10000 30000 100000 v ce =5v 25?c e25?c t c =100?c collector current i c ( a ) forward current transfer ratio h fe 1 3 10 30 100 1 1000 100 10 3 30 300 i e =0 f=1mhz t c =25?c collector to base voltage v cb ( v ) collector output capacitance c ob ( pf ) 016 412 8 0.01 0.03 0.1 0.3 1 3 10 30 100 pulsed t w =1ms duty cycle=1% i c /i b =1000 (i b1 =ei b2 ) v cc =50v t c =25?c t stg t f t on collector current i c ( a ) switching time t on ,t stg ,t f ( m s ) 1 10 100 1000 3 30 300 0.01 0.03 0.1 0.3 1 3 10 30 100 non repetitive pulse t c =25?c 10ms t=1ms dc i cp i c collector to emitter voltage v ce ( v ) collector current i c ( a )
3 power transistors 2sd2255 r th(t) ?t 10 e4 10 10 e3 10 e1 10 e2 110 3 10 2 10 4 0.1 1 10 100 1000 note: r th was measured at ta=25?c and under natural convection. (1) p t =10v 0.2a (2w) and without heat sink (2) p t =10v 1.0a (10w) and with a 100 100 2mm al heat sink (1) (2) time t ( s ) thermal resistance r th (t) ( ?c/w )
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd.
|