Part Number Hot Search : 
HV9112 SZA3044 P6KE16A RGEF1000 DVTR2815 N4002 GBL005 FN4707
Product Description
Full Text Search
 

To Download 2SA1213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type features low saturation voltage: v ce(sat) = -0.5v (max) (i c =-1a) high speed switching time: t stg = 1.0s(typ.) small flat package p c = 1 to 2w (mounted on ceramic substrate) complementary to 2sc2873 electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector cut-off current i cbo v cb =-50v,i e =0 -0.1 a emitter cut-off current i ebo v eb =-5v,i c =0 -0.1 a collector-emitter breakdown voltage v (br)ceo i c =-10ma,i b =0 -50 v v ce =-2v,i c = -0.5a 70 240 v ce =-2v,i c = -2.0a 20 collector-emitter saturation voltage v ce(sat) i c =-1a,i b = -0.05a -0.5 v base-emitter saturation voltage v be(sat) i c =-1a,i b = -0.05a -1.2 v transition frequency f t v ce =-2v,i c = -0.5a 120 mhz collector output capacitance c ob v cb =-10v,i e = 0 , f = 1mhz 40 pf turn-on time t on 0.1 storage time t stg 1.0 fall time t f 0.1 dc current gain h fe s see test circuit. absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c -2 a base current i b -0.4 a p c 500 p c* 1000 jumction temperature t j 150 storage temperature range t stg -55to+150 * mounted on ceramic substrate (250 mm 2 x 0.8 t) collector power dissipation mw sales@twtysemi.com 1 of 3 http://www.twtysemi.com 2SA1213 product specification 4008-318-123
smd type electrical characteristics curves h fe classification marking rank o y hfe 70 140 120 240 n test circuit sales@twtysemi.com 2 of 3 http://www.twtysemi.com 2SA1213 product specification 4008-318-123
smd type 2SA1213 sales@twtysemi.com 3 of 3 http://www.twtysemi.com product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of 2SA1213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X