Part Number Hot Search : 
2N2325 1N629 B350HD K0307001 354406 ZSM530 SMBJ18A IRPT5051
Product Description
Full Text Search
 

To Download 1SS355S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c303s2-r issued date : 2005.08.18 revised date : 2010.12.20 page no. : 1/6 1SS355S2 cystek product specification high ?speed switching diode 1SS355S2 description the 1SS355S2 is a high-speed switching diode fabricat ed in planar technology, and encapsulated in the small sod-323 plastic smd package. symbol outline 1SS355S2 sod-323 + - features ? small plastic smd package ? high switching speed: max. 4ns ? reverse voltage: max. 100v ? peak forward surge current: max. 500ma . ? pb-free package applications ? high-speed switching in thick and thin-film circuits. absolute maximum ratings @t a =25 parameters symbol min max unit dc reverse voltage v r - 100 v peak reverse voltage v rm - 110 v average rectified output current i o - 100 ma forward current i fm - 225 ma peak forward surge current i fsm 500 ma junction temperature t j - 125 c storage temperature t stg -55 +125 c
cystech electronics corp. spec. no. : c303s2-r issued date : 2005.08.18 revised date : 2010.12.20 page no. : 2/6 1SS355S2 cystek product specification electrical characteristics @ t a =25 unless otherwise specified parameters symbol conditions min typ. max unit reverse breakdown voltage v r i r =100 a 100 - - v forward voltage v f i f =100ma - - 1.2 v reverse leakage current i r v r =100v - - 0.1 a diode capacitance c d v r =0.5v, f=1mhz - - 3 pf reverse recovery time trr when switched from i f =10ma to i r =10ma,r l =100? , measured at i r =1ma - - 4 ns thermal characteristics symbol parameter conditions max unit ptot, ta=25 derate above 25 total device dissipation on fr-4 board note 1 200 1.57 mw mw/ rth, j-a thermal resistance from junction to ambient note 1 635 /w note 1: device mounted on an fr-4 pcb. ordering information device package shipping marking 1SS355S2 sod-323 (pb-free package) 3000 pcs / tape & reel 5d or a
cystech electronics corp. spec. no. : c303s2-r issued date : 2005.08.18 revised date : 2010.12.20 page no. : 3/6 1SS355S2 cystek product specification characteristic curves forward current vs forward voltage 0.1 1 10 100 0.2 0.4 0.6 0.8 1 1.2 forward voltage---v f (v) forward current---i f (ma) ta= - 40 ta= 2 5 ta=8 5 reverse leakage current vs reverse voltage 0.001 0.01 0.1 1 10 100 0 1020304050 reverse voltage---v r (v) reverse leakage current---i r( a) ta= 125 ta= 25 ta= 150 ta=55 ta=85 capacitance vs reverse voltage 0.52 0.56 0.6 0.64 0.68 0 0.2 0.4 0.6 0.8 reverse voltage---v r (v) diode capacitance ---c d (pf) f=1mhz ta=25
cystech electronics corp. spec. no. : c303s2-r issued date : 2005.08.18 revised date : 2010.12.20 page no. : 4/6 1SS355S2 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c303s2-r issued date : 2005.08.18 revised date : 2010.12.20 page no. : 5/6 1SS355S2 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c303s2-r issued date : 2005.08.18 revised date : 2010.12.20 page no. : 6/6 1SS355S2 cystek product specification sod-323 dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.0630 0.0709 1.60 1.80 e 0.0060 ref 0.15 ref b 0.0453 0.0531 1.15 1.35 h 0.0000 0.0040 0.00 0.10 c 0.0315 0.0394 0.80 1.00 j 0. 0035 0.0070 0.089 0.177 d 0.0098 0.0157 0.25 0.40 k 0.0906 0.1063 2.30 2.70 notes: 1.controlling dimension : millimeters. 2.lead thickness specified per l/f drawing with solder plating. 3.if there is any question with pa cking specification or packing me thod, please contact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . d a h j k c e b 1 2 marking: 5 h xx xx represents : normal : 5d special : a style: pin 1.cathode 2.anode 2-lead sod-323 plastic surface mounted package, cystek package code: s2


▲Up To Search▲   

 
Price & Availability of 1SS355S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X