Part Number Hot Search : 
L2903 CXXXE MBR30100 L272M SG7800 74479 FDC6318 37300
Product Description
Full Text Search
 

To Download 1SS3550711 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification silicon epitaxial planar diode 1ss355 document number: bl/sssdb001 www.galaxycn.com rev.a 1 features z small surface mounting type: sod-323 z high speed :t=1.2ns typ. z high reliability with hi gh surge current handing capability. applications sod-323 z high speed switching ordering information type no. marking package code 1ss355 a sod-323 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit non-repetitive peak reverse voltage v rm 90 v dc reverse voltage v r 80 v peak forward current i fm 225 ma average rectified output current i o 100 ma surge current (1s) i surge 500 ma power dissipation p d 200 mw junction temperature t j 125 storage temperature t stg -55~+125 pb lead-free
bl galaxy electrical production specification silicon epitaxial planar diode 1ss355 document number: bl/sssdb001 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol min. typ. max. unit conditions forward voltage v f 1.2 v i f =100ma reverse current i r 0.1 a v r =80v capacitance between terminals c t 3 pf v r =0.5v,f=1mhz reverse recovery time t rr 4 ns i f =10ma,v r =6v,r l =100 ? typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification silicon epitaxial planar diode 1ss355 document number: bl/sssdb001 www.galaxycn.com rev.a 3 package outline plastic surface mounted package sod-323 soldering footprint unit : mm package information device package shipping 1ss355 sod-323 3000/tape&reel sod-323 dim min max a 1.275 1.325 b 1.675 1.725 c 0.9 typical d 0.25 0.35 e 0.27 0.37 h 0.02 0.1 j 0.1 typical k 2.6 2.7 all dimensions in mm e k h d c b a j


▲Up To Search▲   

 
Price & Availability of 1SS3550711

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X