Part Number Hot Search : 
IMP2186 HD647 YBAMU HBU407 33001 52PBHL E003712 ON0204
Product Description
Full Text Search
 

To Download 0311126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 1 ?/? 13 component terminal block?-?urtk/sp?-?0311126 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) component terminal block, connection method:?screw connection, cross section: ? 0.5 mm2-?10 mm2, awg:20 -?10, width:?8.2 mm, mounting type:?ns 35/7.5,?ns 35/15,?ns 32, color:?gray product description component terminal block, connection method:?screw connection, cross section: ? 0.5 mm2-?10 mm2, awg:20 -?10, width:?8.2 mm, mounting type:?ns 35/7.5,?ns 35/15,?ns 32, color:?gray why buy this product ?touch-proof test sockets with 4 mm diameter are already permanently integrated ?the terminal blocks can be fitted with fixed and switchable bridges on both sides ? key commercial data packing unit 1 minimum order quantity 50 catalog page page 467 (cl1-2011) gtin weight per piece (including packing) 0.0 grm weight per piece (excluding packing) 38.21 grm country of origin turkey technical data general number of levels 1 number of connections 2 color gray insulating material pa inflammability class according to ul 94 v0 dimensions length 99.5 mm width 8.2 mm height ns 35/7.5 59 mm
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 2 ?/? 13 component terminal block?-?urtk/sp?-?0311126 technical data dimensions height ns 35/15 66.5 mm height ns 32 64 mm technical data rated surge voltage 6 kv pollution degree 3 surge voltage category iii insulating material group i connection in acc. with standard iec 60947-7-1 nominal current in 41 a nominal voltage un 500 v connection data conductor cross section solid min. 0.5 mm2 conductor cross section solid max. 10 mm2 conductor cross section stranded min. 0.5 mm2 conductor cross section stranded max. 6 mm2 conductor cross section awg/kcmil min. 20 conductor cross section awg/kcmil max 8 conductor cross section stranded, with ferrule without plastic sleeve min. 0.5 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 6 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 6 mm2 2 conductors with same cross section, solid min. 0.5 mm2 2 conductors with same cross section, solid max. 2.5 mm2 2 conductors with same cross section, stranded min. 0.5 mm2 2 conductors with same cross section, stranded max. 4 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, max. 2.5 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, max. 4 mm2 connection method screw connection stripping length 11 mm screw thread m4 tightening torque, min 1.5 nm tightening torque max 1.8 nm
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 3 ?/? 13 component terminal block?-?urtk/sp?-?0311126 classifications eclass eclass 4.0 27141126 eclass 4.1 27141126 eclass 5.0 27141127 eclass 5.1 27141127 eclass 6.0 27141127 etim etim 2.0 ec000902 etim 3.0 ec000902 etim 4.0 ec000902 unspsc unspsc 6.01 30211811 unspsc 7.0901 39121410 unspsc 11 39121410 unspsc 12.01 39121410 unspsc 13.2 39121410 approvals certificates certification csa / ul recognized / kema-keur / cul recognized / gost / prs / cca / gost / culus recognized certification ex certification submitted approval details csa? ? ? mm2/awg/kcmil 26-8 nominal current in 45 a nominal voltage un 300 v ul recognized? ? ? mm2/awg/kcmil 26-8
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 4 ?/? 13 component terminal block?-?urtk/sp?-?0311126 approvals ? ? nominal current in 45 a nominal voltage un 300 v kema-keur? ? ? mm2/awg/kcmil 6 nominal voltage un 500 v cul recognized? ? ? mm2/awg/kcmil 26-8 nominal current in 45 a nominal voltage un 300 v gost? prs? cca? ? ? mm2/awg/kcmil 6 nominal voltage un 500 v gost? culus recognized? accessories accessories assembly din rail?-?ns 35/ 7,5 unperf 2000mm?-?0801681 din rail, material: steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m ? ?
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 5 ?/? 13 component terminal block?-?urtk/sp?-?0311126 accessories din rail?-?ns 35/ 7,5 cu unperf 2000mm?-?0801762 din rail, material: copper, unperforated, height 7.5 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 32 cu/120qmm unperf 2000mm?-?1201280 g-profile din rail, deep-drawn, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 35/15 unperf 2000mm?-?1201714 din rail, material: steel, unperforated, height 15 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 32 cu/35qmm unperf 2000mm?-?1201358 g-profile din rail, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 32 al unperf 2000mm?-?1201028 g rail 32 mm (ns 32) ? ? din rail?-?ns 32 unperf 2000mm?-?1201015 g-profile din rail, material: steel, unperforated, height 15 mm, width 32 mm, length 2 m ? ?
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 6 ?/? 13 component terminal block?-?urtk/sp?-?0311126 accessories din rail?-?ns 32 perf 2000mm?-?1201002 g-profile din rail, material: steel, perforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 35/15 cu unperf 2000mm?-?1201895 din rail, material: copper, unperforated, 1.5 mm thick, height 15 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 35/15-2,3 unperf 2000mm?-?1201798 din rail, material: steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m ? ? din rail, unperforated?-?ns 35/15 al unperf 2000mm?-?1201756 din rail, deep drawn, high profile, unperforated, 1.5 mm thick, material: aluminum, height 15 mm, width 35 mm, length 2000 mm ? ? din rail perforated?-?ns 35/15 perf 2000mm?-?1201730 din rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length: 2000 mm ? ?
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 7 ?/? 13 component terminal block?-?urtk/sp?-?0311126 accessories din rail perforated?-?ns 35/ 7,5 perf 2000mm?-?0801733 din rail, material: steel galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length: 2000 mm ? ? end clamp?-?clipfix 35?-?3022218 snap-on end bracket, for 35 mm ns 35/7.5 or ns 35/15 din rail, can be fitted with zack strip zb 8 and zb 8/27, terminal strip marker klm 2 and klm, width: 9.5 mm, color: gray ? ? end clamp?-?e/uk?-?1201442 end clamp, for assembly on ns 32 or ns 35/7.5 din rail ? ? partition plate?-?atp-urtk/sp?-?0311139 partition plate, length:?99 mm, width:?2 mm, height:?64 mm, color:?gray ? ? bridges bridge bar isolator?-?is-k 10?-?1303337 bridge bar isolator, color:?gray ? ?
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 8 ?/? 13 component terminal block?-?urtk/sp?-?0311126 accessories bridge bar isolator?-?issbi 10- 8?-?0301534 bridge bar isolator, number of positions:?10, color:?silver ? ? fixed bridge?-?fbi 2- 8?-?0200020 fixed bridge, number of positions:?2, color:?silver ? ? fixed bridge?-?fbi 4- 8?-?0200046 fixed bridge, number of positions:?4, color:?silver ? ? fixed bridge?-?fbi 3- 8?-?0200059 fixed bridge, number of positions:?3, color:?silver ? ? fixed bridge?-?fb 10- urtk/sp?-?0311663 fixed bridge, number of positions:?10, color:?silver ? ? fixed bridge?-?fbi 10- 8?-?0203263 fixed bridge, number of positions:?10, color:?silver ? ?
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 9 ?/? 13 component terminal block?-?urtk/sp?-?0311126 accessories insertion bridge?-?eb 2- 8?-?0202154 insertion bridge, number of positions:?2, color:?gray ? ? insertion bridge?-?eb 3- 8?-?0202141 insertion bridge, number of positions:?3, color:?gray ? ? insertion bridge?-?eb 10- 8?-?0202138 insertion bridge, number of positions:?10, color:?gray ? ? switching lock?-?s-urtk/sp?-?0311155 switching lock, length:?12 mm, width:?8.2 mm, color:?white ? ? switching jumper?-?sb 4-urtk/sp?-?0360025 switching jumper, number of positions:?4, color:?silver ? ?
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 10 ?/? 13 component terminal block?-?urtk/sp?-?0311126 accessories switching jumper?-?sb 2-urtk/sp?-?0360012 switching jumper, number of positions:?2, color:?silver ? ? marking zack marker strip?-?zb 8:so/cms?-?1050512 zack marker strip, white, for terminal block width: 8 mm ? ? marker cards?-?sbs 8:unbedruckt?-?1007235 marker cards, card, white, unlabeled, can be labeled with: plotter, mounting type: snap into tall marker groove, snap into flat marker groove, for terminal block width: 8.2 mm, lettering field: 6 x 8.1 mm ? ? plug/adapter short-circuit connector?-?kssi 4-8?-?3000735 short-circuit connector, number of positions:?4, color:?black ? ? short-circuit connector?-?kssi 2-8?-?3000722 short-circuit connector, width:?16.2 mm, length:?11 mm, number of positions:?2, color:?black ? ? tools
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 11 ?/? 13 component terminal block?-?urtk/sp?-?0311126 accessories screwdriver?-?szs 1,0x4,0 vde?-?1205066 screwdriver, bladed, vde insulated, size: 1.0 x 4.0 x 100 mm, 2-component grip, with non-slip grip ? ? drawings circuit diagram a = open 1 = fixed bridge, for cross-connections in the terminal center 2 = fixed bridge, for cross connections on both sides of the disconnect point 3 = isolator bridge bar 4 = bridge bar isolator 5 = switch bar, 2-pos.,useable on both sides of the disconnect point, inward switching motion 6 = switch bar, for 4-pos. short-circuiting of linked current transformer sets, useable on both sides of the disconnect point 7 = switching lock 8 = partition plate 9 = short-circuit plug 10 = short-circuit plug
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 12 ?/? 13 component terminal block?-?urtk/sp?-?0311126 schematic diagram simple current transformer test circuit a = normal operation b = measured value testing c = transformer testing d = relay testing
https://www.phoenixcontact.com/us/produkte/0311126 14.05.2012???page? 13 ?/? 13 component terminal block?-?urtk/sp?-?0311126 schematic diagram three-phase transducer test set schematic diagram three-phase linked transducer test set circuit diagram ? phoenix contact 2012 - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 0311126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X