Part Number Hot Search : 
SD1030 S952T BB15204 12116 600TTS 4ALVCH AX661 DS243
Product Description
Full Text Search
 

To Download 0311087 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 1 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) test disconnect terminal block, connection method:?screw connection, cross section: ? 0.5 mm2-?10 mm2, awg:20 -?10, width:?8.2 mm, mounting type:?ns 35/7.5,?ns 35/15,?ns 32, color:?gray product description test disconnect terminal block, connection method:?screw connection, cross section: ? 0.5 mm2-?10 mm2, awg:20 -?10, width:?8.2 mm, mounting type:?ns 35/7.5,?ns 35/15,?ns 32, color:?gray why buy this product ?easy and clear testing in current transformer secondary circuits can be performed using the test disconnect terminal blocks of the urtk/s range ?on both sides of the disconnect point, the terminal block has a test socket which can also be used to switch across to neighboring terminal blocks ? key commercial data packing unit 1 minimum order quantity 50 catalog page page 463 (cl1-2011) gtin weight per piece (including packing) 0.0 grm weight per piece (excluding packing) 35.81 grm country of origin china technical data general number of levels 1 number of connections 2 color gray insulating material pa inflammability class according to ul 94 v0 dimensions length 72 mm width 8.2 mm
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 2 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 technical data dimensions height ns 35/7.5 51.5 mm height ns 35/15 59 mm height ns 32 56 mm technical data rated surge voltage 6 kv pollution degree 3 surge voltage category iii insulating material group i connection in acc. with standard iec 60947-7-1 nominal current in 41 a nominal voltage un 400 v connection data conductor cross section solid min. 0.5 mm2 conductor cross section solid max. 10 mm2 conductor cross section stranded min. 0.5 mm2 conductor cross section stranded max. 6 mm2 conductor cross section awg/kcmil min. 20 conductor cross section awg/kcmil max 8 conductor cross section stranded, with ferrule without plastic sleeve min. 0.5 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 6 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 4 mm2 2 conductors with same cross section, solid min. 0.5 mm2 2 conductors with same cross section, solid max. 2.5 mm2 2 conductors with same cross section, stranded min. 0.5 mm2 2 conductors with same cross section, stranded max. 6 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, ferrules without plastic sleeve, max. 4 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, min. 0.5 mm2 2 conductors with same cross section, stranded, twin ferrules with plastic sleeve, max. 4 mm2 connection method screw connection stripping length 13 mm internal cylindrical gage a5 screw thread m4 tightening torque, min 1.2 nm tightening torque max 1.5 nm
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 3 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 classifications eclass eclass 4.0 27141126 eclass 4.1 27141126 eclass 5.0 27141127 eclass 5.1 27141127 eclass 6.0 27141127 etim etim 2.0 ec000902 etim 3.0 ec000902 etim 4.0 ec000902 unspsc unspsc 6.01 30211811 unspsc 7.0901 39121410 unspsc 11 39121410 unspsc 12.01 39121410 unspsc 13.2 39121410 approvals certificates certification csa / ul recognized / kema-keur / cul recognized / gost / lr / dnv / rs / prs / cca / gost / culus recognized certification ex certification submitted approval details csa? ? ? mm2/awg/kcmil 26-10 nominal current in 40 a nominal voltage un 300 v ul recognized? ? ? mm2/awg/kcmil 26-8
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 4 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 approvals ? ? nominal current in 50 a nominal voltage un 300 v kema-keur? ? ? mm2/awg/kcmil 6 nominal voltage un 400 v cul recognized? ? ? mm2/awg/kcmil 26-8 nominal current in 50 a nominal voltage un 300 v gost? lr? dnv? rs? prs? cca? ? ? mm2/awg/kcmil 6 nominal voltage un 400 v gost? culus recognized? accessories accessories assembly
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 5 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 accessories din rail?-?ns 35/ 7,5 unperf 2000mm?-?0801681 din rail, material: steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 35/ 7,5 cu unperf 2000mm?-?0801762 din rail, material: copper, unperforated, height 7.5 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 32 cu/120qmm unperf 2000mm?-?1201280 g-profile din rail, deep-drawn, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 35/15 unperf 2000mm?-?1201714 din rail, material: steel, unperforated, height 15 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 32 cu/35qmm unperf 2000mm?-?1201358 g-profile din rail, material: copper, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 32 al unperf 2000mm?-?1201028 g rail 32 mm (ns 32) ? ?
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 6 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 accessories din rail?-?ns 32 unperf 2000mm?-?1201015 g-profile din rail, material: steel, unperforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 32 perf 2000mm?-?1201002 g-profile din rail, material: steel, perforated, height 15 mm, width 32 mm, length 2 m ? ? din rail?-?ns 35/15 cu unperf 2000mm?-?1201895 din rail, material: copper, unperforated, 1.5 mm thick, height 15 mm, width 35 mm, length: 2 m ? ? din rail?-?ns 35/15-2,3 unperf 2000mm?-?1201798 din rail, material: steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m ? ? din rail, unperforated?-?ns 35/15 al unperf 2000mm?-?1201756 din rail, deep drawn, high profile, unperforated, 1.5 mm thick, material: aluminum, height 15 mm, width 35 mm, length 2000 mm ? ?
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 7 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 accessories din rail perforated?-?ns 35/15 perf 2000mm?-?1201730 din rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length: 2000 mm ? ? din rail perforated?-?ns 35/ 7,5 perf 2000mm?-?0801733 din rail, material: steel galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length: 2000 mm ? ? end clamp?-?clipfix 35?-?3022218 snap-on end bracket, for 35 mm ns 35/7.5 or ns 35/15 din rail, can be fitted with zack strip zb 8 and zb 8/27, terminal strip marker klm 2 and klm, width: 9.5 mm, color: gray ? ? end clamp?-?e/uk?-?1201442 end clamp, for assembly on ns 32 or ns 35/7.5 din rail ? ? end cover?-?d-urtk?-?0310020 end cover, length:?72 mm, width:?2.2 mm, height:?41.5 mm, color:?gray ? ? separating plate?-?ts-rtk?-?0310211 separating plate, length:?72 mm, width:?0.8 mm, color:?gray ? ?
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 8 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 accessories partition plate?-?ats-rtk?-?0310224 partition plate, length:?72 mm, width:?0.8 mm, height:?51.5 mm, color:?gray ? ? cover profile?-?ap-me meter?-?3034361 cover profile, for covering terminal strips, snapped onto apt-me cover profile carrier or aph-me end bracket. a cover profile carrier should be positioned at the ends and at intervals of around 40 cm. length supplied: 1 m ? ? cover profile?-?aph-me?-?3034374 cover profile carrier for mounting on ns 35/7.5 din rail for attaching the cover profile ap-me ? ? cover profile?-?apt-me?-?3034358 cover profile carrier for mounting on ns 35/7.5 din rail for attaching the cover profile ap-me ? ? bridges fixed bridge?-?fb 10- rtk/s?-?0311171 fixed bridge, number of positions:?10, color:?silver ? ?
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 9 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 accessories insertion bridge?-?eb 2- 8?-?0202154 insertion bridge, number of positions:?2, color:?gray ? ? insertion bridge?-?eb 3- 8?-?0202141 insertion bridge, number of positions:?3, color:?gray ? ? insertion bridge?-?eb 10- 8?-?0202138 insertion bridge, number of positions:?10, color:?gray ? ? switching lock?-?s-urtk/sp?-?0311155 switching lock, length:?12 mm, width:?8.2 mm, color:?white ? ? switching lock?-?s?-?0308359 switching lock, length:?12 mm, width:?8.2 mm, color:?white ? ? switching jumper?-?asb 2-rtk/s?-?0311281 switching jumper, number of positions:?2, color:?silver ? ?
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 10 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 accessories switching jumper?-?usb 2-rtk/s?-?0311278 switching jumper, number of positions:?2, color:?silver ? ? switching jumper?-?sb 4-rtk/s?-?0311265 switching jumper, number of positions:?4, color:?silver ? ? switching jumper?-?sb 2-rtk/s?-?0311236 switching jumper, number of positions:?2, color:?silver ? ? marking zack marker strip?-?zb 8:so/cms?-?1050512 zack marker strip, white, for terminal block width: 8 mm ? ? marker cards?-?sbs 8:unbedruckt?-?1007235 marker cards, card, white, unlabeled, can be labeled with: plotter, mounting type: snap into tall marker groove, snap into flat marker groove, for terminal block width: 8.2 mm, lettering field: 6 x 8.1 mm ? ? plug/adapter
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 11 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 accessories female test connector?-?psbj-urtk/s rd?-?0311744 female test connector, color:?red ? ? female test connector?-?psbj-urtk/s bu?-?0311757 female test connector, color:?blue ? ? female test connector?-?psbj-urtk/s ye?-?0311731 female test connector, color:?yellow ? ? female test connector?-?psbj-urtk/s gn?-?0311760 female test connector, color:?green ? ? female test connector?-?psbj-urtk/s vt?-?0311773 female test connector, color:?violet ? ? female test connector?-?psbj-urtk/s bk?-?0311728 female test connector, color:?black ? ?
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 12 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 accessories tools screwdriver?-?szs 1,0x4,0 vde?-?1205066 screwdriver, bladed, vde insulated, size: 1.0 x 4.0 x 100 mm, 2-component grip, with non-slip grip ? ? drawings circuit diagram a = open 1 = cover 3 = fixed bridge 4 = switch bar, for 2 terminal blocks, useable on both sides of the disconnect point, inward switching motion 5 = switch bar, for 2 terminal blocks, useable on both sides of the disconnect point, outward switching motion 7 = switch bar, for 3-phasige short-circuiting of linked current transformer sets, only on the right 8 = switching lock, prevents disconnect slide from being actuated 9 = separating plate, for electrical separation of neighboring bridges in terminal center 10 = partition plate
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 13 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 schematic diagram three-phase transducer test set schematic diagram three-phase linked transducer test set
https://www.phoenixcontact.com/us/produkte/0311087 14.05.2012???page? 14 ?/? 14 test disconnect terminal block?-?urtk/s?-?0311087 schematic diagram simple current transformer test circuit a = normal operation b = measured value testing c = transformer short-circuit d = relay testing circuit diagram ? phoenix contact 2012 - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 0311087

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X