Part Number Hot Search : 
M35V6 K8VM800 001460 2SD525 Z6B8H U2602BR 109364 IXDP631
Product Description
Full Text Search
 

To Download XAC66SG0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rp / 11 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn xac series external miniature rectangular, removable contacts designed for external installation, the xac is the mrac removable contact connector equipped with protective shells and mounting plates for chassis or cable mounting on metal containers, bulkheads, or any outside surface equipment. lighter and smaller than other external connectors, they provide dependable service under adverse conditions. inserts are housed in protective shells and there is screw lock coupling of plug and receptacle. current rating: up to 13 amps no. of contacts: 9, 14, 18, 20, 26, 34, 42, 50, 66, 75, 104 contacts: contacts must be ordered separately. select from crimp, solder, dip solder, shielded or wire wrap terminations. electrical data: meets high potential performance requirements of mil-c-28748. the dielectric withstanding voltage is one minute electrification at 2000 vac. military versions are qpl?d to m28748/3 and m28748/4. specifications dielectric: diallyl phthalate, mil-m-14, type sdg-f, color gray polarization: seven positions available for pin and slot polarization on shells. additional polariza- tion can be provided with various arrangements of jackscrews and guides. accessories: shells, formed and drawn hoods, mounting plates, jackscrews and jacksockets. xac34sf2a010 xac34pm1a000 xac34pc1a700 catalog no. xmre75-0400xs ms 18192sxx xmre75-0400xp ms 18192-s6 xmra66-0700 ms 18193-t1 xmra66-0800 ms 18193-s1 xmra 104-0700 ms 18193-t2 xmra 104-0800 ms 18193-s2 xjtcms605p ms 18194-1 xjtcms605s ms 18194-2 xjtcms608p ms 18194-3 xjtcms608s ms 18194-4 xjtms605p ms 18195-1 xjtms605s ms 18195-2 xjtms606p ms 18195-3 xjtms606s ms 18195-4 xjms602p ms 18196-1 xjms602s ms 18196-2 catalog no. xac9-0300x ms 18192-t8 xac14-0300x ms 18192-t1 xac20-0300x ms 18192-t2 xmre9-0400x ms 18192-s8 xmre14-0400x ms 18192-s1 xmre20-0400x ms 18192-s2 xmre26-0300x ms18192-t9 xmre26-0400x ms 18192-s9 xmre34-0300x ms18192-t3 xmre34-0400x ms 18192-s3 xmre42-0300x ms 18192-t4 xmre42-0400x ms 18192-s4 xmre50-0300x ms18192-t5 xmre50-0400x ms 18192-s5 xmre75-0300xp ms 18192-t6 xmre75-0300xs ms 18192-txx catalog no. xjms603p ms 18196-3 xjms603s ms 18196-4 xnms700p ms 18197-1 xnms700s ms 18197-2 xnms702p ms 18197-3 xnms702-s ms 18197-4 xmra 14-0010 ms 18198-1 xmra 20-0010 ms 18198-2 xmra 34-0010 ms 18199-1 xmra42-0010 ms 18199-2 xmra50-0010 ms 18199-3 xmra75-0010 ms 18199-4 xmra66-0010 ms 18200-1 xmra104-0010 ms 18200-2
rp / 12 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn external miniature rectangular, removable contacts xac series connector assemblies definitions of connector terms plug: the complete connector half which has the plug shell as part of its assembly. receptacle: the complete connector half which has the receptacle shell as part of its assembly. shell: the metal housing in which a male or female insert is assembled. a shell is either a plug shell or a receptacle shell: plug shell - one which is designed to be inserted into a receptacle shell. receptacle shell - one which is designed to receive and enclose the plug shell upon engagement. male insert: the molded insulator body containing pin contacts. female insert: the molded insulator body containing socket contacts. pin contacts: male contacts that fit into the socket contacts. socket contacts: female contacts tubular in shape, which receive the pin contacts and retain them by spring tension. polarization: a means of controlling the engagement of a plug and receptacle so that correct mating of the contacts is achieved. accessories: those components such as hoods and mounting plates which are attachable to a plug or receptacle to facilitate mounting and/or handling of the connector, and to prevent inadvertent cross-mating. self-locking pins jackscrew and jacksocket knobs receptacle plug shell male insert mounting plate receptacle shell female insert fixed jackscrew fixed jacksocket turnable jacksocket turnable jackscrew
rp / 13 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn external miniature rectangular, removable contacts xac series contact arrangements dimensions are for reference only and are subject to change. outline drawings on request. views are rear (wiring end) of female inserts. (male inserts are opposite.) *for numerical contact identification instead of alphabetical, order xnac**p or s available in sizes 34, 50, and 104. sizes 66 and 75 have numerical contact identification as standard. the spacing, arrangement, and identificaion of contacts of the xac inserts are the same as those found on the series mrac removable contact connectors for the same number of contacts. mounting holes for no. 4 machine screws xac 66 1.109 .31r 1.969 2.281 .50 .25 1.125 xac 26 .09r .13r 1.312 1.625 .56 xac 9 .09r 1.000 1.313 .38 xac 14 .09r .937 1.250 .44 .13r xac 18 .09r 1.000 1.313 .56 .13r xac 20 .09r 1.250 1.563 .44 .13r .22 xac 34* 1.688 2.000 .75 .09r .23 .47 xac 42 2.000 2.313 .75 .09r .23 .23 .73 .47 xac 50* 2.282 2.594 .88 .16r .23 .73 .75 2.719 .47 xac 75 1.094 .16r 2.282 2.719 mounting holes for no. 6 machine screws xac 104* 1.469 .38r .44 2.594 1.234 1.109 .77 .23 1.531 .88 2.375 2.750 .075 typ .172 typ .075 typ .130 typ .075 typ .130 typ .075 typ .130 typ .075 typ .180 typ .075 typ .130 typ mounting holes for no. 4 machine screws .075 typ .180 typ mounting holes for no. 4 machine screws .075 typ .180 typ mounting holes for no. 4 machine screws .150 typ .180 typ mounting holes for no. 4 machine screws .075 typ .180 typ .075 typ .180 typ
rp / 14 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn external miniature rectangular, removable contacts xac series jackscrew & jacksockets turnable jackscrew-jacksocket combination (m, c, or d) assembles on either plug or recep- tacle; the mating connector-half (either receptacle or plug) must then contain fixed jackscrew-jacksocket combination (f). both short and long turning jackscrews (m and c) have knurled and slotted knobs for locking by hand or screwdriver. knob is assembled on shaft with hollow, removable, self-locking pin. safety wiring of engaged halves is achieved by using the through-hole in self-locking pin in the knob. specifications monojacks (d) are long turning one-peice locking devices with slotted and knurled head. shaft has through-hole for safety wire. available with hoods only, in sizes 34, 42, 50, 66, 75, and 104. drawings show extension of standard knobs beyond shell and beyond hood. dimensions are for reference only and are subject to change. outline drawings on request. views are rear (wiring end) of female inserts. (male inserts are opposite.) *on sizes 9, 14, 18, and 20, only large top opening hoods are available when (c) long turning jackscrews are used. catalog number for large top opening hoods is - 0300x. example: xac20-0300x applications jackscrew locking device assures positive coupling of engaged connectors to prevent accidental disconnecting from vibration or physical shock. it also aids easy connection and separation of connector plug and receptacle. mounted connector-half houses one non-turnable fixed jackscrew and jacksocket to insure connector polarization. mating-half houses one of the three types of turning jackscrew and jacksocket (m, c, or d). dimensions standard knobs - extension beyond hood xac 9* 14* 18* 20* 26 34 42 50 66 75 104 34 42 50 66 75 104 0300 .55 .55 .55 .55 .77 .58 .53 .53 ? .52 ? .59 .55 .55 ? .53 ? 0400 .55 .55 .55 .55 .55 .58 .53 .53 ? .52 ? .59 .55 .55 ? .53 ? 0700 ? ? ? ? ? .58 ? ? .64 ? .52 ? ? ? .38 ? .38 0800 ? ? ? ? ? .58 ? ? .64 ? .52 ? ? ? .38 ? .38 dimension a dimension b locking device specifications wt. oz. code see notes material and letter 1 & 2 finish jackscrew nickel plated brass jacksocket fixed f 0.15 jackscrew short stainless steel with jacksocket turnable m 0.30 passivating dip jackscrew long stainless steel with jacksocket turnable c 0.45 passivating dip mono-jackscrew long turnable d 1.07 nickel plated brass mono-jacksocket knob standard ? ? aluminum anodized note 1: weights are for pairs; i.e. for a jackscrew and jacksocket, etc., so weight figure may be added once to weights of other accessories when computing total weight of plug or receptacle. note 2: weights of turnable jack- screws and turnable jacksockets include knob and rollpins, except mono-jackscrew and mono-jacksocket, which is a one-piece construction (shaft and knob made in one piece); weight of fixed jackscrew and jacksocket includes nuts. .73 fixed jackscrews (f) monojacks (d) used with hoods long turning jackscrews (c) used with hoods short turning jackscrews (m) used only without hoods } } }
rp / 15 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn external miniature rectangular, removable contacts xac series outline - jackscrews dimensions 0300 0400 0300x 0400x 0700 0800 dimension a ? type cw 9 ? .36 .36 .36 ? ? 14 ? .36 .36 .36 ? ? 18 ? .36 .36 .36 ? ? 20 ? .36 .36 .36 ? ? 26 .36 .36 .36 .36 ? ? 34 .39 .39 .39 .39 .47 .47 42 .34 .34 .34 .34 ? ? 50 .34 .34 .34 .34 ? ? 66 ? ? ? ? .47 .47 75 .33 .33 .33 .33 ? ? dimension a ? type cu 9 ? .61 .61 .61 ? ? 14 ? .61 .61 .61 ? ? 18 ? .61 .61 .61 ? ? 20 ? .61 .61 .61 ? ? 26 .61 .61 .61 .61 ? ? 34 .64 .64 .64 .64 .72 .72 42 .59 .59 .59 .59 ? ? 50 .59 .59 .59 .59 ? ? 66 ? ? ? ? .72 .72 75 .58 .58 .58 .58 ? ? hoods size 0300 0400 0300x 0400x 0700 0800 dimension a ? type cx 9 ? .48 .48 .48 ? ? 14 ? .48 .48 .48 ? ? 18 ? .48 .48 .48 ? ? 20 ? .48 .48 .48 ? ? 26 .77 .48 .48 .48 ? ? 34 .52 .52 .52 .52 .61 .61 42 .47 .47 .47 .47 ? ? 50 .47 .47 .47 .47 ? ? 66 ? ? ? ? .61 .61 75 .45 .45 .45 .45 ? ? dimension a ? type cz 9 ? .61 .61 .61 ? ? 14 ? .61 .61 .61 ? ? 18 ? .61 .61 .61 ? ? 20 ? .61 .61 .61 ? ? 26 .92 .61 .61 .61 ? ? 34 .64 .64 .64 .64 .72 .72 42 .59 .59 .59 .59 ? ? 50 .59 .59 .59 .59 ? ? 66 ? ? ? ? .72 .72 75 .58 .58 .58 .58 ? ? hoods size all jackscrews and sockets are stainless steel, passivated (except f & d which are nickel plated brass). all knobs are dimensions are for reference only and are subject to change. outline drawings on request. cz cx cu cw a a a a .19 dia. .078 int. hex. .22 dia. .25 hex. .50 .22 dia. .22 dia. .97 .19 dia. .33 mu mw .73 .25 hex. fz mx .23 6-32 unc 2 thd. (typ.) aluminum, anodized except mw and cw which are stainless steel, passivated.
rp / 16 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn external miniature rectangular, removable contacts xac series dimensions hoods - side cable opening dimensions ab c d e f g xmra 34-0800 2.09 .84 1.17 2.58 .64x.75 1.688 1.06 xmra 66-0800 2.38 1.22 1.17 2.91 .84d 1.969 1.34 xmra 104-0800 2.84 1.63 2.23 3.38 1.19d 2.375 1.63 xmra 34-0800d 2.09 .84 1.17 2.58 .64x.75 1.688 1.06 xmra 66-0800d 2.38 1.22 1.17 2.91 .84d 1.969 1.34 xmra 104-0800d 2.84 1.63 2.23 3.38 1.19d 2.375 1.63 xmra 34-0200 2.09 .84 1.17 2.58 .64x.75 ? 1.06 xmra 66-0200 2.38 1.22 1.17 2.91 .84d ? 1.34 xmra 104-0200 2.84 1.63 2.23 3.38 1.19d ? 1.63 hood part no. (if ordered separately) type f jackscrews type d jack sockets and jackscrews foruse with type c jack sockets and jackscrews outline hoods - drawn aluminum dimensions are for reference only and are subject to change. outline drawings on request. the xac series uses standard xmra/ xmre protective hardware. to order separately, use xmre/xmra catalog numbers indicated. xmra drawn hoods for use with xac connectors. dimensions ab c d e f xmra 34-0700 2.09 .84 1.17 1.59 .66x.75 1.688 xmra 66-0700 2.38 1.22 1.17 1.69 1.03d 1.969 xmra 104-0700 2.84 1.63 2.23 2.75 1.19d 2.375 xmra 34-0700d 2.09 .84 1.17 1.59 .66x.75 1.688 xmra 66-0700d 2.38 1.22 1.17 1.69 1.03d 1.969 xmra 104-0700d 2.84 1.63 2.23 2.75 1.19d 2.375 xmra 34-0900 2.09 .84 1.17 1.59 .66x.75 ? xmra 66-0900 2.38 1.22 1.17 1.69 1.03d ? xmra 104-0900 2.84 1.63 2.23 2.75 1.19d ? hood part no. (if ordered separately) type f jackscrews type d jack sockets and jackscrews foruse with type c jack sockets and jackscrews hoods - top cable opening .08 .08 .08 top cable opening side cable opening
rp / 17 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn external miniature rectangular, removable contacts xac series outline hoods - formed aluminum dimensions are for reference only and are subject to change. outline drawings on request. dimensions for use with type c jacksockets & jackscrews cable opening dimensions for use with monojacks hood part no. (if ordered separately) abcd e dia. f dia. xmre 9-0400 xmre 9-0600j 1.28 1.31 1.63 .44 .31 ? xmre 9-0400x xmre 9-0600xj 1.28 1.31 1.61 .44 .59 .31 0.3 xmre 14 -0400 xmre 14-0600j 1.28 1.25 1.69 .5 .38 ? xmre 14-0400x xmre 14-0600xj 1.28 1.25 1.55 .5 .59 .38 0.3 xmre 18-0400 xmre 18-0600j 1.28 1.31 1.75 .38 .44 ? xmre 18-0400x xmre 18-0600xj 1.28 1.31 1.81 .38 .69 .44 0.4 xmre 20-0400 xmre 20-0600j 1.28 1.56 2 .5 .38 ? xmre 20-0400x xmre 20-0600xj 1.28 1.56 1.86 .5 .66 .38 0.3 xmre 26-0400 xmre 26-0600j 1.28 1.63 2.06 .64 .59 .38 xmre 26-0400x xmre 26-0600xj 1.28 1.63 2.13 .64 .78 .44 0.4 xmre 34-0400d xmre 34-0400 xmre 34-0600j 1.25 2 2.42 .83 .66 ? xmre 34-0400xd xmre 34-0400x xmre 34-0600xj 1.25 2 2.50 .83 .81 .56 0.6 xmre 42-0400d xmre 42-0400 xmre 42-0600j 1.30 2.31 2.73 .83 .63 .5 xmre 42-0400xd xmre 42-0400x xmre 42-0600xj 1.30 2.31 2.81 .83 .84 .56 0.7 xmre 50-0400d xmre 50-0400 xmre 50-0600j 1.30 2.59 3.02 .83 .63 .5 xmre 50-0400xd xmre 50-0400x xmre 50-0600xj 1.30 2.59 3.09 .83 1.06 .56 0.8 xmre 75-0400d xmre 75-0400 xmre 75-0600j 1.31 2.59 3.02 1.19 .63 .88 xmre 75-0400xd xmre 75-0400x xmre 75-0600xj 1.31 2.59 3.14 1.19 1 .88 1.0 * for use with g, k, or n guides, eliminate letter ?j? from part number for use with fixed jackscrews* hoods - top cable opening for use with type c jacksockets & jackscrews cable opening dimensions for use with monojacks hood part no. (if ordered separately) abcd e dia. f dia. wt. oz. (inc. 2 cable clamps and screws) for use with fixed jackscrews* xac 9-0300x xac 9-0500xj 1.28 1.31 1.58 .44 .59 .31 0.3 xac 14-0300x xac 14-0500xj 1.28 1.25 1.58 .50 .59 .38 0.3 xac 18-0300x xac 18-0500xj 1.28 1.31 1.78 .63 .61 .44 0.4 xac 20-0300x xac 20-0500xj 1.28 1.56 1.58 .50 .66 .38 0.3 xmre 26-0300 xmre 26-0500j 1.28 1.63 1.72 .64 .59 .38 xmre 26-0300x xmre 26-0500xj 1.28 1.63 1.78 .64 .78 .44 0.4 xmre 34-0300d xmre 34-0300 xmre 34-0500j 1.25 2 1.69 .83 .66 ? xmre 34-0300xd xmre 34-0300x xmre 34-0500xj 1.25 2 1.75 .83 1.06 .56 0.6 xmre 42-0300d xmre 42-0300 xmre 42-0500j 1.30 2.31 1.73 .83 .63 ? xmre 42-0300xd xmre 42-0300x xmre 42-0500xj 1.30 2.31 1.80 .83 1.06 .56 0.7 xmre 50-0300d xmre 50-0300 xmre 50-0500j 1.30 2.59 1.73 .83 .63 ? xmre 50-0300xd xmre 50-0300x xmre 50-0500xj 1.30 2.59 1.80 .83 1.06 .56 0.8 xmre 75-0300d xmre 75-0300 xmre 75-0500j 1.31 2.59 1.75 1.19 .63 .88 xmre 75-0300xd xmre 75-0300x xmre 75-0500xj 1.31 2.59 1.86 1.19 1 .88 1.0 * for use with g, k, or n guides, eliminate letter ?j? from part number hoods - side cable opening xmre formed hoods for use with xac connectors wt. oz. (inc. 2 cable clamps and screws) side cable opening large top cable opening top cable opening
rp / 18 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn dimensions are for reference only and are subject to change. outline drawings on request. outline shells - receptacles external miniature rectangular, removable contacts xac series dimensions shells - receptacles important note when ordering plug and receptacle shells the shell part numbers given in the table show an asterisk (*) where the code letter for the desired polarizing position belongs - example: xmre9-2*000 becomes xmre9- 2b000 when polarization in position ?b? is desired. specify the same position on the mating shell. for non-polarized shells, merely omit this position, e.g. xmre9-2000. dimensions wt. abcdefgoz. xmre 9-2*000 1.45 .52 .38 1.000 .88 .66 ? 0.15 xmre 14-2*000 1.39 .58 .45 .937 .81 .66 ? 0.16 xmre 18-2*000 1.45 .70 .58 1.000 .88 .66 ? 0.17 xmre 20-2*000 1.70 .58 .45 1.250 1.13 .66 ? 0.19 xmre 26-2*000 1.77 .70 .58 1.312 1.19 .66 ? 0.23 xmre 34-2*000 xmre 34-4*000 2.14 .89 .75 1.687 1.44 .66 .234 0.25 xmre 42-2*000 xmre 42-4*000 2.45 .89 .75 2.000 1.75 .66 .234 0.28 xmre 50-2*000 xmre 50-4*000 2.86 1.02 .75 2.282 2.03 .66 .234 0.30 xmra 66-2*000 xmra 66-4*000 2.42 1.27 1.13 1.969 1.72 .66 .250 0.28 xmre 75-2*000 xmre 75-4*000 2.86 1.38 1.11 2.282 2.03 .66 ? 0.32 xmra 104-2*000 xmra 104-4*000 2.91 1.69 1.48 2.375 2.13 .66 .437 0.30 shell part no. (if ordered separately) typical shells for monojacks style no. 4000 shells are .040 in. thick. shells are aluminum, anodized for protection against corrosion. either shell style - plug or receptacle - may be used to house the female insert, thus allowing the ?live? socket contacts to be cable or panel mounted, as desired. shells also provide a means by which connector polarization is accomplished - the receptacle shell is slotted for engaging a polarizing pin on the plug shell. any of seven positions (a, b, c, d, e, f or g) may be specified for polarization; non-polarized shells have the slot and pin omitted. for connector size a b c 34, 42, 50, 66, 75 .11 .120 .06r 104 .14 .150 .07r for xac 34, 42, 50, 66, for xac 75 receptacle shell and 104 configurations configuration style no. 2000 shells are .040 in. thick. .06r .03r .06r .06r ed .14r .120 dia. 2 holes b c .14r .120 dia. ed .114 g .06r .500 .120 dia. 6 holes g ed .384 r. b c ed ed .06r .06r .120 dia. 4 holes .150 dia. 6 holes .875 g .20 r. .421 r. ..140 dia. 4 holes b c .766 .383 .117 b c for all xac for xac 9 to 26 for xac 34, 42, for xac 66 for xac 75 for xac 104 configurations and 50 c typ. c typ. b dia. 4 corner holes b dia. 4 corner holes a a 2 slots 4 slots .06r mtg. hole style 9 .28 .156 typ. .312 typ. polarizing slot a f b c
rp / 19 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn external miniature rectangular, removable contacts outline shells - plugs xac series important note when ordering plug shells the shell part numbers given in the table shows an asterisk (*) where the code letter for the desired polarizing position belongs - example: xmre9-1*000 becomes xmre9-1b000 when polarization in position ?b? is desired. specify the same position on the mating shell. for non-polarized shells, merely omit this position, e.g. xmre9-1000. shells are .040 in. thick. stainless steel shells available for 66 and 104 sizes. dimensions vary from those shown for aluminum shells. check sales for availability and dimensions on all sizes. dimensions wt. abcdefgoz. xmre 9-1*000 1.44 .5 .38 1.000 .88 .63 ? 0.14 xmre 14-1*000 1.38 .56 .45 .937 .81 .63 ? 0.15 xmre 18-1*000 1.44 .69 .58 1.000 .88 .63 ? 0.16 xmre 20-1*000 1.69 .56 .45 1.250 1.13 .63 ? 0.18 xmre 26-1*000 1.75 .69 .58 1.312 1.19 .63 ? 0.22 xmre 34-1*000 xmre 34-3*000 2.13 .88 .75 1.687 1.44 .66 .234 0.24 xmre 42-1*000 xmre 42-3*000 2.44 .88 .75 2.000 1.75 .66 .234 0.26 xmre 50-1*000 xmre 50-3*000 2.84 1 .75 2.282 2.03 .66 .234 0.28 xmra 66-1*000 xmra 66-3*000 2.41 1.25 1.13 1.969 1.72 .66 .250 0.28 xmre 75-1*000 xmre 75-3*000 2.84 1.36 1.11 2.282 2.03 .66 ? 0.30 xmra 104-1*000 xmra 104-3*000 2.88 1.66 1.48 2.375 2.13 .66 .437 0.30 shell part no. (if ordered separately) typical shells for monojacks style no. 3000 shells are aluminum, anodized for protection against corrosion. either shell style - plug or receptacle - may be used to house the female insert, thus allowing the ?live? socket contacts to be cable or panel mounted, as desired. shells also provide a means by which connector polarization is accomplished - the receptacle shell is slotted for engaging a polarizing pin on the plug shell. any of seven positions (a, b, c, d, e, f or g) may be specified for polarization; non-polarized shells have the slot and pin omitted. dimensions for xac 104 for xac 75 for xac 66 for xac 34, 42, for xac 75 for all xac and 50 for xac 9 to 26 configurations for xac 75 for xac 34, 42, 50, 66, plug shell configuration and 104 configurations style no. 1000 shells are .040 in. thick. a 2 slots b dia. 4 corner holes c typ. c typ. b dia. 4 corner holes a 4 slots dimensions are for reference only and are subject to change. outline drawings on request. .06r b c f .508 a polarizing pin .156 typ. .312 typ. .14r .06r de .120 dia. 2 holes mtg. hole style 9 b c .14r g .468 .120 dia. 2 holes .06r de .120 dia. 4 holes .06r .03r g .06r .372 r. .500 .120 dia. 6 holes de b c de .06r b c .150 dia. 6 holes .875 .421 r. de .06r .120 dia. 4 holes .766 .20 r. g .140 dia. 4 holes b c .117 .383 for connector size a b c 34, 42, 50, 66, 75 .11 .120 .06r 104 .14 .150 .07r
rp / 20 rack & panel 62 barnes industrial road north, wallingford, connecticut 06492 phone:(203)741-5400 fax:(203)741-5500 www.winchesterelectroni cs.com winchester/retconn xac series external miniature rectangular, removable contacts ordering information xac 9 omit steps not required pm 000 1a step 9 special gaskets: omit letter when gaskets are not required. ** g- bulkhead gasket, style #0000g. use only when mounting plate is specified. ** f- face gasket, style #0000f. use with male insert only. ** b- if both gasket #0000g and gasket #0000f are desired. ** check plant for availability ** on all gaskets. step 8 mounting plate: 00- when no mounting plate is required *10- mounting plate, style #0010. note: see section xmra/e rp/ 57 . *mounting plates are not used with ?m?, ?c? or ?d? jackscrews. step 7 (see bottom chart) step 6 polarization position: a, b, c, d, e, f or g. omit letter when polarization is not required. step 5 shell type: ** 0 no shell ** 1 plug shell, style 1 * 000. ** 2 receptacle shell, style 2 * 000. ** 3 plug shell, monojack type, style 3 * 000. ** 4 receptacle, monojack type, style 4 * 000. ** 7 stainless steel plug shell, style 7 * 000. ** 8 stainless steel receptacle shell, style 8 * 000. * * polarizing position ** request availability ** information step 4 jackscrews (see bottom chart) step 3 pin or socket contacts: p - pin s - socket step 1 series: xac, xnac numerical contact identification on sizes 34, 50, and 104. step 2 no. of contacts: 9, 14, 18, 20, 26, 34, 42, 50, 66, 75, and 104 see note 1 below guides ** g- cylindrical guide with single spring member. recommended for ground only. ** k- cylindrical guide with four spring members. may be used for electrical contact. ** n- cylindrical guide without spring member. recommended for extra mechanical strength. jackscrews and jacksockets *** m- polarized short turnable jackscrew and jacksocket. cannot be used with hoods. *** c- polarized long turnable jackscrew and jacksocket for use with hoods. *** d- polarized one-piece mono-jackscrew and mono-jacksocket (no separate knob); to be used with hoods on sizes: 34, 42, 50, 66, 75, and 104. *** *** f- polarized fixed jackscrew and jacksocket usable with or without hood; (no knob required). ** mw- same as m but with knurled round knob with internal hex. ** mu- same as m but with knurled round knob with screwdriver slot. ** mx- same as m but with hex knob. ** cw- same as c but with knurled round knob with internal hex. ** cu- same as c but with knurled round knob with screwdriver slot. ** cx- same as c but with hex knob. ** cz- same as c but with prybar knob. ** request availability information *** material: nickel plated brass standard step 4 step 7 formed hoods: 0- no hood. 3- hood, top opening, style #0300, for use with type ?c? or ?d? jackscrews. 4- hood, side opening, style #0400, for use with type ?c? or ?d? jackscrews. 5- hood, top opening, style #0500j, for use with ?f? style jackscrews. 6- hood, side opening, style #0600j, for use with ?f? style jackscrews. deep drawn hoods: 7- hood, top opening, style #0700, for use with type ?c? or ?d? jackscrews. 8- hood, side opening, style #0800, for use with type ?c? or ?d? jackscrews. 9- hood, top opening, style #0900, for use with ?f? jackscrews. 2- hood, side opening, style #0200, for use with ?f? jackscrews. note: addition of ?x? to code # indicates cable opening larger than std. see hoods for cable opening size. example: xac20pc1a300 x note: 1. contacts are ordered separately. see 100 series contact section of rack & panel


▲Up To Search▲   

 
Price & Availability of XAC66SG0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X