Part Number Hot Search : 
HM669A A01BAGD1 MKP1841 MC101 ADR5044 TCMZ33V 703AG MA7D49A
Product Description
Full Text Search
 

To Download VP2206N3-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vp2206 p-channel enhancement-mode vertical dmos fet pin confgurations to-92 (n3) product marking to-39 (n2) yy = year sealed ww = week sealed vp 2206n2 yyww features ? free from secondary breakdown ? low power drive requirement ? ease of paralleling ? low c iss and fast switching speeds ? high input impedance and high gain ? excellent thermal stability ? integral source-to-drain diode applications ? motor controls ? converters ? amplifers ? switches ? power supply circuits ? drivers (relays, hammers, solenoids, lamps, memories, displays, bipolar transistors, etc.) general description the supertex vp2206 is an enhancement-mode (normally- off) transistor that utilizes a vertical dmos structure and supertexs well-proven silicon-gate manufacturing process. this combination produces a device with the power handling capabilities of bipolar transistors, and the high input impedance and positive temperature coeffcient inherent in mos devices. characteristic of all mos structures, this device is free from thermal runaway and thermally-induced secondary breakdown. supertexs vertical dmos fets are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired. gate source drain to-39 (n2) gate source drain to-92 (n3) yy = year sealed ww = week sealed = ?green? packaging sivp 2 206 yyww package may or may not include the following marks: si or package may or may not include the following marks: si or absolute maximum ratings parameter value drain-to-source voltage bv dss drain-to-gate voltage bv dgs gate-to-source voltage 20v operating and storage temperature -55 o c to +150 o c absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied. continuous operation of the device at the absolute rating level may affect device reliability. all voltages are referenced to device ground. ordering information device package options wafer / die options to-39 to-92 nw (die in wafer form) nj (die on adhesive tape) nd (die in waffe pack) vp2206 vp2206n2 VP2206N3-G vp5206 nw vp5206 nj vp5206 nd for packaged products, -g indicates package is rohs compliant (green). to-39 package is rohs compliant (green). devices in wafer / die form are rohs compliant (green). refer to die specifcation vf52 for layout and dimensions. product summary device bv dss /bv dgs (v) r ds(on) (max) () i d(on) (min) (a) vp2206n2 -60 0.9 -4.0 VP2206N3-G supertex inc. supertex inc.  1235 bordeaux drive, sunnyvale, ca 94089  t el: 408-222-8888  www .supertex.com
2 vp2206 electrical characteristics (t a = 25 o c unless otherwise specifed) sym parameter min typ max units conditions bv dss drain-to-source breakdown voltage -60 - - v v gs = 0v, i d = -10ma v gs(th) gate threshold voltage -1.0 - -3.5 v v gs = v ds , i d = -10ma v gs(th) change in v gs(th) with temperature - -4.3 -5.5 mv/ o c v gs = v ds , i d = -10ma i gss gate body leakage - -1.0 -100 na v gs = 20v, v ds = 0v i dss zero gate voltage drain current - - -50 a v gs = 0v, v ds = max rating - - -10 ma v ds = 0.8 max rating, v gs = 0v, t a = 125c i d(on) on-state drain current -0.85 -2.0 - v gs = -5.0v, v ds = -25v -4.0 -9.0 - a v gs = -10v, v ds = -25v r ds(on) static drain-to-source on-state resistance - 1.3 1.5 v gs = -5.0v, i d = -1.0a - 0.75 0.9 v gs = -10v, i d = -3.5a r ds(on) change in r ds(on) with temperature - 0.85 1.2 %/ o c v gs = -10v, i d = -3.5a g fs forward transductance 800 1400 - mmho v ds = -25v, i d = -2.0a c iss input capacitance - 325 450 pf v gs = 0v, v ds = -25v, f = 1.0mhz c oss common source output capacitance - 125 180 c rss reverse transfer capacitance - 30 40 t d(on) turn-on delay time - 4.0 15 ns v dd = -25v, i d = -4.0a, r gen = 10 t r rise time - 16 25 t d(off) turn-off delay time - 16 50 t f fall time - 22 50 v sd diode forward voltage drop - -1.1 -1.6 v v gs = 0v, i sd = -3.5a t rr reverse recovery time - 500 - ns v gs = 0v, i sd = -1.0a notes: 1. all d.c. parameters 100% tested at 25 o c unless otherwise stated. (pulse test: 300s pulse, 2% duty cycle.) 2. all a.c. parameters sample tested. notes: ? i d (continuous) is limited by max rated t j . thermal characteristics package i d (continuous) ? (a) i d (pulsed) (a) power dissipation @t c = 25 o c (w) jc ( o c/w) ja ( o c/w) i dr ? (a) i drm (a) to-39 -0.75 -8.0 6.0 20.8 125 -0.75 -8.0 to-92 -0.64 -4.0 1.0 125 170 -0.64 -4.0 switching waveforms and test circuit 90% 10% 90% 90% 10% 10% pulse generator v dd r l output d.u.t. t (on) t d(on) t (off) t d(off) t f t r input input output 0v vdd r gen 0v -10v supertex inc.  1235 bordeaux drive, sunnyvale, ca 94089  t el: 408-222-8888  www .supertex.com
3 vp2206 typical performance curves output characteristicss aturation characteristic s maximum rated safe operating area -1.0 -10 -100 -1000 -10 -1.0 -0.1 -0.01 thermal response characteristics thermal resistance (normalized) 0.001 0.01 0.1 1.0 10 transconductance vs. drain current 2.0 1.0 0 0 -5.0 -1 0 power dissipation vs. case temperature 0 25 50 75 100 125 15 0 to-3 9 p d = 6.0w t c = 25 o c to-92 to-39 to-39 (dc) to-92 (dc) to-39 (pulsed ) 0 -10 -20 -30 -40 -5 0 -3v 0 -2.0 -4.0 -6.0 -8.0 -10 -6v to-92 (pulsed ) -4v -3v -8v -6v -4v t c = 25 o c v ds (volts) i d (amperes) v ds (volts) v gs = -10v v gs = -10v g fs (siemens) i d (amperes) t c ( o c) p d (watts) v ds = -25v v ds (volts) i d (amperes) t p (seconds ) i d (amperes) t a = 125 o c -8v t a = 25 o c t a = -55 o c to-92 p d = 1.0w t c = 25 o c -10 -8.0 -6.0 -4.0 -2.0 0 -10 -8.0 -6.0 -4.0 -2.0 0 10 8.0 6.0 4.0 2.0 0 10 8.0 6.0 4.0 2.0 0 supertex inc.  1235 bordeaux drive, sunnyvale, ca 94089  t el: 408-222-8888  www .supertex.com
4 vp2206 typical performance curves (cont.) gate drive dynamic characteristic s v gs(th) (normalized ) on-resistance vs. drain curren t transfer characteristics capacitance vs. drain-to-source voltage 400 300 200 100 0 c (picofarads) 0 -10 -20 -30 -40 -50 0 50 100 150 1.1 1.0 0.9 5.0 4.0 3.0 2.0 1.0 0 1.2 1.1 1.0 0.9 0.8 0.7 -10 -8.0 -6.0 -4.0 -2.0 0 0 2.0 4.0 6.0 8.0 10 310 pf 0 -2.0 -4.0 -6.0 -8.0 -10 f = 1.0mhz 725 pf 2.0 1.6 1.2 0.8 0.4 0 v (th) @ -1.0ma r ds(on) @ -10v, -3.5a v gs = -5.0v r ds(on) (ohms) bv dss (normalized) t j ( o c) i d (amperes) bv dss variation with temperatur e v ds = -25v v (th) and r ds variation with temperature v gs (volts) r ds(on) (normalized) q g (nanocoulombs ) v gs (volts) v ds (volts) c iss c os s c rs s v ds = -40v v ds = -10v t j ( o c) i d (amperes) v gs = -10v -50 0 50 100 150 25 o c t a = -55 o c 125 o c 0 -2.0 -4.0 -6.0 -8.0 -10 -10 -8.0 -6.0 -4.0 -2.0 0 supertex inc.  1235 bordeaux drive, sunnyvale, ca 94089  t el: 408-222-8888  www .supertex.com
5 vp2206 3-lead to-39 package outline (n2) 1 2 3 side v iew bottom v iew d1 d a h l b j k a 1 2 3 seating plane symbol a a b d d1 h j k l dimension (inches) min 45 o nom 90 o nom .240 .190 .016 .350 .315 .009 .028 .029 .500 nom - - - - - - - - - max .260 .210 .021 .370 .335 .125 .034 .040 .560* jedec registration to-39. * this dimension is not specifed in the jedec drawing. drawings not to scale. supertex doc. #: dspd-3to39n2, version b052009. supertex inc.  1235 bordeaux drive, sunnyvale, ca 94089  t el: 408-222-8888  www .supertex.com
6 vp2206 (the package drawing(s) in this data sheet may not refect the most current specifcations. for the latest package outline information go to http://www.supertex.com/packaging.html .) doc.# dsfp-vp2206 d031411 3-lead to-92 package outline (n3) symbol a b c d e e1 e e1 l dimensions (inches) min .170 .014 ? .014 ? .175 .125 .080 .095 .045 .500 nom - - - - - - - - - max .210 .022 ? .022 ? .205 .165 .105 .105 .055 .610* jedec registration to-92. * this dimension is not specifed in the jedec drawing. ? this dimension differs from the jedec drawing. drawings not to scale. supertex doc.#: dspd-3to92n3, version e041009. seating plane 1 2 3 front v iew side v iew bottom v iew e1 e d e1 l e c 1 2 3 b a supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such appl ications unless it receives an adequate ?product liability indemnification insurance agreement.? supertex inc. does not assume responsibility for use of devices described, and limits its liability to the replacement of the devices determined defective due to workmanship. no responsibility is assumed for possible omissions and inaccuracies. circuitry and specifications are subject to change without notice. for the latest product specifications refer to the supertex inc. (website: http//www .supertex.com) ?201 1 supertex inc. a ll rights reserved. unauthorized use or reproduction is prohibited. supertex inc. 1235 bordeaux drive, sunnyvale, ca 94089 t el: 408-222-8888 www .supertex.com


▲Up To Search▲   

 
Price & Availability of VP2206N3-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X