Part Number Hot Search : 
TSL4531 MC7806 1N914A TOSW230 100ML H40RF60 LA4590W 20EIB
Product Description
Full Text Search
 

To Download UPJ1H221MPD1TD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pressure relief vent in case l >25 for the 12.5 dia. unit, lead dia. d=0.8mm. u 1 p 2 j 3 1 4 e 5 4 6 7 7 1 8 m 9 p 10 d 11 12 configuration size code capacitance tolerance ( 20%) rated capacitance (470f) rated voltage (25v) series name type type 15000 10000 6800 4700 3300 2200 1500 1000 680 470 frequency coefficient rated voltage small dia low profile code 6 15 min 4 min d d + 0.5 max. (6.3up) d p d 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 5.0 0.6 12.5 0.6 16 7.5 0.8 18 7.5 0.8 (d < 10) 1.0 (d 10) 1.5 l + max. sleeve ( p.e.t. ) d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 8 10 pd 12.5 to 18 hd configuration (mm) p 0.5 aluminum electrolytic capacitors pj series low impedance, for switching power supplies low impedance and high reliability withstanding 5000 hours load life at +105?c (3000 / 2000 hours for smaller case sizes as specified below). capacitance ranges available based on the numerical values in e12 series under jis. ideally suited for use of switching power supplies. compliant to the rohs directive (2002/95/ec). specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance marking performance characteristics item 55 to +105?c (6.3 to 100v), 40 to +105?c (160 to 400v), 25 to +105?c (450v) 6.3 to 450v 0.47 to 15000f 20% at 120hz, 20?c rated voltage (v) leakage current 120hz after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a), whichever is greater. printed with white color letter on dark brown sleeve. the specifications listed at right shall be met when the capacitors are restored to 20 ?c after d.c. bias plus rated ripple current is applied for 5000 hours (2000 hours for d=5 and 6.3, 3000 hours for d=8) at 105 ?c , the peak voltage shall not exceed the rated voltage. shelf life after storing the capacitors under no load at 105?c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20?, they shall meet the specified values for the endurance characteristics listed above. 160 to 450 cv < = 1000 : i = 0.1cv + 40 (a) max. (1 minute's) cv > 1000 : i = 0.04cv + 100 (a) max. (1 minute's) rated voltage (v) impedance ratio ( max. ) z 25?c / z+20?c z 40?c / z+20?c z 55?c / z+20?c 6.3 10 4 16 3 25 35 3 50 to 100 2 160 200 4 250 6 315 350 8 400 10 450 15 radial lead type pj 6.3 to 100 type numbering system (example : 25v 470f) dimension table in next pages. leakage current tan capacitance change less than or equal to the initial specified value 200% or less than the initial specified value within 20% of the initial capacitance value leakage current tan capacitance change less than or equal to the initial specified value 150% or less than the initial specified value within 20% of the initial capacitance value please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. ? please refer to page 20 about the end seal configulation. 15000 10000 6800 4700 3300 2200 1500 1000 680 470 330 220 150 100 68 47 33 22 15 10 0.68 0.47 0 0.5 0.6 0.7 0.8 0.9 1.0 frequency coefficient cap.(f) 300hz 1khz 120hz frequency coefficient rated voltage 6.3 to 100v (10khz to 200khz = 1) 160 to 450v 50hz 120hz 300hz 1khz 10khz or more 0.80 1.00 1.25 1.40 1.60 frequency coefficient of rated ripple current ps smaller for capacitance of more than 1000f, add 0.02 for every increase of 1000f. 120hz, 20?c rated voltage (v) tan ( max. ) 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 to 100 0.08 160 to 350 0.20 400 450 0.25 cat.8100b
pj series aluminum electrolytic capacitors dimensions 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 cap. (f) 6.3 (0j) 35 (1v) 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 10 31.5 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 35.5 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 40 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 35.5 25 (1e) 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 16 20 16 20 16 25 18 20 18 25 18 31.5 18 35.5 16 (1c) 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 16 20 16 20 18 20 18 25 18 25 18 31.5 18 35.5 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 31.5 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 6 6 6 6 6 10 (1a) 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 18 15 16 20 18 20 18 20 18 25 18 31.5 18 31.5 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 35.5 16 40 18 40 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 40 v (code) size code code 0000.47 0000.68 0001 0001.5 0002.2 0003.3 0004.7 0006.8 00 10 00 12 00 15 00 18 00 22 00 27 00 33 00 39 00 47 00 56 00 68 00 82 0 100 0 120 0 150 0 180 0 220 0 270 0 330 0 390 0 470 0 560 0 680 0 820 1000 1200 1500 1800 2200 r47 r68 010 1r5 2r2 3r3 4r7 6r8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 50 (1h) 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 10 31.5 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 10 20 10 20 10 25 10 31.5 10 31.5 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 10 12.5 10 12.5 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 16 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 35.5 100 (2a) 10 12.5 10 12.5 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 16 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 31.5 80 (1k) 10 12.5 10 12.5 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 35.5 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 10 20 10 20 10 25 10 31.5 10 31.5 12.5 25 12.5 31.5 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 6 6 6 6 63 (1j) 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 16 15 18 15 16 20 16 20 18 20 18 25 18 31.5 18 31.5 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 40 v (code) size code code in case of low profile type, will be put at 12th digit of type numbering system. 6 cap. (f) dimension table for 160 to 450v products are shown in 187 page. d l (mm) d l (mm) cat.8100b
pj series aluminum electrolytic capacitors standard ratings v (code) case size d l (mm) case size d l (mm) impedance ( ? ) max. impedance ( ? ) max. rated ripple (marms) rated ripple (marms) 6 20?c / 100khz 20?c / 100khz 10?c / 100khz 10?c / 100khz 105?c / 120hz 105?c / 120hz item size code 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 10 31.5 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 1.40 1.10 0.78 0.60 0.48 0.39 0.32 0.27 0.22 0.19 0.16 0.13 0.12 0.10 0.084 0.078 0.066 0.051 0.045 0.037 0.034 0.031 0.029 0.027 0.025 0.023 0.022 3.50 2.80 2.10 1.50 1.20 1.00 0.80 0.68 0.55 0.48 0.40 0.33 0.30 0.25 0.21 0.20 0.17 0.14 0.11 0.093 0.085 0.078 0.073 0.068 0.063 0.058 0.055 150 175 225 250 285 370 405 445 550 595 730 795 950 1020 1220 1370 1470 1590 1710 1910 2100 2270 2370 2550 2750 2820 2960 99 115 155 175 205 275 310 345 435 480 605 670 820 895 1090 1230 1320 1430 1530 1710 1890 2040 2130 2290 2470 2530 2660 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 18 15 16 20 18 20 18 20 18 25 18 31.5 18 31.5 0.23 0.21 0.18 0.15 0.13 0.12 0.10 0.084 0.078 0.072 0.065 0.056 0.050 0.047 0.039 0.031 0.028 0.58 0.53 0.45 0.38 0.33 0.30 0.25 0.21 0.20 0.18 0.16 0.14 0.13 0.12 0.098 0.078 0.070 575 600 700 750 890 950 1020 1270 1340 1500 1600 1720 1920 1980 2210 2390 2490 455 485 580 635 765 835 915 1140 1200 1350 1440 1540 1720 1780 1980 2150 2240 6.3 (0j) 105?c / 10khz to 200khz 105?c / 10khz to 200khz cap. (f) v (code) case size d l (mm) case size d l (mm) impedance ( ? ) max. impedance ( ? ) max. rated ripple (marms) rated ripple (marms) 10 (1a) 6 20?c / 100khz 20?c / 100khz 10?c / 100khz 10?c / 100khz 105?c / 105?c / 120hz 105?c / 120hz cap.(f) item size code 10khz to 200khz 105?c / 10khz to 200khz 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 35.5 16 40 18 40 1.30 1.10 0.84 0.72 0.55 0.46 0.38 0.31 0.26 0.22 0.19 0.16 0.13 0.11 0.096 0.078 0.072 0.057 0.045 0.036 0.032 0.030 0.028 0.026 0.024 0.023 0.021 3.30 2.80 2.10 1.80 1.40 1.20 0.95 0.78 0.65 0.55 0.48 0.40 0.33 0.28 0.24 0.20 0.18 0.14 0.11 0.090 0.080 0.075 0.070 0.065 0.060 0.058 0.053 155 175 210 235 265 290 370 405 460 550 595 730 795 985 1060 1280 1440 1470 1710 1940 2180 2360 2420 2610 2680 2820 3040 97 110 135 160 185 205 270 300 350 430 475 590 660 835 915 1120 1290 1320 1530 1740 1960 2120 2170 2340 2410 2530 2730 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 16 20 16 20 18 20 18 25 18 25 18 31.5 18 35.5 0.24 0.21 0.18 0.14 0.13 0.10 0.096 0.078 0.072 0.060 0.051 0.045 0.041 0.035 0.033 0.027 0.025 0.60 0.53 0.45 0.35 0.33 0.25 0.24 0.20 0.18 0.15 0.13 0.11 0.10 0.088 0.083 0.068 0.063 555 600 700 770 920 1040 1060 1330 1420 1600 1740 1850 2050 2250 2340 2540 2690 430 475 565 635 780 895 930 1190 1270 1440 1560 1660 1840 2020 2100 2280 2420 in case of low profile type, will be put at 12th digit of type numbering system. 6 code code cat.8100b
pj series aluminum electrolytic capacitors standard ratings v (code) code case size d l (mm) case size d l (mm) impedance ( ? ) max. impedance ( ? ) max. rated ripple (marms) rated ripple (marms) 16 (1c) 6 20?c / 100khz 20?c / 100khz 10?c / 100khz 10?c / 100khz 105?c / 120hz 105?c / 120hz cap. (f) item size code 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 31.5 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 1.30 1.10 0.78 0.66 0.55 0.45 0.37 0.31 0.26 0.22 0.18 0.16 0.14 0.12 0.10 0.084 0.072 0.060 0.048 0.039 0.034 0.031 0.028 0.027 0.025 0.024 0.022 0.021 3.30 2.80 2.00 1.70 1.40 1.10 0.93 0.78 0.65 0.55 0.45 0.40 0.35 0.30 0.25 0.21 0.18 0.15 0.12 0.10 0.085 0.078 0.070 0.068 0.063 0.060 0.055 0.053 155 175 220 240 265 290 375 405 460 550 595 730 770 950 1020 1220 1410 1430 1660 1880 2010 2220 2410 2470 2680 2820 2900 3040 92 105 135 155 175 195 260 285 335 410 455 570 615 770 845 1030 1210 1250 1490 1690 1800 1990 2160 2220 2410 2530 2610 2730 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 16 20 16 20 16 25 18 20 18 25 18 31.5 18 35.5 0.22 0.18 0.16 0.14 0.13 0.11 0.096 0.084 0.072 0.066 0.054 0.048 0.040 0.039 0.034 0.028 0.027 0.55 0.45 0.40 0.35 0.33 0.28 0.24 0.21 0.18 0.17 0.14 0.12 0.10 0.10 0.085 0.070 0.068 575 625 730 770 920 985 1060 1270 1390 1560 1700 1800 2010 2090 2290 2490 2620 430 480 570 615 745 815 895 1090 1220 1400 1530 1620 1800 1880 2060 2240 2350 105?c / 10khz to 200khz 105?c / 10khz to 200khz v (code) code case size d l (mm) case size d l (mm) impedance ( ? ) max. impedance ( ? ) max. rated ripple (marms) rated ripple (marms) 25 (1e) 6 20?c / 100khz 20?c / 100khz 10?c / 100khz 10?c / 100khz 105?c / 105?c / 120hz 105?c / 120hz cap. (f) item size code 10khz to 200khz 105?c / 10khz to 200khz 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 40 1.30 1.10 0.84 0.72 0.57 0.47 0.39 0.32 0.26 0.22 0.18 0.15 0.13 0.11 0.10 0.084 0.072 0.059 0.048 0.043 0.035 0.032 0.029 0.027 0.025 0.023 0.022 3.30 2.80 2.10 1.80 1.40 1.20 0.98 0.80 0.65 0.55 0.45 0.38 0.33 0.28 0.25 0.21 0.18 0.15 0.12 0.11 0.088 0.080 0.073 0.068 0.063 0.058 0.055 155 175 210 235 260 285 370 405 460 550 625 750 795 985 1020 1220 1420 1430 1660 1760 1980 2180 2360 2470 2680 2820 2960 88 100 125 140 160 180 245 275 320 390 455 560 610 770 810 990 1180 1210 1430 1550 1780 1960 2120 2220 2410 2530 2660 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 35.5 0.24 0.21 0.18 0.15 0.13 0.11 0.10 0.084 0.079 0.066 0.061 0.050 0.041 0.040 0.034 0.029 0.026 0.60 0.53 0.45 0.38 0.33 0.28 0.25 0.21 0.20 0.17 0.15 0.13 0.10 0.10 0.085 0.073 0.065 555 600 700 750 920 985 1060 1270 1340 1520 1600 1770 1980 2050 2290 2490 2690 395 435 525 575 720 785 860 1050 1130 1310 1400 1590 1780 1840 2060 2240 2420 in case of low profile type, will be put at 12th digit of type numbering system. 6 cat.8100b
pj series aluminum electrolytic capacitors standard ratings v (code) code case size d l (mm) case size d l (mm) impedance ( ? ) max. impedance ( ? ) max. rated ripple (marms) rated ripple (marms) 35 (1v) 6 20?c / 100khz 20?c / 100khz 10?c / 100khz 10?c / 100khz 105?c / 120hz 105?c / 120hz cap. (f) size code 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 40 1.30 1.00 0.78 0.66 0.54 0.45 0.37 0.31 0.26 0.22 0.18 0.16 0.13 0.11 0.096 0.084 0.072 0.059 0.048 0.042 0.035 0.031 0.029 0.027 0.024 0.022 0.021 3.30 2.50 2.00 1.70 1.40 1.10 0.93 0.78 0.65 0.55 0.45 0.40 0.33 0.28 0.24 0.21 0.18 0.15 0.12 0.11 0.088 0.078 0.073 0.068 0.060 0.055 0.053 160 180 225 245 270 295 370 415 460 550 595 730 795 985 1060 1220 1420 1430 1660 1760 1980 2180 2360 2470 2680 2900 3040 85 99 125 140 160 180 230 265 305 370 415 520 580 735 810 955 1130 1160 1370 1490 1710 1920 2120 2220 2410 2610 2730 10 12.5 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 35.5 0.24 0.20 0.18 0.14 0.13 0.10 0.096 0.084 0.075 0.066 0.060 0.050 0.041 0.040 0.034 0.028 0.026 0.60 0.50 0.45 0.35 0.33 0.25 0.24 0.21 0.19 0.17 0.15 0.13 0.10 0.10 0.085 0.070 0.065 555 625 700 770 920 1020 1060 1270 1360 1540 1620 1770 1980 2050 2290 2490 2690 375 435 500 560 690 780 825 1010 1100 1270 1370 1530 1740 1840 2060 2240 2420 105?c / 10khz to 200khz 105?c / 10khz to 200khz v (code) code case size d l (mm) case size d l (mm) impedance ( ? ) max. impedance ( ? ) max. rated ripple (marms) rated ripple (marms) 50 (1h) 6 20?c / 100khz 20?c / 100khz 10?c / 100khz 10?c / 100khz 105?c / 120hz 105?c / 120hz cap. (f) size code r47 r68 010 1r5 2r2 3r3 4r7 6r8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 20 8 20 10 20 10 20 10 25 10 31.5 10 31.5 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 31.00 21.00 14.00 9.80 6.50 4.60 3.10 2.50 2.00 1.70 1.30 1.10 0.91 0.74 0.60 0.50 0.42 0.35 0.28 0.22 0.18 0.16 0.13 0.11 0.098 0.085 0.072 0.053 0.048 0.040 0.036 0.033 0.030 0.028 0.026 0.025 0.024 80.00 55.00 38.00 28.00 18.00 12.00 7.80 6.30 5.00 4.30 3.30 2.80 2.30 1.90 1.50 1.30 1.10 0.88 0.70 0.55 0.45 0.40 0.33 0.28 0.25 0.21 0.18 0.13 0.12 0.10 0.090 0.083 0.075 0.070 0.065 0.063 0.060 22 28 36 45 54 66 81 91 115 125 145 155 195 215 240 260 330 360 410 500 620 670 820 890 1040 1200 1300 1440 1500 1680 1850 2010 2120 2260 2410 2460 2560 11 14 18 22 27 33 40 45 57 62 72 79 100 115 135 150 195 220 255 320 410 455 570 635 760 900 995 1120 1190 1360 1530 1700 1830 1990 2170 2210 2300 10 12.5 10 15 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 16 15 18 15 16 20 16 20 18 20 18 25 18 31.5 18 31.5 0.23 0.21 0.17 0.14 0.12 0.10 0.091 0.078 0.072 0.060 0.053 0.048 0.043 0.036 0.031 0.029 0.58 0.53 0.43 0.35 0.31 0.25 0.23 0.20 0.18 0.15 0.13 0.12 0.11 0.090 0.078 0.073 510 580 640 785 845 920 1120 1210 1270 1470 1550 1630 1810 2000 2140 2220 330 385 435 545 605 670 840 925 990 1170 1260 1350 1530 1730 1880 1990 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 105?c / 10khz to 200khz 105?c / 10khz to 200khz in case of low profile type, will be put at 12th digit of type numbering system. 6 item item cat.8100b
pj series aluminum electrolytic capacitors standard ratings code case size d l (mm) case size d l (mm) impedance ( ? ) max. impedance ( ? ) max. rated ripple (marms) rated ripple (marms) 63 (1j) 6 20?c / 100khz 20?c / 100khz 10?c / 100khz 10?c / 100khz 105?c / 120hz 105?c / 120hz cap. (f) item size code 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 10 20 10 20 10 25 10 31.5 12.5 20 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 40 1.60 1.40 1.10 0.95 0.78 0.64 0.52 0.45 0.37 0.31 0.26 0.22 0.18 0.15 0.13 0.11 0.094 0.081 0.072 0.059 0.052 0.047 0.043 0.040 0.037 0.034 4.00 3.50 2.80 2.40 2.00 1.60 1.30 1.10 0.93 0.78 0.65 0.55 0.45 0.38 0.33 0.28 0.24 0.20 0.18 0.15 0.13 0.12 0.11 0.10 0.093 0.085 135 145 185 195 215 240 305 330 365 450 500 600 750 820 950 1110 1140 1340 1420 1620 1780 1950 2050 2220 2370 2510 67 72 92 100 110 130 170 190 215 275 315 385 495 555 665 790 835 1000 1090 1260 1420 1580 1700 1880 2050 2210 10 12.5 10 12.5 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 18 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 35.5 0.34 0.28 0.24 0.20 0.18 0.14 0.12 0.10 0.088 0.078 0.070 0.063 0.058 0.051 0.043 0.040 0.85 0.70 0.60 0.50 0.45 0.35 0.30 0.25 0.22 0.20 0.18 0.16 0.15 0.13 0.12 0.10 450 495 580 695 750 845 1050 1120 1290 1410 1500 1700 1730 1940 2110 2280 275 310 375 460 510 590 750 820 965 1080 1170 1350 1400 1610 1780 1970 105?c / 10khz to 200khz 105?c / 10khz to 200khz v (code) code case size d l (mm) case size d l (mm) impedance ( ? ) max. impedance ( ? ) max. rated ripple (marms) rated ripple (marms) 80 (1k) 6 20?c / 100khz 20?c / 100khz 10?c / 100khz 10?c / 100khz 105?c / 120hz 105?c / 120hz cap. (f) item size code 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 4r7 6r8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 10 20 10 20 10 25 10 31.5 10 31.5 12.5 25 12.5 31.5 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 4.20 2.60 1.70 1.40 1.20 1.00 0.77 0.63 0.53 0.46 0.39 0.34 0.28 0.25 0.21 0.18 0.15 0.13 0.12 0.10 0.088 0.078 0.069 0.062 0.055 0.049 0.044 11.00 7.00 4.60 3.80 3.20 2.70 2.10 1.70 1.40 1.20 1.10 0.92 0.76 0.68 0.57 0.49 0.41 0.35 0.32 0.27 0.24 0.21 0.19 0.17 0.15 0.13 0.12 53 68 87 96 104 114 135 149 234 272 295 347 426 447 526 606 663 734 816 894 1000 1060 1450 1600 1770 1890 2080 26 34 43 48 52 58 71 80 132 156 175 208 264 284 347 406 459 520 595 667 767 822 1150 1300 1470 1590 1790 10 12.5 10 12.5 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 16 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 31.5 0.49 0.42 0.36 0.31 0.27 0.23 0.20 0.18 0.15 0.13 0.11 0.099 0.089 0.080 0.072 0.065 1.30 1.10 0.97 0.84 0.73 0.62 0.54 0.47 0.41 0.35 0.30 0.27 0.24 0.22 0.19 0.18 271 293 337 402 430 466 663 699 766 881 995 1140 1170 1330 1490 1560 155 174 202 249 273 308 444 484 543 643 742 874 908 1060 1210 1300 105?c / 10khz to 200khz 105?c / 10khz to 200khz in case of low profile type, will be put at 12th digit of type numbering system. 6 v (code) cat.8100b
pj series aluminum electrolytic capacitors standard ratings code case size d l (mm) case size d l (mm) impedance ( ? ) max. impedance ( ? ) max. rated ripple (marms) rated ripple (marms) 100 (2a) 6 20?c / 100khz 20?c / 100khz 10?c / 100khz 10?c / 100khz 105?c / 120hz 105?c / 120hz cap. (f) size code 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 r47 r68 010 1r5 2r2 3r3 4r7 6r8 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 15 6.3 15 8 11.5 8 15 8 15 8 20 10 20 10 20 10 25 10 31.5 10 31.5 12.5 25 12.5 25 12.5 31.5 12.5 35.5 12.5 40 16 31.5 16 35.5 16 40 18 35.5 18 40 43.0 23.0 17.0 10.0 6.60 4.10 2.80 1.90 1.20 1.00 0.81 0.67 0.55 0.47 0.38 0.33 0.28 0.24 0.21 0.18 0.15 0.13 0.11 0.098 0.087 0.072 0.062 0.053 0.047 0.041 0.036 116.0 62.0 46.0 27.0 18.0 11.0 7.60 5.10 3.20 2.70 2.20 1.80 1.50 1.30 1.00 0.89 0.76 0.65 0.57 0.49 0.41 0.35 0.30 0.26 0.23 0.19 0.17 0.14 0.13 0.11 0.097 17 23 27 35 43 54 68 83 104 114 131 155 230 269 299 352 423 456 526 606 663 774 798 904 1000 1130 1520 1730 1920 2070 2300 8 11 13 17 21 27 34 41 52 57 65 80 122 146 169 202 252 274 326 386 438 519 553 641 730 843 1160 1340 1530 1680 1910 10 12.5 10 12.5 10 15 12.5 15 12.5 15 12.5 15 16 15 16 15 16 15 18 15 16 20 16 25 18 20 18 25 18 31.5 18 35.5 0.50 0.42 0.36 0.31 0.27 0.23 0.19 0.17 0.14 0.12 0.11 0.093 0.080 0.070 0.062 0.056 1.40 1.10 0.97 0.84 0.73 0.62 0.51 0.46 0.38 0.32 0.30 0.25 0.22 0.19 0.17 0.15 268 293 337 402 430 466 681 719 793 917 995 1170 1230 1420 1600 1770 145 166 193 239 258 289 433 475 531 635 706 854 918 1080 1240 1410 105?c / 10khz to 200khz 105?c / 10khz to 200khz 1 2.2 3.3 4.7 10 22 33 47 100 010 2r2 3r3 4r7 100 220 330 470 101 8 11.5 8 11.5 10 12.5 10 12.5 10 15 12.5 20 12.5 25 16 25 16 35.5 19 30 50 57 90 140 175 220 330 2c cap. (f) 1 rated ripple current (marms) at 105 ?c 120hz 160 2d 200 2e 250 2f 315 2v 350 2g 400 2w 450 8 11.5 8 11.5 10 12.5 10 15 10 20 12.5 25 16 25 16 25 18 40 19 30 50 60 95 145 180 220 345 10 15 10 20 12.5 20 12.5 25 16 25 16 35.5 18 40 case size 17 28 48 55 90 135 170 1 8 11.5 10 12.5 10 15 10 15 12.5 20 16 25 16 25 16 31.5 18 40 19 32 52 60 98 150 180 225 345 8 11.5 10 12.5 10 15 10 20 12.5 20 16 25 16 31.5 18 35.5 19 32 52 65 98 150 185 235 10 12.5 10 15 10 20 10 20 12.5 25 16 25 16 35.5 18 40 21 34 54 65 100 150 190 240 10 12.5 10 15 10 20 12.5 20 12.5 25 16 31.5 18 35.5 17 28 47 55 85 130 170 v (code) v in case of low profile type, will be put at 12th digit of type numbering system. 6 item code cat.8100b


▲Up To Search▲   

 
Price & Availability of UPJ1H221MPD1TD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X