Part Number Hot Search : 
SP200 ITSX93C 00140 TIC256 1N3701B C4885 2N3644 CX9SM
Product Description
Full Text Search
 

To Download TQP3M9038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TQP3M9038 high linearity lna gain block data sheet: rev c 12/13/2012 - 1 of 8 - disclaimer: subject to change without notice ? 2012 triquint semiconductor, inc. connecting the digital world to the global network ? applications ? repeaters ? mobile infrastructure ? defense/aerospace ? lte / wcdma / edge / cdma ? general purpose wireless ? if amplifier, rf driver amplifier 3x3 mm 16 pin qfn package product features ? 50 ? 4000 mhz operating range ? flat gain (14.7 0.3 db) from 50 to 3500 mhz ? +39.5 dbm output ip3 ? 2 db noise figure at 1900 mhz ? 50 ? gain block; no rf matching required ? unconditionally stable ? +5v single supply, 85 ma current ? 3x3mm 16 pin qfn plastic package functional block diagram general description the TQP3M9038 is a cascadable, high linearity gain block amplifier in a low-co st surface-mount package. at a frequency of 1900 mhz, the amplifier typicall y provides 15 db gain, +40 dbm oip3, and 2 db noise figure while only drawing 85 ma current. the device is housed in a lead-free/green /rohs-compliant qfn package. the TQP3M9038 has the benefit of having excellent gain flatness across a broad range of frequencies. the low noise figure and high linearity performance allows the device to be used in both receiver and transmitte r chains for high performance systems. the amplifier is internally matched using a high performance e-phemt process and only requires an external rf choke and blocking/bypass capacitors for operation from a single +5v supply. the internal active bias circuit also enables stable operation over bias and temperature variations. the TQP3M9038 covers the 50 ? 4000 mhz frequency band and is targeted for wireless infrastructure or othe r applications requiring high linearity and/or low noise figure. pin configuration pin no. symbol 2 rf in 11 rf out/bias all other pins n/c backside paddle rf/dc gnd ordering information part no. description TQP3M9038 high linearity lna gain block TQP3M9038-pcb_if 50 ? 500 mhz eval. board TQP3M9038-pcb_rf 500 ? 4000 mhz eval. board standard t/r size = 2500 pieces on a 7? reel.
TQP3M9038 high linearity lna gain block data sheet: rev c 12/13/2012 - 2 of 8 - disclaimer: subject to change without notice ? 2012 triquint semiconductor, inc. connecting the digital world to the global network ? recommended operating conditions parameter min typ max units supply voltage (v dd ) +4.75 +5 +5.25 v t case -40 +85 c t j (for >10 6 hours mttf) 190 c electrical specifications ar e measured at specified test conditions. specifications are not guaranteed over all recommended operating conditions. absolute maximum ratings parameter rating storage temperature -65 to +150c supply voltage (v dd ) +7 v rf input power, cw, 50 ? ,t = 25c +23 dbm reverse device voltage -0.3 v operation of this device out side the parameter ranges given above may cause permanent damage. electrical specifications test conditions unless otherwise noted: v dd =+5v, temp=+25c, 50 ? system parameter conditions min typ max units operational frequency range 50 4000 mhz test frequency 1900 mhz gain 13 14.9 16 db input return loss 21 db output return loss 23 db noise figure 2 db output p1db +21.6 dbm output ip3 pout=+4 dbm/tone, ? f=1 mhz +35.5 +39.5 dbm current, i dd 85 100 a thermal resistance, jc channel to case 36.6 c/w device characterization data s-parameters test conditions unless otherwise noted: v dd =+5 v, i dd =85 ma (typ.), temp=+25c, 50 ohm system freq (mhz) s11 (db) s11 (ang) s21 (db) s21 (ang) s12 (db) s12 (ang) s22 (db) s22 (ang) 10 -12.2 -61.9 17.7 167.0 -20.6 12.1 -17.9 -94.7 20 -13.5 -39.4 17.2 169.7 -20.4 10.0 -17.5 -52.1 50 -15.9 -50.9 16.4 168.8 -19.6 6.6 -20.1 -79.8 100 -20.7 -73.2 15.9 167.6 -19.1 1.7 -22.8 -112.9 200 -25.5 -85.5 15.5 163.8 -18.9 -4.6 -24.8 -144.3 500 -28.6 -91.1 15.4 146.9 -18.8 -18.2 -27.2 -177.2 900 -27.0 -99.7 15.3 122.7 -19.0 -34.2 -29.8 175.9 1000 -26.3 -101.9 15.3 116.5 -19.0 -38.2 -30.7 179.6 1500 -23.4 -117.6 15.2 85.5 -19.3 -58.3 -28.7 -137.4 1900 -21.9 -130.7 15.1 66.6 -19.5 -70.6 -24.6 -131.1 2000 -21.4 -136.1 15.1 60.2 -19.6 -74.8 -23.5 -131.5 2500 -21.0 -141.8 15.1 53.9 -19.7 -79.0 -22.4 -132.7 3000 -20.6 -147.7 15.0 47.5 -19.8 -83.2 -21.4 -134.4 3500 -18.8 -174.7 15.0 21.3 -20.1 -100.5 -18.1 -143.2 4000 -17.9 170.3 15.0 7.9 -20.3 -109.3 -16.6 -149.0
TQP3M9038 high linearity lna gain block data sheet: rev c 12/13/2012 - 3 of 8 - disclaimer: subject to change without notice ? 2012 triquint semiconductor, inc. connecting the digital world to the global network ? TQP3M9038-pcb_(rf / if) evaluation board ? notes: 1. see evaluation board pcb information section for material and stack-up. 2. package pins 3 through 9 and 13 through 16 are groun ded for pcb mounting integrity and optimal isolation. 3. b1 (0 ? jumper) may be replaced with copper trace in the target application layout. 4. the recommended component values are de pendent upon the frequ ency of operation. 5. all components are 0603 size unless stated on the schematic. bill of material - TQP3M9038-pcb_(rf / if) TQP3M9038-pcb_if TQP3M9038-pcb_rf reference designation 50 ? 500 mhz 500 ? 4000 mhz q1 TQP3M9038 c2, c6 1000 pf 100 pf c1 0.01 uf 0.01 uf l2 330 nh 68 nh l1, d1, c3, c4 do not place b1 0 ? performance may be further optimized at frequency of interest by using recommended component values given below. reference designation 500 mhz 2000 mhz 2500 mhz 3500 mhz c2, c6 100 pf 22 pf 22 pf 22 pf l2 82 nh 22 nh 18 nh 15 nh
TQP3M9038 high linearity lna gain block data sheet: rev c 12/13/2012 - 4 of 8 - disclaimer: subject to change without notice ? 2012 triquint semiconductor, inc. connecting the digital world to the global network ? performance plots - TQP3M9038-pcb_rf ? 8 10 12 14 16 18 500 1000 1500 2000 2500 3000 3500 4000 gain (db) frequency (mhz) gain vs. frequency +85c +25c -20c -40c -30 -25 -20 -15 -10 -5 0 500 1000 1500 2000 2500 3000 3500 4000 |s11| (db) frequency (mhz) input return loss vs. frequency +85c +25c -20c -40c -30 -25 -20 -15 -10 -5 0 500 1000 1500 2000 2500 3000 3500 4000 |s22| (db) frequency (mhz) output return loss vs. frequency +85c +25c -20c -40c 25 30 35 40 45 012345678 oip3 (dbm) pout/tone (dbm) oip3 vs. pout/tone +85c +25c -20c -40c freq = 1900 mhz 1 mhz tone spacing 15 17 19 21 23 25 500 1000 1500 2000 2500 3000 3500 4000 p1db (dbm) frequency (mhz) p1db vs. frequency +85c +25c - 20c -40c 0 1 2 3 4 5 500 1000 1500 2000 2500 3000 3500 4000 nf (db) frequency (mhz) nf vs. frequency +85c +25c ? 20c ? 40c typical performance - TQP3M9038-pcb_rf test conditions unless otherwise noted: v dd =+5v, i dd =+85 ma (typ.), temp=+25c parameter typical performance units frequency 500 900 1900 2700 3500 4000 mhz gain 15.2 15.1 14.9 14.5 14.5 14.5 db input return loss -19.2 -24.0 -20.9 -13.7 -14.5 -16.1 db output return loss -17.9 -20.0 -22.6 -12.8 -11.3 -12.0 db output p1db +21.7 +21.9 +21.6 +20.6 +19.8 +18.5 dbm oip3 (1) +41.1 +41.4 +39.5 +38.0 +35.3 +32.3 dbm noise figure (2) 1.7 1.8 1.9 2.2 2.8 3.0 db notes: 1. oip3 measured with two tones at an output po wer of +4 dbm / tone separated by 1 mhz. 2. noise figure data shown in the table above in cludes board losses of 0.1db @ 2000 mhz.
TQP3M9038 high linearity lna gain block data sheet: rev c 12/13/2012 - 5 of 8 - disclaimer: subject to change without notice ? 2012 triquint semiconductor, inc. connecting the digital world to the global network ? performance plots - TQP3M9038-pcb_if test conditions unless otherwise noted: v dd =+5v, i dd =+85 ma (typ.), 12 13 14 15 16 17 0 100 200 300 400 500 gain (db) frequency (mhz) gain vs. frequency +85c +25c 40c -30 -25 -20 -15 -10 -5 0 0 100 200 300 400 500 |s11| (db) frequency (mhz) input return loss vs. frequency +85c +25c 40c -30 -25 -20 -15 -10 -5 0 0 100 200 300 400 500 |s22| (db) frequency (mhz) output return loss vs. frequency +85c +25c 40c 33 35 37 39 41 43 0 100 200 300 400 500 oip3 (dbm) frequency (mhz) oip3 vs. frequency +85c +25c ? 40c pout / tone=+6 dbm 1 mhz tone spacing 17 19 21 23 25 0 100 200 300 400 500 p1db (dbm) frequency (mhz) p1db vs. frequency +85c +25c ? 40c 0 1 2 3 4 5 0 100 200 300 400 500 nf (db) frequency (mhz) nf vs. frequency +85c +25c ? 40c typical performance - TQP3M9038-pcb_if test conditions unless otherwise noted: v dd =+5v, i dd =+85 ma (typ.), temp=+25c parameter typical performance units frequency 70 100 200 500 mhz gain 15.9 15.7 15.4 15.2 db input return loss -12.3 -15.0 -20.4 -26.4 db output return loss -23.0 -24.5 -22.4 -21.4 db output p1db +20.9 +21.0 +21.0 +21.3 dbm oip3 (1) +39.5 +39.7 +40.7 +40.0 dbm noise figure [2] 1.65 1.75 1.75 1.70 db notes: 1. oip3 measured with two tones at an output po wer of +6 dbm / tone separated by 1 mhz. 2. noise figure data shown in the table above includes board losses.
TQP3M9038 high linearity lna gain block data sheet: rev c 12/13/2012 - 6 of 8 - disclaimer: subject to change without notice ? 2012 triquint semiconductor, inc. connecting the digital world to the global network ? pin configuration and description ? ? 7 8 6 5 14 13 15 16 12 11 10 9 1 2 3 4 backside paddle - rf/dc gnd pin 1 reference mark n/c rf in n/c n/c n/c rf out/bias n/c n/c n/c n/c n/c n/c n/c n/c n/c n/c pin no. symbol description 2 rf in rf input, matched to 50 ohms. external dc block is required. 11 rf out dc bias rf output, matched to 50 ohms. bias voltage and external dc block are required. all other pins n/c no electrical connection. provide grounded land pads for pcb mounting ii backside paddle rf/dc gnd rf/dc ground. use recommended via pattern to minimize inductance and thermal resistance; see pcb mounting pattern for suggested footprint. evaluation board pcb information triquint pcb 1076342 material and stack-up ? 50 ohm line dimensions: width = .031?, spacing = .035
TQP3M9038 high linearity lna gain block data sheet: rev c 12/13/2012 - 7 of 8 - disclaimer: subject to change without notice ? 2012 triquint semiconductor, inc. connecting the digital world to the global network ? mechanical information package marking and dimensions marking: part number ? 9038 date code ? yyww assembly code ? axxxx notes: 1. all dimensions are in millim eters. angles are in degrees. 2. except where noted, this part outline conforms to jedec standard mo-220 , issue e (variation vggc) for thermally enhanced plastic very thin fine pitch quad flat no lead package (qfn). 3. dimension and tolerance formats conform to asme y14.4m-1994. 4. the terminal #1 identifier and terminal numbering conform to jesd 95-1 spp-012. pcb mounting pattern pin 1 locator component side 7x 3 16x 0.32 0.50 pitch 16x 16x 0.52 1.50 1.50 package outline 0.31 0.09 0.55 0.32 0.64 notes: 1. all dimensions are in millimeters. angles are in degrees. 2. use 1 oz. copper minimum for top and bottom layer metal. 3. vias are required under the backside paddle of this device for pr oper rf/dc groundi ng and thermal diss ipation. we recommend a 0.35mm (#80/.0135") diameter bit for drilling via hole s and a final plated thru diameter of 0.25 mm (0.10?). 4. ensure good package backside paddle solder attach for reliable operation and best electrical performance. ? top view side view bottom view 3.000.05 3.000.05 .20 ref. 0.000-0.050 pin #1 identification chamfer 0.300 x 45 1.700.05 exp.dap 0.230.05 0.50 bsc 1.50 ref. 1.700.05 exp.dap 0.850.05 pin 1 locator gnd/thermal pad 0.380.05 9038 yyww axxxx
TQP3M9038 high linearity lna gain block data sheet: rev c 12/13/2012 - 8 of 8 - disclaimer: subject to change without notice ? 2012 triquint semiconductor, inc. connecting the digital world to the global network ? product compliance information esd sensitivity ratings esd rating: class 1a value: passes 250 v to < 500 v test: human body model (hbm) standard: jedec standard jesd22-a114 esd rating: class iv value: passes ? 1000 v min. test: charged device model (cdm) standard: jedec standard jesd22-c101 solderability compatible with both lead-free (260c max. reflow temperature) and tin/lead (245c max. reflow temperature) soldering processes. package contact plating: annealed matte tin rohs compliance this part is compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazardous substances in electrical and electronic equipment). this product also has the following attributes: ? lead free ? halogen free (chlorine, bromine) ? antimony free ? tbbp-a (c 15 h 12 br 4 0 2 ) free ? pfos free ? svhc free msl rating msl rating: level 1 test: 260c convection reflow standard: jedec standard ipc/jedec j-std-020 contact information for the latest specifications, additional product info rmation, worldwide sales and distribution locations, and information about triquint: web: www.triquint.com tel: +1.503.615.9000 email: info-sales@tqs.com fax: +1.503.615.8902 for technical questions and application information: email: sjcapplications.engineering@tqs.com important notice the information contained herein is believed to be reliable. triquint makes no warranties regarding the information contained herein. triquint assumes no responsibility or liability whatsoever for any of the information contained herein. triquint assumes no responsib ility or liability whatsoever for the use of the info rmation contai ned herein. the information contained herein is provided "as is, wher e is" and with all faults, and the entire risk associated with such information is entirely with the user. a ll information contained herein is subject to change without notice. customers should obtain and verify the latest relevant info rmation before placing orders for triquint products. the information contained herein or any use of such informati on does not grant, explicitly or implicitly, to any party an y patent rights, licenses, or any other inte llectual property rights, whether with regard to such information itself o r anything described by such information. triquint products are not warranted or authorized for use as critical compon ents in medical, life-saving, or life- sustaining applications, or other ap plications where a failure would reasonably be expected to cause severe personal injury or death.


▲Up To Search▲   

 
Price & Availability of TQP3M9038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X