Part Number Hot Search : 
ULS2003 PEMD6 DS2149DK DSP563 KE180 ES3210 V613ME11 TGS2302
Product Description
Full Text Search
 

To Download TF-IMBI-Q45-A13-G2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10-39 10 features embedded & industrial motherboards specifications industrial motherboard with intel? core? 2 duo/ quad lga 775 processor system form factor mini-itx processor intel? core?2 duo/quad lga775 cpu, fsb 800/1066/1333 mhz (q9000, e8000, e7000, e5000, e6000, e4000, e2000, conroe l series), tdp 95w max. system memory dual-channel ddr3 800/1066 sdram x 2, up to 4 gb, (2 gb double side dimm x 2) chipset intel? q45 + ich10do ethernet intel? 10/100/1000base-tx, rj-45 x2 lan1: intel? 82567lm, lan2: intel? 82574l audio hd audio codec with realtek alc888 bios award bios spi rom-16 mb storage sata 3.0gb/s connector x 3 onboard with raid (4th sata in golden finger) watchdog timer 1 ~ 255 steps, can be set with software on super i/o h/w status monitoring monitoring system temperature, voltage, and cooling fan status expansion interface multiple pcie and pci interface with golden finger power requirement atx standard with 24-pin connector x 1 power consumption 64w @ intel? e8400, ddr3 1066/2gb, atx board size (l x w) 6.7" x 6.7" (170mm x 170mm) gross weight 0.66 lb (0.3 kg) operating temperature 32f ~ 140f (0c ~ 60c) storage temperature -4f ~ 158f (-20c ~ 70c) storage humidity 10~80%, non-condensing mtbf (hours) 55,000 display chipset intel? q45 graphic engine intel? graphics media accelerator 4500 resolution 2048 x 1536 for crt; 1920 x 1080 for dvi output interface vga x 1, dvi-d x 1 i/o ite.it8718f serial port rs-232 x 2 (one with header, one with port) kb & mouse keyboard x 1 & mouse x 1 usb usb2.0 x 6 (four in the i/o side, two with header) audio audio jack x 3 w/btx type ( mic in, line in, line out) ethernet rj-45 x 2 dio programmable 8-bit (4 input/ 4 output) imbi-q45 intel? core? 2 duo/ quad lga775 processor intel? q45 + ich10d0 dual-channel ddr3 800/1066 memory (up to 4 gb), 2 gb double side dimm x 2 intel? gigabit ethernet x 2 dual view with vga & dvi sata 3.0gb/s x 3, raid 0,1,5,10 usb2.0 x 6, com x 2 multiple extended bus with golden finger atx ext. power system fan ddr 3 sata 2 usb2.0 cd-in at x-12v cpu fan lga775 system fan dio com2 vga gigabit lan usb2.0 audio com1 dvi-d keyboard & mouse packing list 1709070800 ? sata signal cable 1701100305 ? com port cable with db-9 1709100201 ? usb cable m20q450000 ? i/o shield product cd ? imbi-q45 ?
10-40 dimension unit: mm imbi-q45 ordering information optional accessories 1759200169 ? cpu cooler for lga 775 cpu, tdp 95w, 2~4u 1759200335 ? cpu cooler for lga 775 cpu, tdp 65w, 1u part number cpu ram fan/fanless display storage lvds lan usb rs-232 rs-232/422/485 expansion slot power temp. TF-IMBI-Q45-A13-G2 socket dimm fan vga/dvi-d sata2 x 3 gbe x 2 6 2 0 golden finger atx 0c ~ 60c


▲Up To Search▲   

 
Price & Availability of TF-IMBI-Q45-A13-G2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X