Part Number Hot Search : 
OHN3175U BM29F040 BD414 DS2109S MAZY18 P3100SB RF3336D AP2603Y
Product Description
Full Text Search
 

To Download TC7WPB9307FK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc7wpb9306,9307fc/fk 2014-03-01 1 toshiba cmos digital integrat ed ci rcuit silicon monolithic tc7wpb9306fc, tc7wpb9307fc tc7wpb9306fk, TC7WPB9307FK low voltage/low power 2-bit dual supply bus switch the tc7wpb9306 and tc7wpb9307 are cmos 2-bit dual-supply bus switches that can provide an interface between two nodes at different voltage levels. these devices can be connected to two independent power supplies. v cca supports 1.8-v, 2.5-v and 3.3-v po wer supplies, whereas v ccb supports 2.5-v, 3.3-v and 5. 0v power supplies. bidirectional level-shifting is possible by simply adding external pull-up resistors between the an/bn data lines and the v cca / v ccb supplies. there is no restriction on the relative magnitude of the an and bn volt ages; both the an and bn data lines can be pulled up to arbitrary power supplies. the enable signal can be used to disable the device so that the buses are effectively isolated. the output enable ( oe :tc7wpb9307, oe:tc7wpb9306) input is common for all the two-bits of the data lines; thus these device are used as a single two-bits bus switch. for the tc7wpb9306, output enable (oe) is active-high: when oe is high, the switch is on; when lo w, the switch is off. for the tc7wpb9307, output enable ( oe ) is active-low: when oe is low, the switch is on; when high, the switch is off. the tc7wpb9306 and tc7wp9307 supports power-down protection at the oe ,oe input, with oe ,oe being 5.5-v tolerant. the channels consist of n-type mosfets. all the inputs provide protec tion against electrostatic discharge. features ? operating voltage:1.8-v to 2.5-v, 1.8-v to 3.3-v, 1.8-v to 5.0-v, 2.5-v to 3.3-v, 2.5-v to 5.0-v or 3.3-v to 5.0-v bidirectional interface ? operating voltage: v cca = 1.65 to 5.0 v, v ccb = 2.3 to 5.5 v ? low on-resistance: r on = 5.0 (typ.) (on-resistance test circuit: v is = 0 v, i is = 30 ma, v cca = 3.0 v , v ccb = 4.5 v) ? esd performance: machine model 200 v human body model 2000 v ? 5.5-v tolerance and power-down protection at the output enable input. ? packages: cst8, us8 tc7wpb9306fc, tc7wpb9307fc tc7wpb9306fk, TC7WPB9307FK weight cson8-p-0.4 : 0.002 g (typ.) ssop8-p-0.50a : 0.01 g (typ.) start of commercial production 2008-04
tc7wpb9306,9307fc/fk 2014-03-01 2 pin assignment (top view) truth table inputs(9306) inputs(9307) oe function oe function l disconnect l a port = b port h a port = b port h disconnect circuit schematic oe gate level converter vcca vccb b1 b2 a1 a2 oe gate level converter vcca vccb b1 b2 a1 a2 tc7wpb9306 tc7wpb9307 top view 8765 4321 vcca a1 a2 gnd p936 vccb b1 b2 8765 4321 vcca a1 a2 gnd tc7wpb9306fc oe vccb b1 b2 oe top view 8765 4321 vcca a1 a2 gnd p937 vccb b1 b2 8765 4321 vcca a1 a2 gnd tc7wpb9307fc oe vccb b1 b2 oe tc7wpb9306fk vccb b1 b2 8765 oe 4321 vcca a1 a2 gnd vccb b1 b2 8765 4321 vcca a1 a2 gnd TC7WPB9307FK oe wpb 936 wpb 937
tc7wpb9306,9307fc/fk 2014-03-01 3 absolute maximum ratings (note) characteristics symbol rating unit v cca ? 0.5 to 7.0 power supply voltage v ccb ? 0.5 to 7.0 v control input voltage v in ? 0.5 to 7.0 v switch input/output voltage v s ? 0.5 to 7.0 v clump diode current i ik ? 50 ma switch input/output current i s 64 ma i cca 25 dc v cc /ground current per supply pin i ccb 25 ma power dissipation p d 150(cson8) 200(ssop8) mw storage temperature t stg ? 65 to 150 c note: exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in ic performance or even destruction. using continuously under heavy loads (e.g. the applic ation of high temperature/current/voltage and the significant change in temperature, et c.) may cause this product to decreas e in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). operating ranges (note 1) characteristics symbol rating unit v cca 1.65 to 5.0 power supply voltage (note 2) v ccb 2.3 to 5.5 v control input voltage v in 0 to 5.5 v switch input/output voltage v s 0 to 5.5 v operating temperature t opr ? 40 to 85 c control input rise and fall times dt/dv 0 to 10 ns/v note 1: the operating ranges must be maintai ned to ensure the normal op eration of the device. unused inputs and bus inputs must be tied to either v cca or gnd. note 2: the v cca voltage must be lower than the v ccb voltage.
tc7wpb9306,9307fc/fk 2014-03-01 4 application circuit the v cca voltage must be lower than the v ccb voltage. level-shifting functionality is enabled by adding pull-up resistors from an to v cca or v ccb and from bn to v ccb or v cca , respectively. figure 1 application circuit diagram v cca v ccb a 1 b1 a 2 b2 gnd oe , oe rpu rpu rpu rpu v cca system v ccb system vcca v ccb tc 7 wpb 9306 off on on off tc 7 wpb 9307 tc 7 wpb 9306 tc 7 wpb 9307 a n and bn can be used for bidirectional signal transmission.
tc7wpb9306,9307fc/fk 2014-03-01 5 electrical characteristics dc characteristics (ta = ? 40 to 85c) ta = ? 40 to 85c characteristics symbol test condition v cca (v) v ccb (v) min max unit 1.65 v cca < 2.3 v cca to 5.5 0.8 v cca ? high-level v ih ? 2.3 v cca < 5.0 v cca to 5.5 0.7 v cca ? 1.65 v cca < 2.3 v cca to 5.5 ? 0.2 v cca control input voltage low-level v il ? 2.3 v cca < 5.0 v cca to 5.5 ? 0.3 v cca v 1.65 2.3 ? 16.0 2.3 3.0 ? 11.0 on-resistance (note) r on v is = 0 v, i is = 30 ma (figure 2) 3.0 4.5 ? 8.0 power off leakage current i off an, bn = 0 to 5.5 v (per circuit) 0 0 ? 1.0 a switch-off leakage current i sz an, bn = 0 to 5.5 v oe = v l ,oe=gnd 1.65 to 5.0 v cca to 5.5 ? 1.0 a control input current i in oe = 0 to 5.5v 1.65 to 5.0 v cca to 5.5 ? 1.0 a leakage current form v ccb to v cca i ccba oe = 0 or v cca v ccb v cca 3.3 5.0 ? 10.0 a i cca1 oe = v cca or gnd, i s = 0 a 1.65 to 5.0 v cca ? 1.0 i ccb1 oe = v cca or gnd, i s = 0 a 1.65 to 5.0 v cca ? 1.0 i cca2 v cca oe 5.5 v, i s = 0 a 1.65 to 5.0 v cca ? 1.0 quiescent supply current i ccb2 v cca oe 5.5 v, i s = 0 a 1.65 to 5.0 v cca ? 1.0 a note: on-resistance is measured by measuring the volt age drop across the switch at the indicated current. level shift characteristics (ta = ? 40 to 85c) ta = ? 40 to 85c characteristics symbol test condition v cca (v) v ccb (v) min max unit 1.65 3.0 to 5.5 1.4 ? 2.3 4.5 to 5.5 2.05 ? input/output characteristics (up translation) (note 1) v ohu an = v in sw = on (figure 7) 3.0 4.5 to 5.5 2.7 ? 1.65 3.3 to 5.5 1.3 1.65 2.3 4.5 to 5.5 1.95 2.3 input/output characteristics (down translation) (note 2) v ohd an = v cca sw = on (figure 9) 3.0 4.5 to 5.5 2.6 3.0 v note 1: the input/output characateristics for up translati on indicate the input volta ges required to provide v cca + 0.5 v on the outputs when measured usi ng the test circuitry shown in figure 7. note 2: the input/output char acateristics for down translati on indicate the volt ages that cause the output voltages to saturate when measured using the test circuitry shown in figure 9.
tc7wpb9306,9307fc/fk 2014-03-01 6 ac characteristics (ta = ? 40 to 85c, input: t r = t f = 2.0 ns,f=10khz) v cca = 3.3 0.3 v, v ccb = 5.0 0.5 v characteristics symbol te st condition min max unit propagation delay time (bus to bus) t plh figures 3 and 5 (note) ? 0.3 propagation delay time (bus to bus) t phl figures 3 and 5 (note) ? 1.2 output enable time t pzl figures 4 and 6 ? 9.0 output disable time t plz figures 4 and 6 ? 11.0 ns note: this parameter is guaranteed by design but is not tested. the bus switch cont ributes no propagation delay other than the rc delay of the typical on resistance of the switch and the 30 pf load capacitance, when driven by an ideal voltage the sour ce (zero output impedance). v cca = 2.5 0.2 v, v ccb = 5.0 0.5 v characteristics symbol te st condition min max unit propagation delay time (bus to bus) t plh figures 3 and 5 (note) ? 0.35 propagation delay time (bus to bus) t phl figures 3 and 5 (note) ? 1.8 output enable time t pzl figures 4 and 6 ? 13.0 output disable time t plz figures 4 and 6 ? 15.0 ns note: this parameter is guaranteed by design but is not tested. the bus switch cont ributes no propagation delay other than the rc delay of the typical on resistance of the switch and the 30 pf load capacitance, when driven by an ideal voltage the sour ce (zero output impedance). v cca = 2.5 0.2 v, v ccb = 3.3 0.3 v characteristics symbol te st condition min max unit propagation delay time (bus to bus) t plh figures 3 and 5 (note) ? 0.45 propagation delay time (bus to bus) t phl figures 3 and 5 (note) ? 2.2 output enable time t pzl figures 4 and 6 ? 17.0 output disable time t plz figures 4 and 6 ? 19.0 ns note: this parameter is guaranteed by design but is not tested. the bus switch cont ributes no propagation delay other than the rc delay of the typical on resistance of the switch and the 30 pf load capacitance, when driven by an ideal voltage the sour ce (zero output impedance). capacitive characteristics (ta = 25c) characteristics symbol test condition v cca (v) v ccb (v) typ. unit control input capacitance c in 3.3 3.3 3 sw = on 3.3 3.3 14 switch input/output capacitance c i/o sw = off 3.3 3.3 7 pf
tc7wpb9306,9307fc/fk 2014-03-01 7 dc test circuit figure 2 on-resistance test circuits ac test circuits ? tplh,hl figure 3 tplh, tphl test circuits ? tplz,zl figure 4 tplz, tpzl test circuits iis v ron vcca vccb a1(b1) b1(a1) a2 b2 gnd oe,oe vcca vccb iis v oe:l oe:h vcca vccb a1(b1) b1(a1) a2 b2 gnd vcca vccb measure rl=1k vcca vccb a1(b1) b1(a1) a2 b2 gnd vcca vccb measure rl=1k input input cl=30pf cl=30pf oe,oe oe,oe oe:l oe:h oe:l oe:h vcca vccb a1(b1) b1(a1) a2 b2 gnd vcca vccb measure rl=1k vcca vccb a1(b1) b1(a1) a2 b2 gnd vcca vccb measure rl=1k input input cl=30pf cl=30pf oe,oe oe,oe
tc7wpb9306,9307fc/fk 2014-03-01 8 ac waveform figure 5 tplh, tphl figure 6 tplz, tpzl outputs enabled outputs disabled outputs enabled output (an or bn) low to off to low 10% voh 50% t r 2.0 ns t f 2.0 ns gnd v cc a 50% t plz t pzl output enable control oe, oe 10% 90% 90% 10% input (an, bn) gnd v cc a t r 2.0 ns t f 2.0 ns 50% output (bn, an) v ol v oh 1/2 v cc a t plh t phl
tc7wpb9306,9307fc/fk 2014-03-01 9 level shift function (used pull-up resistance) figure 7 test circui t figure 8 input/output characteristics (typ.) 0123456 0.0 1.0 2.0 3.0 4.0 5.0 6.0 vcca=1.8v , ta=25 v in (v) v oh (v) vccb=5.5v vccb=3.0v vccb=2.3v 0123456 0.0 1.0 2.0 3.0 4.0 5.0 6.0 vcca=2.3v , ta=25 v in (v) v oh (v) vccb=5.5v vccb=3.3v 0123456 0.0 1.0 2.0 3.0 4.0 5.0 6.0 vcca=3.0v , ta=25 v in (v) v oh (v) vccb=5.5v vccb=4.5v vcca vccb a1(b1) b1(a1) a2 b2 gnd vcca vccb rl=1k voh vm vin oe,oe oe:l oe:h
tc7wpb9306,9307fc/fk 2014-03-01 10 level shift function (unused pull-up resistance) figure 9 test circuit figure 10 input/output characteristics (typ.) 0123456 0.0 0.5 1.0 1.5 2.0 2.5 3.0 vcca=1.8v , ta=25 v in (v) v oh (v) vccb=5.5v vccb=3.0v vccb=2.3v 0123456 0.0 0.5 1.0 1.5 2.0 2.5 3.0 vcca=2.3v , ta=25 v in (v) v oh (v) vccb=5.5v vccb=3.3v 0123456 0.0 0.5 1.0 1.5 2.0 2.5 3.0 vcca=3.0v , ta=25 v in (v) v oh (v) vccb=5.5v vccb=4.5v vcca vccb a1(b1) b1(a1) a2 b2 gnd vcca vccb voh 1 a vm vin oe,oe oe:l oe:h
tc7wpb9306,9307fc/fk 2014-03-01 11 package dimensions weight: 0.002 g (typ.)
tc7wpb9306,9307fc/fk 2014-03-01 12 package dimensions weight: 0.01 g (typ.)
tc7wpb9306,9307fc/fk 2014-03-01 13 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situat ions in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest ve rsions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and applicat ion notes for product and the precautions and condi tions set forth in the "toshiba se miconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific applications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and eq uipment used in financ e-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations includ ing, without limitation, the japanese fo reign exchange and foreign trade law and t he u.s. export administration regulat ions. export and re-export of product or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclus ion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TC7WPB9307FK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X