Part Number Hot Search : 
001TB XLC30A8 21D05 LTC4096 HCT1G HA17432 SMBJ28A L1444
Product Description
Full Text Search
 

To Download SW121000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  211 a 100 a 50a 20a 10a 10 .2 13 .8 11.4 12 .0 12 .6 13 .2 10 .8 9.6 0 9.0 0 40 20 60 40 20 2 10 8 6 4 10 8 6 4 2 1 0 7.8 0 8.4 0 nominal voltage rated capacity (10 hour rate) total height height length width dimensions weight approx 12 v 100 ah 235 mm (9.25 inches) 213 mm (8.39 inches) 331 mm (13.0 inches) 173 mm ( 6.81 inches) 30.8 kg ( 68.1 lbs) capacity affected by t emperature (10hour rate) terminal cycle float capacity 25 (77 ) internal resistance charge (constantvoltage) 10 hour rate (10.0 a) 5 hour rate (16.0 a) 1 hour rate (60.0 a) 100 ah 80 ah60 ah full charged battery at 25 (77 ) approx 4.2 m 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) 102% 100% 85%65% capacity a fter 3 mon th storage capacity a fter 6 mon th storage capacity a fter 12 mo nth storage 91% 82%64% t10 t16 initial charging current less than 40 a voltage 14.10-14.40vvoltage 13.50-13.80v SW121000 (12v100 ah) swg 1210 00 (12v 100a h) 331 331 265 265 173 173 2 1 8 2 3 5 2 1 3 2 1 3 5 4 40 .5 self-discharge at 25 (77 ) specifications characteristics outer dimensions (mm) terminal type (mm) discharge curves 25 (77 ) r shenzhen sunnyw a y ba ttery tech co.,l td. 9 2 2 3 22 14 5 m6 16 t10 t16 21 8 m m (8 .5 8 in ch es ) t10 t16 a w a w a w a w a w time constant current(amp) and constant power(watt) discharge table at 25 (77 ) 5min 1h 2h 3h 4h 5h 8h 10h 20h 10min 15min 30min 10.20v 10.50v 10.80v 11.10v 9.60v sw1 210 00 sw1 210 00
c u r v e s o f c y c l e l i f e ( 3 0 ) s e l f - d i s c h a r g e c h a r a c t e r i s t i c s ( 0 - - 4 0 ) 0 ( 3 2 f ) 1 0 ( 5 0 f ) 2 0 ( 6 8 f ) 3 0 ( 8 6 f ) 4 0 ( 1 0 4 f ) c u r v e s o f c y c l e l i f e ( 4 0 ) 20 20 20 40 40 40 60 60 60 80 80 80 10 0 10 0 10 0 12 0 12 0 12 0 10 0% do d 10 0% do d 50 %d od 50 %d od 30 %d od 30 % do d 0 0 0 20 0 3 20 0 40 0 6 40 0 60 0 9 60 0 80 0 1 2 80 0 10 00 15 10 00 12 00 1 8 12 00 14 00 14 00 nu mb er of cy cle s(c yc les ) sto rag e tim e (m on ths ) nu mb er of cy cle s(c yc les ) c a p a c i t y ( % ) r e s i d u a l c a p a c i t y ( % ) c a p a c i t y ( % ) 160 0 160 0 i di s = 0 .1 7 c 5 h i dis =0.17c 5h i ch = 0 .1 0 c 1 0 h i ch =0.10c 10h i d is = 0 .1 7 c 2 .5 h i dis =0.17c 2.5h i ch = 0 .1 0 c 5 .0 h i ch =0.10c 5.0h i di s = 0 .1 7 c 1 .5 h i dis =0.1 7c 1.5 h i ch = 0 .1 0 c 3 .0 h i ch =0.1 0c 3.0 h 0 0 0 0 0


▲Up To Search▲   

 
Price & Availability of SW121000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X