Part Number Hot Search : 
ECG2376 LC503 1N476 MC14515 IRF630 XS1000 P3850 BZW03
Product Description
Full Text Search
 

To Download SP8076E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s mhop microelectronics c orp. a product summary v dss i d r ds(on) (m ) typ 33v 27a 4.9 @ vgs=6v 3.8 @ vgs=10v features super high dense cell design for low r ds(on) . rugged and reliable. suface mount package. n-channel enhancement mode field effect transistor ver 1.3 www.samhop.com.tw oct,22,2013 1 details are subject to change without notice. tson 3.3 x 3.3 pin 1 SP8076E green product symbol v ds v gs i dm a p d c -55 to 150 i d units parameter 33 27 81 v v 20 t a =25 c gate-source voltage drain-source voltage thermal characteristics absolute maximum ratings ( t a =25 c unless otherwise noted ) limit drain current-continuous -pulsed a maximum power dissipation operating junction and storage temperature range t j , t stg 75 c/w thermal resistance, junction-to-ambient r ja t a =25 c w 1.67 a 4 3 2 1 d d d d g s s 5 6 7 8 s esd protected.
symbol min typ max units bv dss 33 v 10 i gss 10 ua v gs(th) v 3.8 c iss 2000 pf c oss 600 pf c rss 550 pf q g 42 nc 76 73 56 t d(on) 41 ns t r ns t d(off) ns t f ns v ds =10v,v gs =0v switching characteristics v dd =15v i d =13.5a v gs =10v r gen = 4.7 ohm total gate charge rise time turn-off delay time fall time turn-on delay time m ohm v gs =10v , i d =13.5a input capacitance output capacitance dynamic characteristics r ds(on) drain-source on-state resistance i dss ua gate threshold voltage v ds =v gs , i d =0.3ma v ds =33v , v gs =0v v gs = 20v , v ds =0v zero gate voltage drain current gate-body leakage current electrical characteristics ( t a =25 c unless otherwise noted ) off characteristics parameter conditions drain-source breakdown voltage v gs =-20v , i d =10ma reverse transfer capacitance on characteristics v gs =6v , i d =13.5a 4.6 4.9 6.2 m ohm b f=1.0mhz b SP8076E ver 1.3 www.samhop.com.tw oct,22,2013 2 v sd nc q gs nc q gd 10.8 10.2 gate-drain charge gate-source charge diode forward voltage v ds =24v,i d =13.5a, v gs =10v drain-source diode characteristics and maximum ratings v gs =0v,i s =27a 0.84 1.3 v notes v ds =24v,i d =13.5a,v gs =10v a.pulse test:pulse width < 300us, duty cycle < 2%. b.guaranteed by design, not subject to production testing. _ _ 1.3 1.8 2.3 v gs =0v , i d =10ma v bv dsx 18
SP8076E ver 1.3 www.samhop.com.tw oct,22,2013 3 drain current i d (a) drain-source voltage v ds (v) i d - v ds gate-source voltage v gs (v) drain-source on-resistance r ds(on) (m ) 20 16 12 8 4 0 0 0.2 0.4 0.6 0.8 1.0 v gs = 2.7 v 30 24 18 12 6 0 0 1 2 3 4 5 -55 c tj=100 c 25 c 0.5 0.4 0.3 0.2 0.1 0 0 2 4 6 8 10 i d =27 a 13 .5a 110 100 1 10 100 0.1 v g s =6v v g s =10v drain current i d (a) drain-source voltage v ds (v) i d - v ds drain current i d (a) drain-source voltage v ds (v) i d - v gs v ds - v gs gate-source voltage v gs (v) drain current i d (a) r ds(on) - i d 3 3. 1 3. 2 3 .3 3 .4 4.0 3. 5 10 50 40 30 20 10 0 0 0.4 0.8 1.2 1.6 2.0 v gs =2.8 v 3. 1 3 .3 3. 4 3.5 4.5 1 0 2.9 3.6 3.7 3 .8 12 10 8 6 4 2 0 -80 80 40 -40 0 120 160 ambient temperature ta ( c ) r ds(on) (m ) i d = 6.8, 13.5, 27a v gs =10v v gs =6v drain-source on resistance r ds(on) - t a i d = 6.8, 13.5, 27a 4.5 6. 8a 3.6 3.9 4 .0 4.2 3 .0 5.0
SP8076E ver 1.3 www.samhop.com.tw oct,22,2013 4 drain-source voltage v ds (v) total gate charge qg (nc) 15 12 9 6 3 0 50 40 30 20 10 0 0612 18 24 30 36 42 48 gate threshold voltage vth (v) ambient temperature ta ( c ) drain power dissipation p d (w) 2.5 2.0 1.5 1.0 0.5 0 0 40 80 120 160 -80 80 40 -40 0 2.5 2.0 1.5 1.0 0.5 0 120 160 drain-source voltage v ds (v) 100 10 0.1 0 -0.2 -0.4 -0.6 -0.8 -1.0 1 v gs =0v 1 6 4.5 10 drain reverse current i dr (a) i dr v ds 1000 100 capacitance c (pf) drain-source voltage v ds (v) 110 100 0.1 10000 crss ciss coss capacitance v ds vth ta ambient temperature ta ( c ) gate-source voltage v gs (v) p d ta dynamic input/output characteristics v ds = v gs i d = 0.3ma i d = 27a v dd =24v v dd =24v 12 6 12 6
SP8076E ver 1.3 www.samhop.com.tw oct,22,2013 5 safe operating area 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 0.1 mounted on fr-4 board single pulse pulse width tw (s) rth - tw transient thermal impedance rth ( c/w) 0.1 1 10 100 10 1 r d s ( on) limi t 0.1 v gs =10v single pulse t a =25 c dc t=1ms t=1 00us t =10ms t=1s drain current id (a) drain-source voltage v ds (v)
SP8076E www.samhop.com.tw oct,22,2013 6 package outline dimensions ver 1.3 tson 3.3 x 3.3 symbols millimeters a b c d d1 d2 d3 e e1 e2 min. nom. max. 0.70 0.75 0.25 0.30 0.10 0.15 3.25 3.35 3.00 3.10 1.78 1.88 0.13 3.20 3.30 3.00 3.15 0.80 0.35 0.25 3.45 3.20 1.98 3.40 3.20 e h l l1 m 2.39 2.49 0.65 bsc 0.30 0.39 0.30 0.40 0.13 10 o 2.59 0.50 0.50 12 o d d1 d3 e l1 m c a e1 e 0 d2 b l h e2 pin 1 0.15 0
ver 1.3 www.samhop.com.tw oct,22,2013 7 SP8076E tson 3.3 x 3.3 tape and reel data tson 3.3 x 3.3 tape tson 3.3 x 3.3 reel unit:mm package tson 3.3 x 3.3 h1 d d1 ee1e2 h pp1 p2 t 3.70 ? 1.50 ? 1.50 1.10 2 0.10 4.0 2 0.10 2.0 2 0.05 0.3 2 0.05 unit: @ tape size 12 @ reel size a b c d n w1 w2 330 2! 1.0 1.5 feeding direction 2 0.10 (min) +0.10 - 0.00 12.0 +0.30 - 0.10 1.75 2 0.10 5.50 2 0.05 3.70 2 0.10 k 8.0 2 0.10 a n w1 w2 d b c 13 " + 0.5 - 0.2 ? 13.0 + 0.5 - 0.2 20.2(ref.) 178 + 0.0 - 2.0 12.4 + 2.0 - 0.0 18.4(ref.) d1 p2 p1 e e1 e2 p d a a b b h1 t k h section a-a section b-b
top marking definition tson 3.3 x 3.3 8076e xxxxxx product no. wafer lot no. production date (1,2 ~ 9, a,b.....) production month (1,2 ~ 9, a,b,c) production year (2009 = 9, 2010 = a.....) smc internal code no. pin 1 SP8076E www.samhop.com.tw oct,22,2013 8 ver 1.3


▲Up To Search▲   

 
Price & Availability of SP8076E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X