Part Number Hot Search : 
1C101MDD MBR40 USB11 2N4890 BUT11A SC5200 MZ12GW 1N5546B
Product Description
Full Text Search
 

To Download SMPB5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SMPB5100 voltage 100 v 5 amp surface mount schottky barrier rectifiers 20-jan-2014 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? super long operating life ? low forward voltage ? low forward voltage drop ? plastic package has underwriters laboratory flammability classification 94 mechanical data ? case: to-277b molded plastic body ? polarity: color band denotes cathode end ? mounting position: any package information package mpq leader size to-277b 3k 13 inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameters symbol rating units maximum repetitive pe ak reverse voltage v rrm 100 v maximum rms voltage v rms 70 v maximum dc blocking voltage v dc 100 v maximum forward voltage @ i fm =5a v f 0.81 v maximum average forward rectified current@ t l =90 c i f(av) 5 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 160 a t j =25c 0.5 maximum dc reverse current at rated dc blocking voltage 3 t j =100c i r 20 ma typical junction capacitance 2 c j 120 pf thermal resistance junction to case 1 r jc 7 c / w operating and storage temperature range t j ,t stg -55~150 c note: 1. thermal resistance from junction to case. fr4 board. heat sink size: 10*10*0.2mm. 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. 3. pulse test pulse width = 300 s, duty cycle Q 2.0%. to-277b millimete r millimete r ref. min. max. ref. min. max. a 6.35 6.70 g 1.65 1.95 b 1.00 1.30 h 0.75 1.05 c 5.25 5.50 i 0.15 0.43 d 3.75 4.30 j 1.65 1.95 e 3.05 3.55 k 0.45 0.75 f 0.85 1.30
elektronische bauelemente SMPB5100 voltage 100 v 5 amp surface mount schottky barrier rectifiers 20-jan-2014 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SMPB5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X