Part Number Hot Search : 
HN2C10FU 320240 ELM6241 106K0 CA9541 KE220 DMR09A 4082B
Product Description
Full Text Search
 

To Download SMPB1545L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SMPB1545L voltage 45 v 15 amp surface mount schottky barrier rectifiers 03-dec-2013 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? super long operating life ? low forward voltage ? low forward voltage drop ? plastic package has underwriters laboratory flammability classification 94 mechanical data ? case: to-277b molded plastic body ? polarity: color band denotes cathode end ? mounting position: any package information package mpq leader size to-277b 3k 13 inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameters symbol rating units maximum repetitive pe ak reverse voltage v rrm 45 v maximum rms voltage v rms 32 v maximum dc blocking voltage v dc 45 v maximum average forward rectified current i f(av) 15 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load(jedec method) i fsm 300 a thermal resistance junction to ambient 1 r ja 35 c / w thermal resistance junction to case 2 r jc 7 c / w operating and storage temperature range t j ,t stg 125, -55~125 c note: 1. to evaluate the maximum conduction losses use the following equation pf(av) = 0.37x if(av) + 0.01x i2f(rms) 2. fr4 board heat sink size: 10*10*0.2mm electrical characteristics parameter symbol typ. max. unit test condition 0.43 0.48 i f = 10a, t j = 25c 0.47 0.53 i f = 15a, t j = 25c maximum instantaneous forward voltage v f 0.42 - v i f = 15a, t j = 125c 0.02 0.2 t j =25c maximum dc reverse current at rated dc blocking voltage 2 i r 7 50 ma t j =100c typical junction capacitance 1 c j 680 - pf notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. pulse test pulse width = 300 s, duty cycle Q 2.0%. to-277b millimete r millimete r ref. min. max. ref. min. max. a 6.40 6.60 g 0.85 0.95 b 0.90 1.10 h 3.90 4.10 c 5.70 5.90 i 0.25 ref. d 1.80 1.95 j 1.75 1.85 e 0.75 0.85 k 2.95 3.05 f 3.45 3.60
elektronische bauelemente SMPB1545L voltage 45 v 15 amp surface mount schottky barrier rectifiers 03-dec-2013 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SMPB1545L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X