Part Number Hot Search : 
91100 8M1012 N4751 SMB36 N4751 3404A 15530 2SC5323
Product Description
Full Text Search
 

To Download SMPB1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SMPB1020 ~ smpb10100 voltage 20v ~ 100v 10 amp schottky barrier rectifiers 02-dec-2013 rev. d page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? super long operating life ? plastic package has underwriters laboratory flammability classification 94 mechanical data ? case: to-277b molded plastic body ? polarity: color band denotes cathode end ? mounting position: any package information package mpq leader size to-277b 3k 13 inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) part number parameters symbol smpb 1020 smpb 1040 smpb 1060 smpb 10100 unit maximum repetitive pe ak reverse voltage v rrm 20 40 60 100 v maximum rms voltage v rms 14 28 42 70 v maximum dc blocking voltage v dc 20 40 60 100 v maximum average forward rectified current@ t l =90 c i f(av) 10 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 275 a maximum forward voltage @ i fm =10a v f 0.68 0.75 0.85 v t j =25c 0.5 maximum dc reverse current at rated dc blocking voltage t j =100c i r 50 30 ma thermal resistance junction 1 r jc 7 c / w operating and storage temperature range t j ,t stg -55~125 -55~150 c note: 1. fr4 board. heat sink size: 10*10*0.2mm. to-277b millimete r millimete r ref. min. max. ref. min. max. a 6.40 6.60 g 0.85 0.95 b 0.90 1.10 h 3.90 4.10 c 5.70 5.90 i 0.25 ref. d 1.80 1.95 j 1.75 1.85 e 0.75 0.85 k 2.95 3.05 f 3.45 3.60
elektronische bauelemente SMPB1020 ~ smpb10100 voltage 20v ~ 100v 10 amp schottky barrier rectifiers 02-dec-2013 rev. d page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SMPB1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X