Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download SMF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features mechanical data surface mount transient vol tage suppressor surface mount transient vol tage suppressor maximum ratings and electrical characteristics o ratings at 25 c ambient temperature unless otherwise specified www.paceleader.tw SMF series breakdown voltage: 5.0 to 190 v peak pulse power: 200 w glass passivated chip 200 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle):0.01 % low leakage uni and bidirectional unit excellent clamping capability very fast response time rohs compliant case: molded plastic epoxy: ul 94v-0 rate flame retardant lead: solderable per mil-std-750, method 2026 polarity: color band denotes cathode end except bipolar mounting position: any note: (1)non-repetitive current pulse per fig.5 and derated above t a = 25 c per fig.1 (2)measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum s o d - 1 2 3 . 0 5 5 ( 1 . 4 0 ) .071(1.80) .004(0.10) .006(0.15) .028(0.70) .020(0.50) 0.30ref .037(0.95) .053(1.35) 1.00(2.55) 1.12(2.85) 1.40(3.55) 1.52(3.85)
note: 1. the available parts are "a" type only,the parts without a(v br is 10%) is not available 2. add suffix 'c 'or ' ca ' after part number to specify bi-directional devices 3. for bi-directional devices having v r of 10 volts and under, the i r limit is double 2 www.paceleader.tw surface mount transient vol tage suppressor surface mount transient vol tage suppressor SMF series
www.paceleader.tw 3 surface mount transient vol tage suppressor surface mount transient vol tage suppressor SMF series


▲Up To Search▲   

 
Price & Availability of SMF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X