Part Number Hot Search : 
500XT TB1238BN TPM754 B1424 20M63 HD641 BY614 NTX2N67
Product Description
Full Text Search
 

To Download SFH6286-3T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sfh628a, sfh6286 www.vishay.com vishay semiconductors rev. 2.0, 11-jul-13 1 document number: 83722 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output, ac input, low input current description the sfh628a (dip) and sfh6286 (smd) feature a high current transfer ratio, low co upling capacitance and high isolation voltage. these couplers have a gaas infrared emitting diode, which is optica lly coupled to a silicon planar phototransistor detector, and is incorporated in a plastic dip-4 or smd package. the coupling devices are design ed for signal transmission between two electrically separated circuits. the couplers are end-stackable with 2.54 mm lead spacing. ? creepage and clearance distances of > 8 mm are achieved with option 6. this version complies with iec 60950 (din vde 0805) for reinforced insulation to an operation voltage of 400 v rms or dc. features ? high common mode interference immunity ? isolation test voltage, 5300 v rms ? low coupling capacitance ? good ctr linearity depending on forward current ? low ctr degradation ? high collector emitter voltage, v ceo = 55 v ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? telecom ? industrial controls ? battery powered equipment ? office machines agency approvals ? ul1577, file no. e5 2744 system code h ? din en 60747-5-5 (vde0884-5), available with option 1 ? bsi iec 60950; iec 60065 ? ? ? note ? additional options may be possib le, please contact sales office. (1) also available in tubes; do not add t to end. i179080-3 e c a/c c/a 1 2 4 3 v de dip-4 smd-4 pin groove 1 1 1 1 ordering information sfh628x-#x0##t part number ctr bin package option tape and reel agency certified/package ctr (%) sfh628a sfh6286 ul, bsi 63 to 200 100 to 320 160 to 500 63 to 200 100 to 320 160 to 500 dip-4 sfh628a-2t (1) sfh628a-3 sfh628a-4 - - - smd-4, option 9 -- - sfh6286-2t (1) SFH6286-3T (1) sfh6286-4t (1) vde, ul, bsi 63 to 200 100 to 320 160 to 500 63 to 200 100 to 320 160 to 500 dip-4 - sfh628a-3x001 - - - - dip-4, 400 mil, option 6 sfh628a-2x016 sfh628a-3x016 sfh628a-4x016 - - - smd-4, option 7 - sfh628a-3x017t - - - - smd-4, option 8 sfh628a-2x018 - - - - - smd-4, option 9 - - - sfh6286-2x001t sfh6286-3x001t sfh6286-4x001 > 0.1 mm 10.16 mm > 0.7 mm 7.62 mm dip-# option 7 option 6 option 9 9.27 mm option 8
sfh628a, sfh6286 www.vishay.com vishay semiconductors rev. 2.0, 11-jul-13 2 document number: 83722 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? stresses in excess of the absolu te maximum ratings can ca use permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of th e time can adversely affect reliability. (1) refer to reflow profile for soldering conditions for surface mount ed devices (smd). refer to wave profile for soldering conditi ons for through hole devices (dip). note ? minimum and maximum values are testing requirements. typical values are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input dc forward current i f 50 ma surge forward current t ? 10 s i fsm 2.5 a power di ssipation p diss 76 mw output collector emitter voltage v ceo 55 v emitter collector voltage v eco 7v collector current i c 50 ma t p ? 1 ms i c 100 ma power di ssipation p diss 150 mw coupler isolation test voltage ? v iso 5300 v rms creepage distance ?? 7mm clearance distance ?? 7mm insulation thickness between ? ?? 0.4 mm comparative tracking index per din iec112/ ? 175 isolation resistance v io = 500 v, t amb = 25 c r io ?? 10 12 ? v io = 500 v, t amb = 100 c r io ?? 10 11 ? storage temperature range t stg - 55 to + 150 c ambient temperature range t amb - 55 to +100 c soldering temperature (1) max. 10 s, dip soldering distance t sld 260 c electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit input forward voltage i f = 5 ma v f 1.1 1.5 v capacitance v r = 0 v, f = 1 mhz c o 45 pf thermal resistance r thja 1070 k/w output collector emitter leakage current v ce = 10 v i ceo 10 200 na collector emitte r capacitance v ce = 5 v, f = 1 mhz c ce 7pf thermal resistance r thja 500 k/w coupler collector emitte r saturation voltage i f = 1 ma, i c = 0.5 ma sfh628a-2 v cesat 0.25 0.4 v sfh6286-2 v cesat 0.25 0.4 v i f = 1 ma, i c = 0.8 ma sfh628a-3 v cesat 0.25 0.4 v sfh6286-3 v cesat 0.25 0.4 v i f = 1 ma, i c = 1.25 ma sfh628a-4 v cesat 0.25 0.4 v sfh6286-4 v cesat 0.25 0.4 v
sfh628a, sfh6286 www.vishay.com vishay semiconductors rev. 2.0, 11-jul-13 3 document number: 83722 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - test circuit fig. 2 - test circuit and waveforms note ? as per iec 60747-5-5, 7.4.3.8.1, this opto coupler is suitable for saf e electrical insulation only within the safety rating s. compliance with the safety ratings shall be ensured by means of protective circuits. current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit i c /i f i f = 1 ma, v ce = 0.5 v sfh628a-2 ctr 63 200 % sfh6286-2 ctr 63 200 % i f = 0.5 ma, v ce = 1.5 v sfh628a-2 ctr 32 100 % sfh6286-2 ctr 32 100 % i f = 1 ma, v ce = 0.5 v sfh628a-3 ctr 100 320 % sfh6286-3 ctr 100 320 % i f = 0.5 ma, v ce = 1.5 v sfh628a-3 ctr 50 160 % sfh6286-3 ctr 50 160 % i f = 1 ma, v ce = 0.5 v sfh628a-4 ctr 160 500 % sfh6286-4 ctr 160 500 % i f = 0.5 ma, v ce = 1.5 v sfh628a-4 ctr 80 250 % sfh6286-4 ctr 80 250 % switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit turn-on time v cc = 5 v, i c = 2 ma, r l = 100 ? t on 6s rise time v cc = 5 v, i c = 2 ma, r l = 100 ? t r 3.5 s turn-off time v cc = 5 v, i c = 2 ma, r l = 100 ? t off 5.5 s fall time v cc = 5 v, i c = 2 ma, r l = 100 ? t f 5s isfh618a_11 i f 47 r l i c v cc isfh618a_12 10 % 90 % input pulse output pulse t r t on t f t off safety and insulation ratings parameter test condition symbol min. typ. max. unit climatic classification (according to iec 68 part 1) 55/100/21 comparative tracking index cti 175 399 v iotm 10000 v v iorm 890 v p so 400 mw i si 275 ma t si 175 c creepage distance standard dip-8 7 mm clearance distance standard dip-8 7 mm creepage distance 400 mil dip-8 8 mm clearance distance 400 mil dip-8 8 mm insulation thickness, ? reinforced rated per iec 60950 2.10.5.1 0.4 mm
sfh628a, sfh6286 www.vishay.com vishay semiconductors rev. 2.0, 11-jul-13 4 document number: 83722 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 3 - current transfer ratio (typ.) fig. 4 - current transfer ratio (typ.) fig. 5 - diode forward voltage (typ.) fig. 6 - diode forward voltage (typ.) fig. 7 - transistor capacitance fig. 8 - output characteristics 240 280 200 160 - 40 - 20 0 20 40 60 80 100 isfh618a_01 t a (c) 120 80 40 0 ctr (%) i f = 5ma i f = 1ma i f = 2ma i f = 0.5ma v ce = 0.5 v, c tr = f (t a ) 240 280 200 160 - 40 - 20 0 20 40 60 80 100 isfh618a_02 t a (c) 120 80 40 0 ctr (%) i f = 5ma i f = 1ma i f = 2ma i f = 0.5ma 1.15 1.2 1.1 1.05 isfh618a_03 i f (ma) 1 0.95 0.9 v r (v) t a = 25 oc, v f = f (i f ) 10 -1 10 0 10 1 1.15 1.2 1.1 - 40 - 20 0 20 40 60 80 100 isfh618a_04 t a (c) 1.05 1 0.95 0 v f (v) i f = 1.0 ma, v f = f (t a ) 16 20 12 isfh618a_05 v ce (v) 8 4 0 c ce (pf) t a = 25 oc, f = 1.0 mhz c ee = f (v ce ) 10 -1 10 0 10 1 10 2 10 -2 10 12 8 isfh618a_06 v ce (v) 6 4 2 0 i ce (ma) t a = 25 oc, c e = f (v ce , i f ) 10 -1 10 0 10 1 10 2 10 -2 i f = 5 ma i f = 2 ma i f = 1 ma i f = 0.5 ma
sfh628a, sfh6286 www.vishay.com vishay semiconductors rev. 2.0, 11-jul-13 5 document number: 83722 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 9 - permissible forward current diode fig. 10 - permissible power dissipation fig. 11 - switching times (typ.) package dimensions in millimeters 100 75 0255075 100 isfh618a_07 t a (c) 50 25 0 / f (ma) i f = f (t a ) 200 150 125 175 0 255075 100 isfh618a_08 t a (c) 100 25 75 50 0 p tot (mw) p tot = f (t a ) transistor diode 10 3 10 2 10 1 10 0 isfh618a_09 r l ( ) t (s) 10 3 10 4 10 5 10 2 t f t off t r t on t a = 25 oc, i f = 1.0 ma, v cc = 5.0 v, t on , t r , t off , t f , = f (r l ) i178027-8 6.48 6.81 4.55 4.83 10 0 to 15 0.2 0.3 7.62 typ. 2.79 3.30 5.84 6.35 0.76 1.14 4 typ. 2.54 3.30 3.81 0.508 0.89 0.46 0.56 0.79 typ. 1.27 typ. 1.27 iso method a pin 1 identification
sfh628a, sfh6286 www.vishay.com vishay semiconductors rev. 2.0, 11-jul-13 6 document number: 83722 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package marking notes ? only options 1, 7 and 8 are reflected in the package marking. ? the vde logo is only marked on option1 parts. ? tape and reel suffix (t) is not part of the package marking. i178029-1 0.508 1.020 0.25 typ. 10 3 to 7 9.52 10.03 7.52 7.90 8 min. lead coplanarity 0.004 max. 6.48 6.81 3 4 4.55 4.83 0.76 1.14 4 typ. 2.54 typ. 3.30 3.81 0.249 0.102 0.79 typ. 1.27 typ. smd iso method a 2.54 r 0.25 1.78 0.76 8 min. 1.52 11.05 pin 1 identification option 6 option 7 20802-23 option 8 2.54 1.78 0.76 8 min. 1.52 11.05 9.95 min. r 0.25 2.54 1.78 0.76 1.52 r 0.25 13 10.16 typ. 7.62 typ. 8 min. 7.62 typ. 4.3 0.3 0.6 min. 10.3 max. 0.7 min. 7.62 typ. 12.1 max. 9.27 min. 3.5 0.3 2.55 0.25 0.1 min. 0.25 0.1 3.5 0.3 21764-107 sfh628a-3 v x001 yww h 68
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SFH6286-3T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X