Part Number Hot Search : 
ZMM5228B F4585 HCF4040 8EVKIT 527277BP Y82222 PIC30F XSD310
Product Description
Full Text Search
 

To Download SF2094B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page 1 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 1. unless noted otherwise, all specifications apply over the o perating temperature range with filter soldered to the specified d emonstration board with impedance matching to 50 and measured with 50 network analyzer. 2. rejection is measured as attenuation below the minimum il point in the passband. rejection in final user application is depe ndent on pcb layout and external impedance matching design. see application note no. 42 for details. 3. the design, manufacturing process, and specific ations of this filter are subject to change. 4. the turnover temperature, t o , is the temperature of maximum (or turnover) frequency, f o . the nominal frequency at any case temperature, t c , may be calculated from: f=f o [1-ftc(t o -t c ) 2 ]. 5. tape and reel standard ansi / eia 481. 6. either port 1 or port 2 may be used for either input or output in the design. however, impedances and impedance matching may vary between port 1 and port 2, so that the filter must always be installed in one direction per the circuit design. 7. us and international patents may apply. 8. rfm, stylized rfm logo, and rf monolithics, inc. are registered trademarks of rf monolithics, inc. 9. ?copyright 1999, rf monolithics inc. electrical characteristics characteristic sym notes min typ max units nominal center frequency f c 1 379.9 380.00 380.1 mhz insertion loss 13.5 db 3 db bandwidth bw 3 4.0 mhz passband variation cf 1.7 mhz 0.5 1.5 db cf 1.85 mhz 2.3 3.5 db group delay variation cf 1.7 mhz 250 nsec reflected db return loss 10 triple transit 35 after 1-2us 20 after 2-3us 35 after >3us 45 ultimate rejection dc to 180 mhz 30 db 180 to 284 mhz 40 284 to 340 mhz 50 340 to 376.15 mhz 36 383.4 to 580 mhz 36 580 to 870 mhz 30 maximum peak rf input power 13 dbm maximum rf input power over life 10 dbm temperature range operating -15 85 c storage -40 85 frequency temperature coefficient ftc 0.032 ppm/c 2 case style smp-03 7 x 5 mm nominal footprint lid symbolization (yy=year, ww=week, s=shift) rfm SF2094B yywws smp-03 ? low insertion loss ? 5.0 x 7.0 mm surface-mount case ? differential input and output or single ended input and output ? complies with directive 2002/95/ec (rohs) absolute maximum ratings rating value units maximum incident power in passband +13 dbm max. dc voltage between any 2 terminals 30 vdc storage temperature range -40 to +85 c suitable for lead-free soldering - max soldering temperature 260c for 30 s 380.00 mhz saw filter SF2094B pb caution: electrostatic sensitive device. observe precautions for handling. notes:
www.rfm.com e-mail: info@rfm.com page 2 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 smp-03 case recommended pcb footprint case dimensions dimension mm inches min nom max min nom max a 6.80 7.00 7.20 0.268 0.276 0.283 b 4.80 5.00 5.20 0.189 0.197 0.205 c 1.50 1.65 2.00 0.059 0.065 0.079 d .47 0.60 .73 0.019 0.024 0.029 e 2.41 2.54 2.67 0.095 0.100 0.105 h 0.87 1.0 1.13 0.034 0.039 0.044 j 4.87 5.00 5.13 0.192 0.197 0.202 k 2.87 3.00 3.13 0.113 0.118 0.123 p 1.14 1.27 1.40 0.045 0.050 0.055 materials solder pad te r m i n a t i o n au plating 30 - 60 inches (76.2-152 m) over 80- 200 inches (203-508 m) ni. lid fe-ni-co alloy electroless nickel plate (8-11% phos- phorus) 100-200 inches thick body al 2 o 3 ceramic pb free electrical connections connection terminals single ended operation input 10 output 5 differential operation input 1, 10 output 5, 6 ground all others rfm matching circuit illustrated seperately a b c h e p d h j k 10-terminal ceramic surface-mount case 7 x 5 mm nominal footprint
www.rfm.com e-mail: info@rfm.com page 3 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08
www.rfm.com e-mail: info@rfm.com page 4 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 supplier size q value tolerance coilcraft 0805 60 47 nh 5% coilcraft 0805 60 39 nh 5% coilcraft 0805 60 6 nh 5% presidio 0603 - 18 pf 5% presidio 0603 - 8.2 pf 5%
www.rfm.com e-mail: info@rfm.com page 5 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08
www.rfm.com e-mail: info@rfm.com page 6 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 supplier size q value tolerance coilcraft 0805 40 39 nh 5% coilcraft 0805 38 56 nh 5% presidio 0603 - 2.2 pf 5% presidio 0603 - 2.7 pf 5%
www.rfm.com e-mail: info@rfm.com page 7 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 cover tape size k o cover tape 0.32 mm 0.3 2.15 mm 0.2 w (carrier tape size) a o b o p (pitch) 1.5 mm +0.1 -0.0 4.0 mm 0.1 2.0 mm 0.1 1.75 mm 0.1 7.5 mm 0.1 1.5 mm +0.3 -0.0 pin #1 user direction of feed component orientation and dimensions carrier tape dimensions ao 5.5 mm 0.1 bo 7.5 mm 0.1 ko 2.0 mm 0.1 pitch 8.0 mm 0.1 w 16.0 mm 0.3
www.rfm.com e-mail: info@rfm.com page 8 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 leader and trailer specifications (based upon eia-481) 7 inch reel quantity 500 symbol anc d bw 1 w 2 dimension 178 +0 -4 60 1 13 +0.5 -0.2 20.2 +1.5 -0 2 0.5 16.4 +2 -0 22.4 max 13 inch reel quantity 2000 symbol anc d bw 1 w 2 dimension 330 +0 -4 100 2 13 +0.5 -0.2 20.2 +1.5 -0 2 0.5 16.4 +2 -0 22.4 max dimensions of the leader and trailer dimensional drawing of the reel
www.rfm.com e-mail: info@rfm.com page 9 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 additional items (1) cover tape peeling strength the cover tape shall be adhered evenly to the carrier tape along both sides in the pulling direction. the cover tape peeling strength shall be as follows for an angle between the cover tape and the pulling direction of 165 to 180 (see the figure) and a peeling speed of 300mm/min. 10mm/min. [eia-481] 0.1n to 1.3n for a tape width of 12 to 56mm tape material (1) carrier tape [anti-charging treatment: carbon used] surface resistivity: 1 x 10 8 or less material: polystyrene or polycarbonate (2) cover tape material: polyester (anti-c harging treated) surface resistivity: 1 x 10 12 or less t = 50 to 100m width = 13.3mm warranty periods cover tape peeling strength and mounting performance of stored components. 2-1. cover tape peeling strength: one year after delivery (peeling strength: 0.1n to 1.3n) number of missing components there shall not be two or more consecutive missi ng components. also, the maximum number of missing components shall be the larger of one piece or 0.1%. storage environment keep the product on which taping has been performed to a temperature below 40c and a humidity within 80% rh. do not subject in the direct sun. fixing method 1. insert the tip of the carrier tape into the groove. 2. fix the tip of the cover tape with adhesive tape.
www.rfm.com e-mail: info@rfm.com page 10 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 labeling the following items are labeled on the surface of a reel. product part number, date code, quantity
www.rfm.com e-mail: info@rfm.com page 11 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 7 inch reel quanity per reel number reels per carton external caton dimensions reel weight shipping carton weight total weight 500 4 254 x 254 x 127 mm 10 x 10 x 5 inches 896 g 448 g 1344 g 500 10 254 x 254 x 203 mm 10 x 10 x 8 inches 2240 g 448 g 2688 g 13 inch reel quanity per reel number reels per carton external caton dimensions reel weight shipping carton weight total weight 2000 2 356 x 356 x 102 mm 14 x 14 x 4 inches 1288 g 448 g 1736 g 2000 4 356 x 356 x 178 mm 14 x 14 x 7 inches 2576 g 448 g 3024 g 2000 8 356 x 356 x 356 mm 14 x 14 x 14 inches 5152 g 448 g 5600 g package for shipment
www.rfm.com e-mail: info@rfm.com page 12 of 12 ?2008 by rf monolithics, inc. SF2094B - 4/2/08 rfm qualification and reliability test test standard test parameters measurement criteria results 1 life at elevated temperature mil-std-202 method 108 condition c 1,000 hours 125c unbiased within electrical & hermetic spec. (note 1) pass 2 temperature cycling jesd22 method ja-104 air-to-air -55 cto +125 c 20 min. dwell 1,000 cycles pass 3vibration, variable frequency mil-std-883 method 2007 condition b 50g max. 4 cycles, 3 axis 20 hz to 2 khz to 20 hz pass 4 mechanical shock mil-std-883 method 2002 condition b 1,500g max. 5 shocks 3 axis pass 5 destructive bond strength mil-std-883 method 2011 condition c wire bond pull strength 2.0 grams (after seal) pass 6 die shear strength mil-std-883 method 2019 shear strength 0.6 kg (strength/area limit in development) pass 7 solderability (note 2) j-std-002 method b 8 hr. steam age 245 c solder temperature 5 second dwell >95% wetted surface pass 8 physical dimensions jesd22 method jb-100 critical dimensions within specifications pass 9 temperature characteristics rfm procedure frequency over temperature within specifications pass 10 terminal strength (note 2) mil-std-833 method 2004 condition a & d cond. a-lead tension cond. b -pad adhesionr 24 8 oz. - 30 sec. visual requirements & meets hermetic spec. pass 11 resistance to solvents mil-std-883 method 2015 solvents a, b, d visual requirements pass 12 steady state life mil-std-883 method 1005 1,000 hours max. operating temperature rated voltage within electrical & hermetic spec. (note 1) pass 13 internal water- vapor content mil-std-883 method 1018 < 5,001 ppm pass 14 constant acceleration mil-std-883 method 2001 y1 direction 30,000g within electrical & hermetic spec. (note 1) pass 15 substrate attach strength mil-std-883 method 2027 tensile strength of die attachment custom per device pass


▲Up To Search▲   

 
Price & Availability of SF2094B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X