Part Number Hot Search : 
VNH3A BSS51 MUR1605E 1222M0 HSBD437 2N2221AX 2000411 MC44802
Product Description
Full Text Search
 

To Download SD7030-101-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  applications ? notebook computers ? wireless handsets ? tft lcd bias supplies ? gps receivers ? handheld instruments ? adsl/dsl/cable modems ? battery power, li-lon, 2-cell ? digital still camera ? white led driver ? buck and boost inductor environmental data ? storage temperature range: -40c to +125c ? operating temperature range: -40c to +125c (ambient plus self-temperature rise) ? solder reflow temperature: j-std-020d compliant packaging ? supplied in tape and reel packaging, 1500 parts per 13? diameter. reel low-profile shielded drum inductors sd7030 series 1011 bu-sb111167 page 1 of 4 data sheet: 4330 smd device 1 open circuit inductance test parameters: 100khz, 0.1v, 0.0adc. 2i rms : dc current for an approximate t of 40c without core loss. derating is necessary for ac currents. pcb layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the temperature rise. it is recommended that the temperature of the part not exceed 125c under worst case operating conditions verified in the end application. 3i sat amps peak for approximately 35% rolloff (@25c) 4 k-factor: used to determine b p-p for core loss (see graph). b p-p = k*l* i, b p-p (mt), k: (k factor from table), l: (inductance in h), i (peak-to-peak ripple current in amps). 5 part number definition: sd7030-xxx-r sd7030 = product code and size; -xxx = inductance value in h; r = decimal point; if no r is present, third character = # of zeros. -r suffix = rohs compliant product specifications part number 5 ocl 1 h 30% i rms 2 amps i sat 3 amps typ. dcr m @ 25c max dcr m @ 25c k-factor 4 sd7030-1r5-r 1.5 5.5 4.5 10 12 32 sd7030-3r3-r 3.3 3.7 3.00 20 24 22 sd7030-3r9-r 4.1 3.4 2.60 22 27 19 sd7030-5r0-r 4.9 3.2 2.40 26 31 17 sd7030-6r0-r 5.8 2.8 2.25 29 35 16 sd7030-7r3-r 7.0 2.3 2.10 45 54 13 sd7030-8r0-r 7.8 2.2 1.85 48 58 12 sd7030-100-r 10.0 2.1 1.70 54 65 11 sd7030-120-r 11.5 1.9 1.55 58 70 10 sd7030-150-r 14.6 1.7 1.40 70 84 9.3 sd7030-180-r 17.3 1.7 1.32 79 95 8.8 sd7030-220-r 21.0 1.4 1.20 107 128 7.6 sd7030-260-r 24.9 1.3 1.05 118 142 6.9 sd7030-300-r 30.0 1.2 0.97 138 165 6.4 sd7030-390-r 39.7 1.1 0.86 175 210 5.7 sd7030-440-r 43.4 1.1 0.80 198 238 5.3 sd7030-560-r 54.4 0.99 0.73 231 277 4.9 sd7030-680-r 66.6 0.85 0.65 253 304 4.3 sd7030-820-r 81.4 0.82 0.60 325 390 4.0 SD7030-101-R 95.5 0.70 0.54 446 535 3.6 sd7030-121-r 115.2 0.67 0.50 629 755 3.3 sd7030-151-r 145 0.57 0.44 715 858 2.9 sd7030-181-r 174 0.54 0.40 805 966 2.7 sd7030-221-r 211 0.51 0.36 1102 1322 2.4 sd7030-271-r 264 0.44 0.33 1259 1475 2.2 sd7030-331-r 317 0.38 0.30 1438 1725 2.0 sd7030-391-r 381 0.36 0.27 1857 2228 1.8 sd7030-471-r 460 0.34 0.25 2150 2581 1.7 sd7030-561-r 561.0 0.29 0.23 2857 3428 1.5 sd7030-681-r 677.2 0.28 0.21 3206 3847 1.4 description ? 125c maximum total operating temperature ? low profile 7.0 x 7.0 x 3.0mm maximum surface mount package ? ferrite material shielded drum core ? inductance range from 1.5h to 680h ? current range from 0.21 to 5.5 amps ? frequency range up to 1mhz pb halogen hf free
dimensions - mm top view bottom view front view recommended pad layout schematic left view 1mhz 500khz 300khz 100khz 200khz part marking: coiltronics logo xxx = inductance value in h. r = decimal point. if no ?r? is present, third character = # of zeros. wwlly or wwllyy = date code. r = revision level supplied in tape-and-reel packaging, 1500 parts per reel, 13? diameter reel. packaging information - mm core loss 1011 bu-sb111167 page 2 of 4 data sheet: 4330
1011 bu-sb111167 page 3 of 4 data sheet: 4330 -40c +25c +85c inductance characteristics temperature rise vs. loss
the only controlled copy of this data sheet is the electronic read-only version located on the cooper bussmann network drive. a ll other copies of this document are by definition uncon- trolled. this bulletin is intended to clearly present comprehensive product data and provide technical information that will he lp the end user with design applications. cooper bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution o f any products. cooper bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. once a product has been selected, it sh ould be tested by the user in all possible applications. life support policy: cooper bussmann does not authorize the use of any of its products for use in life support devices or syste ms without the express written approval of an officer of the company. life support systems are devices which support or sustain life, and whose failure to perform, when properly used in ac cordance with instructions for use provided in the label- ing, can be reasonably expected to result in significant injury to the user. north america cooper electronic technologies 1225 broken sound parkway nw suite f boca raton, fl 33487-3533 tel: 1-561-998-4100 fax: 1-561-241-6640 toll free: 1-888-414-2645 cooper bussmann p.o. box 14460 st. louis, mo 63178-4460 tel: 1-636-394-2877 fax: 1-636-527-1607 europe cooper electronic technologies cooper (uk) limited burton-on-the-wolds leicestershire ? le12 5th uk tel: +44 (0) 1509 882 737 fax: +44 (0) 1509 882 786 cooper electronic technologies avda. santa eulalia, 290 08223 terrassa, (barcelona), spain tel: +34 937 362 812 +34 937 362 813 fax: +34 937 362 719 asia pacific cooper electronic technologies 1 jalan kilang timor #06-01 pacific tech centre singapore 159303 tel: +65 278 6151 fax: +65 270 4160 ? 2011 cooper bussmann www.cooperbussmann.com 1011 bu-sb111167 page 4 of 4 data sheet: 4330 solder reflow profile temperature t t p t s t c -5c time 25c to peak time 25c t smin t smax t l t p preheat a max. ramp up rate = 3c/s max. ramp down rate = 6c/s t t a a b b l l e e 1 1 - - s s t t a a n n d d a a r r d d s s n n p p b b s s o o l l d d e e r r ( ( t t c c ) ) vol u me vol u me packa g emm 3 mm 3 thickne ss <350 > _ 350 <2.5mm 235 c 220 c > _ 2.5mm 220 c 220 c t t a a b b l l e e 2 2 - - l l e e a a d d ( ( p p b b ) ) f f r r e e e e s s o o l l d d e e r r ( ( t t c c ) ) vol u me vol u me vol u me packa g emm 3 mm 3 mm 3 thickne ss <350 350 - 2000 >2000 <1. 6 mm 2 6 0 c 2 6 0 c 2 6 0 c 1. 6 ? 2.5mm 2 6 0 c 250 c 245 c >2.5mm 250 c 245 c 245 c reference jdec j-std-020d profile feat u re s tan d ar d s np b s ol d er lea d (p b ) free s ol d er pr e h ea t a n d s o a k? t e mp e r a tur e min. (t smin ) 100 c 150 c ? t e mp e r a tur e m a x. (t sm a x ) 150 c 200 c ? tim e (t smin to t sm a x ) (t s ) 6 0-120 se con d s 6 0-120 se con d s av e r a g e r a mp up r a t e t sm a x to t p 3 c / se con d m a x. 3 c / se con d m a x. liqui d ous t e mp e r a tur e (t l ) 183 c 217 c tim e a t liqui d ous (t l ) 6 0-150 se con d s 6 0-150 se con d s p ea k p a ck a g e b o d y t e mp e r a tur e (t p ) * t ab l e 1t ab l e 2 tim e (t p ) ** within 5 c of th e sp e cifi ed cl a ssific a tion t e mp e r a tur e (t c ) 20 se con d s ** 30 se con d s ** av e r a g e r a mp- d own r a t e (t p to t sm a x ) 6 c / se con d m a x. 6 c / se con d m a x. tim e 25 c to p ea k t e mp e r a tur e6 minut e s m a x. 8 minut e s m a x. * tol e r a nc e for p ea k profil e t e mp e r a tur e (t p ) is de fin ed a s a suppli e r minimum a n d a us e r m a ximum. ** tol e r a nc e for tim e a t p ea k profil e t e mp e r a tur e (t p ) is de fin ed a s a suppli e r minimum a n d a us e r m a ximum.


▲Up To Search▲   

 
Price & Availability of SD7030-101-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X