Part Number Hot Search : 
75SERIES 2N4272 T2202 P1000 P1000 CT2245 BA3114 CEC8218
Product Description
Full Text Search
 

To Download RLST23A052V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tvs/esd arrays rlst23axxxv series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system
tvs/esd arrays - rlst23axxxv series page:1 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. ? 400 watts peak pulse power (tp = 8/20s) ? transient protection for high speed data lines to iec 61000-4-2 (esd) 15kv (air), 8kv (contact) iec 61000-4-4 (eft) 40a (5/50ns) iec 61000-4-5 (lightning) 24a (8/20s) ? one device protects one unidirectional line ? two devices protect two high-speed line pairs ? low leakage current ? low operating and clamping voltages ? solid-state epd tvs process technology features mechanical characteristics ? sot-23 package ? molding compound fammability rating: ul 94v-0 ? packaging: tape and reel per eia 481 ? lead finish: matte tin ? rohs compliant applications ? cellular handsets and accessories ? portable electronics ? industrial controls ? set-top box ? servers, notebook, and desktop pc ? not intended for use in life support or life saving applications ? the products shown herein are not designed for use in life sustaining or life saving applications unless otherwise expressly indicated life support note pinout and functional block diagram sot23 (top view) circuit prote ct io n system
tvs/esd arrays - rlst23axxxv series page:2 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. absolute maximum rating rating symbol value units peak pulse power (tp =8/20s) p pk 400 watts lead soldering temperature t l 260 (10 sec.) c operating temperature t j -55 to +125 c storage temperature t stg -55 to +150 c electrical characterlstics per lin (@ 25c unless otherwise specifed) type number peak power dissipation @8/20s pppm reverse stand-off voltage peak pulse voltage @8/20s pppm peak pulse current @8/20s pppm reverse leakage @vrwm maximum capacitance @1mhz v rwm vc@ ipp ipp ir@vrwm co max max max w v v a a bi(pf) rlst23a032v 400 3.3 6.5 43 125 300 RLST23A052V 400 5 10 20 10 220 rlst23a122v 400 12 25 20 1 100 rlst23a152v 400 15 30 20 1 90 rlst23a242v 400 24 45 15 1 80 rlst23a362v 400 36 75 7 1 70 circuit prote ct io n system
tvs/esd arrays - rlst23axxxv series page:3 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. typical characteristics non-repetitive peak pulse power vs. pulse t im e 0 10 20 30 40 50 60 70 80 9 0 100 110 02 55 07 51 00 12 51 50 am bi en t te mp er atu re - t a ( o c) % of r ated p ow er or i pp power d erating curve pulse w avefor m 0 10 20 30 40 50 60 70 80 9 0 10 0 11 0 05 10 15 20 25 30 ti me ( s ) pe rc en t of i pp e -t td = i pp /2 wa ve fo rm p ar am et er s: tr = 8 s td = 2 0 s 0.01 0. 1 1 10 0. 11 10 100 1000 pu ls e du ra ti on - t p ( s ) pe ak p ul se p ow er - p pk ( kw ) circuit prote ct io n system
tvs/esd arrays - rlst23axxxv series page:4 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. applications information device connection options the rlst23a032v and rlst23a362v series is designed to protect one bidirectional or two unidirectional data or i/o lines operating at 5 to 36 volts. connection options are as follows: ? bidirectional: pin 1 is connected to the data line and pin 2 is connected to ground (since the device is symmetrical, these connections may be reversed). the ground connection should be made directly to a ground plane. the path length should be kept as short as possible to minimize parasitic inductance. pin 3 is not connected. ? unidirectional: data lines are connected to pin 1 and pin 2. pin 3 is connected to ground. for best results, this pin should be connected directly to a ground plane on the board. the path length should be kept as short as possible to minimize parasitic inductance. circuit board layout recommendations for suppression of esd. good circuit board layout is critical for the suppression of fast rise-time transients such as esd. the following guidelines are recommended (refer to application note si99-01 for more detailed information): ? place the tvs near the input terminals or connectors to restrict transient coupling. ? minimize the path length between the tvs and the protected line. ? minimize all conductive loops including power and ground loops. ? the esd transient return path to ground should be kept as short as possible. ? never run critical signals near board edges. ? use ground planes whenever possible. matte tin lead finish matte tin has become the industry standard lead-free replacement for snpb lead finishes. a matte tin finish is composed of 100% tin solder with large grains. since the solder volume on the leads is small compared to the solder paste volume that is placed on the and pattern of the pcb, the reflow profile will be determined by the requirements of the solder paste. therefore, these devices are compatible with both lead-free and snpb assembly techniques. in addition, unlike other lead-free compositions, matte tin does not have any added alloys that can cause degradation of the solder joint. device schematic & p in configuratio n rs-232 t ransceiv er p rot ection exampl e circuit prote ct io n system
tvs/esd arrays - rlst23axxxv series page:5 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. soldering footprint e e1 d e1 e bxn 2 1 3 a1 a2 a 3x a bbb c a b b c seating plane aaa c 1.40 1.20 n3 3 0 - 8 0 8 0 - .055 .047 bb b. 00 80 .2 0 aaa .004 0.10 inches .114 l1 e d b e c .012 .003 .082 a1 dim a min .000 .035 0.51 0.18 2.64 0.30 0.08 2.10 .022 - .075 - .093 .020 .007 .104 (0.55) 1.90 bsc - - 2.37 2.90 millimeters max 0.10 1.12 min dimensions 0.01 max nom - - .004 .044 nom 0.89 - - 3.04 2.80 .110 .120 e1 .037 0.95 bsc l. 01 5. 02 00 .5 0 0.40 .024 0.60 a2 .035 .037 0.95 0.88 .040 1.02 e1 .051 1.30 see detail a side view datums and to be determined at datum plane -a- -b- 2. controlling dimensions are in millimeters (angles in degrees). notes: or gate burrs. dimensions "e1" and "d" do not include mold flash, protrusions 3. 1. -h- h detail a 0.25 c seating plane gauge plane 0 c l l1 dimensions dim inches millimeters min nom max min nom max a .035 - .044 0.89 - 1.12 a1 - - .004 0.01 - 0.10 a2 .035 .037 .040 0.01 - 0.10 b .012 - .020 0.30 - 0.51 c .003 - .007 0.08 - 0.18 d .110 .114 .120 2.80 2.90 3.04 e .082 .093 .104 2.10 2.37 2.64 e1 0.47 .051 .055 1.20 1.30 1.40 e .075 1.90 bcs e1 .037 0.95 bcs l .015 .020 .024 0.40 0.50 0.60 l1 .022 (0.55) n 3 3 circuit prote ct io n system
tvs/esd arrays - rlst23axxxv series page:6 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. part number code land pattern sot-23 r l s t 2 3 a 0 3 2 v logo vrwm:3.3v straight foot overhanging v= unidirectional c= bidirectional package sot-23 dimensions dim inches millimeters c (.087) (2.20) e .037 0.95 e1 .075 1.90 g .031 0.80 x .039 1.00 y .055 1.40 z .141 3.60 circuit prote ct io n system
tvs/esd arrays - rlst23axxxv series page:7 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. ordering information ordering information part number package min. order qty. rlst23axxxv sot-23 3000pcs storage conditions: 1. storage temperature: -10c~+40c 2. relative humidity:75%rh 3. keep away from corrosive atmosphere and sunlight. 4.period of storage: 1 year warehouse storage conditions of products www .pr ot ek de vices.c om 05194.r4 9/12 p ag e 5 s p e c ific a t i o n s reel d i a . t a p e w i d t h a 0 b 0 k 0 d e f w p 0 p 2 p tma x 178mm (7?) 8mm 3.15 0.10 2.77 0.10 1.30 0.10 1.55 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.228 n o t e s 1. dimensions a r e in millim e t er s. 2. surf ace moun t pr oduct is t aped and r eeled in ac c or dance with ei a -481. 3. 4. 5. marking on p art - marking c ode (see pag e 2) and d a t e c ode. t op co v er t ape k0 d p0 p2 t oler ance on t ape. 0.2 a0 b0 p e f w pin 1 t www .pr ot ek de vices.c om 05194.r4 9/12 p ag e 5 s p e c ific a t i o n s reel d i a . t a p e w i d t h a 0 b 0 k 0 d e f w p 0 p 2 p tma x 178mm (7?) 8mm 3.15 0.10 2.77 0.10 1.30 0.10 1.55 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.228 n o t e s 1. dimensions a r e in millim e t er s. 2. surf ace moun t pr oduct is t aped and r eeled in ac c or dance with ei a -481. 3. 4. 5. marking on p art - marking c ode (see pag e 2) and d a t e c ode. t op co v er t ape k0 d p0 p2 t oler ance on t ape. 0.2 a0 b0 p e f w pin 1 t circuit prote ct io n system
page:8 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. ruilongyuan electronics co., ltd. reproducing and modifying information of the document is prohibited without permission from ruilongyuan international inc. ruilongyuan international inc. reserves the rights to make changes of the content herein the document anytime without noti?cation. please refer to our website for the latest document. ruilongyuan international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ruilongyuan international inc. does not assume any and all implied warranties, including warranties of ?tness for particular purpose, non-infringement and merchantability. applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications.ruilongyuan international inc. makes no representation or warranty that such applications will be suitable for the specifed use without further testing or modifcation. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment,aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fullyindemnify ruilongyuan international inc. for any damages resulting from such improper use or sale. tel: +86-755-8290 8296 fax: +86-755-8290 8002 e-mail: jack@ruilon.com circuit prote ct io n system


▲Up To Search▲   

 
Price & Availability of RLST23A052V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X