Part Number Hot Search : 
LTC55 LM25575 HCPL47XX N4990 M8657X0 SMAJ51A OL5112L ISG56526
Product Description
Full Text Search
 

To Download RELIACELL10-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ip67 ruggedized cellular adapter ? global cellular support for: - 2g gsm - 2.5g 1x rtt - 3g hsdpa/umts/evdo rev a - 4g lte ? ready to deploy C certifed and carrier approved ? ruggedized for commercial and industrial applications ? optional gps capability reliacell 10-20 ruggedized - ip67 mountable C the enclosure design makes the reliacell 10-20 ideally suited for harsh environments; whether it is indoors or outside, it provides the cellular connectivity for your application or appliance needs easy cellular technology migration C the reliacell 10-20s unique concept allows for easy integration with your appliance or iot device, swapping reliacell models as cellular technology updates are needed, and avoiding time-consuming redesigns and massive hardware replacement costs no cellular certifcation costs C when using the reliacell as the cellular module for your m2m or iot device, it has all of the cellular certifcations completed allowing for rapid deployment of new product developments easy installation C the reliacell 10-20 is installed to a fat surface through signals of a usb on either a usb 2.0 or 3.0 connector. once plugged in and screwed on, it is sealed and waterproof, ready for deployment with standard software drivers to enable the cellular connection the reliacell 10-20 is a rugged cellular adapter that is easily mountable to fat surfaces. deployable for products sold globally, the reliacell 10-20 offers a distinctive approach to providing cellular connectivity within the m2m, iot and internet appliance marketplace. with its rugged and small design, it simplifes product development, time-to-market and costs associated with implementing a cellular solution. it becomes an easy addition to existing or new applications sealing onto the surface of an enclosure, weatherproof or not, with a simple usb connection and sma connectors for antennas. enabling cellular technology is one of the toughest and most time-consuming challenges enterprise customers face and the reliacell 10-20 simplifes this aspect of their solution. the reliacell 10-20 modularizes the cellular component of embedded product development uniquely to allow it to be added to systems without making compromises on ruggedization. now customers save time and money while avoiding the hassle of certifying with cellular carriers since the reliacell 10-20 is already certifed. the reliacell 10-20 is offered in several cellular technologies providing the fexibility to adapt should your product roadmap or application requirements evolve from 2g to 3g to 4g. simply switching from a 2g to a 3g reliacell solution, for example, will allow you to maintain the key system components of your appliance without incurring signifcant hardware costs or the lost time and resources associated with recertifcation of your device.
note: the information in this document is subject to change without notice and should not be construed as a commitment by eurotech. while reasonable precautions have been taken, eurotech assumes no responsibility for any error that may appear in this document. all trademarks or registered trademarks are the properties of their respective companies. north america sales.na@eurotech.com europe, middle east and africa sales.emea@eurotech.com latin america sales.la@eurotech.com asia pacific sales.ap@eurotech.com for your local contact please refer to: www.eurotech.com/contacts eth_reliacell_10-20_ ds_en_06/2014_rev-04 2g gsm 2.5g cdma 3g gsm 3g cdma 4g lte available 3q14 cellular technology quad-band gsm/gprs cdma/1x rtt penta-band hspa+, quad-band gsm/ edge cdma/evdo rev a 1x rtt 700(b13) aws1700(b4) umts/hsdp+ gps/glonass optional n/a globally optional except japan & south korea optional for verizon & sprint only optional carrier approvals n/a verizon, sprint at&t, t-mobile, skt, nttdocomo verizon, sprint several carriers region europe north america *global north america europe & north america ip67 ruggedized cellular adapter reliacell 10-20 modules specifcations interfaces 1x usb port usb2.0 type a compatible for cellular only usb3.0 type a cellular and voice capability (contact factory) sim dual microsim, internal & feld replaceable antennas cellular 2 sma (main & diversity if available) gps/glonass sma (optional) not on all modules power 5vdc 500ma typical physical enclosure polycarbonate (3.56x1.75x.82) mounting panel mount- 4 m2.5 screws, metric operating temperature -40 to +85c certifications ip67, ptcrb , fcc/ic/ce, sae j1455, ul, telec note: additional countries and carrier certifcations to be added. if you have specifc needs for a country not listed here, or if you have carrier questions, please contact eurotech. *dependent on carrier/country approvals


▲Up To Search▲   

 
Price & Availability of RELIACELL10-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X