Part Number Hot Search : 
00BZXI AN7191Z ETF02S C5571 2SD1511Q SMPA48 DRE3G GR8875L
Product Description
Full Text Search
 

To Download PCCV20-100M-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd semi shielded power chip inductor 15 rdc () allied part number inductance ( h) tolerance (%) test freq. a llie d com po nents in te rna tio nal 714-665 -1140 www .a ll iedcom po nents.com rohs 04/04/13 mhz, 200mv all specifications subject to change without notice. irms p ccv 20-1r0 m-rc 1.0 20 1 95 1.488 features ? semi magnetically shielded electrical test equipment physical packaging: 2k per tape and reel ? high current inductance range: 1.0h ~ 22h (other tolerance: available in 20% operating temp: -40oc ~ +125oc isat: current at which the inductance will drop resistance to soldering heat pre-heat 150oc, 1 min. solder temp: 260oc +/- 5oc for 10 sec (l): hp4287a + hp16197a (rdc): chroma milliohm meter 16502 current: hp4284a + hp42841a marking: as noted pccv20 isat 1.488 irms: based on a temp rise of t = 40oc solder composition: sn/ag3.0/cu0.5 values being added) by no more then 30% of its initial value. p ccv 20-1r5 m-rc 1.5 20 1 140 1.320 1.312 p ccv 20-2r2 m-rc 2.2 20 1 190 1.040 1.040 p ccv 20-3r3 m-rc 3.3 20 1 295 0.784 0.768 p ccv 20-4r7 m-rc 4.7 20 1 360 0.720 0.672 p ccv 20-6r8 m-rc 6.8 20 1 640 0.560 0.528 p ccv 20-100 m-rc 10 20 1 1000 0.448 0.432 ? typical above ambient temp. 30% marking b c d e f g h ? low magnetic radiation (max) (max) ? ultra low profile only 1.02mm recommended pattern (a) (a) p ccv 20-220 m-rc 22 20 1 1700 0.320 0.304 i inductance vs. dc current 0 5 10 15 20 25 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 dc current(a) l(uh) 100 220 6r8 4r7 3r3 2r2 1r0 tem perature change vs. dc current 0 10 20 30 40 50 60 70 80 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 dc current(a) t( ) 100 220 1r0 2r2 3r3 4r7 6r8 magnet ic resin dimensions: inches (mm) .080.1 (2.00.25) .0630.1 (1.60.25) .024 (0.6) .041 (1.02) .032 (0.8) .032 (0.8) .071 (1.8) .032 (0.8) max


▲Up To Search▲   

 
Price & Availability of PCCV20-100M-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X