Part Number Hot Search : 
4093B SG16036A SA604AD BLM21P DG411DK BD414 103MA LCX16
Product Description
Full Text Search
 

To Download P500-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vga coax monitor extension cable, high resolution cable with rgb coax (hd15 m/f), 100-ft. model number: P500-100 description tripp lite's 100 foot xvga/svga/vga monitor extension cable is the gold standard in video cables. the mini-coax (rgb) and paired video wire construction delivers superior signal quality. gold plated connectors and gold plated copper contacts ensure excellent conductivity. double shielding (foil and braid) provides maximum emi/rfi protection. both the high density db15 male and high density db15 female connectors are molded and have integral strain relief to ensure they last a long time. features superior molded cables with foil and braid shielding for maximum emi/rfi protection constructed from mini-coax (rgb) and paired video wire construction for superior signal quality up to 2048 x 1536 resolution support gold plated connectors and gold plated copper contacts ensure excellent conductivity hd15 male to hd15 female molded connectors specifications overview intended application connecting peripherals style monitor cables display style direct connect model type vga cable type monitor input highlights superior molded cables with foil and braid shielding for maximum emi/rfi protection constructed from 75ohm mini-coax (rgb) and paired video wire construction for superior signal quality gold plated connectors and gold plated copper contacts system requirements monitor with hd15 cable package includes 100-ft. xvga/svga/vga monitor extension cable hd15m to hd15f 1 / 2
cable length (ft.) 100 cable length (m) 30.48 upc assignment unit carton upc# 037332125187 physical color black connections connector a hd15 (male) connector b hd15 (female) certifications certifications rohs-compliant warranty product warranty period (worldwide) lifetime limited warranty ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of P500-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X