Part Number Hot Search : 
74ALVC 14PC15GF D1765 70SP1 AM29F017 LL101B MAX2368 ADUM5401
Product Description
Full Text Search
 

To Download P18TG-2409Z41LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pmq-series ? p18tg-xxxxe/z4:1(h35)lf ? single and d ual output ? dip24 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/3 p18tg-xxxxe/z4:1(h35)lf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 4:1 ultra wide input input filter pi type input reflected ripple current1 35 ma pk-pk output specifications voltage accuracy 1% short circuit protection indefinite (automatic recovery) line regulation 0.5% load regulation 0.5% (3.3 / 3.3vout models: 1.5%) ripple and noise (20mhz bandwidth) 60 mv pk-pk temperature coefficient 0.02% / c general specifications efficiency see table i/o isolation voltage (3 sec.) 1500 vdc (3500 vdc optional)* i/o isolation capacity 470 pf, typ. i/o isolation resistance 1000 mohm switching frequency (typical) 266 khz humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 1.121 mhrs physical specifications case material non conductive black plastic (ul94v-0 rated) potting material epoxy (ul94v-0 rated) weight ~ 13.5g, typ. environment specifications operating temperature -40 to +85c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection rohs conform soldering 260c, max. (1.5mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the pm q series p18 tg - xxxxe/z4:1(h35)lf is a family of cost effective 4w, single & dual output dc-dc converters with a ul tra wide input range of 4:1. these converters are encapsulated in dip24 plastic case with high performance features: 1500 to 3500vdc input/output isolation voltage, continuous short circuit protection with automatic restart and tight line / load regulation, high efficiency operation and output vo ltage accuracy of 1% maximum. pmq-series  4 watt  4:1 ultra wide input  regulated  single and dual output  1.5 to 3.5 kv dc i/o isolation  dip24 plastic case  continuous short circuit prot. rev.09-2009
pmq-series ? p18tg-xxxxe/z4:1(h35)lf ? single and d ual output ? dip24 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/3 selection guide single/dual output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output p18tg-243r3e4:1lf 9-36 18 222 3.3 0 1200 75 1000 p18tg-2405e4:1lf 9-36 18 210.9 5 0 800 79 680 p18tg-2409e4:1lf 9-36 18 208.3 9 0 444 80 100 p18tg-2412e4:1lf 9-36 18 205.8 12 0 333 81 100 p18tg-2415e4:1lf 9-36 18 203.3 15 0 266 82 68 p18tg-2424e4:1lf 9-36 18 208.3 24 0 166 80 47 p18tg-483r3e4:1lf 18-72 15 110 3.3 0 1200 75 1000 p18tg-4805e4:1lf 18-72 15 105.5 5 0 800 79 680 p18tg-4809e4:1lf 18-72 15 104.2 9 0 444 80 100 p18tg-4812e4:1lf 18-72 15 102.8 12 0 333 81 100 p18tg-4815e4:1lf 18-72 15 101.6 15 0 266 82 68 p18tg-4824e4:1lf 18-72 15 104.2 24 0 166 80 47 dual output p18tg-243r3z4:1lf 9-36 18 222 3.3 0 606 75 470 p18tg-2405z4:1lf 9-36 18 210.9 5 0 400 79 330 p18tg-2409z4:1lf 9-36 18 208.3 9 0 222 80 47 p18tg-2412z4:1lf 9-36 18 205.8 12 0 166 81 47 p18tg-2415z4:1lf 9-36 18 203.3 15 0 133 82 33 p18tg-2424z4:1lf 9-36 18 208.3 24 0 83 80 22 p18tg-483r3z4:1lf 18-72 15 110 3.3 0 606 75 470 p18tg-4805z4:1lf 18-72 15 105.5 5 0 400 79 330 p18tg-4809z4:1lf 18-72 15 104.2 9 0 222 80 47 p18tg-4812z4:1lf 18-72 15 102.8 12 0 166 81 47 p18tg-4815z4:1lf 18-72 15 101.6 15 0 133 82 33 p18tg-4824z4:1lf 18-72 15 104.2 24 0 83 80 22 if you need other specifications, please enquire. * for optional 3.5kv dc i/o isolation, please add ? h35? before lf!  example: p18tg-1205z4:1h35 lf for 3.5kv
pmq-series ? p18tg-xxxxe/z4:1(h35)lf ? single and d ual output ? dip24 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/3 package / pinning / derating 15.24 (0.60) 20.32 (0.80) 0.25 (0.01) # single 1.5kv dual 1.5kv single 3.5kv dual 3.5kv 1 +vin +vin omitted omitted 2 n.c. - vout - vin - vin 3 n.c. common - vin - vin 9 omitted omitted omitted common 10 - vout common omitted omitted 11 +vout +vout n.c. - vout 12 - vin - vin omitted omitted 13 - vin - vin omitted omitted 14 +vout +vout +vout +vout 15 - vout common omitted omitted 16 omitted omitted - vout common 22 n.c. common +vin +vin 23 n.c. - vout +vin +vin 24 +vin +vin omitted omitted pin connections app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh. 2 = tested by nominal vin and constant resistor load.


▲Up To Search▲   

 
Price & Availability of P18TG-2409Z41LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X