Part Number Hot Search : 
H100T3G 3200A 2SK35 A8732 Q4010RH5 BAT54SW 143EC 103LF
Product Description
Full Text Search
 

To Download P0201V05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05393.r0 11/12 page 1 05393 P0201V05 ult r a low ca p acitance esd pr otection com p onent d esc r i p tion the P0201V05 is an ultra low capacitance esd component designed to protect very high-speed data interfaces. the device has a typical capactance of only 0.15pf (i/o to gnd) and is compatble with the esd immunity requirements of iec61000-4-2. featu r es ? compatble with iec 61000-4-2 (esd): air 15kv (typical), 25kv(max) ? compatble with iec 61000-4-2 (esd): contact 8kv (typical), 15kv(max) ? low leakage current: 0.10a ? fast response time ? protects one bidirectonal line ? ultra low capacitance: 0.15 pf (typical) ? rohs compliant ? reach compliant m echanical cha r acte r istics ? molded ceramic 0201 package ? approximate weight: 0.22 milligrams ? lead-free platng ? solder refow temperature: ? lead-free - sn/ag/cu, 96/3.5/0.5: 260-270c ? 8mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 a pp lications ? hdmi ? dvi ? display port ? unifed display interface (udi) ? mobile display digital interface (mddi) ? gigabit ethernet ? usb2.0 & usb3.0 ? ieee 1394 interface p in con f i g u r ation 1 2
only one name means protektion? www.protekdevices.com 05393.r0 11/12 page 2 05393 P0201V05 ty p ical de v ice cha r acte r istics ma x imum r atin g s @ 25c unless o therwise specifed p a r amete r sym b ol v alue units operatng temperature t a -40 to 90 c storage temperature t stg -55 to 125 c solder temperature - 10s t l 260 c elect r ical cha r acte r istics p e r line @ 25c unless o therwise specifed p a r t num b e r r ated stand - o ff v olta g e v wm v olts ty p ical t r i gg e r v olta g e ( n ote 1) v t v olts ty p ical clam p in g v olta g e ( n ote 1) v c v olts ma x imum lea k a g e cu rr ent ( n ote 2) @v wm i d a ty p ical ca p acitance @0v, 1 mh z c j p f P0201V05 5.0 400 40.0 0.10 0.15 notes 1. trigger and clamping voltage are measured per iec 61000-4-2, 8kv contact discharge method. 2. afer reliability tests such as high temperature storage, temp cycle, contnuous esd strikes, the maximum leakage current is less than 10a. c z r z esd tester dut (device under test) 450 ohms rg 223/u 50 ohm coax 10x atenuator 4ghz digital oscilloscope 50 ohm iec 61000-4-2 network c z = 150pf r z = 330 ohms f i g u r e 1 esd c lam p in g test
only one name means protektion? www.protekdevices.com 05393.r0 11/12 page 3 05393 P0201V05 ty p ical de v ice cha r acte r istics i pp 100% 90% 10% tr = 0.7ns to 1ns 30ns 60ns t f i g u r e 2 ty p ical esd wa v e f o r m f i g u r e 3 esd wa v e a f te r clam p in g
only one name means protektion? www.protekdevices.com 05393.r0 11/12 page 4 05393 P0201V05 solde r r e f low in f o r mation pr inted ci r cuit b oa r d r ecommendations p a r amete r v alue pad size on pcb 0.275mm pad shape round pad defniton non-solder mask defned pads solder mask opening 0.325mm round solder stencil thickness 0.150mm solder stencil aperture opening (laser cut, 5% tapered walls) 0.330mm round solder paste type no clean pad protectve finish osp (entek cu plus 106a) tolerance - edge to corner ball 50m solder ball side coplanarity 20m maximum dwell time above liquidous (183c) 60 seconds soldering maximum temperature 270c t p 30-60 seconds ramp-up 15 seconds (m inimize) s older-time 15-20 seconds ramp-d own ramp-d own solder melt (m aximum t emp) m aximum s older refow (35-53c a bove m aximum solder melt t emp) ramp-up preheat (s tay below flux a ctvaton t emp) t emperature - c r ecommended non-solde r mas k de f ined p ad illust r ation non-solder mask d efned pad 0.275mm dia . solder mask opening 0.325mm dia . solder s tencil opening 0.330mm dia . requi r ements temperature: t p for lead-free (sn/ag/cu): 260-270c t p for tin-lead: 240-245c preheat tme and temperature depends on solder paste and fux actva - ton temperature, component size, weight, surface area and platng.
only one name means protektion? www.protekdevices.com 05393.r0 11/12 page 5 05393 P0201V05 c 0201 p ac k a g e in f o r mation outline dimensions dim millimete r s inches min ma x min ma x a 0.50 0.70 0.020 0.028 b 0.25 0.35 0.010 0.014 c 0.25 0.40 0.010 0.016 d 0.10 0.30 0.004 0.012 note s 1. controlling dimension: millimeters. p ad layout dimensions dim millimete r s inches nom nom a 0.30 0.012 b 0.25 0.010 c 0.60 0.024 notes 1. controlling dimension: millimeters b a c bottom view side view a c b d
only one name means protektion? www.protekdevices.com 05393.r0 11/12 page 6 05393 P0201V05 ta p e and r eel o r de r in g in f o r mation b ase p a r t num b e r lead fr ee su ff i x ta p e su ff i x qty /r eel r eel si z e tu b e qty P0201V05 n/a -t710 10,000 7 n/a this device is only available in a lead-free confguraton. s p eci f ications reel d ia. t a p e w idth a 0 b0 k0 d e f w p0 p2 p tmax 178mm (7) 8mm 0.75 0.05 1.22 0.10 0.56 0.05 1.55 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 2.00 0.05 0.25 n otes 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t710 = 7 reel - 10,000 pieces per 8mm tape. 10 pitches cumulatve tolerance on tape 0.2 w f b0 e p2 p0 d p a0 k0 t user directon of feed top cover tape
only one name means protektion? www.protekdevices.com 05393.r0 11/12 page 7 05393 P0201V05 com p any in f o r mation copyright ? protek devices 2012 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. com p any pr ofile in business more than 20 years, protek devices? is a privately-held company located in tempe, arizona, that ofers a product line of tran - sient voltage suppressors (tvs); avalanche breakdown diodes; steering diode tvs arrays and other surge suppressor component products. these tvs devices protect electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulses (nemp), inductve switching and emi / rfi. protek devices also ofers high performance interface and linear products that include analog switches; multplexers; led drivers; audio control ics; rf and related high frequency products. the analog devices work in a host of con - sumer; industrial; automotve and other applicatons. contact us c orporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com pro t ek d evices (a sia pacifc) pte. l td. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 w eb www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of P0201V05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X