Part Number Hot Search : 
D200ED MC141 2SA743 TMC222 UL635 C1648X HSM343 FTS2015
Product Description
Full Text Search
 

To Download NAS1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ros pa ce ndu st r ies national aerospace standard a ssoc i atio n . = :o _ ,. _ r,. = ,, = , _ , , _ , = o = , _ o f_ ,., _ fed sup class one (1 ) raised m a rk " 5320 -. \- - _.030 m ax -- w . e 2o / _ s : _ \ ,010 r a d t manufacturer's id raised a28 6 i " _ _ . or recessed .010 max . i i -, _ .i _ - see n ote 11. 0 o ) .' r . 01 m a x p ' z ' = = , ._ , _ / _ --- leng th ? uji- o = +. 010 or r ec ess e d . 0 3 0 ma x , . 010 hi g h ma x or .o20 d ee p max dia c a c a' b e o f p ow s t o a bsolu t e (r e f) max :b005 max min max min pad = - u_ min tuo = < . 094 + . 0 0 2 .14g 0 .1260 .021 .006 no .0123 . 0 0 8 9 .1192 .1190 .023 . 029 cu p ,, =_ - . 001 .139 8 recess ,9,,, " ' " ; . 125 + . 0 0 3 . 1970 i . 1739 .029 .0 0 6 . 0 7 0 . 0141 . 0106 .162 8 .1626 .03 1 .039 - .001 .187 _ - _ . 1 56 + . 0 0 4 . 2 487 .2251 ,037 . 006 .0 80 .0189 . 0153 . 2 0 28 . 2026 . 039 . 04 9 !_ - .001 .238z . 187 +.004 . 2987 .2749 .046 .006 .100 .0225 .0188 .2 4 41 . 2439 . 04 7 .059 < _ - .001 . 2 8 79 _ _ 250 +.004 .3953 .371 0 .060 .008 .125 .0263 .0223 .3315 .3313 .062 . 0 78 - .00 1 .3835 _ ust of curre n t shee t s _!ii ? 1 : , custodian national aerospace standards committee =_ z _ proj e ction - , < pro c urment title cl _ s s lfic a t _ n specification rivet, solid, 100 deg flu s h sh ear head , a286 standard part no ne corrosion resi st ant steel and NAS1200 monel sheet 1 of 2 us e of or reliance upo n this document or any nat i onal a erospace sta n dard i s e n t i rely volu nt ary. n a does not q ua lify s u ppl i er s or _,__=.,__. o ,_._.,__ o __ . _ ,,._ u ._ u . o e.. . t, o. _ .-- os. . oe st . .o . rds. , , , , , , _ . 0 re_res_ . _ o . o . 0 _.,. res p e_r , ._ (,) " r .e , . h t u _ " u i:m::; poh a ny partigui ar apptlcatio n . or (2) the _' xiste n ce of or applicability th ereto of patent or trademark rights. http://
_erospace nd us tr i e s national aerospace standard ass o c i at io n _ "_ ' _ ' _ ' _ "_ ' _ _ ' =_ ' _-_"_ i ' " i i bas i c le n g t hs an d d ash numb e rs part d i a number . 1 25 .188 .2 5 0 .3 1 2 .375 .438 . 5 00 .563 .625 .68 8 .7 5 0 __ _ n as1200 - 3 .094 - 2 . - 3 - 4 - 5 - 6 - 7 - 8 - 9 - 10 -11 -12 nas .. 1200-4 .125 - 3 - 4 -5 - 6 - 7 -8 -9 - 10 -1 1 -1 2 nas120g-5 .156 - 4 - 5 - 6 - 7 - 8 -9 -1 0 - 11 - 12 c_ NAS1200 - 6 . 18 7 -4 -5 -6 - 7 -6 -9 . - 10 - 11 - 1 2 NAS1200 - 8 . 250 - 5 - 6 -7 - 8 - 9 -10 -11 -12 < _ basic lengths and dash numbers - part dia - number .813 .875 .938 1.000 1.125 1.250 1.375 1.500 1.750 2 . 000 _ _ _ NAS1200 - 3 .094 -1 3 -1 4 -15 - 1 6 e d NAS1200 -4 .12 5 -13 - 14 - 15 - 16 - 18 - 20 = = _ :d NAS1200 - 5 . 1 56 - 1 3 - 14 -1 5 - 16 - 18 - 20 - 22 - 2 4 -28 - 32 /_ l . u ? z tu _ na91200 -8 .187 - 1 3 - 14 - 15 - 16 - 18 i -20 1 - 22 - 2z _ -28 - 32 _=_ nas12 0 0-8 .250 - 1 3 -14 -15 -1 6 -18 1 " 20 - 22 -2 4 -28 -3 2 ?,,,__z note: monel rivets with le ngths t o the r i ght of the heavy une are not available with rad i used ends ? ma te r i al: a286 (u n s $662861 - corrosion and he a t resistant w i re per am _ 5734. monel (uns n04400) - ni c kle-copper- ai loy wire per qq - n - 281, cla ss a (annealed). s hear s trength at room temperature: a2 56 - 8 5 ks l to 95 ksi as heat tre a te d. 90 ksi min after driving. monel - 49 k s! to 5 9 ks i , as re c eived. see note 12. >; :::) heat trea t: a286 - solu _ on _ ' e at and pa r _ ally pred _ h e at tr e at a l ter aft e r h ea ding as fo l lows: heat at 16 5 0 f + /- 2 5 for 25 minu te s - oil qu e n c h. age at 1 250 f io 1350 f fo r 30 to 90 m _ as as neces s a r y to m e et sh e a r requiremen = . air cool. b finish: a295 - p es sivat e p e r qq-p-3 5 . _. monel - on l y when sp e dfied, cadmium plate p e r qq-p -4 16, typ e ii, class 2. c _ code: " m " in p l a c e of _ , st dash in_ monel " p " aft e r las t dash number indicates c adrnlum plate for monel only. i" examp les of part numbers: i_ , f_ n a _ 1 200mi' _ p == "125 d |a, "5 00 le ng th e mo n e l riv e t* c * _0 j _ m | u a pla ted n_ 1200 -4- 8 - 5 = .1 25 dia, .531 le ngth, a 2 8 6 rivet (see no te 10) _ ) notes: 1. tol e rances: u n le ss otherwise s _ . .010. 2. .001 shank d i a met e r incr e as e p e m _ ls __ _n e _ .10 in c hes of bas e of h e ad. 3. sha n k a n d head diam e t e rs sha l l b e c or _ eflldc within .010 for riv e t s i t u'u .125, withi n .01 5 for .1 5 6 a n d .187 riv e ts, and w i th i n . o2o fo r .25o _ ets, rm . 4 . riv e ts sh a l l driv e o old sa'dsfac te dly with full heads free from _ a cks. 5. riv e ts must b e of uniform qua rw a n d free lror n sca le , r,' z s, seams, c i n ch or die marks, cold shuls, or oil e r 6. head oidng angl e relativ e to ds of riv e t . 500 d e g max. 7. m m dmum head diamet e m ate to _ eoret _ ! sham comers as measured by projecti _ . >. 8. see n / l3527 for the reconune c c le d _ for irspe _ ng head ch a ra c te rblics. 8. the be a _ m_ y may be _ _ a _ " _ " c _ on, l o . _ d _ or _ .o _13 v _ reme _ may be oua v _ by add _ g - 5 a _ ter _ = st _ t o f part numb e r, i_ ( _ )11. ma n ufacturer _ identification is required on riv e t heads with sha n k diamet e r . 125 inch a n d la r ger ma n ufa c lured a l ter < june 19o -. .3. ? 12. do _ jb le shear strengthtests sha l l be i n a cc ort an _ w it h mi l -s td-1312, test 13 o r astm b565. si n gle shear i stm c tgth tasti ng per mi l -s td - 1312, test 20. i :c r n, . sheet 2 u se of or reliance upo n this d ocument or a n y national aerospace s t a ndard is entirely volu nt ary'. aia does n ot oua l if' f s upplier s or certify co n fori 4 ance of it e i / ,s pr oc ured u n der na tio n al aerospace st&noaros. n a ike, ke 8 n o represe nt a ti on or claim r es pegting (1) the su[ta e |l[ty of items f or any particular applicatio n . or t _ th e existen c e of or appuoab i uty ther eto of patent or trademark rights,


▲Up To Search▲   

 
Price & Availability of NAS1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X