Part Number Hot Search : 
A3130 COM4203A SV250 TWF150 608X5 78M12 25P20 M54566DP
Product Description
Full Text Search
 

To Download NACKA391M50V125X14TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  63 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors nacka series features ? cylindrical v-chip construction for surface mounting ? low impedance and wide temperature ? long life (5,000 hours @ 105 o c) ? available with anti-vibration wide terminations ? designed for automatic mounting and reflow soldering characteristics rated voltage range 6.3 ~ 100vdc rated capactance range 47 ~ 6,800 f operating temperature range -55c ~ +105c capacitance tolerance 20%(m) maximum leakage current after 2 minutes @ 20c 0.01cv whichever is greater maximum tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 80 100 s.v. (vdc) 8.0 13 20 32 44 63 79 100 125 all case sizes c 1,000 f 0.26 0.19 0.16 0.14 0.12 0.12 0.10 0.08 0.07 c = 1,500 f - - 0.16 0.16 0.12 - - - - c = 2,200 f - 0.21 - 0.16 - - - - - c = 3,300 f 0.30 - 0.20 0.18 - - - - - c = 4,700 f - 0.25 0.22 - - - - - - c = 6,800 f 0.36 0.29 - - - - - - - low temperature stability impedance ratio @ 120hz z -25c/z +20c 2 2 2 2 2 2 2 2 2 z -40c/z +20c 3 3 3 3 3 3 3 3 3 z -55c/z +20c 4 4 4 3 3 3 3 3 3 load life test @ 105c 5,000 hours capacitance change within 30% of initial measured value tan less than 200% of speci? ed value leakage current less than speci? ed maximum value shelf life test @ 105c 1,000 hours capacitance change within 30% of initial measured value tan less than 200% of speci? ed value leakage current less than speci? ed maximum value resistance to soldering heat within recommended re? ow conditions capacitance change within 10% of initial measured value tan less than speci? ed maximum value leakage current less than speci? ed maximum value precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nack rev. 1 05212007 standard product and case size d xl (mm) cap ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 80 100 47 470 - - - - - - - - 12.5x14 68 680 - - - - - - - 12.5x14 12.5x14 100 101 - - - - - - - 12.5x14 16x17 150 151 - - - - - - 12.5x14 12.5x14 16x17 220 221 - - - - - - 12.5x14 - 18x17 330 331 - - - - - 12.5x14 - 16x17 18x17 390 391 - - - - - 12.5x14 - - - 470 471 - - - - 12.5x14 16x17 16x17 18x17 - 560 561 - - - - - 16x17 - - - 680 681 - - - - 12.5x14 16x17 18x17 - - 1000 102 - - - 12.5x14 16x17 16x17 - - - 1500 152 - - 12.5x14 16x17 16x17 - - - - 2200 222 - 12.5x14 - 16x17 - - - - - 3300 332 12.5x14 - 16x17 18x17 - - - - - 4700 472 - 16x17 18x17 - - - - - - 6800 682 16x17 18x17 - - - - - - - *see part number system for details rohs compliant includes all homogeneous materials
64 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nic part number* cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/100khz max. impedance ( ) +20c/100khz load life hours @ +105c nacka332m6.3v12.5x14tr13f 3300 6.3 0.30 1100 0.060 5,000 nacka682m6.3v16x17tr13f 6800 0.36 1800 0.035 5,000 nacka222m10v12.5x14tr13f 2200 10 0.21 1100 0.060 5,000 nacka472m10v16x17tr13f 4700 0.25 1800 0.035 5,000 nacka682m10v18x17tr13f 6800 0.29 2060 0.033 5,000 nacka152m16v12.5x14tr13f 1500 16 0.16 1100 0.060 5,000 nacka332m16v16x17tr13f 3300 0.20 1800 0.035 5,000 nacka472m16v18x17tr13f 4700 0.22 2060 0.033 5,000 nacka102m25v12.5x14tr13f 1000 25 0.14 1100 0.060 5,000 nacka152m25v16x17tr13f 1500 0.16 1800 0.035 5,000 nacka222m25v16x17tr13f 2200 0.16 1800 0.035 5,000 nacka332m25v18x17tr13f 3300 0.18 2060 0.033 5,000 nacka471m35v12.5x14tr13f 470 35 0.12 1100 0.060 5,000 nacka681m35v12.5x14tr13f 680 0.12 1100 0.060 5,000 nacka102m35v16x17tr13f 1000 0.12 1800 0.035 5,000 nacka152m35v16x17tr13f 1500 0.12 1800 0.035 5,000 nacka331m50v12.5x14tr13f 330 50 0.12 900 0.120 5,000 nacka391m50v12.5x14tr13f 390 0.12 900 0.120 5,000 nacka471m50v16x17tr13f 470 0.12 1610 0.073 5,000 nacka561m50v16x17tr13f 560 0.12 1610 0.073 5,000 nacka681m50v16x17tr13f 680 0.12 1610 0.073 5,000 nacka102m50v16x17tr13f 1000 0.12 1610 0.073 5,000 nacka151m63v12.5x14tr13f 150 63 0.10 800 0.160 5,000 nacka221m63v12.5x14tr13f 220 0.10 800 0.160 5,000 nacka471m63v16x17tr13f 470 0.10 1410 0.082 5,000 nacka681m63v18x17tr13f 680 0.10 1680 0.080 5,000 nacka680m80v12.5x14tr13f 68 80 0.08 500 0.320 5,000 nacka101m80v12.5x14tr13f 100 0.08 500 0.320 5,000 nacka151m80v12.5x14tr13f 150 0.08 500 0.320 5,000 nacka331m80v16x17tr13f 330 0.08 793 0.170 5,000 nacka471m80v18x17tr13f 470 0.08 917 0.153 5,000 nacka470m100v12.5x14tr13f 47 100 0.07 500 0.320 5,000 nacka680m100v12.5x14tr13f 68 0.07 500 0.320 5,000 nacka101m100v16x17tr13f 100 0.07 793 0.170 5,000 nacka151m100v16x17tr13f 150 0.07 793 0.170 5,000 nacka221m100v18x17tr13f 220 0.07 917 0.153 5,000 nacka331m100v18x17tr13f 330 0.07 917 0.153 5,000 standard values, case sizes and specifications surface mount aluminum electrolytic capacitors nacka series nacka 102 m 35v 16x17 tr 13 wt f rohs compliant terminations (100% sn) optional wt = wide terminal 330mm (13?) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in f, ? rst 2 digits are signi? cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system
65 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com case size d 0.5 l max. a, b 0.2 h max. i 0.3 p 0.3 w r s t 12.5 x 14 12.5 14.0 13.5 15.0 4.7 4.4 0.90 0.30 - - - 16 x 17 16.0 17.0 17.0 19.0 5.5 6.7 1.20 0.30 - - - 18 x 17 18.0 17.0 19.0 21.0 6.7 6.7 1.20 0.30 - - - 12.5 x 14wt 12.5 14.3 13.5 15.0 4.7 4.4 1.20 0.30 2.2 0.2 7.1 0.2 2.4 0.2 16 x 17wt 16.0 17.3 17.0 19.0 5.5 6.7 1.40 0.20 3.0 0.2 9.0 0.2 1.9 0.2 18 x 17wt 18.0 17.3 19.0 21.0 6.7 6.7 1.40 0.20 3.0 0.2 11.0 0.2 1.9 0.2 dimensions (mm) surface mount aluminum electrolytic capacitors nacka series b w p a w p a r r s b termination de? ection: standard = 0.30mm wt = -0.1mm ~ +0.15mm d l h standard i i + - i i t wt style + - anti-vibration skirt on wt style pressure relief vent case size a b c d e f g h 12.5x14 4.0 5.7 2.0 - - - - - 16x17 6.0 6.5 2.5 - - - - - 18x17 6.0 7.5 2.5 - - - - - 12.5x14wt 3.9 6.0 6.9 2.8 1.3 1.9 2.2 2.5 16x17wt 5.8 6.8 6.2 3.6 1.3 1.9 1.7 2.8 18x17wt 5.8 7.3 6.2 3.6 1.8 1.9 1.7 2.8 land pattern dimensions (mm) + - b b a c solder pads standard termination b b a + - solder pads wt style termination f d e g g h review & compare re? ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl
66 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors nacka series diameter rated voltage time above 217c time above 240c peak temperature max. number of re? ow passes 12.5~18 6.3v~35v 90 sec. max. 30 sec. max. 245c max. 2* 50v~63v 30 sec. max. 5 sec. max. 245c max. 2* 80v~100v 30 sec. max. 5 sec. max. 245c max. 1 peak reflow temperature and duration time above 217c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (160c) peak temperature (5 sec. max.) 230 *second reflow shall be at least one hour after natural cool to room temperature. note: vps soldering is not recommended case size a 0.5 b 0.5 c 0.3 f 0.1 p 0.1 t 0.2 t 0.1 12.5x14 14.0 14.0 32.0 14.2 24.0 14.5 0.5 16x17 17.5 17.5 44.0 20.2 28.0 17.5 0.5 18x17 19.5 19.5 44.0 20.2 32.0 17.5 0.5 case size w 1.0 qty per reel 13" (330mm) 12.5x14 34 200 16x17 46 125 18x17 46 125 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm 50mm min. w 3mm reel dimensions (mm) taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. t a p feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 t 4 + 0.1 s


▲Up To Search▲   

 
Price & Availability of NACKA391M50V125X14TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X