Part Number Hot Search : 
53210 BAS316WS 2N6754 NCP5217A AH293WA WB208 RF2045 2SK2601
Product Description
Full Text Search
 

To Download MTDP2004S6R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c698s6r issued date : 2012.07.16 revised date : page no. : 1/ 8 MTDP2004S6R cystek product specification dual p-channel mosfet MTDP2004S6R features ? low on-resistance ? high esd capability ? high speed switching ? low-voltage drive(-1.8v) ? pb-free package equivalent circuit outline the following characteristics apply to both tr1 and tr2 absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage v ds -20 gate-source voltage v gs 8 v continuous drain current @ t a =25 c, v gs =-4.5v (note 3) -500 continuous drain current @ t a =85 c, v gs =-4.5v (note 3) i d -360 ma pulsed drain current (notes 1, 2) i dm -1.5 a t a =25 300 maximum power dissipation (note 3) t a =85 p d 160 mw operating junction and storage temperature tj, tstg -55~+150 c note : 1. pulse width limited by maximum junction temperature. 2. pulse width 300 s, duty cycle 2%. 3.surface mounted on 1 in2 copper pad of fr-4 board, t 5s. sot-363r MTDP2004S6R tr1 tr2 bv dss -20v i d -500ma r dson @v gs =-4.5v, i d =-430ma 0.64(typ) r dson @v gs =2.5v , i d =-300ma 1.1(typ) r dson @v gs =-1.8v , i d =-150ma 1.7 (typ)
cystech electronics corp. spec. no. : c698s6r issued date : 2012.07.16 revised date : page no. : 2/ 8 MTDP2004S6R cystek product specification thermal performance parameter symbol limit unit thermal resistance, junction- to-ambient(pcb mounted) (note) rth,ja 417 c/w note : surface mounted on 1 in2 copper pad of fr-4 board, t 5s. electrical charact eristics (tj=25 c, unless otherwise noted) symbol min. typ. max. unit test conditions static bv dss -20 - - v v gs =0, i d =-250 a v gs(th) -0.5 -0.8 -1.2 v v ds =v gs , i d =-250 a i gss - - 5 v gs = 8v, v ds =0 - - 1 v ds =20v, v gs =0 i dss - - 10 a v ds =16v, v gs =0 (tj=70 c) - 0.64 0.9 v gs =-4.5v, i d =-430ma - 1.1 1.4 v gs =-2.5v, i d =-300ma *r ds(on) - 1.7 2.3 v gs =-1.8v, i d =-150ma *g fs - 0.6 - s v ds =-10v, i d =-200ma dynamic ciss - 59 - coss - 21 - crss - 15 - pf v ds =-10v, v gs =0, f=1mhz t d(on) - 5 - t r - 6 - t d(off) - 42 - t f - 14 - ns v ds =-6v, i d =-500ma, v gs =-4.5v, r g =50 qg - 1.2 - qgs - 0.38 - qgd - 0.23 - nc v ds =-5v, i d =-250ma, v gs =-4.5v source-drain diode *v sd - -0.78 -1.2 v v gs =0v, i s =-115ma *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping marking MTDP2004S6R sot-363 (pb-free) 3000 pcs / tape & reel 2004
cystech electronics corp. spec. no. : c698s6r issued date : 2012.07.16 revised date : page no. : 3/ 8 MTDP2004S6R cystek product specification typical characteristics typical output characteristics 0 0.4 0.8 1.2 1.6 2 012345678910 -v ds , drain-source voltage(v) -i d , drain current (a) -v gs =1.8v -v gs =2v -v gs =1.5v -v gs =2.5v -v gs =3v -v gs =3.5v -v gs =5v, 4.5v,4v brekdown voltage vs ambient temperature 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) -bv dss , normalized drain-source breakdown voltage i d =-250 a, v gs =0v static drain-source on-state resistance vs drain current 0 2 4 6 8 10 12 0.001 0.01 0.1 1 -i d , drain current(a) r ds(on) , static drain-source on-state resistance() -v gs =2.5v -v gs =1.5v -v gs =1.2v -v gs =1.8v -v gs =4.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 0 0.3 0.6 0.9 1.2 1.5 -i dr , reverse drain current (a) -v sd , source-drain voltage(v) tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 4 024681 0 drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds( on) , normalized static drain- source on-state resistance v gs =-4.5v, i d =-430ma v gs =-2.5v, i d =-300ma -v gs , gate-source voltage(v) r ds( on) , static drain-source on- state resistance() i d =-500ma i d =-300ma i d =-10ma
cystech electronics corp. spec. no. : c698s6r issued date : 2012.07.16 revised date : page no. : 4/ 8 MTDP2004S6R cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 1 10 100 0.1 1 10 100 -v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 -60 -40 -20 0 20 40 60 80 100 120 140 160 tj, junction temperature(c) -v gs( th) , normalized threshold voltage i d =-250 a single pulse power rating, junction to ambient (note on page 2) 0 5 10 15 20 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j( max) =150c t a =25c r ja =417c/w gate charge characteristics 0 1 2 3 4 5 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 qg, total gate charge(nc) -v gs , gate-source voltage(v) i d =-250ma v ds =-15v v ds =-10v v ds =-5v maximum safe operating area 0.001 0.01 0.1 1 10 0.01 0.1 1 10 100 -v ds , drain-source voltage(v) -i d , drain current (a) dc 10ms 100ms 1ms 100 s t a =25c, tj=150c, v gs =-4.5v, r ja =417c/w single pulse maximum drain current vs junctiontemperature 0 0.1 0.2 0.3 0.4 0.5 0.6 25 50 75 100 125 150 175 tj, junction temperature(c) -i d , maximum drain current(a) t a =25c, v gs =-4.5v, r ja =417c/w
cystech electronics corp. spec. no. : c698s6r issued date : 2012.07.16 revised date : page no. : 5/ 8 MTDP2004S6R cystek product specification typical characteristics(cont.) typical transfer characteristics 0 200 400 600 800 1000 1200 0 0.5 1 1.5 2 2.5 3 -v gs , gate-source voltage(v) -i d , drain current (ma) -v ds =5v 150c t j = -40c, 0c, 25c power derating curve 0 0.1 0.2 0.3 0.4 0 20 40 60 80 100 120 140 160 t a , ambient temperature() p d , power dissipation(w) mounted on fr-4 board with 1 in 2 p ad area single dual forward transfer admittance vs drain current 0.01 0.1 1 10 0.001 0.01 0.1 1 -i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pulsed v ds =-10v v ds =-5v transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *z ja (t) 4.r ja =417 c/w
cystech electronics corp. spec. no. : c698s6r issued date : 2012.07.16 revised date : page no. : 6/ 8 MTDP2004S6R cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c698s6r issued date : 2012.07.16 revised date : page no. : 7/ 8 MTDP2004S6R cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c698s6r issued date : 2012.07.16 revised date : page no. : 8/ 8 MTDP2004S6R cystek product specification sot-363 dimension pin 6. drain marking: 2004 6-lead sot-363r plastic surface mounted package cystek package code: s6r style: pin 1. source1 (s1) pin 2. gate1 (g1) pin 3. drain2 (d2) pin 4. source2 (s2) pin 5. gate2 (g2) 1 (d1) millimeters inches millimeters inches dim min. max. min. max. dim min. max. min. max. a 0.900 1.100 0.035 0.043 e1 2.150 2.450 0.085 0.096 a1 0.000 0.100 0.000 0.004 e 0.650 typ 0.026 typ a2 0.900 1.000 0.035 0.039 e1 1.200 1.400 0.047 0.055 b 0.150 0.350 0.006 0.014 l 0.525 ref 0.021 ref c 0.080 0.150 0.003 0.006 l1 0.260 0.460 0.010 0.018 d 2.000 2.200 0.079 0.087 0 8 0 8 e 1.150 1.350 0.045 0.053 notes : 1 .controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTDP2004S6R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X