Part Number Hot Search : 
AJ591 DF455 151MP2 C1660 SRC1207M RL826 TCMZ8V2 G8912BXI
Product Description
Full Text Search
 

To Download MTDK5S6R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c800s6r issued date : 2010.03.29 revised date : 2013.03.28 page no. : 1/7 MTDK5S6R cystek product specification esd protected dual n-channel mosfet MTDK5S6R bv dss 30v i d 250ma v gs =4v, i d =10ma 1.3 r dson(typ) v gs =2.5v, i d =1ma 2.7 description ? low voltage drive(2.5v drive) makes th is device ideal for portable equipment. ? the mosfet elements are independent , eliminating mutual interference. ? mounting cost and area can be cut in half. ? high speed switching ? esd protected device ? pb-free lead plating & halogen-free package symbol outline the following characteristics apply to both tr1 and tr2 absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage bv dss 30 v gate-source voltage v gs 20 v continuous drain current i d 250 ma pulsed drain current (t a =25 c) i dm 800 *1 ma total power dissipation p d 200 *2 mw esd susceptibility 1550 *3 v operating junction and storage temperature range tj ; tstg -55~+150 c thermal resistance, junction-to-ambient rth,ja 625 c/w note : *1. pulse width 10 s, duty cycle 1% *2. with each pin mounted on the recommended lands. *3. human body model, 1.5k in series with 100pf sot-363 MTDK5S6R tr1 tr 2
cystech electronics corp. spec. no. : c800s6r issued date : 2010.03.29 revised date : 2013.03.28 page no. : 2/7 MTDK5S6R cystek product specification thermal data parameter symbol value unit 625 (total) thermal resistance, channel-to-ambient, max *r th,ch-a 800 (per element) c/w note : with each pin mounted on the recommended lands. electrical characteristics (ta=25 c) symbol min. typ. max. unit test conditions static bv dss 30 - - v v gs =0, i d =100 a v gs(th) 0.8 1.2 1.5 v v ds =3v, i d =100 a i gss - - 5 a v gs = 20v, v ds =0 i dss - - 100 na v ds =30v, v gs =0 - 1.3 3 v gs =4v, i d =10ma r ds(on) - 2.7 5 v gs =2.5v, i d =1ma g fs 20 70 - ms v ds =3v, i d =10ma dynamic c iss - 31.5 - c oss - 7.3 - c rss - 5.5 - pf v ds =5v, v gs =0, f=1mhz t d(on) - 11 - t r - 6 - t d(off) - 42 - t f - 16 - ns v dd P 5v, i d =10ma, v gs =5v, r l =500 , r g =10 qg - 0.66 - qgs - 0.05 - qgd - 0.25 - nc i d =10ma, v ds =15v, v gs =4v source-drain diode *v sd - 0.8 1.2 v v gs =0v, i s =100ma *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping MTDK5S6R-0-t1-g sot-363 (pb-free lead plating & halogen-free package) 3000 pcs / tape & reel
cystech electronics corp. spec. no. : c800s6r issued date : 2010.03.29 revised date : 2013.03.28 page no. : 3/7 MTDK5S6R cystek product specification typical characteristics typical output characteristics 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0123456 v ds , drain-source voltage(v) i d , drain current(a) 3.5v 4v 3v v gs =2v 2.5v typical transfer characteristics 0 0.2 0.4 0.6 0.8 1 1.2 012345 v gs , gate-source voltage(v) i d , drain current(a) v ds =5v static drain-source on-state resistance vs drain current 1 10 100 1000 0.001 0.01 0.1 1 i d , drain current(a) r ds(on) , static drain-source on-state resistance() v gs =1.8v v gs =2.5v v gs =4.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 0 0.2 0.4 0.6 0.8 1 i dr , reverse drain current(a) v sd , source-drain voltage(v) tj=25c tj=125c static drain-source on-state resistance vs gate-source voltage 0 1 2 3 4 5 6 7 01234 v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance() i d =10ma drain-source on-state resistance vs junction tempearture 0.4 0.8 1.2 1.6 2 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =4v, i d =10ma
cystech electronics corp. spec. no. : c800s6r issued date : 2010.03.29 revised date : 2013.03.28 page no. : 4/7 MTDK5S6R cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 1 10 100 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 -60 -20 20 60 100 140 tj, junction temperature(c) v gs(th) , normalizedthreshold voltage i d =250 a forward transfer admittance vs drain current 0.01 0.1 1 0.001 0.01 0.1 1 i d , drain current(a) g fs , forward transfer admittance(s) pulsed ta=25c v ds =3v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 1.6 -60 -20 20 60 100 140 180 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v power derating curve 0 50 100 150 200 250 0 50 100 150 200 t a , ambient temperature() p d , power dissipation(mw) maximum drain current vs junction temperature 0 0.05 0.1 0.15 0.2 0.25 0.3 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =4v, r ja =800c/w
cystech electronics corp. spec. no. : c800s6r issued date : 2010.03.29 revised date : 2013.03.28 page no. : 5/7 MTDK5S6R cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c800s6r issued date : 2010.03.29 revised date : 2013.03.28 page no. : 6/7 MTDK5S6R cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c800s6r issued date : 2010.03.29 revised date : 2013.03.28 page no. : 7/7 MTDK5S6R cystek product specification sot-363 dimension marking: millimeters inches millimeters inches dim min. max. min. max. dim min. max. min. max. a 0.900 1.100 0.035 0.043 e1 2.150 2.450 0.085 0.096 a1 0.000 0.100 0.000 0.004 e 0.650 typ 0.026 typ a2 0.900 1.000 0.035 0.039 e1 1.200 1.400 0.047 0.055 b 0.150 0.350 0.006 0.014 l 0.525 ref 0.021 ref c 0.080 0.150 0.003 0.006 l1 0.260 0.460 0.010 0.018 d 2.000 2.200 0.079 0.087 0 8 0 8 e 1.150 1.350 0.045 0.053 notes : 1 .controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . 6-lead sot-363r plastic surface mounted package cystek package code: s6r style: pin 1. source1 (s1) pin 2. gate1 (g1) pin 3. drain2 (d2) pin 4. source2 (s2) pin 5. gate2 (g2) 1 (d1) date code: year + month year : 6 2006, 7 2007,?, etc month : 1 jan 2 feb, ?, 9 sep, a oct, b nov, c dec pin 6. drain device code k 5


▲Up To Search▲   

 
Price & Availability of MTDK5S6R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X