Part Number Hot Search : 
ANTX2N6 C230E FM34W02U V7237A L5300AH7 40220 12BDL HCT555
Product Description
Full Text Search
 

To Download MTB20N06J3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c925j3 issued date : 2013.08.13 revised date : 2013.12.30 page no. : 1/ 9 MTB20N06J3 cystek product specification n-channel enhancement mode power mosfet MTB20N06J3 bv dss 60v i d 42a r ds(on) @v gs =10v, i d =20a 14.6 m (typ) r ds(on) @v gs =4.5v, i d =20a 16.7 m (typ) features ? low on resistance ? simple drive requirement ? low gate charge ? fast switching characteristic ? rohs compliant and halogen-free package symbol outline to-252(dpak) ordering information device package shipping MTB20N06J3-t3-g to-252 (rohs compliant and ha logen-free package) 2500 pcs / tape& reel MTB20N06J3 g d s g gate d drain s source environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, t3 : 2500 pc s / tape & reel, 13? reel product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c925j3 issued date : 2013.08.13 revised date : 2013.12.30 page no. : 2/ 9 MTB20N06J3 cystek product specification absolute maximum ratings (t c =25 c) parameter symbol limits unit drain-source voltage (note 1) v ds 60 gate-source voltage v gs 20 v continuous drain current @t c =25 c, v gs =10v (note 1) 42 continuous drain current @t c =100c, v gs =10v (note 1) i d 30 continuous drain current @t a =25 c, v gs =10v (note 2) 8.7 continuous drain current @t a =70 c, v gs =10v (note 2) i dsm 7.0 pulsed drain current @ v gs =10v (note 3) i dm 100 avalanche current (note 3) i ar 45 a single pulse avalanche energy @ l=0.1mh, i d =30a, v dd =25v (note 2) e as 45 repetitive avalanche energy (note 3) e ar 6 mj t c =25 c (note 1) 60 t c =100c (note 1) p d 30 t a =25 c (note 2) 2.5 power dissipation t a =70 c (note 2) p dsm 1.6 w operating junction and storage temperature tj, tstg -55~+175 c thermal data parameter symbol value unit thermal resistance, junction-to-case, max r jc 2.5 c/w thermal resistance, junction-to-ambient, max (note 2) r ja 50 c/w thermal resistance, junction-to-ambient, max (note 4) r ja 110 c/w note : 1 . the power dissipation p d is based on t j(max) =175 c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. 2 . the value of r ja is measured with the device mounted on 1 in 2 fr-4 board with 2 oz. copper, in a still air environment with t a =25 c. the power dissipation p dsm is based on r ja and the maximum allowed junction temperature of 150 c c. the value in any given application de pends on the user?s specific board design. 3 . repetitive rating, pulse width limited by junction temperature t j(max) =175 c. ratings are based on low frequency and low duty cycles to keep initial t j =25 c c. 4. when mounted on the minimum pad size recommended (pcb mount), t 10s.
cystech electronics corp. spec. no. : c925j3 issued date : 2013.08.13 revised date : 2013.12.30 page no. : 3/ 9 MTB20N06J3 cystek product specification characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 60 - - v v gs =0v, i d =250 a ? bv dss / ? tj - 0.04 - v/ c reference to 25c, i d =250 a v gs(th) 1.0 1.5 2.5 v v ds = v gs , i d =250 a *g fs - 27 - s v ds =5v, i d =20a i gss - - d 100 na v gs = d 20v - - 1 v ds =48v, v gs =0v i dss - - 10 a v ds =48v, v gs =0v, tj=125 c - 14.6 20 v gs =10v, i d =20a *r ds(on) - 16.7 25 m  v gs =4.5v, i d =20a dynamic *qg(v gs =10v) - 43 - *qg(v gs =4.5v) - 23 - *qgs - 9.6 - *qgd - 10 - nc v dd =30v, i d =20a,v gs =10v *t d(on) - 14 - *tr - 7 - *t d(off) - 27 - *t f - 4 - ns v dd =30v, i d =20a, v gs =10v, r g =3  ciss - 2773 - coss - 95 - crss - 65 - pf v gs =0v, v ds =30v, f=1mhz source-drain diode *i s - - 4 a *v sd - 0.69 1 v i s =1a, v gs =0v *trr - 36 - ns *qrr - 48 - nc v gs =0, i f =20a, di/dt=500a/ s *pulse test : pulse width 300 s, duty cycle 2% recommended soldering footprint
cystech electronics corp. spec. no. : c925j3 issued date : 2013.08.13 revised date : 2013.12.30 page no. : 4/ 9 MTB20N06J3 cystek product specification typical characteristics typical output characteristics 0 10 20 30 40 50 60 70 80 90 100 012345 v ds , drain-source voltage(v) i d , drain current (a) 10v,9v,8v,7v,6v, 5v, 4v v gs =3v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 0 10 20 30 40 50 60 70 80 90 100 0.01 0.1 1 10 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =3.5v v gs =4.5v v gs =10v v gs =2.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 024681 i dr , reverse drain current(a) v sd , source-drain voltage(v) 0 tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 20 40 60 80 100 120 024681 0 drain-source on-state resistance vs junction tempearture 0 0.4 0.8 1.2 1.6 2 2.4 2.8 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =10v, i d =20a r ds( on) @tj=25c : 14.6m typ. v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i d =20a
cystech electronics corp. spec. no. : c925j3 issued date : 2013.08.13 revised date : 2013.12.30 page no. : 5/ 9 MTB20N06J3 cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 10000 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) v gs(th) , normalized threshold voltage i d =250 a forward transfer admittance vs drain current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pulsed v ds =5v gate charge characteristics 0 2 4 6 8 10 0 5 10 15 20 25 30 35 40 45 50 qg, total gate charge(nc) v gs , gate-source voltage(v) v ds =30v i d =20a maximum safe operating area 0.01 0.1 1 10 100 1000 0.1 1 10 100 1000 v ds , drain-source voltage(v) i d , drain current(a) t c =25c, tj=175c v gs =10v, r jc =2.5c/w single pulse dc 100ms r dson limited 1s 100 s 1ms 10ms maximum drain current vs case temperature 0 5 10 15 20 25 30 35 40 45 50 25 50 75 100 125 150 175 t c , case temperature(c) i d , maximum drain current(a) v gs =10v, r jc =2.5c/w
cystech electronics corp. spec. no. : c925j3 issued date : 2013.08.13 revised date : 2013.12.30 page no. : 6/ 9 MTB20N06J3 cystek product specification typical characteristics(cont.) typical transfer characteristics 0 10 20 30 40 50 60 70 80 90 100 012345 v gs , gate-source voltage(v) i d , drain current(a) v ds =10v single pulse power rating, junction to case 0 500 1000 1500 2000 2500 3000 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j(max) =175c t c =25c jc =2.5c/w transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) r(t), normalized effective transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r jc (t)=r(t)*r jc 2.duty factor, d=t 1 /t 2 3.t jm -t c =p dm *r jc (t) 4.r jc =2.5c/w
cystech electronics corp. spec. no. : c925j3 issued date : 2013.08.13 revised date : 2013.12.30 page no. : 7/ 9 MTB20N06J3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c925j3 issued date : 2013.08.13 revised date : 2013.12.30 page no. : 8/ 9 MTB20N06J3 cystek product specification recommended wave soldering condition soldering time product peak temperature pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c925j3 issued date : 2013.08.13 revised date : 2013.12.30 page no. : 9/ 9 MTB20N06J3 cystek product specification to-252 dimension inches marking: style: pin 1.gate 2.drain 3.source 4.drain 3-lead to-252 plastic surface mount package cystek package code: j3 device name date code b20 n06 1 2 3 4 millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.087 0.094 2.200 2.400 e 0.086 0.094 2.186 2.386 a1 0.000 0.005 0.000 0.127 e1 0.172 0.188 4.372 4.772 b 0.039 0.048 0.990 1.210 h 0.163 ref 4.140 ref b 0.026 0.034 0.660 0.860 k 0.190 ref 4.830 ref b1 0.026 0.034 0.660 0.860 l 0.386 0.409 9.800 10.400 c 0.018 0.023 0.460 0.580 l1 0.114 ref 2.900 ref c1 0.018 0.023 0.460 0.580 l2 0.055 0.067 1.400 1.700 d 0.256 0.264 6.500 6.700 l3 0.024 0.039 0.600 1.000 d1 0.201 0.215 5.100 5.460 p 0.026 ref 0.650 ref e 0.236 0.244 6.000 6.200 v 0.211 ref 5.350 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead : pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB20N06J3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X