|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ccd area image sensor 1 MN37181FT 6 mm (type-1/3) 410k pixel hyper-d ccd n overview the hyper-d ccd is a ccd area image sensor featuring an ultra-wide dynamic range that far surpasses anything achieved by the competition. it has 1/3-type 410k pixels. the ccd can read the following two types of signals at the same time and advance them to the signal output stage:normal image signals shot at normal shutter speeds and high-brightness image signals shot at hgih shutter speeds. by synthesizing the two signals in an external circuit, an ultla-wide dynamic range of twenty times wider than that of the conventional ccd can be obtained. with this ultla-wide dynamic range, the ccd can provide sharp image signals for both bright and dark areas. ac- cordingly, this ccd is suitable for such applications as security cameras and cameras for vehicles, which typi- cally involve high contrast between the scene's bright and dark regions. part number size system color or b/w MN37181FT 6mm(type-1/3) ntsc color n features indusutry leading ultra wide dynamic range (d range:20times the conventional ccd) a clear image can be obtained even when there is a high contrast between bright and dark regions. this high speed horizontal ccd can operate at the same voltage (5v) but at twice the speed of conventional models. the external circuit can be simplified. n applications security camera. camera for vehicle, and industrial use. image input camera for personal computer (2 dummies + ob1 + 492 + ob1 + 1 dummy) (2 columns ob + 771 columns valid area + 43 columns ob) photo diode 16 16 5 4 1 3 15 f v4 f v3 f v2 f v1 f v5 f r f h2 f h1 og (internal bias) sub pt 14 13 12 9 10 11 8 7 2 6 pw gnd (internal connection) (internal bias) lg vo od rd horizontal shift register output section vertical shift register n block diagram maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
MN37181FT ccd area image sensor 2 pin no. symbol descriptions 11 pt p-well for protection circuit 12 f v1 vertical shift register clock pulse 1 13 f v2 vertical shift register clock pulse 2 14 f v3 vertical shift register clock pulse 3 15 f v4 vertical shift register clock pulse 4 16 pw p-well pin no. symbol descriptions 1 od output drain 2 f r reset pulse 3 rd reset drain 4 vo video output 5 lg output load transistor gate 6 og output gate 7 f h2 horizontal register clock pulse 2 8 f h1 horizontal register clock pulse 1 9 f v5 vertical shift register clock pulse 5 10 sub substrate n pin descriptions n pin assignments 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 od f r rd vo lg og f h2 f h1 pw f v4 f v3 f v2 f v1 pt sub f v5 (top view) n absolute maximum ratings and operating conditions parameter symbol rating operating condition unit min max min typ max reset drain voltage v rd - 0.2 18.0 14.5 15.0 15.5 v output drain voltage v od - 0.2 18.0 14.5 15.0 15.5 v output load transistor v lg supplied internally v gate voltage output gate voltage v og supplied internally v maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ ccd area image sensor MN37181FT 3 n absolute maximum ratings and operating conditions (continued) parameter symbol rating operating condition unit min max min typ max protection p-well voltage v pt *2 - 10.0 0.2 f v(l) f v(l) f v(l) v - 1.2 - 1.0 - 0.7 p-well voltage v pw reference voltage ? 0 ? v reset y h-l v f r(h-l) *3 ? 15 4.7 5.0 5.3 v pulse voltage bias v f r(bias) *3 - 0.2 ? supplied internally v horizontal register v f h1(h) ? 15 4.7 5.0 5.3 v clock pulse voltage 1 v f h1(l) - 0.2 ? 000 horizontal register v f h2(h) ? 15 4.7 5.0 5.3 v clock pulse voltage 2 v f h2(l) - 0.2 ? 000 vertical shift register v f v1(h) *2 ? 18 14.5 15.0 15.5 v clock pulse voltage 1 v f v1(m) *2 ??- 0.2 0 0.2 v f v1(l) *2 - 10 ?- 9.8 - 9.5 - 9.2 vertical shift register v f v2(m) *2 ? 15 - 0.2 0 0.2 v clock pulse voltage 2 v f v2(l) *2 - 10 ?- 9.8 - 9.5 - 9.2 vertical shift register v f v3(h) *2 ? 18 14.5 15.0 15.5 v clock pulse voltage 3 v f v3(m) *2 ??- 0.2 0 0.2 v f v3(l) *2 - 10 ?- 9.8 - 9.5 - 9.2 vertical shift register v f v4(m) *2 ? 15 - 0.2 0 0.2 v clock pulse voltage 4 v f v4(l) *2 - 10 ?- 9.8 - 9.5 - 9.2 vertical shift register v f v5(h) *2 ? 18 14.5 15.0 15.5 v clock pulse voltage 5 v f v5(m) *2 ??- 0.2 0 0.2 v f v5(l) *2 - 10 ?- 9.8 - 9.5 - 9.2 substrate voltage v sub *1 - 0.2 40 supplied internally v f v sub *4 24.0 24.5 25.0 operating temperature t opr - 10 70 ? 25 ? c storage temperature t stg - 30 80 ??? c h-l v f rh v f rl e bias (internally) f v sub (v) f v sub "h" f v sub "l" e v sub (v) (internally) note )1. standard light input defines standard light input is the one when the exposure is done at a lens aperture of f8, using a light source of 2856 k and 1050 nt, and placing a color temperature conversion filter lb-40 (hoya) and an ir cutting filter caw-500 (t = 2.5 mm) in the light path. y 2. *1: v sub internal settings guarantee blooming at 400 times light input of the standard light input. 3. *2: v pt is set so that the following conditions are set for vl of the vertical shift clock. v pt < = vl 4. *3: 5. *4: v sub when using electronic shutter function maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ MN37181FT ccd area image sensor 4 n graphs of characteristics ccd on-chip filter spectral responsive characteristics 0 10 20 400 450 500 550 600 650 700 750 800 30 40 50 60 70 80 90 100 transmittance (%) wavelength (nm) ye mg gr cy n optical characteristics color effective s/n saturatio n sensitivity vertical image lag horizontal vertical output f8 smea r resolution resolution part number or pixels y typ typ typ sm typ typ typ b/w h v (db) (mv) (mv) typ( % )( % ) (tv-lines) (tv-lines) MN37181FT color 771 492 60 700 300 0.01 0 480 350 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ ccd area image sensor MN37181FT 5 n timing diagram v rate timing < field a > cblk hd vd ccd output cpob pblk f h1 f h2 f v1 f v2 f v3 f v4 f v5 f sub 480,481 482,483 482,483 484,485 484,485 486,487 486,487 488,489 488,489 490,491 490,491 492,ob 492,ob dm,dm dm,dm ob,ob ob,ob 1,2 1,2 3,4 3,4 5,6 5,6 7,8 7,8 9,10 9,10 11,12 11,12 13,14 13,14 15,16 15,16 17,18 17,18 19,20 19,20 21,22 21,22 23,24 23,24 25,26 ls ls l slslslsls s l slslslslslslslslsls 5 2 1 5 2 2 5 2 3 5 2 4 12 34 56 78 91 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 5 2 5 note) 1. signal electric charge - l: long exposure, s: short exposure 2. sub applies only for shutter setting. 3. dm : dummy maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ MN37181FT ccd area image sensor 6 n timing diagram (continued) v rate timing < field b > cblk hd vd ccd output cpob pblk f h1 f h2 f v1 f v2 f v3 f v4 f v5 f sub ob,dm ob,dm dm dm,ob ob,1 ob,1 2,3 2,3 4,5 4,5 6,7 6,7 8,9 8,9 10,11 10,11 12,13 12,13 14,15 14,15 16,17 16,17 18,19 18,19 20,21 20,21 22,23 22,23 24,25 24,25 26,27 ls ls l slslslsls s l slslslslslslslslsls 2 5 9 2 6 0 2 6 1 2 6 2 2 6 3 2 6 4 2 6 5 2 6 6 2 6 7 2 6 8 2 6 9 2 7 0 2 7 1 2 7 2 2 7 3 2 7 4 2 7 5 2 7 6 2 7 7 2 7 8 2 7 9 2 8 0 2 8 1 2 8 2 2 8 3 2 8 4 2 8 5 2 8 6 2 8 7 2 8 8 2 8 9 2 9 0 2 9 1 2 9 2 2 9 3 3 9 4 481,482 483,484 483,484 485,486 485,486 487,488 487,488 489,490 489,490 491,192 491,492 note) 1. signal electric charge - l: long exposure, s: short exposure 2. sub applies only for shutter setting. 3. dm : dummy maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ ccd area image sensor MN37181FT 7 n timing diagram (continued) v rate timing < readout enlargement on long side (field a)> hd 0t 0t 41t 41t 1030t 1t = 1/2 f ck (ntsc : 34.94 ns) 0t f h1 f h2 f v1 f v2 f v3 f v4 f v5 114t 141t 195t 285t 132t 6t 50t 41t 96t 123t 114t 141t 168t 159t 105t 150t < readout enlargement on long side (field b) > hd 0t 0t 1030t 1t = 1/2 f ck (ntsc : 34.94 ns) 0t f h1 f h2 f v1 f v2 f v3 f v4 f v5 114t 141t 6t 96t 132t 41t 50t 123t 114t 141t 195t 285t 168t 159t 105t 150t 41t 41t maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ MN37181FT ccd area image sensor 8 n timing diagram (continued) v rate timing (continued) < readout enlargement on short sides (field a) > < readout enlargement on short side (field b) > hd 0t 0t 41t 41t 1t = 1/2 f ck (ntsc : 34.94 ns) 0t f h1 f h2 f v1 f v2 f v3 f v4 f v5 114t 141t 303t 330t 195t 285t 1030t 132t 159t 321t 123t 114t 6t 96t 141t 303t 330t 168t 312t 105t 150t 294t 339t hd 0t 0t 1t = 1/2 f ck (ntsc : 34.94 ns) 0t f h1 f h2 f v1 f v2 f v3 f v4 f v5 114t 141t 303t 330t 375t 402t 1030t 132t 159t 321t 348t 393t 123t 114t 141t 375t 402t 303t 330t 195t 285t 168t 357t 384t 312t 105t 150t 294t 339t 6t 96t 366t 411t 41t 41t maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ ccd area image sensor MN37181FT 9 n timing diagram (continued) h rate timing chart 1 hd ccd out cpob pblk 0t 0t = 1820t 41t 41t 41t 120t 120t 120t 1t = 1/2 f ck (ntsc : 34.94 ns) f h1 f h2 f v1,5 f v2 f v3 f v4 f sub 68t 95t 22.5t 29.5t 0t 134t 41t 50t 77t 77t 104t 86t 59t 104t ob : 43-bit dm : 1-bit pd : 771-bit dm : 13-bit ob : 2-bit note) dm : dummy maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ MN37181FT ccd area image sensor 10 n timing diagram (continued) h rate timing chart 2 hd ccd out cpob pblk 910t 951t 951t 951t 1030t 1030t 1030t 1t = 1/2 f ck (ntsc : 34.94 ns) f h1 f h2 f v1,5 f v2 f v3 f v4 f sub 978t 1005t 932.5t 939.5t 910t 1047t 951t 960t 987t 996t 969t 1014t ob : 43-bit dm : 1-bit pd :771bit dm : 13-bit ob : 2-bit note) dm : dummy maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ ccd area image sensor MN37181FT 11 n timing diagram (continued) high speed pulse timing ccd out ds1 ds2 fck2 1t = 1/2 f ck (ntsc : 34.94 ns) f h1 f h2 f r dm dm dm dm dm dm dm dm ntsc : 120(1030)t note) dm : dummy < details > ds1 ds2 f h1 f h2 f r about 17.5 ns maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ MN37181FT ccd area image sensor 12 n package dimensions (unit mm) wdip016-p-0500c (0.77) (0.60) 14.00 0.08 11.40 0.10 7.00 0.08 0.46 0.05 3.40 0.15 1.30 0.10 3.90 0.20 (0.80) (1.30) 12.70 0.25 6.20 0.08 11.40 0.10 12.40 0.08 0.25 0.05 1.78 0.46 m 0.015 18 16 9 reference plane valid pixel center maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ |
Price & Availability of MN37181FT |