Part Number Hot Search : 
B59101Z HT82V738 VRE405AD RN2969CT IV1224SA RN2969CT EN25B32 74HCT258
Product Description
Full Text Search
 

To Download MJ13080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cssmi-donauctoi ^pioaacti, line. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 switchmode ii series npn silicon power transistors the mj 13080 and mj1308t transistors are designed for high* voltage, high-speed, power switching in inductive circuits where fall time is critical. they are particularlysuitedfor line-operated switch- mode applications such as: ? switching regulators b ? inverters 5 ? solenoid and relay drivers t w ? motor controls l-k| ? deflection circuits xti/ fast turn-off times -x, 100 ns inductive fall time @ 25c (typ] 150 ns inductive crossover time @ 2sc (typ| 400 ns inductive storage time 25c (typ) operating temperature range -85 to+200c 1 00c performance specified for: reverse-biased soa with inductive loads switching times with inductive loads saturation voltages leakage currents maximum ratings rating symbol collector-emitter voltage vceo collector-emitter voltege vcev emitter base voltage veb collector current ? continuous irj -pa?k(1) icm base current ? continuous ib -peak(l) ibm total power dissipation @ tc - 26c pd @tc'1ooc derate above 25c operating end storage junction tj, tsig temperature range thermal characteristics characteristic maximum lead temperature for soldering purposes: 1/8' from cose for 5 seconds mj 13080 400 650 mj13081 unit 450 vdc 750 vdc 6.0 vdc 8.0 adc 12 3.0 adc 6.0 iso watts 856 0.86 w/c -66 to +200 c symbol tl mai unit 1 17 c/w 27b c (1) pulse test: pulse width - 5 ms, duty cycle f, 10%. MJ13080 mj 13081 8 ampere npn silicon power transistors 400 and 460 volts iso watts designer's data for "woiet case" conditions the designer's data sheet permits the design of most c rcuits entirely from the information presented. limit data ? representing device characteristics boundaries ? are given to facilitate "worst cese" design. ^ a -i p'~] - rc r1 tt^ ~~ mi mm r ' ? ? j i lurmn l^f9^ t^^^h 4dtu 1 d.uiniia*ef|ahdvmcmtblii i cd h sums moic m ? b*tuh i raiitiami idliunu ton \t v^j i0t ii1i1 t tiu>]tiu?ll< ttml 1* ri 1 "ft : ft if" tfflt " "j ml! ll .t ^-^hffil^ nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of"going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verity that datasheets are current before placing orders. quality semi-conductors
MJ13080, mj13081 electrical characteristics (tc = 25c unless otherwise noted) characteristic symbol typ off characteristics 11) collector-emitter sustaining voltage (table 1 ) dc = 100ma, ib -0) mj13o80 mj13081 collector cutoff current c/cev - rated value. vbe(oh| ? 1 ,6 vdc) (vcev = to""* value, vbe(off ) = ' 6 vdc, tc = 1 00c| collactor cutoff currant wce = rated vcev. rbe ? so n, tc = iooo emitter cutoff current (veb = 6.0vdc, ic = 0) vceo(sus) "cev icer 8.0 - i ? - - _ 1.0 3.o 2.0 1.5 1.5 ? vdc vdc dynamic characteristics output capacitance 'd tr is if ? ? ? ? 0.025 0.10 0.50 016 0.05 o.go 1.50 o.eo cs inductive lot a. clamped (table 1) storage time crossover time fall time storage time crossover time fall time (lqpk| = b.oa. ib1 = 0.7 adc, vbe(off)=b-ovllc!' vce(pk|-250v) (tj*100c) (tj=25c) 'sv 'c 111 tsv 'c tfi ? ? ? ? ? ? 0.76 0.22 0.175 0.40 o.16 0.10 2.20 0.40 0.36 ? (is (11 putm ten: pw ? 300 (is. duly cycl. ?*. jc_ ib


▲Up To Search▲   

 
Price & Availability of MJ13080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X