Part Number Hot Search : 
IC18F S2CCMK RF310 PF5102 1001A MAX267 OPB609GU LA1654FN
Product Description
Full Text Search
 

To Download MDR6100-02500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  characteristic typical min/max ta= 25 o c ta = -20 o c to +65 o c frequency (mhz) 2 2500 2500 supply power dc 6 +12 +12 ma 265 275 phase locked oscillator model MDR6100-02500 (2500 mhz) vswr 1.5 2.0 phase noise (db) 5 -109 dbc/hz @ 1 khz -119 dbc/hz @ 10 khz -125 dbc/hz @ 100 khz -141 dbc/hz @ 1 mhz spurious (dbc) -80 -70 variation over temperature (dbm) +/- 0.75 +/- 1 output power (dbm) 4 +13 +12 specifications 1 features ! ! ! ! ! low phase noise: -125 dbc/hz @ 100 khz ! ! ! ! ! low spurious: -80 dbc typical ! ! ! ! ! external reference ! ! ! ! ! environmental screening available harmonics (dbc) -20 -15 spectrum microwave, inc. 2707 black lake place phila, pa. 19154 www .s pectrummicrowave.com ph: 215-464-4000 fax: 215-464-4001 rev. 3/19/09 description spectrum microwave?s series mdr6100 phase locked oscillators use a dielectric resonator in the resonant circuit. the circuit is lightly loaded to obtain the lowest phase noise possible. the resonator is epoxied to a printed circuit board and well grounded to minimize modulation sidebands during shock and vibration. buffer amplifiers are used to provide isolation from load vswrs; regulators filter noise on the dc input voltage. internal reference models are also available. a lock indicator circuit is provided to signal an out-of-lock condition. notes: 1. specifications labeled ?min.? or ?max.? are guaranteed in a 50 ohm system over the specified temperature range. 2. output frequency must be specified, and it is an integer multiple of the internal crystal reference frequency. 3. mechanical tuning of plo in unlocked mode. 4. higher output power is available. 5. phase noise at offsets <100 khz is dependent on external reference and can be approximated as follows: phase noise (db) = 20log(n) +3 db above the external reference phase noise, where n = multiple of reference. 6. other input voltages are available. 7. actual or impending loss of lock. 8. package must be verified by spectrum microwave. external reference 100 mhz 1 / 200 mhz lock indicator ttl (high=locked) ttl (low=unlocked) mechanical tuning bandwidth (mhz) 3 +/- 10 +/- 10 min. phase voltage set to (nom.) +5.0 vdc lock range (min.) +2 to +9 vdc phase-lock alarm transistor collector (npn) locked open vc = 30 vdc max. unlocked 7 saturated to ground vce = +0.5 vdc max. ic = 50 ma max.
phase locked oscillator model MDR6100-02500 (2500 mhz) spectrum microwave, inc. 2707 black lake place phila, pa. 19154 www .s pectrummicrowave.com ph: 215-464-4000 fax: 215-464-40 01 outline drawing


▲Up To Search▲   

 
Price & Availability of MDR6100-02500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X