Part Number Hot Search : 
IR91458N R5110210 3362H501 0001TR NCV8614B MMC4055 HC405 MIP2E3D
Product Description
Full Text Search
 

To Download MBR40200PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? metal silicon junction, majority carrier conduction ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbr4035pt to-3p 30 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol mbr 4035 pt mbr 4045 pt mbr 4050 pt mbr 4060 pt mbr 4090 pt mbr 40100 pt mbr 40150 pt mbr 40200 pt units v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i f(av) a i rrm a dv/dt v/us r jc o c/w t j o c t stg o c note 1: 2.0us pulse width, f=1.0khz note 2: pulse test : 300us pulse width, 1% duty cycle version:f12 ordering information (example) part no. package packing packing code green compound packing code c0g maximum thermal resistance per leg 1.2 operating temperature range - 65 to + 150 storage temperature range - 65 to + 175 ma 30 20 10 voltage rate of change,(rated v r ) 10000 0.75 - - - maximum instantaneous reverse current @ t a =25 at rated blocking voltage per leg @ t a =125 i r 1.0 0.5 0.1 0.74 0.80 0.80 - - 1.01 maximum instantaneous forward voltage at (note 2) if=20a, t a =25 if=20a, t a =125 if=40a, t a =25 if=40a, t a =125 v f v 0.75 0.77 0.84 0.90 0.65 0.67 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 330 a peak repetitive reverse surge current (note 1) 2.0 1.0 maximum dc blocking voltage maximum average forward rectified current 40 peak repetitive forward current (rated v r , square wave, 20khz) i frm 40 ? mounting position:any ? mounting torque: 10 in- lbs, max ? weight: 6.16 grams type number maximum recurrent peak reverse voltage maximum rms voltage ? for use in low voltage - high frequency inventers, free wheeling, and polarity protection applications ? high temperature soldering guaranteed: 260 /10 seconds/.17", (4.3mm) from case ? green compound with suffix "g" on packing code & prefix "g" on datecode ? case: jedec to-3p/to-247ad molded plastic body ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 ? polarity: as marked mbr4035pt - MBR40200PT 40.0amps. schottky barrier rectifiers to-3p/to-247ad features ? plastic material used carriers underwriters laboratory classification 94v-0 ? high surge capability free datasheet http:///
version:f12 ratings and characteristic curves (mbr4035pt thru MBR40200PT) 0 10 20 30 40 50 0 50 100 150 average forward current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductive load with heatsink 0 100 200 300 400 500 600 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg ta=ta max 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig.4 typical reverse characteristics per leg ta=125 ta=25 mbr4035pt-mbr4045pt mbr4050pt-MBR40200PT ta=75 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance per leg ta=25 f=1.0mhz vsig=50mvp-p mbr4035pt-mbr4045pt mbr4050pt-mbr4060pt mbr4090pt-MBR40200PT 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3 typical instantaneous forward characteristics per leg ta=150 mbr4035pt-mbr4045pt mbr4050pt-mbr4060pt mbr4090pt-MBR40200PT ta=25 pulse width=300us 1% duty cycle mbr40150pt-40200pt 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration (sec) fig. 6 typical transient thermal impedance per leg free datasheet http:///
to-3p c0 dimensions min max min max a 15.90 16.40 0.626 0.646 b 7.90 8.20 0.311 0.323 c 5.70 6.20 0.224 0.244 d 20.80 21.30 0.819 0.839 e 3.50 4.10 0.138 0.161 f 19.70 20.20 0.776 0.795 g - 4.30 - 0.169 h 2.90 3.40 0.114 0.134 i 1.93 2.18 0.076 0.086 j 2.97 3.22 0.117 0.127 k 1.12 1.22 0.044 0.048 l 5.20 5.70 0.205 0.224 m 4.90 5.16 0.193 0.203 n 2.70 3.00 0.106 0.118 o 0.51 0.76 0.020 0.030 p/n = specific device code g = green compound yww = date code unit(inch) marking diagram mbr40xxpt 30 / tube c0g note: "xx" is device code from "35" thru "200". dim. unit(mm) ordering information part no. package bulk packing packing code green compound packing code free datasheet http:///


▲Up To Search▲   

 
Price & Availability of MBR40200PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X