Part Number Hot Search : 
TSD1760 IT8206R AL4CS211 SE20AFJ ISD2340 NC405 SIL90 03CHS1
Product Description
Full Text Search
 

To Download MBR2020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBR2020 thru mbr20100 20 amp schottky barrier rectifier features maximum ratings operating temperature: -5 5 c to +150 c storage temperature: -5 5 c to +150 c microsemi catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage MBR2020 MBR2020 20v 14v 20v mbr2030 mbr2030 30v 21v 30v mbr 2035 mbr2035 35v 24.5v 35v mbr2040 mbr2040 40v 28v 40v mbr2045 mbr2045 45v 31.5v 45v mbr2060 mbr2060 60v 42v 60v mbr20100 mbr20100 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 20a t c = 135 c peak forward surge current i fsm 150a 8.3ms, half sine maximum forward voltage drop per element v f .63v i fm = 20a per element; t a = 25 c* maximum dc reverse current at rated dc blocking voltage ir *pulse test: pulse width 300 m sec, duty cycle 1%   inches mm        a .595 .620 15.11 15.75 b .380 .405 9.65 10.29 g r b q h u l d c j k a f s t u ------ .050 ----- 1.27 c .160 .190 4.06 4.82 d .025 .035 0.64 0.89 f .142 .147 3.61 3.73 g .190 .210 4.83 5.33 h .110 .130 2.79 3.30 j .018 .025 0.46 0.64 k .500 .562 12.70 14.27 l .045 .060 1.14 1.52 q .100 .120 2.54 3.04 r .080 .110 2.04 2.79 s .045 .055 1.14 1.39 metal of siliconrectifier, majonty carrier conducton guard ring for transient protection low power loss high efficiency high surge capacity, high current capability to-220ac 20 to 100 volts t .235 .255 5.97 6.48 mbr2080 mbr2080 80v 56v 80v MBR2020-2045 mbr2060 . 84 v mbr2080-20100 . 75 v 0.1m a t j = 25 c product specification 1 of 1 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of MBR2020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X