Part Number Hot Search : 
T1122 UES702 HVL43 GBPC25 206VDC MG300 SM6K2 BZX85
Product Description
Full Text Search
 

To Download MAX21100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX21100 is a monolithic 3-axis gyroscope plus 3-axis accelerometer inertial measurement unit (imu) with integrated 9-axis sensor fusion using proprietary motion merging engine (mme) for handset and tablet applications, game controllers, motion remote controls, and other consumer devices. the MAX21100 is the industrys most accurate 6+3 dof inertial measurement unit available in a 3mm x 3mm x 0.83mm package and capable of working with a supply voltage as low as 1.71v. the MAX21100 can interface an external magnetometer through a dedicated i 2 c master. the internal motion merging engine (mme) can be flex - ibly configured to get the most suitable accuracy power trade-off. the MAX21100 is available in a 16-lead plastic land grid array (lga) package and can operate within a tempera - ture range of -40c to +85c. applications motion control with hmi (human-machine interface) gps and inertial navigation systems appliances and robotics motion-based game controllers motion-based 3d mice and 3d remote controls health and sports monitoring optical/electronic image stabilization features and benefts fully integrated, low power, motion merging engine performs accurate 9dof sensor fusion using ultra- fast, low power (50a) maxim proprietary algorithm providing: ? quaternion output ? gravity and heading output high output data rate (odr) for accelerometer (up to 2khz) and gyroscope (up to 8khz) four selectable full scales for gyroscope (250/500/1000/2000 dps) and accelerometer (2/4/8/16 g) i 2 c standard (100khz), fast (400khz), and high- speed (3.4mhz) serial interface10mhz spi interface 128 bytes (64 x 16 bits) embedded fifo with multiple fifo modes unique 48-bit serial number as die id 5.65ma in low-noise mode and 3.45ma in eco mode with mme active 1.2a current consumption in power-down mode 45ms turn-on time from power-down and 4ms turn-on time from standby mode high stability over temperature and time: bias stability of 4/hr high shock survivability (10,000g shock tolerant) ordering information appears at end of data sheet. for related parts and recommended products to use with this part, refer to www.maximintegrated.com/MAX21100.related . 19-6741; rev 0; 11/13 evaluation kit available MAX21100 low-power, ultra-accurate 6+3 dof imu
v dd ....................................................................... -0.3v to +6.0v v ddio ................................................................... -0.3v to +6.0v regd ...................................... -0.3v to min (v dd + 0.3v,+2.2v) int1, int2, sda_sdi_o, sa0_sdo, scl_clk, cs, dsync, rsv1, rsv2, rsv3 .......... -0.3v to min (v ddio + 0.3v, 6.0v) mst_scl, mst_sda ........... -0.3v to min (v ddio + 0.3v, 6.0v) i vdd continuous current ................................................. 100ma i vddio continuous current .............................................. 100ma operating temperature range ........................... -40c to +85c junction temperature ...................................................... +150c storage temperature range ............................ -40c to +150c lead temperature (soldering, 10s) ................................. +260c lga junction-to-case thermal resistance ( jc ) ............ 31.8c/w junction-to-ambient thermal resistance ( ja ) ........ 160c/w (note 1) (note 2) (v dd = v ddio = 1.8v, t a = -40c to +85c, unless otherwise noted. typical values are at t a = +25c.) (note 2) parameter symbol conditions min typ max units operating conditions operating temperature t -40 25 +85 c v dd supply v dd 1.71 1.8 3.6 v v ddio (note 3) v ddio 1.71 1.8 3.6 v current consumption iddcurrent consumption g+a+mme low-noise mode iddgam 5.65 6.5 ma iddcurrent consumption g+a low-noise mode iddga 5.6 6.4 ma iddcurrent consumption g low-noise mode iddg 5.4 6.1 ma iddcurrent consumption geco+a+mme iddgeam f godr = 125hz 3.45 4.1 ma iddcurrent consumption geco +a iddgea f godr = 125hz 3.4 4.0 ma iddcurrent consumption g standby mode iddgs 2.9 ma iddcurrent consumption a low-noise mode (note 4) idda 550 625 a iddcurrent consumption aeco (note 4) iddae f aodr = 62.5hz 25 40 a f aodr = 16.6hz 10 20 iddcurrent consumption power down (note 4) iddpd 1.2 10 a maxim integrated 2 note 1: package thermal resistances were obtained using the method described in jedec specification jesd51-7, using a four-layer board. for detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial . drops onto hard surfaces can cause shocks of greater than 10,000g and can exceed the absolute maximum rating of the device. exercise care in handling to avoid damage. absolute maximum ratings stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to ab solute maximum rating conditions for extended periods may affect device reliability. package thermal characteristics electrical characteristics MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
(note 2) (v dd = v ddio = 1.8v, t a = -40c to +85c, unless otherwise noted. typical values are at t a = +25c.) (note 2) parameter symbol conditions min typ max units gyroscope full-scale range gfs user selectable 250 dps 500 1000 2000 rate noise density at +25c (note 5) grnd gfs independent low-noise mode 0.009 0.025 dps/ hz eco mode, godr = 250hz 0.018 lowpass bandwidth (low-noise mode) gbwl user selectable 2 2000 hz highpass cutoff frequency (low-noise mode) gbwh enable/disable, user selectable 0.1 100 hz phase delay at 10hz (low-noise mode) gpd godr = 8khz gbwl = 400hz 3.3 deg sensitivity gso gfs = 250dps 120 digit/ mdps gfs = 500dps 60 gfs = 1000dps 30 gfs = 2000dps 15 sensitivity error at +25c gse -2.5 0.3 +2.5 % sensitivity drift over temperature (note 5) gsd -0.05 0.008 +0.05 %/c zero rate level error at +25c gzrle -6 0.5 +6 dps zero rate level drift over temperature (note 5) gzrld -0.15 0.025 +0.15 dps/c angular random walk low-noise mode garw 0.45 deg/hr bias stability gbstab 4 deg/hr nonlinearity at +25c (note 5) gnl gfs = 2000dps best ft line 0.1 0.4 %fs cross axis gca absolute (note 5) -5 1 +5 % relative to the accelerometer reference system -3 1 +3 linear acceleration effect at +25c (note 5) glae 1g static applied -0.2 0.05 +0.2 dps/g output data rate godr user selectable, low-noise mode 3.9 8000 hz user selectable, eco mode 31.25 250 maxim integrated 3 mechanical characteristics MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
(note 2) (v dd = v ddio = 1.8v, t a = -40c to +85c, unless otherwise noted. typical values are at t a = +25c.) (note 2) parameter symbol conditions min typ max units odr accuracy (note 6) godre -10 +10 % startup time from power down gstpd 45 90 ms startup time from standby gsts 8khz godr 400hz gbwl 4 ms self-test output gself x, z axis 10 25 50 %gfs y axis -50 -25 -10 accelerometer full-scale range afs user selectable 2 g 4 8 16 noise density at +25c (note 5) and afs = 2g low-noise mode 140 260 g/hz eco mode aodr = 250hz 800 output data rate aodr user-selectable low-noise mode 31.25 2000 hz user-selectable eco mode 0.98 250 odr accuracy aodre -10 +10 % lowpass bandwidth abwl user-selectable low-noise mode aodr/48 300 hz user-selectable eco mode aodr/48 aodr/2 highpass cutoff frequency low-noise mode abwh enable/disable, user-selectable bandwidth aodr/400 aodr/50 hz sensitivity aso afs = 2g 15 digit/mg afs = 4g 7.5 afs = 8g 3.75 afs = 16g 1.875 sensitivity error at 25c ase afs = 2g -2.5 0.38 +2.5 % sensitivity drift over temperature (note 5) asd afs = 2g -0.028 0.007 +0.028 %/c zero g level error at +25c (note 7) azgle afs = 2g, x,y axes -120 20 +120 mg afs = 2g, z axis -180 35 +180 zero g level drift over temperature (note 5) azgld afs = 2g, x, y axes -1.7 0.5 +1.7 mg/c afs = 2g, z axis -3.3 0.8 +3.3 non linearity at +25c (note 5) anl afs = 2g, best ft line 0.5 1.2 %fs cross axis (note 5) aca absolute -5 1 +5 % maxim integrated 4 mechanical characteristics (continued) MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
(note 2) (note 2) (v dd = v ddio = 1.8v, t a = -40c to +85c, unless otherwise noted. typical values are at t a = +25c.) (note 2) mechanical characteristics (continued) parameter symbol conditions min typ max units self-test output (note 4) aself x,y axis 80 300 800 mg z axis 60 240 600 temperature sensor sensitivity tss 8 bit 1 digit/c 16 bit 256 digit/c sensitivity error (note 5) tsse -7 3 +7 % output at +25c tso 8 bit 25 digit 16 bit 6400 bandwidth tsbw 4 hz parameter symbol conditions min typ max units esd protection human body model hbm 2000 v charged device model cdm 500 v ios dc specifications (note 5) input threshold low v il 0.3 x v ddio v input threshold high v ih 0.7 x v ddio v hysteresis of schmitt trigger input v hys 0.05 x v ddio v input leakage current i lk -1 +1 a i 2 c master bypass resistance r byp 45 ? i 2 c internal pullup resistance (note 8) r i2cpu 4.5 10 k? spi slave timing values (note 9) clk frequency f c_clk 10 mhz cs setup time t su_cs 10 ns cs hold time t h_cs 12 ns sdi input setup time t su_si 5 ns sdi input hold time t h_si 10 ns clk fall to sdo valid output time t v_sdo 35 ns sdo output hold time t h_so 10 ns i 2 c timing values (note 5) scl clock frequency f scl standard mode 0 100 khz fast mode 0 400 maxim integrated 5 interface specifcations MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
(note 2) note 2: limits are 100% tested at t a = +25c. limits over the operating temperature range and relevant supply voltage range are guaranteed by design and characterization. note 3: v ddio must be lower or equal than v dd supply. note 4: values at t a = +25c. note 5: min max based on characterization results. note 6: odr real value can be calculated through proper register readout with 1.5% accuracy. note 7: values after msl3 preconditioning and 3 reflow cycles. note 8: pullup resistances are user selectable. note 9: 10pf load on spi lines. min max based on characterization results. parameter symbol conditions min typ max units hold time (repeated) start condition t hd;sta standard mode 4 s fast mode 0.6 low period of scl clock t low standard mode 4.7 s fast mode 1.3 high period of scl clock t high standard mode 4.0 s fast mode 0.6 setup time for a repeated start condition t su;sta standard mode 4.7 s fast mode 0.6 data hold time t hd;dat standard mode 0 s fast mode 0 data setup time t su;dat standard mode 250 ns fast mode 100 setup time for stop condition t su;sto standard mode 4.0 s fast mode 0.6 bus free time between a stop and a start condition t buf standard mode 4.7 s fast mode 1.3 data valid time t vd;dat standard mode 3.45 s fast mode 0.9 data valid acknowledge time t vd;ack standard mode 3.45 s fast mode 0.9 i 2 c timing values (high-speed mode, note 5) sclh clock frequency f sclh hs mode 3.4 mhz setup time for a repeated start condition t su;sta hs mode 160 ns hold time (repeated) start condition t hd;sta hs mode 160 ns low period of scl clock t low hs mode 160 ns high period of scl clock t high hs mode 90 ns data setup time t su;dat hs mode 10 ns data hold time t hd;dat hs mode 0 ns maxim integrated 6 interface specifcations (continued) MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
t h _ so cs clk sdi sdo t su _ cs t csw t h _ cs 1 2 8 9 10 t su _ si t c _ clk hi - z t h _ si t v _ sdo hi - z cs clk sdi sdo 1 t su _ cs t su _ si t h _ si t h _ cs 2 t csw 8 9 10 t c _ clk hi - z t v _ sdi hi - z maxim integrated 7 spi timing 4-wire spi mode 3-wire spi mode MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
t su;dat t vd;dat t hd;dat t hd;sta t su;sta v il = 0.3v dd v ih = 0.7v dd t low t buf t su;sto t vd;ack 9th clock 9th clock 002aac938 1/f scl 1st clock cycle t high 70% 30% 70% 30% 70% 30% 70% 30% 70% 30% 70% 70% s sr s p scl scl sda sda 30% 30% cont. cont. t f t r t r t hd;sta t f = mcs current source pullup sclh sdah = r p resistor pullup t low t low t rcl t rcl1 sr p t fcl t su;dat t su;sto t hd;dat t hd;sta t su;sta t fda t rda sr t rcl1 t high t high (1) (1) (1) first rising edge of the sclh signal after sr and after each acknowledge bit. i 2 c high-speed diagram maxim integrated 8 i 2 c timing standard/fast mode i 2 c bus timing high-speed mode i 2 c bus timing MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
pin name function 1 v ddio interface and interrupt pad supply voltage 2 mst_scl i 2 c master serial clock. user-selectable 6k? internal pullup. 3 mst_sda i 2 c master serial data. user selectable 6k? internal pullup. 4 scl_clk spi and i2c slave clock. when in i 2 c mode, the io has selectable antispike flter and delay to ensure correct hold time. 5 gnd power-supply ground. 6 sda_sdi_o spi in/out pin and i 2 c slave serial data. when in i 2 c mode, the io has selectable antispike flter and delay to ensure correct hold time. 7 sa0_sdo spi serial data out and i 2 c slave address lsb 8 cs spi chip select/serial interface selection 9 int2 second interrupt line 10 rsv1 reserved. must be connected to gnd. 11 int1 first interrupt line 12 dsync data syncronization pin. is used to: dynamically change the MAX21100 power mode. synchronize data with external clock (e.g., gps/camera) with various options. synchronize data with an external event. 13 regd internal regulator output 2.2v max. a 100nf capacitor has to be connected to this pin for ensuring proper device operation 14 v dd analog power supply. bypass to gnd with a 0.1f capacitor and one 10f. 15 rsv2 reserved. must be tied to v dd in the application. 16 rsv3 reserved. leave unconnected. max 21100 v ddio mst _ scl mst _ sda scl _ clk gnd sda _ sdi _ o sa 0 _ sdo cs regd dsync int 1 16 rsv 3 rsv 2 v dd rsv 1 int 2 + 15 14 6 7 8 1 2 3 4 5 13 12 11 10 9 ( 3 mm x 3 mm x 0 . 83 mm ) 16 - lead lga top view maxim integrated 9 pin description pin confguration MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
a adc gyro sense dsp MAX21100 registers and fifo gyro drive control accelero sense dsp accelero raw data gyro raw data dac v ddio bias and ldos adc a a a adc mst_scl 2 3 mst_sda i 2 c master spi /i 2 c slave sync block 10 4 6 7 8 12 9 11 rsv1 scl_clk sda_sdi_o sa0_sdo cs dsync bypass timer otp clocking interrupts int2 int1 regd 13 16 rsv3 5 15 1 gnd rsv2 v dd 14 motion merging engine maxim integrated 10 functional diagram MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
detailed description the MAX21100 is a low-power, low voltage, small pack - age 6-axis inertial measurement unit able to provide unprecedented accuracy and stability over temperature and time. the MAX21100 integrates a 3-axis gyroscope and 3-axis linear accelerometer in a 3mm x 3mm x 0.83mm package capable of working with a supply voltage as low as 1.71v. it includes a sensing element and an ic interface capable of providing the measured angular rate and acceleration to the external world through a digital interface (i 2 c/spi). the ic interface includes an i 2 c master dedicated to the data collection of an external magnetometer. this data can be fused together with the gyroscope and acceler - ometer data through an embedded ultra-low power 9dof motion merging engine. all sensors and fusion data can be stored into a 128 bytes fully configurable embedded fifo. the dsync functionality allows for sensor synchroniza - tion with an external trigger with external source (e.g., gps/camera). the MAX21100 features a wide selection of dynamically selectable power modes that allows the user to optimize the system power consumption based on the application needs. the MAX21100 has a full scale of 250/500/1000/2000 dps for gyroscope and 2/4/8/16g for accelerometer. it is capable of measuring angular rates and accelerations with a user-selectable bandwidth. the MAX21100 is available in a 3mm x 3mm x 0.83mm 16-lead plastic land grid array (lga) package and can operate within a temperature range of -40c to +85c. defnitions power supply [v] : this parameter defines the operat - ing dc power-supply voltage range of the 6dof inertial measurement unit. although it is always a good practice to keep v dd clean with minimum ripple, unlike most of the competitors, who require an ultra-low noise, low-dropout regulator to power the device, the MAX21100 can not only operate at 1.71v, but that supply can also be provided by a switching regulator to minimize the system power consumption. current consumption in low-noise mode [ma] : this parameter defines the typical current consumption when the 6dof inertial measurement unit is operating with the lowest noise for both the accelerometer and gyroscope. current consumption in eco mode [ma] : this param - eter defines the current consumption when the 6dof inertial measurement unit is in eco mode. whilst in eco mode, the MAX21100 significantly reduces the power consumption, but increases the noise. current consumption in power-down mode [a] : this parameter defines the current consumption when the 6dof inertial measurement unit is powered down. in this mode, both the mechanical sensing structure and read - ing chain are turned off. users can configure the control register through the i 2 c/spi interface for this mode. full access to the control registers through the i 2 c/spi inter - faces is also guaranteed in power-down mode. gyroscope full-scale range [dps]: this parameter defines the measurement range of the gyroscope in degrees per second (dps). when the applied angular rate is beyond the full-scale range, the gyroscope output becomes saturated. zero-rate level [dps] : this parameter defines the dc device output when there is no external angular rate applied to the gyroscope. gyroscope sensitivity [digit/dps] : sensitivity is the rela - tionship between lsb and dps. it can be used to convert a digital gyroscopes measurement from digits to angular rate. zero-rate level change vs. temperature [dps/c] : this parameter defines the zero-rate level change in dps/c over the operating temperature range. gyroscope sensitivity change vs. temperature [%/c] : this parameter defines the gyroscope sensitivity change as a percentage (%) over the operating temperature range specified in the data sheet. gyroscope nonlinearity [% fs] : this parameter defines the maximum absolute difference between the gyroscope output and the best-fit straight line as a percentage of the gyroscope full-scale (gfs) range. gyroscope bandwidth [hz] : this parameter defines the frequency of the angular rate signal from dc to the built- in bandwidth (gbwl) that the gyroscope can measure. a dedicated register can be used to select the gyroscope bandwidth. rate noise density [dps/hz] : this parameter defines the square root of the equivalent noise power density of the gyroscope angular rate. accelerometer full-scale range [g] : this parameter defines the measurement range of the accelerometer in g. when the applied acceleration is beyond the full-scale range, the accelerometer output becomes saturated. maxim integrated 11 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
zero-g level [mg] : this parameter defines the dc device output when there is no external acceleration applied to the accelerometer. accelerometer sensitivity [digit/g] : sensitivity is the relationship between lsb and g. it can be used to convert a digital acceleration measurement from digits to g. zero-g level change vs. temperature [mg/c] : this parameter defines the zero-g level change in mg/c over the operating temperature range. accelerometer sensitivity change vs. temperature [%/c] : this parameter defines the accelerometer sen - sitivity change as a percentage (%) over the operating temperature range specified in the data sheet. accelerometer nonlinearity [% fs] : this parameter defines the maximum absolute difference between the accelerometer output and the best-fit straight line as a percentage of the full-scale (fs) range. accelerometer bandwidth [hz] : this parameter defines the frequency of the acceleration signal from dc to the built-in bandwidth (abwl) that the accelerometer can measure. a dedicated register can be used to select the accelerometer bandwidth. accelerometer noise density [g/hz] : this parameter defines the square root of the equivalent noise power density of accelerometer linear acceleration. MAX21100 architecture the MAX21100 comprises the following key blocks and functions: 3-axis mems gyroscope sensor with 16-bit adcs and signal conditioning 3-axis mems accelerometer sensor with 16-bit adcs and signal conditioning motion merging engine (mme) slave i 2 c and spi serial communications interfaces master i 2 c interrupt generators digital output temperature sensor power management enabling different power modes sensor data registers fifo data synchronization block self-test functionality three-axis mems gyroscope with 16-bit adcs and signal conditioning the MAX21100 includes mems gyroscope that detects rotations around the x, y, and z axes through the related ic interface. when the gyroscope rotates around any of the sensing axes, the coriolis force determines a displacement in the mems structure, which is detected as a capacitive variation. the resulting signal is then processed by the 16-bit adc to produce a digital output proportional to the angular rate. the gyro full-scale range can be digitally programmed at 250, 500, 1000 or 2000 dps. three-axis mems accelerometer sensor with 16-bit adcs and signal conditioning the MAX21100 includes a mems accelerometer that detects linear accelerations along the x, y, and z axes. the acceleration applied to one of the sensing axes causes a displacement of the mems structure which is detected as a capacitive variation. the signal is then con - verted in the digital domain by 16-bit adc and is available to the user as a digital output proportional to the applied acceleration. the accelerometer full-scale range can be digitally programmed at 2, 4, 8 or 16 g. motion merging engine (mme) the mme takes the gyroscope, accelerometer, and exter - nal magnetometer raw data as inputs and provides the device orientation information as output. the orientation information is represented using the quaternion or gravity-and-heading representations and features the gyroscope quick responsiveness and the low frequency accuracy given by the accelerometer and magnetometer. when the gyroscope information is not available (i.e., gyro is turned off), the absolute orientation information is still available. this is commonly called e-compass or soft gyro mode and features good accuracy, but slow response. the mme can be also used to generate the quaternion with the sole integration of the gyroscope data without fusion operations with either the accelerometer or the magnetometer. the mme outputs are available for direct register read and for fifo storage, together with raw data outputs. maxim integrated 12 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
slave i 2 c and spi serial communications interfaces the registers embedded inside the MAX21100 can be accessed through both the slave i 2 c and spi serial inter - faces. the latter can be sw configured to operate either in 3-wire or 4-wire interface mode. the serial interfaces are mapped onto the same pins. to select/exploit the i 2 c interface, cs line must be tied high (i.e., connected to v ddio ). i 2 c interface i 2 c is a two-wire interface comprised of the signals serial data (sda) and serial clock (scl). in general, the lines are open-drain and bidirectional. in a generalized i 2 c interface implementation, attached devices can be a master or a slave. the master device puts the slave address on the bus, and the slave device with the match - ing address acknowledges the master. the MAX21100 operates as a slave device when commu - nicating to the system processor, which thus acts as the master. sda and scl lines typically need pull-up resistors to vddio. the maximum bus speed is 3.4mhz (i2c hs); this reduces the amount of time the system processor is kept busy in supporting the exchange of data. the slave address of the MAX21100 is b101100x, which is 7 bits long. the lsb of the 7-bit address is determined by the logic level on pin sa0. this allows two MAX21100s to be connected on the same i 2 c bus. when used in this configuration, the address of one of the two devices should be b1011000 (pin sa0_sd0 is set to logic low) and the address of the other should be b1011001 (pin sa0_sd0 is set to logic-high). spi interface the MAX21100 spi can operate up to 10mhz, in both 3-wires (half duplex) and 4-wires mode (full duplex). it is recommended to set the i2c_off bit at address 0x16 if the MAX21100 is used together with other spi devices to avoid the possibility to switch inadvertently into i 2 c mode when traffic is detected with the cs un-asserted. the MAX21100 operates as an spi slave device.both the read register and write register commands are completed in 16 clock pulses, or in multiples of 8 in case of multiple read/write bytes. bit duration is the time between two fall - ing edges of clk. the first bit (bit 0) starts at the first falling edge of clk after the falling edge of cs while the last bit (bit 15, bit 23, etc.) starts at the last falling edge of clk just before the rising edge of cs. bit 0: rw bit. when 0, the data di(7:0) is written to the device. when 1, the data do(7:0) from the device is read. in the latter case, the chip drives sdo at the start of bit 8. bit 1: ms bit. depending on the configuration of if_ parity this bit may either be used to operate in multi- addressing standard mode or to check the parity with the register address. table 1. digital interface pin description table 2. i 2 c address name description cs spi enable and i2c/spi mode selection (1: i 2 c mode, 0: spi enabled) scl/clk spi and i 2 c clock. when in i 2 c mode, the io has selectable anti-spike flter and delay to ensure correct hold time. sda/sdi/sdo spi in/out pin and i 2 c serial data. when in i 2 c mode, the io has selectable antispike flter and delay to ensure correct hold time. sdo/sa0 spi serial data out or i 2 c slave address lsb i 2 c base address sa0/sdo pin r/w bit resulting address 0x2c (6 bit) 0 0 0xb0 0x2c 0 1 0xb1 0x2c 1 0 0xb2 0x2c 1 1 0xb3 maxim integrated 13 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
if used as a ms bit, when 1, the address remains unchanged in multiple read/write commands, whilst when 0, the address is auto-incremented in multiple read/write commands. bit 2C7: address ad(5:0). this is the address field of the indexed register. bit 8C15: data di(7:0) (write mode). this is the data that is written to the device (msb first). bit 8C15: data do(7:0) (read mode). this is the data that is read from the device (msb first). spi half- and full-duplex operation the MAX21100 can be programmed to operate in half- duplex (a bidirectional data pin) or full-duplex (one data-in and one data-out pin) mode. the spi master sets a reg - ister bit called spi_3_wire into i2c_cfg (0x16) to 0 for full-duplex, and 1 for half-duplex operation. full duplex is the power-on default. full-duplex operation the MAX21100 is put into full-duplex mode at power-up. when the spi master clears the spi_3_wire bit, the spi interface uses separate data pins, sdi and sdo, to transfer data. because of the separate data pins, bits can be simultaneously clocked into and out of the MAX21100. the MAX21100 makes use of this feature by clocking out 8 output data bits as the command byte is clocked in. reading from the spi slave interface (sdo) the spi master reads data from the MAX21100 slave interface using the following steps: 1) when cs is high, the MAX21100 is unselected and three-states the sdo output. 2) after driving scl_clk to its inactive state, the spi master selects the MAX21100 by driving cs low. 3) the spi master clocks the command byte into the MAX21100. the spi read command is performed with 16 clock pulses. multiple byte read command is per - formed adding blocks of 8 clock pulses at the previous one. bit 0: read bit. the value is 1. bit 1: ms bit. when 1, do not increment address, when 0, increment address in multiple reading. bit 2C7: address ad(5:0). this is the address field of the indexed register. bit 8C15: data do(7:0) (read mode). this is the data that is read from the device (msb first). bit 16C... : data do(...-8). further data in multiple byte reading. after 16 clock cycles, the master can drive cs high to deselect the MAX21100, causing it to tristate its sdo output. the falling edge of the clock puts the msb of the next data byte in the sequence on the sdo output. 4) by keeping cs low, the master clocks register data bytes out of the MAX21100 by continuing to supply scl_clk pulses (burst mode). the master terminates the transfer by driving cs high. the master must ensure that scl_clk is in its inactive state at the beginning of the next access (when it drives cs low). writing to the spi slave interface (sdi) the spi master writes data to the MAX21100 slave inter - face through the following steps: 1) the spi master sets the clock to its inactive state. while cs is high, the master can drive the sdi input. 2) the spi master selects the MAX21100 by driving cs low 3) the spi master clocks the command byte into the MAX21100. the spi write command is performed with 16 clock pulses. multiple byte write command is performed adding blocks of 8 clock pulses at the previous one. bit 0: write bit. the value is 0. bit 1: ms bit. when 1, do not increment address, when 0, increment address in multiple writing. bit 2C7: address ad(5:0). this is the address field of the indexed register. bit 8C15: data di(7:0) (write mode). this is the data that is written inside the device (msb first). bit 16C... : data di(...-8). further data in multiple byte writing. 4) by keeping cs low, the master clocks data bytes into the MAX21100 by continuing to supply scl_clk pulses (burst mode). the master terminates the trans - fer by driving cs high. the master must ensure that scl_clk is inactive at the beginning of the next access (when it drives cs low). maxim integrated 14 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
half-duplex operation when the spi master sets spi_3_wire = 1, the MAX21100 is put into half-duplex mode. in half-duplex mode, the MAX21100 tri-states its sdo pin and makes the sdi pin bidirectional, saving a pin in the spi inter - face. the sdo pin can be left unconnected in half-duplex operation. the spi master accesses a MAX21100 regis - ter as follows: the spi master sets the clock to its inactive state. while cs is high, the master can drive the sdi pin to any value. 1) the spi master selects the MAX21100 by driving cs low and placing the first data bit (msb) to write on the sdi input. 2) the spi master turns on its output driver and clocks the command byte into the MAX21100. the spi read command is performed with 16 clock pulses: bit 0: read bit. the value is 1. bit 1: ms bit. when 1, do not increment address, when 0, increment address in multiple reading. bit 2-7: address ad(5:0). this is the address field of the indexed register. bit 8-15: data do(7:0) (read mode). this is the data that is read from the device (msb first). multiple read command is also available in 3-wire mode. master i 2 c the master interface allows: readout of the external magnetic sensor at select - able sub multiples of the accelerometer odr shadowing the appprocessor read/write commands bypass mode: electrical bypass the master interface pads are supplied at v ddio . interrupt generators the MAX21100 offers two completely independent inter - rupt generators, to ease the sw management of the interrupt generated. for instance, one line could be used to signal a data_ready event whilst the other line might be used, for instance, to notify the completion of the inter - nal start-up sequence. interrupt functionality can be configured through the interrupt configuration registers. configurable items include the int pin level and duration, the clearing meth - od as well as the required triggers for the interrupts. the interrupt status can be read from the interrupt status registers. the event that has generated an interrupt is available in both forms: latched and unlatched. interrupt sources may be enabled/ disabled and cleared individually. the list of possible interrupt sources includes the following conditions: data_ready, fifo_ empty, fifo_threshold, fifo_overrun, otp_ download, dsync. the interrupt generation can also be configured as latched, unlatched or timed, with programmable length. when configured as latched, the interrupt can be cleared by reading the corresponding status register (clear-on- read) or by writing an appropriate mask to the status register (clear-on-write). digital-output temperature sensor an digital output temperature sensor is used to measure the MAX21100 die temperature. the readings from the adc can be accessed from the sensor data registers. the temperature data is split over 2 bytes. for faster and less accurate reading, accessing the msb allows to read the temperature data as an absolute value expressed in figure 1. master i 2 c i 2 c master state machine mst _ sc l i 2 c master if external magnetic sensor mst _ sda 2 3 scl / clk main application processor sda / sdi 4 6 mst _ bypass maxim integrated 15 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
celsius degrees. by reading the lsb, the accuracy is greatly increased, up to 256 digit/c. power modes the MAX21100 features nine different power modes, allowing selecting the appropriate tradeoff between power consumption, noise level, accuracy and turn-on time. the transition between different power modes can be con - trolled with the software by explicitly setting a power mode in the configuration register, or by enabling the automatic power mode transition based on the dsync pin. gyro low-noise mode in gyro low-noise mode, only the gyro is switched on and it is operational with minimum noise level. gyro eco mode in this power mode, only the gyro is switched on and it is operating in eco mode. the eco mode allows to reduce power consumption with the same sensor accuracy at the price of a higher rate noise density. this unique MAX21100 feature can be activated for the gyro with four different odr: 31.25hz, 62.5hz, 125hz, and 250hz. gyro standby mode to reduce power consumption and have a shorter turn- on time, the ic features a standby mode for the gyro. in standby mode, the MAX21100 gyro does not gen - erate data because a significant portion of the signal processing resources is turned off to save power. still, this mode enables a much quicker turn-on time. acc low-noise mode in acc low-noise mode, only the accelerometer is switched on. it is operational with minimum noise level. acc eco mode in this power mode, only the accelerometer is switched on and it is operating in eco mode. the eco mode allows to reduce power consumption with the same sensor accu - racy at the price of a higher accelerometer noise density. this feature can be activated for accelerometer with nine odr: being 0.98hz, 1.95hz, 3.9hz, 7.8hz 15.625hz, 31.25hz, 62.5hz, 125hz, and 250hz. power-down mode in power-down mode, the ic is configured to minimize the power consumption. in power-down mode, registers can still be read and written, but neither sensor can generate new data. compared to standby mode, it takes longer to activate the ic and start collecting data from the sensors. sensor data output registers the sensor data registers contain the latest gyroscope, accelerometer, magnetometer, quaternions (or gravity & heading) and temperature measurement data. they are read-only registers and are accessed through the serial interface. data from these registers can be read at anytime. however, the interrupt function can be used to determine when new data is available. table 3. power modes name description gyro low-noise only gyroscope is switched on and it is operational with maximum performances. gyro eco only gyroscope is switched on and operates to reduce the average current consumption. gyro standby the gyroscope is in standby mode, the current consumption is reduced by 50%, with a shorter turn-on time acc low-noise only accelerometer is switched on and it is operational with maximum performances. acc eco only accelerometer is switched on and operates to reduce the average current consumption. gyro low-noise mode + acc low-noise mode acc and gyro are both switched on in low-noise mode. gyro eco + acc low-noise mode acc is in low-noise mode, while the gyro is eco mode. gyro standby + acc low-noise mode acc is in low-noise mode, while the gyro is standby mode. power-down this is the minimum power consumption mode, at the price of a longer turn-on time. maxim integrated 16 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
fifo the MAX21100 embeds a 128-bytes data fifo. the user can flexibly select the set of axis data to be stored in fifo.this allows a power saving at system level as the host processor does not need to continuously poll data from the sensor, but it can wake up only when needed and burst the significant data out from the fifo. the fifo buffer can work according to four main modes: off, normal, interrupt, and snapshot. when configured in snapshot mode, it offers the ideal mechanism to capture the data following an external inter - rupt event. both normal and interrupt modes can be optionally config - ured to operate in overrun mode, depending on whether, in case of buffer under-run, newer or older data are accepted to be lost. various fifo status flags can be enabled to generate interrupt events on int1/int2 pin. fifo off mode in this mode, the fifo is turned off; data are stored only in the data registers and no data are available from the fifo if read. when the fifo is turned off, there are essentially two options to use the device: synchronous and asynchro - nous reading through the data registers. synchronous reading in this mode, the processor reads the data set (e.g., 6 bytes for a 3 axes configuration) generated by the MAX21100 every time that data_ready is set. the processor must read once and only once the data set in order to avoid data inconsistencies. benefits of using this approach include the perfect recon - struction of the signals coming the MAX21100 with the minimum data traffic. asynchronous reading in this mode, the processor reads the data generated by the MAX21100 regardless the status of the data_ready flag. to minimize the error caused by different samples being read a different number of times, the access fre - quency to be used must be much higher than the selected odr. this approach normally requires a much higher bw. fifo normal mode overrun = false fifo is turned on. fifo is filled with the data at the selected output data rate (odr). when fifo is full, an interrupt can be generated. when fifo is full, all the new incoming data is dis - charged. reading only a subset of the data already stored into the fifo keeps locked the possibility for new data to be written. only if all the data are read, the fifo restarts saving data. if communication speed is high, data loss can be prevented. to prevent a fifo-full condition, the required condi - tion is to complete the reading of the data set before the next data_ready occurs. if this condition is not guaranteed, data can be lost. overrun = true fifo is turned on. fifo is filled with the data at the selected odr. when fifo is full, an interrupt can be generated. when fifo is full, the oldest data is overwritten with the new ones. if communication speed is high, data integrity can be preserved. in order to prevent a fifo_wr_full condition, the required condition is to complete the reading of the data set before the next data_ready occurs. if this condition is not guaranteed, data can be over - written. maxim integrated 17 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
figure 2. fifo normal mode, overrun = false figure 3. fifo normal mode, overrun = true 127 threshold threshold threshold 127 level increments with new samples stored and decrements with new readings. fifo_th interrupt generated. fifo_full interrupt generated. no new data stored until the entire fifo is read. (wp-rp) = level 0 (wp-rp) = level (wp-rp) = level 0 127 0 threshold threshold threshold fifo used as circular buffer fifo used as circular buffer fifo used as circular buffer wp rp wp rp wp rp wp-rp increments with new samples stored and decrements with new readings. fifo_th interrupt generated. fifo_full interrupt generated. new incoming data would overwrite the older ones. maxim integrated 18 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
interrupt mode overrun = false fifo is initially disabled. data are stored only in the data registers. when an interrupt (either int_or or int_and) is generated, the fifo is turned on automatically. it stores the data at the selected odr. when fifo is full, all the new incoming data is dis - charged. reading only a subset of the data already stored into the fifo keeps locked the possibility for new data to be written. only if all the data are read the fifo restarts saving data when a new event is generated. figure 4. fifo interrupt mode, overrun = false threshold threshold threshold level 0 max (wp-rp) = level 0 (wp-rp) = level 0 0 (wp-rp) = level max max fifo initially off. when the programmed interrupt occurs, turn fifo on. level increments with new samples stored and decrements with new readings. fifo_th interrupt generated. fifo_full interrupt generated. no new data stored until the entire fifo is read. max maxim integrated 19 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
overrun = true fifo is initially disabled. data are stored only in the data registers. when an interrupt (either int_or or int_and) is generated, the fifo is turned on automatically. it stores the data at the selected odr. when fifo is full, an interrupt can be generated. when fifo is full, the oldest data is overwritten with the new ones. if communication speed is high, data integrity can be preserved. in order to prevent a fifo_wr_full condition, the required condition is to complete the reading of the data set before the next data_ready occurs. if this condition is not guaranteed, data can be over - written. figure 5. fifo interrupt mode, overrun = true threshold threshold fifo initially off. when the programmed interrupt occurs, turn fifo on. level 0 max wp = rp rp rp wp wp threshold wp-rp increments with new samples stored and decrements with new readings. fifo_th interrupt generated. fifo_full interrupt generated. new incoming data would overwrite the older ones. maxim integrated 20 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
snapshot mode fifo is initially in normal mode with overrun enabled. when an interrupt (either int_or or int_and) is generated, the fifo switches automatically to not- overrun mode. it stores the data at the selected odr until the fifo becomes full. when fifo is full, an interrupt can be generated. when fifo is full, all the new incoming data is dis - charged. reading only a subset of the data already stored into the fifo keeps locked the possibility for new data to be written. only if all the data are read the fifo restarts saving data in overrun mode. figure 6. fifo snapshot mode threshold threshold threshold wp rp wp rp max wp rp fifo used as circular buffer fifo used as circular buffer fifo used as circular buffer max threshold max threshold 0 threshold snapshot captured interrupt (wp-rp) = level 0 (wp-rp) = level (wp-rp) = level 0 maxim integrated 21 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
data synchronization the MAX21100 has a pin named dsync whose purpose is to enable a number of synchronization options. wake-up feature the dsync pin can be used to switch the MAX21100 between two power modes according to the pwr_sel and pwr_mode settings in power_cfg (0x00) regis - ter. this feature can be used to control the power mode of the MAX21100 using an external controlling device, whether it is a microprocessor, another sensor or a differ - ent kind of device. dsync can be configured to active either high or low and on either edge or level. this feature is controlled by a specific bit in the dsync_ cfg register. data capture feature another way to use the dsync pin is as data capture trigger. the MAX21100 can be configured to stop filling fifo with data until a given edge occur on dsync. once the programmed active edge occurs, the MAX21100 col - lects in fifo as many data as specified in the dsync_ cnt register. dsync mapping on data dsync can be optionally mapped onto the lsb of the sensor data, to perform a sort of a-posteriori synchroniza - tion. the mapping occurs on every enabled axis of the sensors (gyroscope, accelerometer, magnetometer, and temperature sensor). this feature is controlled by specific bits in the dsync_cfg register. dsync interrupt generation the dsync pin can be used as an interrupt source to determine a different kind of data synchronization based on the software management performed by an external processor. the dsync-based wake-up, data capture, data map - ping, and interrupt generation features can be combined together. self-test the embedded self-test for MAX21100 gyroscope and accelerometer is an additional key feature that allows the part to be tested during final product assembly without requiring physical device movement. gyroscope this gyroscope embedded self-test feature can be used to verify if the gyroscope is working properly without physically rotating the device. that may be used either before or after it is assembled on a pcb. if the gyroscopes outputs are within the specified self-test values in the data sheet, then the gyroscope is working properly. accelerometer the accelerometer embedded self-test feature is used to verify the sensor functionality without physically moving the device. when this feature is enabled, an electrostatic test force is applied to the mechanical sensing element and causes the moving part to move away from its origi - nal position, emulating a definite input acceleration. in this case the sensor outputs exhibit a change in their dc levels which is related to the selected full scale through the device sensitivity. the output in this self-test mode is then compared with the output data of the device when the self-test is disabled. if the absolute value of the output difference is within the minimum and maximum range of the preselected full scale range, the accelerometer is working properly. unique serial number each MAX21100 device is uniquely identified by 48 bits that can be used to track the history of the sample, includ - ing manufacturing, assembly, and testing information. revision id the MAX21100 has a register used to identify the revision id of the device and to identify the specific part number. even though different part numbers may share the same who_am_i value, they would still be identified by means of different revision id values. register file the register file is organized per banks. on the common bank are mapped addresses from 0x20 to 0x3f and these registers are always available. it is possible to map on addresses 0x00 to 0x1f three different user banks by properly programming address 0x22. the purpose of this structure is to limit the management of the register map addresses in the 0x00 to 0x3f range even though the number of physical registers is in excess of 64. common bank the common is the bank whose locations are always available regardless the register bank selection. this bank contains all the registers most commonly used, including data registers and the fifo data. maxim integrated 22 low power, ultra-accurate 6+3 dof imu MAX21100 www.maximintegrated.com
table 4. common bank name register address type default value comment who_am_i 0x20 r 1011 0010 device id revision_id 0x21 r variable revision id register bank_select 0x22 r/w 0000 0000 register bank selection system_status 0x23 r data system status register gyro_x_h 0x24 r data bits [15:8] of x measurement, gyro gyro_x_l 0x25 r data bits [07:0] of x measurement, gyro gyro_y_h 0x26 r data bits [15:8] of y measurement, gyro gyro_y_l 0x27 r data bits [07:0] of y measurement, gyro gyro_z_h 0x28 r data bits [15:8] of z measurement, gyro gyro_z_l 0x29 r data bits [07:0] of z measurement, gyro acc_x_h 0x2a r data bits [15:8] of x measurement, accel. acc_x_l 0x2b r data bits [07:0] of x measurement, accel. acc_y_h 0x2c r data bits [15:8] of y measurement, accel. acc_y_l 0x2d r data bits [07:0] of y measurement, accel. acc_z_h 0x2e r data bits [15:8] of z measurement, accel. acc_z_l 0x2f r data bits [07:0] of z measurement, accel. mag_x_h 0x30 r data bits [15:8] of x measurement, mag. mag_x_l 0x31 r data bits [07:0] of x measurement, mag. mag_y_h 0x32 r data bits [15:8] of y measurement, mag. mag_y_l 0x33 r data bits [07:0] of y measurement, mag. mag_z_h 0x34 r data bits [15:8] of z measurement, mag. mag_z_l 0x35 r data bits [07:0] of z measurement, mag. temp_h 0x36 r data bits [15:8] of t measurement temp_l 0x37 r data bits [07:0] of t measurement rfu 0x38 r 0000 0000 rfu 0x39 r 0000 0000 rfu 0x3a r 0000 0000 rfu 0x3b r 0000 0000 fifo_count 0x3c r 0000 0000 available number of fifo samples for data set fifo_status 0x3d r 0000 0000 fifo status flags fifo_data 0x3e r data fifo data, to be read in burst mode rst_reg 0x3f w & reset 0000 0000 reset register maxim integrated 23 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
user bank 0 user bank 0 is the register used to configure most of the features of the MAX21100, with the exception of the interrupts, which are part of the user bank 1. table 5. user bank 0 name register address type default value comment power_cfg 0x00 rw 0000 0111 power mode confguration gyro_cfg1 0x01 rw 0010 1000 gyro confguration 1 gyro_cfg2 0x02 rw 0000 0100 gyro confguration 2 gyro_cfg3 0x03 rw 0000 0000 gyro confguration 3 pwr_acc_cfg 0x04 rw 1100 0111 accel. power confguration acc_cfg1 0x05 rw 0000 0010 accel. confguration 1 acc_cfg2 0x06 rw 0000 0000 accel. confguration 2 mag_slv_cfg 0x07 rw 0000 0110 magnetometer slave confguration mag_slv_add 0x08 rw 0000 0000 magnetometer slave address mag_slv_reg 0x09 rw 0000 0000 magnetometer slave register mag_map_reg 0x0a rw 0000 0000 magnetometer mapping register i2c_mst_add 0x0b rw 0000 0000 i 2 c master register address i2c_mst_data 0x0c rw 0000 0000 i 2 c master register data mag_ofs_x_msb 0x0d rw 0000 0000 magnetometer offset x, msb mag_ofs_x_lsb 0x0e rw 0000 0000 magnetometer offset x, lsb mag_ofs_y_msb 0x0f rw 0000 0000 magnetometer offset y, msb mag_ofs_y_lsb 0x10 rw 0000 0000 magnetometer offset y, lsb mag_ofs_z_msb 0x11 rw 0000 0000 magnetometer offset z, msb mag_ofs_z_lsb 0x12 rw 0000 0000 magnetometer offset z, lsb dr_cfg 0x13 rw 0000 0001 data ready confguration io_cfg 0x14 rw 0000 0000 input/output confguration i2c_pad 0x15 rw 0000 0100 pads confguration i2c_cfg 0x16 rw 0000 0000 serial interfaces confguration fifo_th 0x17 rw 0000 0000 fifo threshold confguration fifo_cfg 0x18 rw 0000 0000 fifo mode confguration rfu 0x19 r 0000 0000 dsync_cfg 0x1a rw 0000 0000 dsync confguration dsync_cnt 0x1b rw 0000 0000 dsync counter itf_otp 0x1c rw 0000 0000 serial interfaces and otp control rfu 0x1d r 0000 0000 rfu 0x1e r 0000 0000 rfu 0x1f r 0000 0000 maxim integrated 24 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
user bank 1 user bank 1 is primarily devoted to the configuration of the interrupts. it also contains the unique serial number. table 6. user bank 1 name register address type default value comment int_ref_x 0x00 rw 0000 0000 interrupt reference for x-axis int_ref_y 0x01 rw 0000 0000 interrupt reference for y-axis int_ref_z 0x02 rw 0000 0000 interrupt reference for z-axis int_deb_x 0x03 rw 0000 0000 interrupt debounce, x int_deb_y 0x04 rw 0000 0000 interrupt debounce, y int_deb_z 0x05 rw 0000 0000 interrupt debounce, z int_msk_x 0x06 rw 0000 0000 interrupt mask, x-axis zones int_msk_y 0x07 rw 0000 0000 interrupt mask, y-axis zones int_msk_z 0x08 rw 0000 0000 interrupt mask, z-axis zones int_mask_ao 0x09 rw 0000 0000 interrupt masks, and/or int_cfg1 0x0a rw 0000 0000 interrupt confguration 1 int_cfg2 0x0b rw 0010 0100 interrupt confguration 2 int_tmo 0x0c rw 0000 0000 interrupt timeout int_sts_ul 0x0d r 0000 0000 interrupt sources, unlatched int_sts 0x0e r 0000 0000 interrupt status register int_msk 0x0f rw 1000 0010 interrupt mask register rfu 0x10 r 0000 0000 rfu 0x11 r 0000 0000 rfu 0x12 r 0000 0000 rfu 0x13 r 0000 0000 rfu 0x14 r 0000 0000 rfu 0x15 r 0000 0000 rfu 0x16 r 0000 0000 int_src_sel 0x17 rw 0011 1100 interrupt source selection rfu 0x18 r 0000 0000 rfu 0x19 r 0000 0000 serial_5 0x1a r variable unique serial number, byte 5 serial_4 0x1b r variable unique serial number, byte 4 serial_3 0x1c r variable unique serial number, byte 3 serial_2 0x1d r variable unique serial number, byte 2 serial_1 0x1e r variable unique serial number, byte 1 serial_0 0x1f r variable unique serial number, byte 0 maxim integrated 25 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
user bank 2 user bank 2 is primarily devoted to the configuration of the interrupts. it also contains the unique serial number. table 7. user bank 2 name register address type default value comment quat0_h 0x00 r 0000 0000 msb of quaternion 0 quat0_l 0x01 r 0000 0000 lsb of quaternion 0 quat1_h 0x02 r 0000 0000 msb of quaternion 1 quat1_l 0x03 r 0000 0000 lsb of quaternion 1 quat2_h 0x04 r 0000 0000 msb of quaternion 2 quat2_l 0x05 r 0000 0000 lsb of quaternion 2 quat3_h 0x06 r 0000 0000 msb of quaternion 3 quat3_l 0x07 r 0000 0000 lsb of quaternion 3 rfu 0x08 r 0000 0000 rfu 0x09 r 0000 0000 rfu 0x0a r 0000 0000 rfu 0x0b r 0000 0000 rfu 0x0c r 0000 0000 rfu 0x0d r 0000 0000 rfu 0x0e r 0000 0000 rfu 0x0f r 0000 0000 rfu 0x10 r 0000 0000 rfu 0x11 r 0000 0000 rfu 0x12 r 0000 0000 bias_gyro_x_h 0x13 rw 0000 0000 gyro bias compensation, x-msb bias_gyro_x_l 0x14 rw 0000 0000 gyro bias compensation, x-lsb bias_gyro_y_h 0x15 rw 0000 0000 gyro bias compensation, y-msb bias_gyro_y_l 0x16 rw 0000 0000 gyro bias compensation, y-lsb bias_gyro_z_h 0x17 rw 0000 0000 gyro bias compensation, z-msb bias_gyro_z_l 0x18 rw 0000 0000 gyro bias compensation, z-lsb bias_acc_x 0x19 rw 0000 0000 acc bias compensation, x bias_acc_y 0x1a rw 0000 0000 acc bias compensation, y bias_acc_x 0x1b rw 0000 0000 acc bias compensation, z fus_cfg0 0x1c rw 0000 0000 fusion engine confguration register 0 fus_cfg1 0x1d rw 0101 1000 fusion engine confguration register 1 rfu 0x1e r 0000 0000 gyro_odr_trim 0x1f rw 0111 0000 gyro odr correction factor register maxim integrated 26 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
orientation of axes figures 7 and 8 show the orientation of the axes of sensitivity and the polarity of rotation and linear acceleration. note the pin 1 identifier () in the figure. figure 7. orientation of gyro axes figure 8. orientation of accelerometer axes ? z ? x ? y a cc-z a cc-y a cc-x maxim integrated 27 MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
soldering information visit www.maximintegrated.com/MAX21100.related for soldering recommendations. application notes bypass v dd and v ddio to the ground plane with 0.1f ceramic chip capacitors on each pin as close as possible to the device to minimize parasitic inductance. connect to regd 100nf ceramic chip capacitor as close as possible to the MAX21100 to minimize parasitic inductance. depending on the specific application board, an additional bulk decoupling capacitor to v dd and v ddio might be needed. for best performance, keep separate v dd and v ddio power supplies. table 8. bill of materials for external components component label specification quantity v dd /v ddio bypass capacitor c1 ceramic, x7r, 0.1f 10%, 4v 2 regd capacitor c2 ceramic, x7r, 100nf 10%, 2v 1 a adc gyro sense dsp MAX21100 registers and fifo gyro drive control accelero sense dsp accelero raw data gyro raw data dac v ddio bias and ldos adc a a a adc mst_scl 2 3 mst_sda i 2 c master spi /i 2 c slave main application processor sync block 10 12 9 11 rsv1 dsync bypass timer otp clocking interrupts int2 int1 regd 0.1f 0.1f 13 16 rsv3 5 15 1 gnd rsv2 v dd 14 motion merging engine 4 6 7 8 scl_clk sda_sdi_o sa0_sdo cs external magnetic sensor 0.1f maxim integrated 28 typical application circuit MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
maxim integrated 29 package information for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. +denotes a lead(pb)-free/rohs-compliant package. t = tape and reel. part temp range pin-package MAX21100+ -40c to +85c 16 lga MAX21100+t -40c to +85c 16 lga ordering information MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
maxim integrated 30 package information (continued) for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
maxim integrated 31 package information (continued) for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. MAX21100 low-power, ultra-accurate 6+3 dof imu www.maximintegrated.com
revision number revision date description pages changed 0 11/13 initial release ? 2013 maxim integrated products, inc. 32 revision history maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integrated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and specifcations without notice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated and the maxim integrated logo are trademarks of maxim integrated products, inc. MAX21100 low-power, ultra-accurate 6+3 dof imu for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim integrateds website at www.maximintegrated.com.


▲Up To Search▲   

 
Price & Availability of MAX21100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X