Part Number Hot Search : 
VA2ASG 2101A P6KE150A ENL9654 PL001 G2002 2SB1604 TMS77C82
Product Description
Full Text Search
 

To Download MAX1759813 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ordering information appears at end of data sheet. for related parts and recommended products to use with this part, refer to www.maximintegrated.com/max17598.related . general description the max17598/max17599 low i q , active clamp current- mode pwm controllers contain all the control circuitry required for the design of wide-input isolated/non-iso - lated forward-converter industrial power supplies. the max17598 is well-suited for universal input (rectified 85v ac to 265v ac) or telecom (36v dc to 72v dc) power supplies. the max17599 is optimized for low-voltage industrial supplies (4.5v dc to 36v dc). the devices include an aux driver that drives an aux - iliary mosfet (clamp switch) that helps implement the active-clamp transformer reset topology for forward con - verters. such a reset topology has several advantages including reduced voltage stress on the switches, trans - former size reduction due to larger allowable flux swing, and improved efficiency due to elimination of dissipative snubber circuitry. programmable dead time between the aux and main driver allows for zero voltage switching (zvs). the switching frequency is programmable from 100khz to 1mhz for the devices with an accuracy of q 8% using an external resistor. this allows optimization of the magnetic and filter components, resulting in com - pact, cost-effective isolated/nonisolated power supplies. for emi-sensitive applications, the ics incorporate a programmable frequency-dithering scheme, enabling low-emi spread-spectrum operation. an input undervoltage lockout (en/uvlo) is provided for programming input-supply start voltage, and to ensure proper operation during brownout conditions. en/uvlo input is also used to turn on/off the ics. input overvoltage (ovi) protection scheme is provided to make sure that the regulator shuts down when input supply exceeds its maximum allowed value. to control inrush current, the devices incorporate an ss pin to set the soft-start time for the regulators. power dissipa - tion under fault conditions is minimized by hiccup overcur - rent protection (hiccup mode). soft-stop feature provides safe discharging of the clamp capacitor when the device is turned off, and allows the controller to restart in a well- controlled manner. additionally, negative current limit is provided in the current-sense circuitry, helping limit clamp switch current under dynamic operating conditions. sync feature is provided to synchronize multiple convert - ers to a common external clock in noise-sensitive applica - tions. overtemperature fault triggers thermal shutdown for reliable protection of the device. the ics are available in a 16-pin, tqfn package with 0.5 mm lead spacing. benefits and features s active clamp, peak current-mode forward pwm controller s 20 f a startup current in uvlo s 4.5v to 36v input-supply operating range (max17599) s programmable input undervoltage lockout s programmable input overvoltage protection s programmable 100khz to 1mhz switching frequency s switching frequency synchronization s programmable frequency dithering for low emi spread-spectrum operation s programmable dead time s adjustable soft-start s programmable slope compensation s fast cycle-by-cycle peak-current-limit s 70ns internal leading-edge current-sense blanking s hiccup mode output short-circuit protection s soft-stop for well-controlled clamp capacitor discharge s negative clamp-switch current limit s 3mm x 3mm, lead-free 16-pin tqfn s -40 c to +125 c operating temperature range applications telecom and datacom power supplies isolated battery chargers servers and embedded computing industrial power supplies 19-6179; rev 1; 3/13 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers evaluation kit available for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxims website at www.maximintegrated.com.
2 absolute maximum ratings note 1: package thermal resistances were obtained using the method described in jedec specification jesd51-7, using a four-layer board. for detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial . stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional opera - tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. electrical characteristics (v in = 12v (for max17598, bring v in up to 21v for startup), v cs = v dither = v fb = v ovi = v sgnd = v pgnd = 0v, v en/uvlo = +2v, auxdrv = ndrv = ss = comp = slope = unconnected, r rt = 25k i , r dt = 10k i , c vin = 1 f f, c vdrv = 1 f f, t a = t j = -40 n c to +125 n c, unless otherwise noted. typical values are at t a = t j = +25 n c.) (note 2) v in (max17599 only) ............................................ -0.3v to +40v v drv to sgnd (max17598 only) .............................................. -0.3v to +16v (max17599 only) ................................................ -0.3v to +6v en/uvlo to sgnd ..................................... -0.3v to (v in + 0.3v) ndrv, auxdrv to pgnd ....................... -0.3v to (v drv + 0.3v) ovi, rt, dither, comp, ss, fb, slope, dt to sgnd .......................................... -0.3v to +6v cs to sgnd ............................................................ -0.8v to +6v pgnd to sgnd .................................................... -0.3v to +0.3v maximum input /output current (continuous) v in , v drv ...................................................................... 100ma ndrv (pulsed for less than 100ns) ......................... +0.9a/-1.5a auxdrv (pulsed for less than 100ns) ..................... +0.3a/-0.7a continuous power dissipation (t a = +70 n c) tqfn (derate 20.8mw/c above 70c) .................... 1666mw operating temperature range ........................ -40c to +125c maximum junction temperature ..................................... +150c storage temperature range ............................ -65c to +150c lead temperature (soldering, 10s) ................................ +300c soldering temperature (reflow) ...................................... +260c tqfn junction-to-case thermal resistance ( q jc ) ................. 7c/w junction-to-ambient thermal resistance ( q ja ) .......... 48c/w package thermal characteristics (note 1) parameter symbol conditions min typ max units input supply (v in ) v in voltage range v in max17598 8 29 v max17599 4.5 36 v in bootstrap uvlo wakeup v in-uvr in rising max17598 18.5 20 21.5 v max17599 3.8 4.1 4.4 v in bootstrap uvlo shutdown level v in-uvf in falling max17598 6.5 7 7.5 v max17599 3.6 3.9 4.2 v in supply startup current (under uvlo) i in- startup v in < uvlo 20 32 f a v in supply shutdown current i in-sh v en = 0v 20 32 f a v in supply current i in-sw switching, f sw = 400khz 2 ma v in clamp voltage v inc v en = 0v, i in = 2ma sinking (max17598) (note 3) 30 33 36 v enanble (en) en threshold v enr v en rising 1.16 1.21 1.26 v v enf v en falling 1.1 1.15 1.20 en input leakage current i en v en = 1.5v, t a = +25 n c -100 +100 na max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
3 electrical characteristics (continued) (v in = 12v (for max17598, bring v in up to 21v for startup), v cs = v dither = v fb = v ovi = v sgnd = v pgnd = 0v, v en/uvlo = +2v, auxdrv = ndrv = ss = comp = slope = unconnected, r rt = 25k i , r dt = 10k i , c vin = 1 f f, c vdrv = 1 f f, t a = t j = -40 n c to +125 n c, unless otherwise noted. typical values are at t a = t j = +25 n c.) (note 2) parameter symbol conditions min typ max units internal ldo (v drv ) v drv output voltage range v vdrv 8v < v in < 15v and 0ma < i vdrv < 50ma (max17598) 7.1 7.4 7.7 v 6v < v in < 15v and 0ma < i vdrv < 50ma (max17599) 4.7 4.9 5.1 v drv current limit i vdrv-max 70 100 ma v drv dropout v vdrv-do v in = 4.5v, i vdrv = 20ma (max17599) 4.2 v overvoltage protection (ovi) ovi overvoltage threshold v ovir v ovi rising 1.16 1.21 1.26 v v ovif v ovi falling 1.1 1.15 1.2 ovi masking delay t ovi-md 2 f s ovi input leakage current i ovi v ovi = 1v, t a = +25 n c -100 +100 na oscillator (rt) ndrv switching frequency range f sw 100 1000 khz ndrv switching frequency accuracy -8 +8 % maximum duty cycle d max f sw = 400khz, r dt = 10k i 71 72.5 74 % synchronization (dither/sync) synchronization logic-high input v ih-sync 3 v synchronization pulse width 50 ns synchronization frequency range f sync 1.1 x f sw 1.3 x f sw dithering ramp generator (dither/sync) charging current 45 50 55 f a discharging current 43 50 57 f a ramp-high trip point 2 v ramp-low trip point 0.4 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
4 electrical characteristics (continued) (v in = 12v (for max17598, bring v in up to 21v for startup), v cs = v dither = v fb = v ovi = v sgnd = v pgnd = 0v, v en/uvlo = +2v, auxdrv = ndrv = ss = comp = slope = unconnected, r rt = 25k i , r dt = 10k i , c vin = 1 f f, c vdrv = 1 f f, t a = t j = -40 n c to +125 n c, unless otherwise noted. typical values are at t a = t j = +25 n c.) (note 2) parameter symbol conditions min typ max units soft-start/soft-stop (ss) soft-start charging current i ssch 9 10 11 f a soft-stop discharging current i ssdisch 4.4 5 5.6 f a ss bias voltage v ss 1.19 1.21 1.23 v ss discharge threshold v ssdisch soft-stop completion 0.15 v ndrv driver (ndrv) pulldown impedance r ndrv-n i ndrv (sinking) = 100ma 1.37 3 i pullup impedance r ndrv-p i ndrv (sourcing) = 50ma 4.26 8.5 i peak sink current c ndrv = 10nf 1.5 a peak source current c ndrv = 10nf 0.9 a fall time t ndrv-f c ndrv = 1nf 10 ns rise time t ndrv-r c ndrv = 1nf 20 ns auxdrv driver (auxdrv) pulldown impedance r auxdrv-n i auxdrv (sinking) = 100ma 3.35 7 i pullup impedance r auxdrv-p i auxdrv (sourcing) = 50ma 9.78 19 i peak sink current c auxdrv = 10nf 0.7 a peak source current c auxdrv = 10nf 0.3 a fall time t auxdrv-f c auxdrv = 1nf 16 ns rise time t auxdrv-r c auxdrv = 1nf 32 ns dead time (dt) ndrv to auxdrv delay (dead time) t dt ndrv $ to auxdrv $ r dt = 10k i 25 ns r dt = 100k i 250 auxdrv # to ndrv # r dt = 10k i 25 r dt = 100k i 250 current-limit comparator (cs) cycle-by-cycle peak- current-limit threshold v cs-peak 290 305 320 mv cycle-by-cycle runaway- current-limit threshold v cs-run 340 360 380 mv cycle-by-cycle reverse- current-limit threshold v cs-rev -122 -102 -82 mv max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
5 electrical characteristics (continued) (v in = 12v (for max17598, bring v in up to 21v for startup), v cs = v dither = v fb = v ovi = v sgnd = v pgnd = 0v, v en/uvlo = +2v, auxdrv = ndrv = ss = comp = slope = unconnected, r rt = 25k i , r dt = 10k i , c vin = 1 f f, c vdrv = 1 f f, t a = t j = -40 n c to +125 n c, unless otherwise noted. typical values are at t a = t j = +25 n c.) (note 2) parameter symbol conditions min typ max units current-sense leading-edge blanking time t cs-blank from ndrv # edge 70 ns current-sense-blanking time for reverse-current limit t cs-blank- rev from auxdrv $ edge 70 ns propagation delay from comparator input to ndrv t pdcs from cs rising (10mv overdrive) to ndrv falling (excluding leading-edge blanking) 40 ns number of consecutive peak-current-limit events to hiccup n hiccup-p 8 event number of runaway current- limit events to hiccup n -hiccup-r 1 event overcurrent hiccup timeout 32,768 cycle minimum on-time t on-min 90 130 170 ns slope compensation (slope) slope bias current i slope 9 10 11 f a slope resistor range r slope 25 200 k i slope compensation ramp r slope = 100k : 140 165 190 mv/ f s default slope compensation ramp v slope < 0.2v or 4v < v slope 50 mv/ f s pwm comparator comparator offset voltage v pwm-os v comp, when v cs = 0v 1.65 1.81 2 v current-sense gain a cs-pwm d v comp / d v cs 1.75 1.97 2.15 v/v comparator propagation delay t pwm change in v cs = 10mv (including internal lead-edge blanking) 110 ns error amplifier fb reference voltage v ref v fb , when i comp = 0v and v comp = 1.8v 1.19 1.21 1.23 v fb input bias current i fb v fb = 1.5v, t a = +25 n c -100 +100 na open-loop voltage gain a eamp 90 db transconductance gm 1.5 1.8 2.1 ms max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
6 electrical characteristics (continued) (v in = 12v (for max17598, bring v in up to 21v for startup), v cs = v dither = v fb = v ovi = v sgnd = v pgnd = 0v, v en/uvlo = +2v, auxdrv = ndrv = ss = comp = slope = unconnected, r rt = 25k i , r dt = 10k i , c vin = 1 f f, c vdrv = 1 f f, t a = t j = -40 n c to +125 n c, unless otherwise noted. typical values are at t a = t j = +25 n c.) (note 2) note 2: all devices are 100% production tested at +25 n c. limits over temperature are guaranteed by design. note 3: the max17598 is intended for use in universal input power supplies. the internal clamp circuit at in is used to prevent the bootstrap capacitor from charging to a voltage beyond the absolute maximum rating of the device when en is low (shut - down mode). externally limit the maximum current to in (hence to clamp) to 2ma (max) when en is low. typical operating characteristics (v in = 15v, v en/uvlo = +2v, comp = open, c vin = 1 f f, c vdrv = 1 f f, t a = t j = -40 n c to +125 n c, unless otherwise noted.) parameter symbol conditions min typ max units transconductance bandwidth bw open-loop (gain = 1), -3db frequency 10 mhz source current v comp = 1.8v, v fb = 1v 80 120 210 f a sink current v comp = 1.8v, v fb = 1.75v 80 120 210 f a thermal shutdown thermal shutdown threshold temperature rising 160 c thermal shutdown hysteresis 20 c bootstrap uvlo wake-up level vs. temperature (max17598) max17598/9 toc01 temperature ( c) bootstrap uvlo wake-up level (v) 100 80 60 40 20 0 -20 19.99 20.00 20.01 20.02 20.03 20.04 19.98 -40 120 v in wakeup level vs. temperature (max17599) max17598/9 toc02 temperature ( c) v in wakeup level (v) 100 80 60 40 20 0 -20 4.09 4.08 4.10 4.11 4.12 4.13 4.07 -40 120 in uvlo shutdown level vs. temperature (max17598) max17598/9 toc03 temperature (c) in uvlo shutdown level (v) 100 80 60 40 20 0 -20 7.000 7.005 7.010 7.015 7.020 7.025 6.995 -40 120 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
7 typical operating characteristics (continued) (v in = 15v, v en/uvlo = +2v, comp = open, c vin = 1 f f, c vdrv = 1 f f, t a = t j = -40 n c to +125 n c, unless otherwise noted.) ndrv switching frequency vs. temperature max17598/9 toc07 temperature (c) ndrv switching frequency (khz) 100 80 40 60 0 20 -20 150 250 450 350 550 650 750 850 950 50 -40 120 r t = 10k i r t = 100k i frequency dithering vs. r dither max17598/9 toc08 r dither (ki) frequency dithering (%) 900 800 700 600 500 400 300 4 6 8 10 12 14 2 200 1000 dead time vs. r dt max17598/9 toc09 r dt (ki) dead time - dt (ns) 90 80 70 60 50 40 30 20 60 100 140 180 220 20 10 100 max17598/9 toc10 temperature (c) dead time (ns) dead time vs. temperature 244 246 248 250 252 242 120 100 80 60 40 20 0 -20 -40 r dt = 100ki peak-current-limit threshold vs. temperature max17598/9 toc11 temperature (c) peak-current-limit threshold (mv) 100 120 80 60 40 20 0 -20 301 302 303 304 305 306 307 300 -40 reverse current limit threshold vs. temperature max17598/9 toc12 temperature (c) reverse current limit threshold (mv) 120 100 60 80 0 20 40 -20 -103 -102 -101 -100 -99 -98 -97 -96 -95 -104 -40 v in falling threshold vs. temperature (max17599) max17598/9 toc04 temperature (c) v in falling threshold (v) 100 80 60 40 20 0 -20 3.88 3.89 3.90 3.91 3.92 3.87 -40 120 in supply current under uvlo vs. temperature max17598/9 toc05 temperature (c) in supply current under uvlo (a) 100 80 60 40 20 0 -20 20.5 21.5 22.5 23.5 24.5 25.5 19.5 -40 120 ndrv switching frequency vs. resistor max17598/9 toc06 frequency selection resistor (ki) ndrv switching frequency (khz) 95 85 65 75 25 35 45 55 15 100 200 300 400 500 600 700 800 900 1000 0 5 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
8 typical operating characteristics (continued) (v in = 15v, v en/uvlo = +2v, comp = open, c vin = 1 f f, c vdrv = 1 f f, t a = t j = -40 n c to +125 n c, unless otherwise noted.) current-sense gain vs. temperature max17598/9 toc13 temperature (c) current-sense gain (v/v ) 100 120 80 60 40 20 0 -20 1.93 1.94 1.95 1.96 1.97 1.98 1.99 1.92 -40 fb regulation voltage vs. temperature max17598/9 toc14 temperature (c) fb regulation voltage (v) 100 80 60 40 20 0 -20 1.207 1.209 1.211 1.213 1.215 1.217 1.205 -40 120 ndrv peak source and sink currents max17598/9 toc15 i ndrv 0.7a /div 200ns/div peak sink current peak source current auxdrv peak source and sink currents max17598/9 toc16 i auxdrv 0.28a /div 200ns/div peak sink current peak source current max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
9 typical operating characteristics (continued) soft-start from input (figure 9) max17598/9 toc19 v i n 20v/div v out 2v/div 200ms/div ndrv and auxdrv signals (figure 9) max17598/9 toc21 1s/div v ndrv 5v/div v auxdrv 5v/div input shutdown (figure 9) max17598/9 toc20 20ms/div v i n 20v/div v out 2v/div dead time between ndrv and auxdrv (figure 9) max17598/9 toc22 40ns/div v ndrv 5v/div v auxdrv 5v/div 50ns enable startup waveform (duty-cycle soft-start) max17598/9 toc17 v en/uvlo 2v/div v out 2v/div 4ms/div enable shutdown waveform (soft-stop) max17598/9 toc18 4ms/div v en/uvlo 2v/div v out 2v/div max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
10 typical operating characteristics (continued) load transient response (figure 9) max17598/9 toc25 i load 2a /div v out (ac) 100mv/div 200s/div efficiency curves output current (a) efficiency (% ) 8 6 4 2 15 20 30 40 50 60 70 80 90 100 0 01 0 v in = 36v v in = 48v v in = 72v max17598/9 toc26 bode plot (figure 9) max17598/98 toc27 gain 10db/div phase 36/div bandwidth = 10.3khz phase margin = 72 68 12 2 44 66 88 11 active clamp switching waveform (figure 9) max17598/9 toc28 i primary 1a /div v ds 50v/div 1s/div ss, ndrv and auxdrv in hiccup mode (figure 9) max17598/9 toc23 v ndrv 5v/div v auxdrv 5v/div v ss 500mv/div 4ms/div momentary ovi operation (figure 9) max17598/9 toc24 v ss 1v/div v out 5v/div v clampcap 50v/div v ovi 5v/div 4ms/div max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
11 pin description pin configuration pin name function 1 dt dead-time programming resistor connection. connect resistor from dt to gnd to set the desired dead time between the ndrv and auxdrv signals. see the dead time section to calculate the resistor value for a particular dead time. 2 slope slope compensation programming input. a resistor rslope connected from slope to sgnd programs the amount of internal slope compensation. shorting this pin to sgnd sets a default slope compensation of 50mv/ f s. 3 rt switching frequency programming resistor connection. connect resistor from rt to sgnd to set the pwm switching frequency. 4 dither/sync frequency dithering programming or synchronization connection. for spread-spectrum frequency operation, connect a capacitor from dither to sgnd and a resistor from dither to rt. to synchronize the internal oscillator to the externally applied frequency, connect dither/sync to the synchronization pulse. 5 comp transconductance amplifier output. connect the frequency compensation network between comp and sgnd in nonisolated applications and between comp and fb pins in isolated applications. 6 fb transconductance error amplifier inverting input 7 ss soft-start/soft-stop capacitor pin for forward/flyback regulator. connect a capacitor from ss to sgnd to set the soft-start/soft-stop time interval. 8 sgnd signal ground. connect sgnd to the signal ground plane. 9 cs current-sense input. current-sense connection for average current-sense and cycle-by-cycle current limit. peak current limit trip voltage is 350mv (typ). 10 pgnd power ground. connect pgnd to the power ground plane. 15 16 14 13 5 6 7 rt dither / syn c 8 dt pgnd cs auxdrv 13 v in 4 12 10 9 en/uvlo ovi sgnd ss fb comp slope ndrv 2 11 v drv ep tqfn max17598 max17599 top view + max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
12 pin description (continued) detailed description the max17598/max17599 low i q active-clamp current- mode pwm controllers contain all the control circuitry required for design of wide-input isolated/nonisolated for - ward converter industrial power supplies. the max17598 has a rising uvlo threshold of 20v with a 13v hysteresis, and is therefore well-suited for universal input (rectified 85v ac to 265v ac) or telecom (36v dc to 72v dc) power supplies. the max17599 features a 4.1v rising uvlo with a 200mv hysteresis and is optimized for low- voltage industrial supplies (4.5v dc to 36v dc). the devices include an aux driver that drives an auxiliary mosfet (clamp switch) that helps implement the active- clamp transformer reset topology for forward converters. such a reset topology has several advantages, including reduced voltage stress on the switches, transformer size reduction due to larger allowable flux swing, and improved efficiency due to elimination of dissipative snubber circuit - ry. programmable dead time between the aux and main driver allows for zero voltage switching (zvs). input voltage range the max17598 has different rising and falling undervolt - age lockout (uvlo) thresholds on the v in pin than those of the max17599. the thresholds for the max17598 are optimized for implementing power-supply startup schemes typically used for off-line ac/dc and telecom dc-dc power supplies that are typically encountered in industrial applications. as such, the max17598 has no limitation on the maximum input voltage, as long as the external components are rated suitably, and the maxi - mum operating voltages of the max17598 are respected. the max17598 can be successfully used in universal input (85v to 265v ac) rectified bus applications, recti - fied 3-phase dc bus applications, and telecom (36v to 72v dc) applications. the v in pin of the max17599 has a maximum operating voltage of 36v. the max17599 implements rising and falling thresholds on the v in pin that assume power- supply startup schemes, typical of lower voltage dc-dc applications down to an input voltage of 4.5v dc. thus isolated/non-isolated active-clamp converters with sup - ply-voltage range of 4.5v to 36v can be implemented with the max17599. see startup operation section for more details on power-supply startup schemes for max17598/max17599. pin name function 11 ndrv external switching nmos gate-driver output 12 auxdrv pmos active-clamp-switch gate-driver output. auxdrv can also be used to drive a pulse transformer for synchronous flyback application. 13 v drv linear regulator output and driver input. connect a 1 f f bypass capacitor from v drv to pgnd as close as possible to the ic. 14 v in internal v drv regulator input. connect v in to the input voltage source. bypass v in to pgnd with a 0.1 f f minimum ceramic capacitor. 15 en/uvlo enable/undervoltage lockout pin. to externally program the uvlo threshold of the input supply, connect a resistive divider among input supply, en/uvlo, and sgnd. 16 ovi overvoltage comparator input. connect a resistive divider among the input supply, ovi, and sgnd to set the input overvoltage threshold. ep exposed pad max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
13 figure 1. block diagram chipen/ hiccup pok en / uvlo ovi rt ss ss ss 1.21v 2v/0.4v v in uvlo tsdn 1.21v 1.21v -102mv 305mv 360mv ssdone hiccup v drv osc dither/ sync clk 0.9v clk dither / sync ldo thermal sensor chipen ssdone control and driver logic dt v drv pgnd v drv pgnd driver driver 7.4v (max17598 ) or 4.9v (max17599 ) q 50a 5a 10a 10a 8 peakevent s or 1 runa wa y 1.21v reverse ilim comp peaklim comp runa wa y comp pw m comp 70ns blanking slop e decode current soft-start fixed or variable r r 1x max17598 max17599 auxdrv ndrv dead time auxdrv ndrv cs slope comp fb sgnd pgnd chipen max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
14 figure 2. programming en/uvlo, ovi linear regulator (v drv ) the max17598/max17599 have an internal linear regu - lator that is powered from the v in pin. the output of the linear regulator is connected to the v drv pin, and should be decoupled with a 1 f f capacitor to ground for stable operation. the v drv converter output sup - plies the mosfet drivers internal to the max17598/ max17599. the v drv voltage is regulated at 7.4v (typ) in the max17598, and at 4.9v (typ) in the max17599. the maximum operating voltage of the in pin is 29v for the max17598 and 36v for the max17599. maximum duty cycle (dmax) the max17598/max17599 operate at a maximum duty cycle of 72.5% (typ). when the slope pin is left open, the ics have the necessary amount of slope compensa - tion to provide stable, jitter-free current-mode control operation in applications where the operating duty cycle is less than 50%. slope compensation is necessary for stable operation of current-mode controlled converters at duty cycles greater than 50%, in addition to the loop compensation required for small signal stability. the max17598/max17599 implement a slope pin for this purpose. see the slope compensation programming section for more details. applications information startup voltage and input overvoltage protection setting (en/uvlo, ovi) the en/uvlo pin in the max17598/max17599 serves as an enable/disable input, as well as an accurate programmable undervoltage lockout (uvlo) pin. the max17598/max17599 do not commence startup opera - tions unless the en/uvlo pin voltage exceeds 1.21v (typ). the max17598/max17599 turn off if the en/uvlo pin voltage falls below 1.15v (typ). a resistor divider from the input dc bus to ground maybe used to divide down and apply a fraction of the input dc voltage to the en/ uvlo pin as shown in figure 2. the values of the resistor divider can be selected so that the en/uvlo pin voltage exceeds the 1.21v (typ) turn on threshold at the desired input dc bus voltage. the same resistor divider can be modified with an additional resistor, r ovi , to implement input overvoltage protection, in addition to the en/uvlo functionality as shown in figure 2. when the voltage at the ovi pin exceeds 1.21v (typ), the max17598/max17599 stop switching. switching resumes with soft-start opera - tion, only if the voltage at the ovi pin falls below 1.15v (typ). the ovi feature is easily disabled by tying the pin to ground. for given values of startup dc input voltage (v start ) and input overvoltage protection voltage (v ovi ), the resistor values for the divider can be calculated as follows, assuming a 24.9k i resistor for r ovi . r sum rep - resents the series combination of several resistors that might be needed in high-voltage dc bus applications (max17598) or a single resistor in low-voltage dc-dc applications (max17599). ovi en start v r 24.9 1 k , v ?? = ?w ?? ?? where v start and v ovi are in volts. [ ] start sum en v r 24.9 r 1 k , 1.21 ?? = + ?w ?? ?? where r en is in k i . r sum might need to be implemented as equal multiple resistors in series (r dc1 , r dc2 , r dc3 ) so that voltage across each resistor is limited to its maxi - mum operating voltage. = = = w sum dc1 dc2 dc3 r r r r k. 3 max1759 8 max1759 9 r dc 1 r dc 2 r dc 3 r sum en /u vlo ovi r en r ovi v dc max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
15 startup operation the max17598 is optimized for implementing active- clamp converters operating either from a rectified ac input or in a 36v dc to 72v dc telecom application. a cost-effective rc startup circuit can be used in such applications. in this startup method (figure 3), when the input dc voltage is applied, the startup resistor r start charges the startup capacitor c start , causing the voltage at the v in pin to increase towards the rising v in uvlo threshold (20v typical). during this time, the max17598 draws a low startup current of 20 f a (typ) through the startup resistor r start . when the voltage at v in reaches the rising in uvlo threshold, the max17598 commences all internal operations and drives the exter - nal mosfets connected to ndrv and auxdrv. in this condition, the max17598 draws 2ma (typ) current in from c start , in addition to the current required to switch the gates of the external mosfets q1and q2. since this current cannot be supported by the current through r start , the voltage on c start starts to drop. when suitably configured as shown in figure 3, the converter operates to generate an output voltage (v bias ) that is bootstrapped to the v in pin. if the voltage v bias exceeds 7v before the voltage on c start falls below 7v (typ), then the v in voltage is sustained by v bias , thus allow - ing the max17598 to continue to operate with energy from v bias . the large hysteresis (13v typical) of the max17598 allows for a small startup capacitor (c start ). the low startup current (20 f a typical) allows the use of a large startup resistor (r start ), thus reducing power dissipation at higher dc bus voltages. the startup resis - tor r start might need to be implemented as equal, mul - tiple resistors in series (r in1 , r in2 and r in3 ) to share the applied high dc voltage in offline applications so that the voltage across each resistor is limited to the maximum continuous operating voltage rating. r start and c start can be calculated as follows: + ?? ?? = ?? ?? ++ ?? ?? ?? ?? vdrv in ss start gate sw in ss 6 7.4 c 0.04 i c c 0.09 f qf it 10 where i in is the supply current drawn at the in pin in ma, q gate is the sum of the gate charges of the exter - nal mosfets q1 and q2 in nc, f sw is the switching frequency of the converter in hz, t ss is the soft-start time programmed for the converter in ms. c vdrv is cummulative capacitor used at drv node in f, and c ss is soft-start capacitor in nf. see the soft-start section. ( ) start start start v 10 50 r k, 1c ? = w + ?? ?? where c start is the startup capacitor in f f. the in uvlo rising threshold of the max17599 is set to 4.1v with a hysteresis of 200mv, and is optimized for low-voltage dc-dc applications in the range of 4.5v dc to 36v dc. the in pin is rated for a maximum operating input voltage of 36v dc and can directly be connected to the input dc supply. figure 3. rc-based startup circuit r in1 r in2 r in3 ldo v in v dc v bias d1 d2 l bias c clamp v dc auxdrv ndrv q1 q2 v drv c vdrv c start r start max17598 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
16 soft-start and soft-stop in a current-mode isolated active clamp forward con - verter, the comp voltage programs the peak current in the primary, and thus the secondary-side inductor current as well. the max17598/max17599 implement a soft-start scheme that controls the comp pin of the device at turn on. a useful benefit of this feature is the elimination of need for secondary-side soft-start circuitry in such isolated applications. in the absence of sec - ondary-side soft-start circuitry, the secondary-side error amplifier can cause the output voltage to rapidly reach the regulation value, thus causing inrush current and output voltage overshoot. the max17598/max17599 avoid this issue by applying a soft-start to the comp pin. thus the regulators primary and secondary currents are ramped up in a well-controlled manner resulting in a current-mode soft-start operation. soft-start period of max17598/max17599 can be pro - grammed by selecting the value of capacitor connected from ss pin to gnd. the capacitor c ss can be calcu - lated as follows: = ? ss ss comp 10 t c nf v 1.81 where t ss is in ms, v comp is steady-state comp voltage (v comp,max = 2.6v). a soft-stop feature ramps down the output voltage when the device is turned off, and provides safe discharging of the clamp capacitor, thus allowing the controller to restart in a well-controlled manner. additionally, a nega - tive current limit is provided in the current-sense circuitry that helps limit the clamp switch current under dynamic operating conditions, such as momentary input overvolt - age charging from a precharged output capacitor. the soft-stop duration is twice that of the programmed soft- start period. programming slope compensation since the max17598/max17599 operate at a maximum duty cycle of 72.5% (typ), slope compensation is required to prevent subharmonic instability that occurs naturally in continuous-conduction mode, peak current mode- controlled converters operating at duty cycles greater than 50%. a minimum amount of slope signal is added to the sensed current signal, even for converters operating below 50% duty to provide stable, jitter-free operation. the slope pin allows the user to program the necessary slope compensation by setting the value of the resistor r slope connected from slope pin to ground. e slope s8 rk 1.55 ? = w where s e , the slope is expressed in mv per microseconds. for the default minimum slope compensation of 50mv/ f s (typ), the slope pin should be connected to sgnd or left unconnected. figure 4. typical startup circuit with in connected directly to dc input max17599 ldo v in 4.5v to 36v dc v out d1 d2 l out c clamp auxdrv ndrv q1 v drv c vdrv c out q2 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
17 figure 5. duty cycle soft-start figure 6. duty cycle or current soft-stop * v comp is steady-state comp voltage. auxdrv cs soft-start begi n 0.0v 0.4v ndrv v ss = i ssch x t/ c ss v comp * - 1.36 v soft-start ends soft-stop ends 0.4v 0.0v v comp * - 1.36 v soft-stop begins v ss = 1.21v - i ssdisc h x t/ c ss auxdrv cs ndrv max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
18 n-channel mosfet gate driver the ndrv output drives an external n-channel mosfet. ndrv can source/sink in excess of 900ma /1500ma peak current. therefore, select a mosfet that yields acceptable conduction and switching losses. p-channel mosfet gate driver the auxdrv output drives an external p-channel mosfet with the aid of a level shifter, as shown in the typical application circuits . auxdrv can source/sink in excess of 300ma/700ma peak current. therefore, select a mosfet that yields acceptable conduction and switch - ing losses. the external pmosfet used must be able to withstand the maximum clamp voltage. dead time dead time between the main and aux output edges allow zvs to occur, minimizing switching losses and improving efficiency. the dead time (t dt ) is applied to both leading and trailing edges of the main and aux outputs as shown in figure 7. connect a resistor between dt and gnd to set t dt to any value between 25ns and 250ns. rdt in k , is calculated as: =w dt dt r 0.4 t k , where t dt is in ns. oscillator/switching frequency the ics switching frequency is programmable between 100khz and 1mhz with a resistor r rt connected between rt and gnd. use the following formula to determine the appropriate value of r rt needed to generate the desired output switching frequency (f sw ): 10 rt sw 1 10 r f = where f sw is the desired switching frequency. peak-current-limit the current-sense resistor ( r cs ), connected between the source of the n-channel mosfet and pgnd, sets the current limit. the source end of current-sense resistor connects to cs pin of max17598/max17599. the signal thus obtained is used by the devices, both for current-mode control and peak-current limiting purposes. the current-limit comparator has a voltage trip level (v cs-peak ) of 305mv, and is independent of slope compensation applied to stabilize the converter. the following equation is used to calculate the value of r cs : = cs pri_peak 305mv r 1.2 i where i pri_peak is the peak current in the primary side of the transformer, which also flows through the main n-channel mosfet. when the voltage produced by this current (through the current-sense resistor) exceeds the current-limit comparator threshold, the mosfet driver (ndrv) terminates the current on-cycle within 40ns (typ). the devices implement 70ns of internal leading-edge blanking to ignore leading-edge current spikes encoun - tered in practice due to parasitics. use a small rc network for additional filtering of the leading-edge spike on the sense waveform when needed. set the corner frequency of the rc filter network at 5 to 10 times the switching frequency. for a given peak-current-limit setting, the runaway cur - rent limit is typically 20% higher. the peak current-limit- triggered hiccup operation is disabled until the end of soft-start, while the runaway current-limit-triggered hiccup operation is always enabled. negative peak current limit the max17598/max17599 protect against excessive negative currents through the clamp switch, primary of the transformer and the clamp capacitor under dynamic operating conditions. the devices limit negative current by monitoring the voltage across r cs , while the auxdrv output is low and the p-channel fet is on. the typical negative-current-limit threshold is set at -102mv (1/3 of the positive-peak-current-limit threshold). figure 7. dead time between auxdrv and ndrv auxdrv ndrv dead time, t dt max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
19 output short-circuit protection with hiccup mode when the max17598/max17599 detect eight consecu - tive peak-current-limit events, both ndrv and auxdrv driver outputs are turned off (hiccup is followed by soft- stop) for a restart period, t rstr . after t rstr , the device turns on again with a soft-start. the duration of the restart period is 32678 clock cycles, and therefore depends on the switching frequency setting. the device also features a runaway current limit setting at 120% (typ) of the peak current limit. this feature is useful under short-circuit faults in forward converters with synchronous rectifiers that occur during minimum on-time conditions at high input voltages. under these conditions, the primary peak current tends to build up and staircase beyond the peak current limit setting due to insufficient discharging of the output inductor. one single event of a runaway current limit forces the max17598/max17599 into hiccup mode operation. figure 8 shows the behavior of the device prior and during hiccup mode. oscillator synchronization the internal oscillator can be synchronized to an external clock by applying the clock to sync/dither directly. the external clock frequency can be set anywhere between 1.1x to 1.3x the internal clock frequency. using an external clock increases the maximum duty cycle by a factor equal to f sync /f sw . frequency dithering for spread-spectrum applications (low emi) the switching frequency of the converter can be dith - ered in a range of q 10% by connecting a capacitor from dither/sync to gnd, and a resistor from dither to rt as shown in the typical applications circuit . this results in lower emi. figure 8. hiccup-mode timing diagram current-sense voltage hiccup signal soft-start voltage, v ss v ss-h i hiccup timeou t t ss t rstr discharge with issdisch v cs-peak (305mv) max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
20 a current source at sync/dither charges the capacitor c dither to 2v with 50 f a. upon reaching this trip point, it discharges c dither to 0.4v with 50 f a. the charging and discharging of the capacitor generates a triangular waveform on sync/dither with peak levels at 0.4v and 2v. c dither is calculated as: = dither tri 15.625 c nf f where f tri is in khz. typically, f tri should be set close to 1khz. the resistor r dither connected from sync/dither to rt deter - mines the amount of dither as follows: rt dither r %dither r = where %dither is the amount of dither expressed as a percentage of the switching frequency. setting r dither to 10 x r rt generates q 10% dither. layout recommendations all connections carrying pulsed currents must be very short and as wide as possible. the inductance of these connections must be kept to an absolute minimum due to the high di/dt of the currents in high-frequency switch - ing power converters. this implies that the loop areas for forward- and return-pulsed currents in various parts of the circuit should be minimized. additionally, small current loop areas reduce radiated emi. similarly, the heatsink of the mosfet presents a dv/dt source. therefore, the sur - face area of the mosfet heatsink should be minimized as much as possible. ground planes must be kept as intact as possible. the ground plane for the power section of the converter should be kept separate from the analog ground plane, except for a connection at the least-noisy section of the power ground plane, typically the return of the input filter capacitor. the negative terminal of the filter capacitor, the ground return of the power switch, and current-sensing resistor must be close together. pcb layout also affects the thermal performance of the design. a number of thermal vias that connect to a large ground plane should be provided under the exposed pad of the part for efficient heat dissipation. for a sample layout that ensures first pass success, please refer to the max17598/max17599 evaluation kit layouts available at www.maximintegrated.com . for universal ac input designs, follow all applicable safety regulations. offline power supplies can require ul, vde, and other similar agency approvals. max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
21 typical application circuits figure 9. typical application circuit (telecom power supplies) l2 1.5h l1 10mh v out v out v out pgnd0 pgnd0 v out pgnd0 3.3v, 8a output c5 47f c3 2.2f c2 22f c10 22nf c13 open c14 2.2nf c15 1000pf c9 1f c18 0.47f c20 4.7f p1 n3 c11 0.047f c16 100nf n1 ns np nb d2 d1 n2 c4 330f c7 4.7f c8 0.47f r1 221ki v in pgnd pgnd pgnd pgnd pgnd sgnd sgnd sgnd sgnd sgnd sgnd sgnd ovi en/uvlo dither/ sync sgnd sgnd u2 u1 u3 1 3 2 v drv v dc v fb v fb v drv t1 c6 47f r2 0r r3 0r r9 0r r12 0r r20 open r15 open r18 28.7ki r6 10ki r23 49.9ki r24 22ki r5 1.6mi r7 35.7ki r4 24.9ki r14 10ki r8 20ki r19 100 r16 open r22 30ki r11 49.9ki r10 221 r13 10ki r17 470 3 2 1 4 d4 d3 r21 0.1 v in v in v dc pgnd input 36v to 72v input c1 100pf c19 33nf c17 open c12 short (pc trace) auxdrv ndrv pgnd cs dt ep v drv en / uvlo fb comp sgnd rt slope ss dither / sync ovi max17598 pgnd0 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
22 typical application circuits (continued) figure 10. typical application circuit (power supply for low-voltage dc-dc applications) l1 10h v out v out gnd0 gnd0 v out gnd0 3.3v, 3a output c4 100f c2 0.1f c1 22f c8 0.01f c10 10nf c11 47pf c12 4.7nf c18 2.2f c7 2.2f c19 0.1f p1 n1 c6 0.47f c9 47nf c13 47nf n3 ns np nb n2 c14 100f c16 47nf v in pgnd pgnd pgnd pgnd pgnd sgnd sgnd sgnd sgnd sgnd ovi en/uvlo sgnd sgnd u2 u1 u3 1 3 2 v drv v dc v fb v fb v drv t1 c15 100f c5 open r3 0r r2 0r r10 0r r12 0r r11 open r23 open r15 40ki r19 49.9ki r20 33.2ki r1 3.3mi r4 150ki r5 121ki c17 short r6 10ki r9 20ki r16 100r r24 100ki r25 150ki r21 47i r13 22ki r18 200ki r8 332ki r7 120i r14 470r 4 2 1 1 32 5 d1 r22 100ki r17 100m z2 6.2v q1 d3 d2 v in v in pgnd input 17v to 34v input c20 100pf auxdrv ndrv pgnd cs dt ep v drv en / uvlo fb comp sgnd rt slope ss dither/ sync ovi max17599 v dc gnd0 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
23 ordering information + denotes a lead(pb)-free/rohs-compliant package. package information for the latest package outline information and land patterns (foot - prints), go to www.maximintegrated. com/p ackages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. part temp range pin package functionality uvlo, in clamp dmax max17598 ate+ -40 n c to +125 n c 16 tqfn active-clamp, peak-current-mode, offline pwm controller 20v, yes 70% max17599 ate+ -40 n c to +125 n c 16 tqfn active-clamp, peak-current-mode, pwm dc-dc controller 4v, no 70% package type package code outline no. land pattern no. 16 tqfn t1633+4 21-0136 90-0032 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers maxim integrated
maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integrated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and specifications without notice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated 160 rio robles, san jose, ca 95134 usa 1-408-601-1000 24 ? 2013 maxim integrated products, inc. maxim integrated and the maxim integrated logo are trademarks of maxim integrated products, inc. revision history revision number revision date description pages changed 0 1/12 initial release 1 3/13 updated general description , benefits and features , absolute maximum ratings , electrical characteristics , typical operating characteristics , pin description , detailed description sections, and figures 1, 3C6, 8C10 1C23 max17598/max17599 low i q , wide-input range, active clamp current-mode pwm controllers


▲Up To Search▲   

 
Price & Availability of MAX1759813

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X