Part Number Hot Search : 
STRLP MX25L FCT16 KE220 15005 MH4803BH 93LC86 GZF16C
Product Description
Full Text Search
 

To Download MANO825 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  162 audio pci ethernet 2+ usb 3/4 ethernet1+usb1/2 com 1/2 com 3/vga ps/2 k/b+m/s com 4/5/6 lvds ddr3 sata 1/2 usb 5/6/7 pci express mini card lpt atx power input MANO825 intel ? atom? d525 mini itx sbc with intel ? nm10 chipset, vga/lvds, dual lans and 6 com intel ? atom? processor d525 1.8 ghz onboard 2 ddr3-800 mhz 240-pin dimm max.up to 4 gb dualview with vga & 24-bit lvds 2 sata-300 supported 6 com ports supported pci slot and pci express mini card i/o ordering information packing list system mio 1 x ps/2 keyboard 1 x ps/2 mouse 6 x rs-232; with +5v/+12v powered by jumper selection 1 x lpt sata 2 x sata-300 hardware monitoring detect cpu/system temperature, voltage and smart fan control ethernet 2 ports as 10/100/1000 mbps supports wake-on-lan, pxe boot rom with realtek 8111e audio hd codec audio as mic-in/line-out with realtek alc662 usb 7 x usb 2.0 port smbus system management bus for advanced monitoring/control digital io 8 channels (4-in & 4-out) standard MANO825vgga-d525 mini itx sbc with intel ? atom? processor d525, vga/ lvds, 2 10/100/1000mbps ethernet, 6 com, hd audio and pci expansion user's manual/utility cd, sata cable cpu intel ? atom? processor d525 1.8 ghz onboard system memory 2 x 240-pin dimm support ddr3-800 max. up to 4 gb chipset intel ? nm10 bios ami ssd n/a watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pci 1 x pci express mini card battery lithium 3 v/ 220 mah power requirements intel ? atom? d525 dual core pineview-d, 2 gb ddr3 x 2 max. rms: +5v @ 1.6a, +12v @ 0.6a, -12v @ 0.1a, +5vsb @ 0.1a, +3.3v @ 1.8a size 170 x 170 mm board thickness 1.6 mm temperature 0 ~ +60c (32f ~ 140f), operation operation humidity 10% ~ 95% relative humidity, non-condensing features side view dualview ddr3 ddr3 ddr3 pcie mini pcie mini pcie mini display chipset intel ? gma3150 graphics core memory size intel ? dvmt 4.0 compliant display interface 1 x vga 1 x lvds; 18/24-bit single channel * all specifications and photos are subject to change without notice. axiomtek.com sbc services and solutions systems on modules embedded sbcs >epic embedded sbcs >3.5" capa embedded sbcs >nano-itx embedded sbcs >pico-itx embedded sbcs >pc/104 industrial mother- boards slot cpu cards accessories appendix ? 2014 axiomtek co., ltd. all rights reserved.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: axiomtek: ? MANO825vgga-d525


▲Up To Search▲   

 
Price & Availability of MANO825

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X