lp style 0603 size 0603 a type a or n xxxx frequency mhz a sub-type n termination lga ** ni/lead free solder tr taped & reeled thin-film low pass filter lp0603 lead-free lga type general description the lp0603 itf (integrated thin film) lead-free lga low pass filter is based on thin-film multilayer technology. the technology provides a miniature part with excellent high frequency performance and rugged construction for reliable automatic assembly. the itf low pass filters are offered in a variety of frequency bands compatible with various types of high frequency wireless systems. features ? miniature size: 0603 ? frequency range: 900mhz-5.5hgz ? characteristic impedance: 50 ohm ? operating/storage temperature: -40c to +85c ? power rating: 3w continuous ? low profile ? rugged construction ? lead free ? taped and reeled applications ? mobile communications ? satellite tv receivers ? gps ? vehicle location systems ? wireless lans ? rfid l and g rid a rray advantages ? inherent low profile ? self alignment during reflow ? excellent solderability ? low parasitics ? better heat dissipation final quality inspection finished parts are 100% tested for electrical parameters and visual characteristics. each production lot is evaluated on a sample basis for: ? static humidity: 85c, 85% rh, 160 hours ? endurance: 125c, ir, 4 hours termination nickel/lead-free solder coating compatible with automatic soldering technologies: reflow, wave soldering, vapor phase and manual. how to order lead-free compatible component **rohs compliant 4 105
dimensions: millimeters (inches) (bottom view) l 1.60.1 (0.0630.004) w 0.840.1 (0.0330.004) t 0.600.1 (0.0240.004) a 0.250.05 (0.0100.002) b 0.200.05 (0.0080.002) s 0.050.05 (0.0020.002) terminals and orientation in tape (top view) recommended pad layout (mm) thin-film low pass filter lp0603 lead-free lga type l t s w b a 1.75 (0.069) 0.50 (0.020) 0.40 (0.016) 1.10 (0.043) out gnd gnd in out gnd gnd in electrical characteristics ( guaranteed over C40c to +85c operating temperature range) p/n frequency i. loss vswr attentuation band [mhz] [db] max typ. [db] [db] lp0603a0902antr 890-915 0.35 typ 1.4 25 @ 2xf 0 (0.5 max) 14 @ 3xf 0 lp0603a0947antr 935-960 0.35 typ 1.4 25 @ 2xf 0 (0.5 max) 17 @ 3xf 0 lp0603a1747antr 1710-1785 0.3 typ 1.4 25 @ 2xf 0 (0.5 max) 17 @ 3xf 0 lp0603a1842antr 1805-1880 0.3 typ 1.4 27 @ 2xf 0 (0.5 max) 15 @ 3xf 0 lp0603a1880antr 1840-1920 0.3 typ 1.4 25 @ 2xf 0 (0.5 max) 17 @ 3xf 0 lp0603a1950antr 1920-1980 0.3 typ 1.4 27 @ 2xf 0 (0.5 max) 15 @ 3xf 0 lp0603a2140antr 2110-2170 0.3 typ 1.4 27 @ 2xf 0 (0.5 max) 17 @ 3xf 0 lp0603a2442antr 2412-2472 0.3 typ 1.4 25 @ 2xf 0 (0.5 max) 17 @ 3xf 0 lp0603n3500antr 3400-3600 -0.3 typ. 1.4 30 @ 2xf 0 -0.5 max. 20 @ 3xf 0 LP0603N5200ANTR 5050-5350 -0.2 typ. 1.4 30 @ 2xf 0 -0.5 max. 20 @ 3xf 0 lp0603n5500antr 5350-5650 -0.2 typ. 1.4 30 @ 2xf 0 -0.5 max. 20 @ 3xf 0 note: additional frequencies available upon request 4 106
thin-film low pass filter lp0603 lead-free lga type -50 -38 -25 -13 0 0 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 s21 s11 (db) frequency (ghz) f 0 2f 0 3f 0 -50 -38 -25 -13 0 0 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 6.00 6.50 7.00 7.50 8.00 8.50 9.00 s21 s11 (db) frequency (ghz) 2f 0 f 0 3f 0 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 0 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 6.00 6.50 7.00 7.50 8.00 s21 s11 (db) frequency (ghz) 2f 0 f 0 3f 0 -50 -38 -25 -13 0 0 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 s21 s11 (db) frequency (ghz) 2f 0 3f 0 f 0 -50 -38 -25 -13 0 0 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 6.00 6.50 7.00 7.50 8.00 s21 s11 (db) frequency (ghz) 2f 0 f 0 3f 0 -50 -38 -25 -13 0 0 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 6.00 6.50 7.00 7.50 8.00 s21 s11 (db) frequency (ghz) 2f 0 f 0 3f 0 lp0603a0902antr lp0603a0947antr lp0603a1747antr lp0603a1842antr lp0603a1880antr lp0603a1950antr 4 107
thin-film low pass filter lp0603 lead-free lga type -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 0 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 6.00 6.50 7.00 7.50 8.00 s21 s11 (db) frequency (ghz) 2f 0 f 0 3f 0 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 s21 s11 (db) frequency (ghz) 2f 0 f 0 3f 0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 s21 s11 (db) frequency (ghz) 2f 0 f 0 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 0 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 6.00 6.50 7.00 7.50 8.00 8.50 9.00 9.50 10.00 s21 s11 (db) frequency (ghz) 2f 0 f 0 3f 0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 s21 s11 (db) frequency (ghz) 2f 0 f 0 lp0603a2140antr lp0603a2442antr lp0603n3500antr LP0603N5200ANTR lp0603n5500antr 4 108
general description these jigs are designed for testing the lp0603 lga low pass filters using a vector network analyzer. they consist of a dielectric substrate, having 50 microstrips as conducting lines and a bottom ground plane located at a distance of 0.127mm from the microstrips. the substrate used is neltecs nh9338st0127c1bc (or similar). the connectors are sma type (female), johnson components inc. product p/n: 142-0701-841 (or similar). both a measurement jig and a calibration jig are provided. the calibration jig is designed for a full 2-port calibration, and consists of an open line, short line and through line. load calibration can be done by a 50 sma termination. measurement procedure follow the vnas instruction manual and use the calibration jig to perform a full 2-port calibration in the required band- widths. solder the filter to the measurement jig as follows: input connector 1 (jig) gnd (filter) gnd (jig) (filter) output connector 2 (jig) gnd (filter) gnd (jig) (filter) set the vna to the relevant frequency band. connect the vna using a 10db attenuator on the jig terminal connected to port 2 (using an rf cable). test jig for lp0603 lead-free lga low pass filter thin-film low pass filter lp0603 lead-free lga type test jig connector 1 connector 2 load & through short line to gnd connector johnson p/n 152-0701-841 open line load & out measurement calibration jig 4 109
|